Part Number Hot Search : 
206K0 10HCB 2AM0405S 05D15 ZMM5230B MAX170 DM74L 05D15
Product Description
Full Text Search
 

To Download DDC124EU1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DDC124EU DDC144EU DDC114YU DDC123JU DDC114EU DDC143TU DDC114TU
DDC (xxxx) U
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR Features
* * * *
Epitaxial Planar Die Construction Complementary PNP Types Available (DDA) Lead Free/RoHS Compliant (Note 3) Built-In Biasing Resistors
A
SOT-363 Dim Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10 0 Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8 A B C D F
M
Mechanical Data
* * * * * * * * *
Case: SOT-363 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Terminal Connections: See Diagram Marking: Date Code and Marking Code (See Diagrams & Page 3) Ordering Information (See Page 3) Weight: 0.006 grams (approximate)
K
J
P/N DDC124EU DDC144EU DDC114YU DDC123JU DDC114EU DDC113TU DDC143TU DDC114TU
R1 22KW 47KW 10KW 2.2KW 10KW 1KW 4.7KW 10KW
R2 22KW 47KW 47KW 47KW 10KW 3/4 3/4 3/4
MARKING N17 N20 N14 N06 N13 N01 N07 N12
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol VCC DDC124EU DDC144EU DDC114YU DDC123JU DDC114EU DDC113TU DDC143TU DDC114TU DDC124EU DDC144EU DDC114YU DDC123JU DDC114EU DDC113TU DDC143TU DDC114TU All Value 50 -10 to +40 -10 to +40 -6 to +40 -5 to +12 -10 to +40 -5 Vmax -5 Vmax -5 Vmax 30 30 70 100 50 100 100 100 100 200 625 -55 to +150 Unit V
Characteristic Supply Voltage, (6) to (1) and (3) to (4) Input Voltage, (2) to (1) and (5) to (4)
Output Current
Output Current Power Dissipation (Total) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range
Note: 1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. 150mW per element must not be exceeded. 3. No purposefully added lead.
DS30345 Rev. 7 - 2
1 of 6 www.diodes.com
NXX YM NXX YM
G H D F
BC
0.65 Nominal
H J K L M a
L
All Dimensions in mm
6
5
R1 R2 R2 R 1
4
6
5
R1 R1
4
1
2
R1, R2
3
1
2
R1 Only
3
SCHEMATIC DIAGRAM
VIN
V
IO
mA
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
DDC (xxxx) U
a Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified
Characteristic (DDC113TU & DDC143TU & DDC114TU only) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Input Resistor (R1) Tolerance Gain-Bandwidth Product*
Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE DR1 fT
Min 50 50 5 ---100 -30 3/4
Typ ------250 3/4 250
Max ---0.5 0.5 0.3 600 +30 3/4
Unit V V V mA mA V -% MHz
Test Condition IC = 50mA IC = 1mA IE = 50mA VCB = 50V VEB = 4V IC/IB = 2.5mA / 0.25mA IC/IB = 1mA / 0.1mA IC/IB = 10mA / 1mA 3/4 VCE = 10V, IE = -5mA, f = 100MHz DDC143TU DDC114TU DDC113TU
IC = 1mA, VCE = 5V
Characteristic DDC124EU DDC144EU DDC114YU DDC123JU DDC114EU DDC124EU DDC144EU DDC114YU DDC123JU DDC114EU DDC124EU DDC144EU DDC114YU DDC123JU DDC114EU DDC124EU DDC144EU DDC114YU DDC123JU DDC114EU DDC124EU DDC144EU DDC114YU DDC123JU DDC114EU
Symbol
Min 0.5 0.5 0.3 0.5 0.5 3/4
Typ 1.1 1.1 --1.1 1.9 1.9 --1.9
Max 3/4
Unit
Test Condition
Vl(off)
VCC = 5V, IO = 100mA V
Input Voltage
Vl(on)
3.0 3.0 1.4 1.1 3.0
VO = 0.3, IO = 5mA VO = 0.3, IO = 2mA VO = 0.3, IO = 1mA VO = 0.3, IO = 5mA VO = 0.3, IO = 10mA IO/Il = 10mA / 0.5mA IO/Il = 10mA / 0.5mA IO/Il = 5mA / 0.25mA IO/Il = 5mA / 0.25mA IO/Il = 10mA / 0.5mA
Output Voltage
VO(on)
3/4
0.1
0.3
V
Input Current
Il
3/4 3/4 56 68 68 80 30 -30 -20 3/4
3/4 3/4 3/4 3/4 3/4 250
0.36 0.18 0.88 3.6 0.88 0.5 3/4
mA mA 3/4
VI = 5V
Output Current
IO(off)
VCC = 50V, VI = 0V VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 10mA VO = 5V, IO = 10mA VO = 5V, IO = 5mA 3/4 3/4 VCE = 10V, IE = 5mA, f = 100MHz
DC Current Gain
Gl DR1 R2/R1 fT
Input Resistor (R1) Tolerance Resistance Ratio Tolerance Gain-Bandwidth Product* * Transistor - For Reference Only
+30 +20 3/4
% % MHz
DS30345 Rev. 7 - 2
2 of 6 www.diodes.com
DDC (xxxx) U
Ordering Information (Note 4)
Device DDC124EU-7-F DDC144EU-7-F DDC114YU-7-F DDC123JU-7-F DDC114EU-7-F DDC113TU-7-F DDC143TU-7-F DDC114TU-7-F
Notes:
Packaging SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 SOT-363
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
NXX = Product Type Marking Code See Sheet 1 Diagrams YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code 2002 N Jan 1 2003 P Feb 2 2004 R Mar 3 2005 S Apr 4 2006 T May 5 2007 U Jun 6 Jul 7 2008 V Aug 8 2009 W Sep 9 2010 X Oct O 2011 Y Nov N 2012 Z Dec D
DS30345 Rev. 7 - 2
NXX YM NXX YM
3 of 6 www.diodes.com
DDC (xxxx) U
TYPICAL CURVES - DDC123JK ONE SECTION
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
250
1
IC/IB = 10
PD, POWER DISSIPATION (mW)
200
0.1
75 C -25 C 25 C
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve
1000
VCE = 10V
0.001 0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
4
f = 1MHz
75 C
COB, CAPACITANCE (pF)
hFE, DC CURRENT GAIN
3
-25 C
25 C
100
2
1
0
10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
75C VO = 5V 25C
0
100
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2V
100
IC, COLLECTOR CURRENT (mA)
10
-25C
1
Vin, INPUT VOLTAGE (V)
-25C
1
0.1
75 C
25C
0.01
0.001 0 1 2 3 4 5 6 7 8 9 10 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
0.1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30345 Rev. 7 - 2
4 of 6 www.diodes.com
DDC (xxxx) U
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
250
TYPICAL CURVES - DDC114TK ONE SECTION
1
IC/IB = 10
PD, POWER DISSIPATION (mW)
200
0.1
150
75 C -25 C 25 C
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve
1000
75 C VCE = 10V
0.001 0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
4
f = 1MHz
COB, CAPACITANCE (pF)
hFE, DC CURRENT GAIN
-25 C
100
25 C
3
2
10
1
0
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2V
100
75C
IC, COLLECTOR CURRENT (mA)
25C
10
Vin, INPUT VOLTAGE (V)
-25C
1
-25C 75 C 25C
1
0.1
0.01
0.001 0 1 2 3 4 5
6
7
8
9
10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 7 Collector Current Vs. Input Voltage
DS30345 Rev. 7 - 2
5 of 6 www.diodes.com
DDC (xxxx) U
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30345 Rev. 7 - 2
6 of 6 www.diodes.com
DDC (xxxx) U


▲Up To Search▲   

 
Price & Availability of DDC124EU1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X