Part Number Hot Search : 
600BR SSF3D NCP1526 645ET Z0109NA 76561E3 BXA75 EL5123
Product Description
Full Text Search
 

To Download CSP1034C-T11-DB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Brief February 2002
SV92P PCI Soft Modem Chip Set
Features
s
Introduction
The SV92P chip set is Agere Systems' latest soft modem solution. The chip set features the new SV92P PCI interface device, the CSP1034C line codec or the CSP1035A data access arrangement (DAA), and a soft modem stack. The SV92P device provides an interface between the host system running the soft modem stack and line codec or DAA. The SV92P defers all modem protocol processing to the soft modem stack and functions primarily as a buffering interface. SV92P is both pin and footprint compatible with the Mars 3 host-based controller modems. Designs based on the DSP1648x products are easily migrated to the SV92P with the addition of the soft modem stack. The soft modem stack performs all of the modem protocol processing including support for ITU-T recommendation V.92/V.44. V.92 and V.44 have four innovative features, designed to improve modem performance in the internet environment. The features are as follows:
s
Two-chip 3.3 V soft modem solution with an integrated 5 V tolerant PCI interface Data mode capabilities: -- ITU-T V.92*: 56000 bits/s--28000 bits/s -- ITU-T V.90*: 56000 bits/s--28000 bits/s -- ITU-T V.34: 33600 bits/s--2400 bits/s -- V.32bis, and fallbacks -- V.42 and MNP error correction (LAPM) -- V.44, V.42bis and MNP Class 5 data compression FAX mode capabilities: -- ITU-T V.17, V.29, V.27ter, and V.21 Ch 2 -- ITU-T T.31 Class 1 FAX Compatible with transformer-based and silicon DAA circuits: -- High-precision sigma-delta codec (CSP1034C) -- Line-powered silicon DAA (CSP1035A) Bit I/Os to support domestic and international DAAs Supports standard PCI and mini PCI buses with PCI version 2.2 Ideal for mobile computing and high-performance/ low-power applications
s
s
s
s
s
Modem fast connect: faster start-up times on recognized connections. Modem on hold: switch between modem and an incoming phone call without losing the data connections. PCM upstream: send data to central site at rates approaching 48 kbits/s. Data compression enhancement focused on todays internet traffic.
w
s
w
s s s
Flexible power management modes Common driver across multiple platforms Operating system support: -- Windows 98, Windows 2000, Windows ME TM, and Windows XP TM -- PC 2001 compliant
s
w
.D
at
s
aS
he
et
4U
* Due to FCC limitations, speeds of 53 kbits/s are the maximum permissible transmit power levels during download transmission. Actual data speeds will vary depending on the line conditions. Modem on hold functionality is dependent on country specific call waiting services. Not all countries are supported.
.c
om
DRAFT
www..com
s
SV92P PCI Soft Modem Chip Set
Product Brief February 2002
Functional Description
The Agere Systems SV92P chip set is a two-chip solution consisting of a Agere Systems SV92P PCI interface device and a CSP1035 silicon DAA or the CSP1034 line codec. It supports V.92, V.90, V.34 data, and FAX rates up to 14.4 kbits/s. The SV92P is an interface device with the memory required for receiving, transmitting, and buffering data sent between the host system (soft modem stack) and the DAA or line codec. The SV92P has the following three interfaces:
s
PCI: SV92P uses the PCI interface to communicate with the host system or soft modem stack. This interface has two bus mastering streams and 5 V tolerant buffers. With this interface, the SV92P can take control of the local bus and exchange data directly with the host system RAM. Serial input/output (SIO): SV92P uses the SIO port to interface with the CSP1034C line codec. The CSP1034C uses a transformer to interface the high-voltage analog portion of the circuit. Differential input/output: SV92P uses the DIO port to interface with the CSP1035A DAA. The CSP1035A has an integrated line codec and is part of the line interface. The CSP1035A sits on the high voltage side of the modem circuit. It interfaces with the SV92P via a digital isolation barrier connected to the DIO port (For more information on the CSP1035A and the digital isolation barrier see the Line Powered DAA-CSP1035A Data Sheet.) The DIO port is multiplexed with the SIO port.
s
s
Integrated SV92P with PCI
The SV92P incorporates a PCI interface which is compliant with PCI local bus specification revision 2.2. The interface also supports two full-duplex bus master streams for greater access to host system resources. The interface supports both 3.3 V and 5 V signaling systems. However, the device supply must come from a 3.3 V PCI supply, Vaux, or a regulated 3.3 V supply.
I/O Voltage Considerations
The system supply voltage requirement is 3.3 V 0.3 Vdc. This device also employs 5 V tolerant PCI buffers. To support this 5 V tolerant I/O, the VIO pin is provided as an indicator to the device of the signaling voltage being used on the bus.
System Support and Requirements
The SV92P supports Windows 98, Windows ME, Windows 2000, Windows NT 4.0, and Windows XP. It is designed to operate on any pentium class CPU which meets the following system requirements:
s s
Pentium(R) 200 MHz with 32 Mbytes of RAM AMD (R) K6 200 MHz with 32 Mbytes of RAM
2
Agere Systems Inc.
DRAFT
Product Brief February 2002
SV92P PCI Soft Modem Chip Set
Functional Description (continued)
SV92P Block Diagram
AGERE SYSTEMS SV92P SOFT MODEM CHIP SET U-DAA CPU MEMORY SOFT MODEM STACK PCI BUS SV92P SOFT MODEM DEVICE CSP1035A (LINE-POWERED) LINE CODEC UNIVERSAL DAA REMAINING COMPONENTS FOR U-DAA
HOST SYSTEM
TELEPHONE LINE
100-PIN TQFP
48-PIN TQFP
0670.b (F)
Figure 1. Agere Systems SV92P/CSP1035A Soft Modem Chip Set Block Diagram
HOST SYSTEM
AGERE SYSTEMS SV92P SOFT MODEM CHIP SET SV92P SOFT MODEM DEVICE
PCI BUS
LINE CODEC
CPU MEMORY SOFT MODEM STACK
CSP1034C
DAA
TELEPHONE LINE
100-PIN TQFP
48-PIN TQFP
D0670 (f)e
Figure 2. Agere Systems SV92P/CSP1034 Soft Modem Chip Set Block Diagram
Agere Systems Inc.
3
DRAFT
SV92P PCI Soft Modem Chip Set
Product Brief February 2002
Package Information
SV92P
CSP 1035A CSP 1034C
100-PIN TQFP
48-PIN TQFP
48-PIN TQFP
DIME (U.S.A.)
SV92P
CSP1035A
CSP1034C
DIME
0671.a (f)
Figure 3. SV92P Chip Set Package Options
Ordering Information
Device SV92P CSP1034C CSP1035A Part Number SV92P-T00-SV-DB CSP1034C-T11-DB CSP1035A-T11-DB Package 100-Pin TQFP 48-Pin TQFP 48-Pin TQFP Comcode 108889445 108159542 108877069 Voltage 3.3 V with 5 V tolerant buffers 3.3 V nominal Line powered
MNP is a trademark of Microcom, Inc. Windows and Windows NT are registered trademarks of Microsoft Corporation. Windows ME and Windows XP are trademarks of Microsoft Corporation. Pentium is a registered trademark of Intel Corporation. AMD is a registered trademark of Advanced Micro Devices, Inc.
For additional information, contact your Agere Systems Account Manager or the following: INTERNET: http://www.agere.com E-MAIL: docmaster@agere.com N. AMERICA: Agere Systems Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18109-3286 1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106) ASIA: Agere Systems Hong Kong Ltd., Suites 3201 & 3210-12, 32/F, Tower 2, The Gateway, Harbour City, Kowloon Tel. (852) 3129-2000, FAX (852) 3129-2020 CHINA: (86) 21-5047-1212 (Shanghai), (86) 10-6522-5566 (Beijing), (86) 755-695-7224 (Shenzhen) JAPAN: (81) 3-5421-1600 (Tokyo), KOREA: (82) 2-767-1850 (Seoul), SINGAPORE: (65) 778-8833, TAIWAN: (886) 2-2725-5858 (Taipei) EUROPE: Tel. (44) 7000 624624, FAX (44) 1344 488 045
Agere Systems Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.
Copyright (c) 2002 Agere Systems Inc. All Rights Reserved
February 2002 PB01-027DMOD


▲Up To Search▲   

 
Price & Availability of CSP1034C-T11-DB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X