Part Number Hot Search : 
5913BT30 0302B 5560N LM393A SM59364 2N60C BSOZA403 BUZ202
Product Description
Full Text Search
 

To Download CLD142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CLD142, CLD142R
Silicon Planar photodiodes
0.210 (5.33) 0.190 (4.83) 1.00 (25.4) min.
(R)
Clairex
May, 2001
0.100 (2.54) dia.
Technologies, Inc.
0.158 (4.01) 0.136 (3.45)
0.215 (5.46) 0.205 (5.21) CATHODE
0.190 (4.83) 0.176 (4.47) ANODE 0.025 (0.64) max. 0.050 (1.27) 0.030 (0.76) 0.019 (0.48) 0.016 (0.41)
0.147 (3.73) 0.137 (3.48)
Case 11 ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
features
* 14 acceptance angle * 860nm peak response * TO-46 hermetic package * large photosensitive area * usable for visible through near-IR
absolute maximum ratings (TA = 25C unless otherwise stated)
storage temperature........................................................................-55C to +150C operating temperature.....................................................................-55C to +150C lead soldering temperature(1) .......................................................................... 260C reverse voltage ...................................................................................................30V maximum continuous power dissipation(2).....................................................200mW 1. 2. 0.06" (1.5mm) from the header for 5 seconds maximum. Derate linearly 1.28mW/C free air temperature to TA = +150C.
description
The CLD142 and CLD142R are 0.051" x 0.051" active area silicon photodiodes featuring high linearity, low dark current and fast response. The TO-46 header provides thermal environment for reliable operation over a wide temperature range. Narrow acceptance angle enables excellent on-axis coupling, For additional information, call Clairex.
notes:
electrical characteristics (TA = 25C unless otherwise noted) symbol ISC ID VO CJ tr, tf parameter Short-circuit current(3) Dark current
(3)
min 35 -
typ 0.35 14
max 5.0 5.0 40 3.0 -
units A nA nA V pF s deg.
test conditions VBIAS = 0V VF = 100mV, Ee = 0 VR = 15V, Ee = 0 VBIAS = 0V, f = 1MHz RL = 1k
CLD142 CLD142R
HP notes: 3. Radiation source is a tungsten lamp at a color temperature of 2854K and Ee = 5mW/cm2 or equivalent.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product. Revised 12/01/04
Open circuit voltage Junction capacitance Output rise and fall time Total angle at half sensitivity points
Clairex Technologies, Inc. Phone: 972-265-4900
1301 East Plano Parkway Fax: 972-265-4949
Plano, Texas 75074-8524 www.clairex.com


▲Up To Search▲   

 
Price & Availability of CLD142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X