Part Number Hot Search : 
201KD14 T6C13B FL014 D1100B 1N456 APX809 2N3700UB 2N3700UB
Product Description
Full Text Search
 

To Download CCM01-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Smart Card Interconnect Devices
CCM01 Reverse version MK I: MK I connectors have fixed contacts and a blade shown Fig. 1 Fig. 2 card detection switch un58.0 sealed. These connectors are intended for applications where the card usage is relatively low and the environment is benign. MK II: EMVTM Compatible. 55.6 MK II connectors with fixed contacts have been devel36.2 40.0 oped for applications where a landing contact mechanism is not required but performance and reliability are still key considerations. MK III: EMV Compatible. MK III connectors are intended for applications such as pay TV, home shopping and utility meters. Mainly driven by the Set Top Box market for payment and /or deciphering. CCM03 Fig. 4
17.2 29.65
CCM02 - Fig. 3 MK I: MK I is a connector with landing contacts. The contacts do not touch the 55.6 card until it is almost fully inserted - a minimal wiping action removes any nonconductive material. Designed to give a positive feel as the card is fully inserted. Features: 100,000 card in38.5 sertion cycles. MK II: EMV Compatible. MK II connectors with landing contacts are dedicated for applications where the reader usage is high and the life span of the card is a key consideration. It has been redesigned to give an even higher performance in a compact, affordable package. Features: 500,000 card insertion cycles.
A
CCM04 Fig. 5 Fig. 6
15.1
Fig. 7
16.2 28
Fig. 8
16.1 22.10
29.6 17.0
16.5
23.6 11.18
11.8 10.16
MK II: Developed to interface with SIM/SAM cards as defined by GSM11-11 and ENV1375-1. Available with either hinged covers or fixed covers and have been designed to minimize the amount of space needed for PCB mounting. The high temperature thermoplastic moldings are suited for infrared and convection soldering processes. MK III: SIM/SAM card connector features an integrated card detection switch providing a competitive advantage to smart card reader device manufacturers by minimizing the space usage on the PCB, and features a side entry to offer convenient card access without opening the device. The unique design makes it ideal for telecommunications, portable electronics, POS terminals and similar applications, and meets GSM11-11 specifications. CCM05 - Fig. 9
23.3
MK II: Connectors are without card guidance and used where space is at a premium and the card guidance can be built around the connector (rather than provided by the connector itself). MK III: EMV Compatible. Designed to interface with either full or SIM/SAM smart cards and designed to minimize space usage on the PCB.
NEW! CCM05 - Fig. 10
20.5
27.6
13.0
MK II: Accepts both Secure Data (SD) and Multi Media Card (MMC) flash memory cards. Integrate them in applications such as cellular phones, PDA, smart phones, MP3 players, handheld GPS, electronic books, industrial controls or wherever portable memory is needed
MK II: For one of the most common card formats, ITT offers both standard and reverse reading options in small and sturdy packaging. Accepts Mini SD flash memory cards. Designed for mobile communication needs. Low profile push push connectors, 2.10 mm.
-- 1 2
MK I, 8 Contact PCB MK II, 8 Contact SMT with Board Lock MK II, 8 Contact SMT MK III, Standard 8 Contact PCB MK III, Reverse 8 Contact PCB MK I, 8 Contact PCB with Landing Contacts, Standard MK I, 8 Contact PCB with Landing Contacts, Narrow MK I, 8 Contact PCB with Landing Contacts and Extended Cover MK II, 8 Contact PCB with Four Board Locks MK II, 8 Contact SMT with Four Board Locks MK II, 8 Contact SMT with Two Pegs MK II, 8 Contact PCB with Four Pegs
3
CCM01 401-1671-ND 401-1672-ND 401-1673-ND 401-1674-ND 401-1675-ND CCM02 401-1676-ND 401-1677-ND 401-1678-ND 401-1679-ND 401-1680-ND 401-1681-ND 401-1682-ND
3.33 3.54 3.47 1.31 1.37 8.36 8.36 10.88 6.57 6.57 6.57 6.57 Cut Tape Price Each 25 1.65 1.76 1.65 1.76 1.95 1.62 1.85 1.85 2.25 2.67 3.21 3.39 3.54 2.63 2.65 1.80
2.67 2.84 2.78 1.22 1.26 6.69 6.69 8.70 5.26 5.26 5.26 5.26
2.11 2.25 2.20 1.12 1.16 5.30 5.30 6.89 4.17 4.17 4.17 4.17
CCM01-1NF CCM01-2065 CCM01-2251 CCM01-6101 CCM01-6201 CCM02-1NO-3 CCM02-1NO-32 CCM02-1NO-35 CCM02-2503 CCM02-2504 CCM02-2508 CCM02-2511
Fig.
Description MK II, 6 Contact Hinged Cover MK II, 8 Contact Hinged Cover with Locating Pegs MK II, 6 Contact Hinged Cover, Gold MK II, 8 Contact Hinged Cover with Locating Pegs, Gold MK II, 6 Contact Hinged Cover Gold with Card Switch MK II, 8 Contact Fixed Cover MK II, 6 Contact Side Hinged Auto Lock Cover MK II, 6 Contact Front Hinged Auto Lock with Card Switch MK III, 6 Contact SIM/SAM Connector MK III, 6 Contact SIM/SAM Connector with Ground MK II, 8 Contact SMT Low Profile 1.25mm MK II, 8 Contact SMT Low Profile 2.75mm MK II, 8 Contact SMT Low Profile 2.75mm with Switch MK III, 8 Contact SMT Low Profile 1.90mm with Switch MK II, 9 Contact SD/MMC Memory Card Connector MK II, 10 Contact Mini SD Memory Card Connector
Digi-Key Part No.
1 1.78 1.90 1.78 1.90 2.10 1.75 2.00 2.00 2.43 2.89 3.48 3.66 3.84 2.84 2.87 2.25
100 1.51 1.62 1.51 1.62 1.78 1.48 1.69 1.69 2.06 2.45 2.95 3.10 3.25 2.41 2.43 1.43
Digi-Key Part No. 401-1683-2-ND 401-1684-2-ND 401-1685-2-ND 401-1686-2-ND 401-1687-2-ND 401-1688-2-ND 401-1689-2-ND 401-1690-2-ND 401-1691-2-ND 401-1692-2-ND 401-1693-2-ND 401-1694-2-ND 401-1695-2-ND 401-1696-2-ND 401-1697-2-ND --
Tape & Reel Size Pricing 1,000 1,000 1,000 1,000 1,000 1,200 1,300 1,300 5,000 1,000 1,000 700 700 1,000 600 -- 988.20 1054.80 988.20 1054.80 1164.60 966.60/M 1105.20/M 1105.20/M 1123.50/M 1598.00 1926.00 1561.14 1486.80 1575.00 953.40 --
ITT Part No. CCM03-3001 CCM03-3004 CCM03-3009 CCM03-3012 CCM03-3013 CCM03-3504 CCM03-3517 CCM03-3518 CCM03-3754 CCM03-3758 CCM04-1889 CCM04-1316 CCM04-1317 CCM04-4248 CCM05-5761R601 CCM05-5773
4
5 6
Bulk Pricing
w
w
w
.d
304
ee sh ta a
8 9 10
7
u. t4
om c
CCM03 401-1683-1-ND 401-1684-1-ND 401-1685-1-ND 401-1686-1-ND 401-1687-1-ND 401-1688-1-ND 401-1689-1-ND 401-1690-1-ND 401-1691-1-ND 401-1692-1-ND CCM04 401-1693-1-ND 401-1694-1-ND 401-1695-1-ND 401-1696-1-ND CCM05 401-1697-1-ND 401-1699-ND NEW!
More Product Available Online: www.digikey.com
Toll-Free: 1-800-344-4539 * Phone: 218-681-6674 * Fax: 218-681-3380
(T053)
(T053)
000
www..com
Fig.
Description
Digi-Key Part No.
1
Bulk Price Each 25
100
ITT Part No.


▲Up To Search▲   

 
Price & Availability of CCM01-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X