Part Number Hot Search : 
IRS21 STM6968 2500V GR40N60 US1DL AC12V P6NB80FP HMC606L
Product Description
Full Text Search
 

To Download BZX84C47 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX84C43 - BZX84C51
350mW SURFACE MOUNT ZENER DIODE Features
* * * * Planar Die Construction 350mW Power Dissipation Zener Voltages from 43V - 51V Ideally Suited for Automated Assembly Processes
TOP VIEW
SOT-23
A
Dim A
B C
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
B C D E G
M L
Mechanical Data
* * * * * * * Case: SOT-23, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Marking: Marking Code (See Table on Page 2) Weight: 0.008 grams (approx.)
E
D G H K J
H J K L M a
All Dimensions in mm
Maximum Ratings
Forward Voltage Power Dissipation (Note 1)
@ TA = 25C unless otherwise specified Symbol @ IF = 10mA VF Pd RqJA Tj, TSTG Value 0.9 350 357 -65 to +150 Unit V mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Notes:
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
DS30370 Rev. 1 - 2
1 of 3 www.diodes.com
BZX84C43 - BZX84C51
Electrical Characteristics
@ TA = 25C unless otherwise specified Zener Voltage Range (Note 2) Maximum Zener Impedance (Note 3) IZT (mA) 2.0 2.0 2.0 ZZT @ IZT (W) 150 170 180 ZZK @ IZK (W) 375 375 400 (mA) 0.5 0.5 0.5 Maximum Reverse Current (Note 2) IR (mA) 0.1 0.1 0.1 VR (V) 30.1 32.9 35.7 10.0 10.0 10.0 12.0 12.0 12.0 Typical Temperature Coefficient @ IZT mV/C Min Max
Type Number
Marking Code
VZ @ IZT Nom (V) Min (V) Max (V) BZX84C43 BZX84C47 BZX84C51 Notes: Y15/KYF Y16/KYG Y17/KYH 43 47 51 40.0 44.0 48.0 46.0 50.0 54.0
2. Short duration test pulse used to minimize self-heating effect. 3. f = 1KHz.
500
See Note 1
10
Tj = 25C
C47 C43 C51
Pd, POWER DISSIPATION (mW)
IZ, ZENER CURRENT (mA)
400
8
300
6
200
4
Test Current IZ 2mA
100
2
0 0 100 200
0 10
TA, Ambient Temperature, (C)
Fig. 1 Power Derating Curve
100
Tj = 25C f = 1MHz
30 40 50 60 70 80 90 100 VZ, ZENER VOLTAGE (V) Fig. 2 Zener Breakdown Characteristics
20
CT, TOTAL CAPACITANCE (pF)
VR = 1V
10
VR = 2V
1 10 100
VZ, NOMINAL ZENER VOLTAGE (V) Fig. 3 Total Capacitance vs Nominal Zener Voltage
DS30370 Rev. 1 - 2
2 of 3 www.diodes.com
BZX84C43 - BZX84C51
Ordering Information
Device
(Note 4) Packaging SOT-23 Shipping 3000/Tape & Reel
(Type Number)-7*
* Add "-7" to the appropriate type number in Table 1 (on Page 2). Example: 43V Zener = BZX84C43-7. Notes: 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information (This part may be marked as Figure A or B Below)
Figure A
KXX
KXX = Product Type Marking Code (See Page 2) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code Jan 1 2001 M Feb 2 March 3 2002 N Apr 4 2003 P May 5 2004 R Jun 6 Jul 7 2005 S Aug 8 2006 T Sep 9 2007 U Oct O 2008 V Nov N 2009 W Dec D
YM XX
2003 R Apr 4
Figure B
XX = Product Type Marking Code (See Page 2) YM = Date Code Marking Y = Year ex: N = 2001 M = Month ex: 9 = September
Date Code Key Year Code Month Code 2000 M Jan 1 2001 N Feb 2 2002 P March 3 2004 S May 5 Jun 6 Jul 7 2005 T Aug 8 2006 U Sep 9 Oct O 2007 V Nov N 2008 W Dec D
DS30370 Rev. 1 - 2
YM
3 of 3 www.diodes.com
BZX84C43 - BZX84C51


▲Up To Search▲   

 
Price & Availability of BZX84C47

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X