Part Number Hot Search : 
XC6385C TLE4270G ZXSC410 DS21Q44T 1N5229A TW9906 76PRB04T 102C03
Product Description
Full Text Search
 

To Download AG1460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V1.4 May 2004 Data Sheet
Silver
TELECOM
TIP1 RING1
AG1460
QUAD 5V RINGING SLIC
FEATURES
* Four highly featured SLICs in a 72 pin
RINGING SLIC1
VIN1 VOUT 1
SIMM or 56 pin DIL format. * Integral DC-DC converter. No battery voltage supply needed. * Highly integrated with on board ringing generator. * Tip/Ring polarity reversal, On-Hook Transmission for caller line ID. * "Soft Shutdown" over current and thermal protection provides fail-safe operation. * Minimum number of external components. * Simplified protection in "on-premise" applications. * Silver Telecom "design-in" assistance.
TIP2 RING2
RINGING SLIC2
VIN2 VOUT 2
TIP3 RING3
RINGING SLIC3
VIN3 VOUT 3
TIP4 RING4
RINGING SLIC4
VIN4 VOUT 4
Control and Supervision
DESCRIPTION
The Silver Telecom AG1460 series comprises four individual single Subscriber Line Interface Circuits (SLICs) in a 72-pin SIMM or 56 pin DIL format. The combination of features and packaging offers extremely efficient use of board area, saving significant system size and cost, maximising time to market for Telephony Systems developers. The AG1460 has been designed to work with loop lengths of up to 3.0km (800 including telephone), with both resistive and complex line impedances. Its performance to regulatory standards allows use in public and private network applications.
(c) Silver Telecom 2004
The AG1460 has integral dc/dc converter and ringing generation thus providing all the line powering requirements from a single supply. The SLIC requires a minimum of external components. The system interface has been designed for connection to all popular codecs of both the audio and signalling connections. The AG1460 is ideal for low line count, short loop length applications, such as ISDN Terminal Adaptors, Internet Telephony (VoIP), Computer Telephony Integration (CTI), Digital Loop Carriers (DLC), Wireless Local Loops (WLL) and Small Office Home Office (SOHO).
V1.4 May 2004 Data Sheet
AG1460
QUAD 5V RINGING SLIC
Silver
TELECOM
Pin 1
AG1460S
Q UA D SL IC
Figure 1: SIL Package
AG1460D
Q UA D SL IC
Silver
TELECOM
Figure 2: DIL Package
Ordering Information AG1460D Quad +5V Ringing SLIC, fixed 600 impedance. 56 pin DIL Package. AG1460S Quad +5V Ringing SLIC, fixed 600 impedance. 72 pin SIMM Package. AG1460PD AG1460PS Quad +5V Ringing SLIC, programmable impedance. 56 pin DIL Package. Quad +5V Ringing SLIC, programmable impedance. 72 pin SIMM Package.
(c) Silver Telecom 2004
V1.4 May 2004 Data Sheet
AG1460
QUAD 5V RINGING SLIC
GND PWR PD +5VPWR GND A +5VA
SLIC 1
Line Reversal and Ringing Cont rol Superv ision
CAP 1 F/R 1
RM 1
Tip 1
Ring 1
2-4 Wire Converter and Line Int erf ace
SHK 1 VOUT1 ZT11* ZB1* VIN1 ZT21*
LO1
SLIC 2
Tip 2 Ring 2 LO2
CAP 2 RM 2 F/R 2 SHK 2 VOUT2 ZT12* ZB2* VIN2 ZT22*
SLIC 3
Tip 3 Ring 3 LO3
Power Management and DC-DC converter
CAP 3 RM 3 F/R 3 SHK 3 VOUT3 ZT13* ZB3* VIN3 ZT23*
SLIC 4
Tip 4 Ring 4 LO4
CAP 4 RM 4 F/R 4 SHK 4 VOUT4 ZT14* ZB4* VIN4 ZT24*
*These signals only used on AG1460P versions
Figure 2: Functional Block Diagram
(c) Silver Telecom 2004
V1.4 May 2004 Data Sheet
AG1460
QUAD 5V RINGING SLIC
1.0 Pin Description 1.1 SIMM Format Pin Out
Pin # 1, 19, 38, 56 2, 20, 39, 57 3, 21, 40, 58 4, 22, 41, 59 5, 18, 55, 60 6, 7, 8, 37, 61, 62, 63 9, 27, 46, 64 Name F/R TIP (A) RING (B) LO +5VA NC VIN Description Forward/Reverse. A logic 0 will reverse the Tip and Ring voltage polarities. F/R is toggled to produce the ringing output. Tip. Connects to the subscriber line Tip. Ring. Connects to the subscriber line Ring. Loop Off. A logic 1 removes the loop current from the line. Connect to logic 0 for normal operation. Analog Supply. Each pin must be connected to +5VPWR with 10 resistors. Decouple each with 100uF (16V) capacitors. No Connection. These pins are not connected internally to the device. Audio In. This is the analog input signal from the Codec (which is output on Tip and Ring). Must be ac coupled with typically 100nF. Analog Ground. Normally connected to system ground. All 4 pins must be connected to analog ground by separate tracks or ground plane. Audio Out. This is the analog output signal (from Tip and Ring) to the Codec. Must be ac coupled with typically 100nF. Switch Hook. Indicates Off-Hook when at logic 1. Must be de-bounced Slew Rate Capacitor. A capacitor is fitted between this pin and GND to control the battery reversal and the ringing slew rate. 220nF is recommended. Ringing Mode. Sets bias conditions during ringing. Must be set to logic 1 during ringing. Must be set to logic 0 within 500ms of Ring Trip detect and during normal Off Hook condition. Terminal Impedance 1. Connect programming components between ZT1 and ZT2 on AG1460P only.* Terminal Impedance 2. Connect programming components between ZT1 and ZT2 on AG1460P only.* Balance Impedance. Connect programming components between ZB and VIN on AG1460P only.* DC-DC Supply. +5V input for the integral DC-DC converter. Decouple to GNDPWR with 220uF (10V) low impedance capacitor. Power Down. A logic 1 powers off the DC-DC converter. Connect to logic 0 for normal operation. DC-DC Ground. Internal ground for the DC-DC converter.
10, 28, 47, 65 11, 29, 48, 66 12, 30, 49, 67 13, 31, 50, 68
GNDA VOUT SHK CAP
14, 32, 51, 69 15, 33, 52, 70 16, 34, 53, 71 17, 35, 54, 72 23, 24, 25, 26 36 42, 43, 44, 45
RM ZT1* ZT2* ZB* +5VPWR PD GNDPWR
*On AG1460 these pins are used for internal connection, and must be left unconnected. (c) Silver Telecom 2004
V1.4 May 2004 Data Sheet
AG1460
QUAD 5V RINGING SLIC
1.2 DIL Format Pin Out
Pin # 1, 28, 29, 56 2, 27, 30, 55 3, 26, 31, 54 4, 25, 32, 53 5, 24, 33, 52 6, 23, 34, 51 7, 22, 35, 50 8, 21, 36, 49 9, 20, 37, 48 10, 19, 38, 47 11, 18, 39, 46 12, 17, 40, 45 13, 16, 41, 44 14 15 42 43 Name RM VOUT ZB* +5VA SHK ZT1* ZT2* VIN F/R CAP LO TIP (A) RING (B) +5VPWR GNDPWR PD GNDA Description Ringing Mode. Sets bias conditions during ringing. Must be set to logic 1 during ringing. Must be set to logic 0 within 500ms of Ring Trip detect and during normal Off Hook condition. Audio Out. This is the analog output signal (from Tip and Ring) to the Codec. Must be ac coupled with typically 100nF. Balance Impedance. Connect programming components between ZB and VIN on AG1460P only.* Analog Supply. Each pin must be connected to +5VPWR with 10 resistors. Decouple each with 100uF (16V) capacitors. Switch Hook. Indicates Off-Hook when at logic 1. Must be de-bounced Terminal Impedance 1. Connect programming components between ZT1 and ZT2 on AG1460P only.* Terminal Impedance 2. Connect programming components between ZT1 and ZT2 on AG1460P only.* Audio In. This is the analog input signal from the Codec (which is output on Tip and Ring). Must be ac coupled with typically 100nF. Forward/Reverse. A logic 0 will reverse the Tip and Ring voltage polarities. F/R is toggled to produce the ringing output. Slew Rate Capacitor. A capacitor is fitted between this pin and GND to control the battery reversal and the ringing slew rate. 220nF is recommended. Loop Off. A logic 1 removes the loop current from the line. Connect to logic 0 for normal operation. Tip. Connects to the subscriber line Tip. Ring. Connects to the subscriber line Ring. DC-DC Supply. +5V input for the integral DC-DC converter. Decouple to GNDPWR with 220uF (10V) low impedance capacitor. DC-DC Ground. Internal ground for the DC-DC converter. Power Down. A logic 1 powers off the DC-DC converter. Connect to logic 0 for normal operation. Analog Ground. Normally connected to system ground.
*On AG1460 these pins are used for internal connection, and must be left unconnected.
(c) Silver Telecom 2004
V1.4 May 2004 Data Sheet
AG1460
QUAD 5V RINGING SLIC
The battery feed to the telephone line is generated from the positive supply rail. This provides a -48V battery feed to the line, except during ringing, when this is increased to -72V. The loop current is pre-set to a constant 24mA. If the loop length is such that the constant current feed cannot be maintained (i.e. >3km), then the AG1460 will revert to a constant voltage source, allowing the loop to be serviced at a reduced loop current.
1.0 Line Interfacing
As well as being in an electrically demanding environment, the needs of different applications and regulatory standards means that the SLIC must allow flexibility, together with facilities to ensure robust performance. All four of the SLICs on the AG1460 provide a complete and flexible interface to the telephone line.
1.1 Battery Feed
The AG1460 has an integral DC-DC converter which generates the battery voltages in the device. This means that only a supply of +5V, and GND is needed, unlike conventional SLICs which will need a battery voltage of anything between -20V and -60V (-75V for ringing). This confers a significant cost, space and time to market benefit on the equipment designer.
1.2 Ringing
The ringing signal is generated by switching the appropriate SLIC into ringing mode by setting the RM pin high and then toggling the F/R pin at the required frequency and cadence. The toggling of the F/R pin produces a balanced signal at Tip and Ring. These signal waveforms are shown in figure 3. During ringing the DC-DC converter automatically
Condition 1 - DC operation
Signal
1 0
Notes
No ringing
INPUT RM
OUTPUT SHK
1 0
Off hook detected NOTE: SHK SHOULD BE DE-BOUNCED Off Hook
Condition 2 - Ringing On-hook
1
Condition 3 - Ringing/Off-hook
1 sec 3 sec
RM
1 sec
3 sec
0 1
F/R (input) 0 SHK
1 0
The phone goes off hook, and SHK is detected at point A (leading edge). RM must be switched low in <500ms (point B), and the ringing cadence should be removed from F/R.. As long as the telephone is off hook, SHK will remain high.
A
B
Figure 3: Ringing Signal Waveforms
(c) Silver Telecom 2004
V1.4 May 2004 Data Sheet switches to produce a battery voltage of -72V. This will produce greater than 40VRMS into a REN of 3. The slope of the edges on the ringing waveform is determined by the value of the slew rate capacitor connected between the CAP pin and Ground. A 220nF capacitor is recommended with 20Hz ringing. When the "off-hook" condition occurs during ringing, the ring-trip circuit on the AG1460 senses the loop current flowing and signals the off-hook condition on the SHK output (as shown in figure 3). The SHK signal must be "debounced" to remove any spurious pulses by the controlling processor. On detection of SHK the ringing signal must be removed from the F/R pin and RM taken to a logic 0 within 500ms to avoid excessive power dissipation in the line driver circuit. The ring-trip function will operate up to a maximum loop resistance of 800 (including telephone), which corresponds to around 3km loop length. To keep within the power rating of the on-board DC-DC converter, it is important that only one SLIC channel is ringing at any time. This can be met by using a ringing cadence of 1 second ON, 3 seconds OFF. The active ringing channel is then sequenced so that all four SLIC channels may be in the ringing mode, but only one is supplying ringing current at any one time.
AG1460
QUAD 5V RINGING SLIC
The DC-DC converter can be switched off by applying a logic 1 to the PD input. This reduces the current consumption to a nominal 10mA. The SLIC takes 50ms to power up from this powered down state. When using the power down state it is recommended that the SLIC is polled (powered up periodically) to check for SHK (the subscriber has gone off hook). Since the DC-DC converter supplies the power to all four SLICs on the AG1460, all four SLICs will be powered down when the PD signal is applied.
2.0 The 2-4 Wire (hybrid) Conversion.
Each individual SLIC of the AG1460 transmits and receives balanced 2-wire analog signals at the Tip and Ring connections. These are converted to a ground referenced output at VOUT and from a ground referenced input at VIN. VOUT and VIN are normally connected to a Codec for conversion to and from a digital Pulse Code Modulated (PCM) stream.
2.1 The 2 Wire Impedance.
For the AG1460, the input impedance, Zin, of each SLIC is set to 600. For countries where the line impedance is 600 e.g. North America, no external adjustment is required. For countries where an alternative line impedance is used the Codec filter characteristics can be programmed to give the required matching.
1.3 Loop Off and Power Down
The loop current can be removed from the line by switching the LO input to a logic 1. This can be used as a power denial to the line or to present a very high impedance to the line. Typically used when carrying out maintenance on the line, or to suspend service during a line fault, etc.
Country USA Germany Spain South Africa Europe CTR21
Termination Impedance 600R
Balance Impedance 600R
ZT
150K 150K
ZB
150K
100pF
220R
820R
220R
820R
56K
200K
150K
150K
100pF 120nF 120nF 470pF 68K 180K
270R
750R
270R
750R
150K
150K
150nF 300R 1000R
150nF 370R 620R
620pF 75K 240K TBD
100pF TBD
UK
220nF 310nF 910pF
TBD TBD
Table 1: Impedance Programming for AG1460P
(c) Silver Telecom 2004
V1.4 May 2004 Data Sheet The Codec manufacturer can provide information on how Codec programming is done. Programmable Codecs require information about the transfer characteristics of the SLIC with which they are working, which is contained in a .CIR netlist. A .CIR netlist can be obtained by contacting either Silver Telecom or your local representative, to allow the Codec programming coefficients to be generated. If a simple (non-programmable) Codec is being used, the AG1460P provides programming of Zin through hardware. The input impedance, Zin, of the SLIC can be set to the required value by connecting the appropriate impedance across pins ZT1 and ZT2. The scaling factor is 250 so a resistor of value 150kohms will give an impedance of 600R tip to ring. In this way the requirements of many countries may be met with one common linecard layout. Different values of the ZT components are only parts requiring change. Typical combinations are shown in table 1.
AG1460
QUAD 5V RINGING SLIC
If F/R is held at logic 1 (forward) the d.c. voltage at Tip is positive with respect to Ring. If F/R is taken to logic 0 the voltage polarity is reversed. The F/R pin should not be left floating, and if not used should be tied high.
2.5 On Hook Transmission.
The AG1460 is capable of on-hook transmission. This means analog signals can be transmitted from Vin through Tip and Ring and onto the line even when no loop current is flowing. This can be used when sending Caller Line Identification (CLI) information or for other "no ring" calls. The AG1460 will provide on hook transmission with a high impedance on Tip/Ring or where specific loads are demanded by Network Operators.
3.0 Switch Hook Detect Level
When the subscriber goes "off-hook" loop current will begin to flow. If this current is above the detection threshold (10mA) the switch hook output, SHK, will switch to logic 1. It is recommended that software or hardware de-bouncing of the switch hook signal is used. This is to avoid short pulses due to contact bounce, which can cause a false switch hook output, triggering the incorrect system response. During loop disconnect dialling; SHK will pulse between logic 1 and logic 0 to indicate the digits being dialled. Again it is recommended that software debouncing is used to avoid false detection of digits.
2.2 Network Balance Impedance.
The network balance impedance, Zb, of each SLIC is set to 600 for the standard AG1460. For countries where the network balance impedance is 600 e.g. North America, no external adjustment is required. For countries where an alternative network balance impedance is used the Codec filter characteristics can be programmed to give the required matching. The .CIR netlist is again needed to allow the Codec programming coefficients to be generated. If a simple Codec is being used the AG1460P is available, providing programming of ZB through hardware. The network balance impedance, ZB, of the SLIC is set to the required value by connecting the appropriate impedance between pins VIN and ZB. Where the input and balance impedances are the same, a resistor value of 300k should be used with a 100pF capacitor in a "T" configuration as shown in Table 1. Where the impedances are different, then no simple relationship exists. Some typical examples are shown in Table 1. For countries which are not shown, please contact Silver Telecom.
4.0 Protection of the AG1460 SLIC 4.1 Thermal Protection
Should any SLIC be operated incorrectly, for example by accidentally shorting Tip and Ring to each other or to ground, there is a danger the power dissipation could exceed the maximum rating. In this case a thermal cut-off will ensure the device gradually powers down safely by reducing the loop current. Once the problem has been corrected the loop current will return to its normal level. This feature means that the SLIC can be used even when a thermal overload has occurred.
2.3 Transmit and Receive Gain.
The gain in both the transmit direction (Tip/Ring to VOUT) and the receive direction (VIN to Tip/Ring) is set to 0dB. Normally any gain adjustments required by the user can be made by programming the Codec.
4.2 Lightning and Power Cross Protection.
It is usual for the AG1460 to be used in "on-premise" applications, such as SOHO, CTI and VoIP. In this case power cross and lightning protection is not required, however in most `off-premise' applications, a subscriber circuit will be required to withstand over voltage conditions which could be caused by lightning or overhead power cables striking the telephone cables. It is therefore normal in "off-premise"
2.4 Tip & Ring Polarity Reversal.
The AG1460 can reverse the battery voltage polarity at Tip and Ring via the F/R pin.
(c) Silver Telecom 2004
V1.4 May 2004 Data Sheet applications to provide primary and secondary protection circuits to prevent damage to the SLIC. The AG1460 has been designed to be able to use low cost protection components and a typical circuit is shown in Figure 4. This circuit is suitable for most "onpremise" applications. With some additional components, the AG1460 will meet UL60950 requirements: a series element should be added - a combination of a fuse (e.g. 350mA, Bussman C515 or Littelfuse 220003) and a surge resistor (25 typically). Alternatively a Teccor F1250T or F0500T fuse may be used without a surge resistor. For ITU-T K20 power cross protection, a PTC thermistor (eg. type JH330L) of 30R is suitable. The lightning protection is provided by steering diodes connected to 0V and upgrading D1 to a Tranzorb device (Motorola or Semitron 1.5KE82A). For lightning and power cross protection, D1 should be upgraded further (5KP75). Just one Tranzorb is needed per linecard.
AG1460
QUAD 5V RINGING SLIC
It is the responsibility of the equipment designer to ensure that their system meets the requirements of the relevant regulatory bodies. Every effort is made to ensure that Silver Telecom products are compliant with the latest standards.
6.0 A Typical Application.
The AG1460 has been designed to interface to any Codec, and is shown in a typical application in figure 4. For examples of the interface to various codecs, either visit the Silver Telecom web-site at www.silvertel.com, or contact Silver Telecom or their local representative. The status outputs from the SLIC are passed to the micro-controller. These signals can then be processed as necessary by the system software. Control over the ringing and reversals functions is achieved via the RM and F/R pins. The audio signals which are on the 4 wire side of the connection are coupled by 100nF capacitors to avoid d.c. level problems between the two devices. The AG1460 provides for a 2 wire impedance and a network balance impedance of 600. For other impedances a DSP codec can be used which can be programmed using applications information available from the codec manufacturer. The necessary transfer function parameters for the AG1460 are available from Silver Telecom.
+5V
5.0 Approvals.
It can be seen from the Electrical Characteristics given on subsequent pages that the SLIC has been designed to meet the equipment standards of as many major public telephone authorities as possible.
100uF
+
10
+ 100nF
VCLAMP D1 D2 TIP +5VA GNDA
220uF +5VPWR
VIN VOUT 100nF RING 100nF
AG1460
TIP
Analog path to/from codec
D5
RING
D3 D4
PGND
CAP
GNDPWR
F/R RM LO PD SHK
Control signals to/from codec or micro-controller
220nF
AG1460 is fixed 600R impedance. For programmable impedance see Ag1465.
The AG1460 will work with any codec.
0V
D1 - D4 = 1N4004 or equivalent D5 = BZT03C82 (only one needed per linecard) 0V = +5V return
Figure 4: Typical On-Premise Application (only one channel shown for clarity)
(c) Silver Telecom 2004
V1.4 May 2004 Data Sheet
AG1460
QUAD 5V RINGING SLIC
Silver
TELECOM
+5VA GNDA +5VA GNDA
AG1460
QUAD SL IC
+5VA GNDA +5VA GNDA 220uF/10V Rubycon ZL close to power pins
= connection to SLIC pin 10 5%
+5VPWR
GND PWR
100uF/6.3V
Track width = 6mm minimum
Figure 5: Layout Considerations.
If a simple Codec, without programmable filtering characteristics, is to be used, then the AG1460P can provide user hardware programmable line and network balance impedances. Contact Silver Telecom for other applications circuits.
7.0 Layout Considerations.
Figure 5 gives an example of the tracking needed for the AG1460. Tracks to the +5VPWR and GNDPWR should be made as thick as possible. Also to maximise the performance of the device signal tracks should be kept as short as possible. Finally, as is common in all designs, decoupling capacitors should be placed adjacent to the supply and ground pins.
(c) Silver Telecom 2004
V1.4 May 2004 Data Sheet
AG1460
QUAD 5V RINGING SLIC
8.0 Electrical Characteristics. Absolute Maximum Ratings*
All Voltages are with respect to ground unless otherwise stated.
Parameter 1 2 3 DC Supply Voltage Maximum Power Dissipation per SLIC, Off Hook @ 25oC Storage Temperature
Symbol VCC PSLIC TS
Min -0.3
Max 5.5 1.3
Units V W
O
-40
+85
C
*Exceeding the above ratings may cause permanent damage to the product. Functional operation under these conditions is not implied. Maximum ratings assume free air flow.
Recommended Operating Conditions*
All Voltages are with respect to ground unless otherwise stated.
Parameter 1 2 DC Supply Voltage Operating Temperature
Symbol VCC TOP
Min 4.75 0
Typ 5.0 25
Max 5.25 70
Units V
O
C
*Typical figures are at 25C with nominal +5V supplies and are for design use only.
(c) Silver Telecom 2004
V1.4 May 2004 Data Sheet
AG1460
QUAD 5V RINGING SLIC
DC Electrical Characteristics.
Characteristic 1 2 3 4 5 6 7 9 Supply Current (per SLIC), on- hook1 Maximum DC-DC converter current consumption (3 channels off hook, 1 channel ring trip) DC-DC converter current consumption (all channels idle) Current consumption while powered down Wake-up time Constant current feed to line Tip/Gnd or Ring/Gnd or Tip&Ring/Gnd overcurrent Off-Hook detect Output Low Voltage Output High Voltage Off-Hook Detect Output Low Voltage Output High Voltage Control Inputs, F/R, LO, PD Input Low Voltage Input High Voltage Control Inputs, F/R, LO, PD Input low current Input high current Switch Hook Detect Threshold Load on Vout 10.0 VOL VOH VOL VOH VIL VIH IIL IIH ILOOP 21.5 Sym IVPWR IDC PDC IPD Min Typ* 200 1500 250 55 50 24 26.5 35.0 0.9 3.15 0.4 3.5 0.3 4.0 -0.5 0.5 10.0 75 Max Units mA mA mA mA ms mA mA V V V V V V mA mA mA kohm 100nF coupling @ 0.4mA @ -0.4mA @ 50uA @ -50uA RLOOP = 500
Test Comments
10
11
12 13 14
1) All DC Electrical Characteristics are over the Recommended Operating Conditions with VCC at +5.0V +5%, unless otherwise stated. 2) Operating currents are dependant on the users application. *Typical figures are at 25C with nominal 5V supply and are for design aid only.
(c) Silver Telecom 2004
V1.4 May 2004 Data Sheet
AG1460
QUAD 5V RINGING SLIC Sym
AC Electrical Characteristics.
Characteristic 1 2 3 4 SHK Detect Time Ring Trip Capability Input Impedance at Vin Output impedance at Vout Ringing Capability 5 40Vrms into REN=3 40Vrms into REN=1 Absolute Voltage Gain, 2 Wire to Vout Absolute Voltage Gain Vin to 2Wire Relative Gain, Referenced to 1kHz. 2Wire - Vout, Vin - 2Wire Total Harmonic Distortion @ 2Wire and Vout Overload Distortion @2 Wire and Vout Common Mode Rejection Ratio @ 2 Wire Idle Channel Noise Power Supply Rejection Ratio at 2 Wire and Vout Return Loss Transhybrid Loss Longitudinal to Metallic Balance Tip-Ring Reversal Settling Time Crosstalk -70
THD OD CMRR NC PSRR RL THL DRING
Min
Typ* 5.0 3.0 150
Max
Units
Test Comments No Ringing 24 AWG line
ms km kohm 10 ohm
2.8 3.0 -0.5 -0.5 -0.25 0.1 0.5 40 46 8.0 25 18 18 21 46 32 35 35 35 53 50 12.0 0 0 0.5 0.5 0.25 1.0 5.0
km km dB dB dB % % dB dBrnC dB dB dB dB dB ms
Off-Hook
6 7 8 9 10 11 12 13 14 15 16 17 18
Off-Hook Over frequency range 200 to 3400 Hz @0dBm, 1kHz
@+3dBm, 1kHz
200-3400Hz @2 Wire & VOUT Ripple 0.1V, 1kHz on VCC 200-3400Hz 200-3400Hz 500-2500Hz 200-3400Hz To within +20% of set ILOOP 1kHz, 0dBm
3) All AC Electrical Characteristics are over the Recommended Operating Conditions with VCC at +5.0V +5%, unless otherwise stated. 4) Gain, Transhybrid Loss and Total Harmonic distortion parameters measured with 600 termination. *Typical figures are at 25C with nominal 5V supply and are for design aid only.
(c) Silver Telecom 2004
V1.4 May 2004 Data Sheet
AG1460
QUAD 5V RINGING SLIC
9.0 Mechanical Specification 9.1 SIMM Package
A B
C
H I
J
F
D
G E
N
O
L
P
M K
Dimension A B C D E F G H I J K L M N O P
Millimetres (Inches) 107.7 (4.240) 101.19 (3.984) 36.00 (1.417) 44.50 (1.750) 95.25 (3.750) 1.27 (0.050) 1.04 (0.041) 5.84 (0.230) 10.16 (0.400) 2.00 (0.079) 1.27 (0.050) 5.50 (0.217) 2.30 (0.091) 9.07 (0.357) 3.40 (0.134) 4.70 (0.185)
(c) Silver Telecom 2004
FRONT
V1.4 May 2004 Data Sheet
AG1460
QUAD 5V RINGING SLIC
72.0 mm 3.5mm
9.2 DIL Package
56
29
48.25mm
Top View
51.65 mm
1
28
1.7 mm 13.00 mm 1.7 mm
RM VOUT NC +5VA SHK NC NC VIN F/R CAP LO Tip (A) Ring (B) +5VPWR GNDPWR Ring (B) Tip (A) LO CAP F/R VIN NC NC SHK +5VA NC VOUT RM
1 56
2.54 mm
RM VOUT NC +5VA SHK NC NC VIN F/R CAP LO Tip (A) Ring (B) GNDA PD Ring (B) Tip (A) LO CAP F/R VIN NC NC SHK +5VA NC VOUT RM RM VOUT NC +5VA SHK NC NC VIN F/R CAP LO Tip (A) Ring (B) GNDA PD Ring (B) Tip (A) LO CAP F/R VIN NC NC SHK +5VA NC VOUT RM
29 56 1
CCT1
CCT4
CCT4
CCT1
Top View
Bottom View
CCT2
CCT3
CCT3
CCT2
RM VOUT NC +5VA SHK NC NC VIN F/R CAP LO Tip (A) Ring (B) +5VPWR GND PWR Ring (B) Tip (A) LO CAP F/R VIN NC NC SHK +5VA NC VOUT RM
28
29
28
(c) Silver Telecom 2004


▲Up To Search▲   

 
Price & Availability of AG1460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X