Part Number Hot Search : 
EUM6804 AC2626L6 035PT X1637 D27512 SF08S60F TK15125 035PT
Product Description
Full Text Search
 

To Download 80CNQ035ASL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20038 rev. A 09/01
80CNQ...A SERIES
SCHOTTKY RECTIFIER New GenIII D-61 Package
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM range IFSM @ tp = 5 s sine VF TJ @ 40 Apk, TJ = 125C range
80 Amp
Description/Features
The 80CNQ...A center tap Schottky rectifier module series has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap module Very low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability
80CNQ...A Units
80 35 to 45 5800 0.47 A V A V
(per leg)
- 55 to 150
C
New fully transfer-mould low profile, small footprint, high current package
Case Styles
80CNQ...A 80CNQ...ASM 80CNQ...ASL
D61-8 www.irf.com
D61-8-SM
D61-8-SL 1
80CNQ...A Series
Bulletin PD-20038 rev. A 09/01
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
80CNQ035A
35
80CNQ040A
40
80CNQ045A
45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR * See Fig. 5 (Per Leg) (Per Device)
80CNQ Units
40 80 5800 750 54 8 A mJ A A
Conditions
50% duty cycle @ TC = 114 C, rectangular wave form 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied TJ = 25 C, IAS = 8 Amps, L = 1.7 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
80CNQ Units
0.52 0.66 0.47 0.61 5 250 0.26 3.93 2600 5.5 10000 V V V V mA mA V m pF nH V/ s @ 40A @ 80A @ 40A @ 80A
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1)
TJ = 25 C TJ = 125 C TJ = TJ max.
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
(1) Pulse Width < 300s, Duty Cycle <2%
80CNQ Units
-55 to 150 -55 to 150 0.85 0.42 0.30 C C C/W C/W C/W
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink (D61-8 Only) wt T Approximate Weight Mounting Torque (D61-8 Only) Min. Max.
DC operation DC operation
* See Fig. 4
Mounting surface , smooth and greased Device flatness < 5 mils
7.8 (0.28) g (oz.) 40 (35) 58 (50) Kg -cm (Ibf-in)
2
www.irf.com
80CNQ...A Series
Bulletin PD-20038 rev. A 09/01
1000
1000
Tj = 150C
Reverse Current - I R (mA)
100 10 1
125C 100C 75C 50C
Instantaneous Forward Current - I F (A)
100
0.1 0.01 0
25C
5 10 15 20 25 30 35 40 45
Reverse Voltage - VR (V)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10000
10
Junction Capacitance - C T (p F)
T J = 150C T = 125C J T = 25C J
TJ = 25C
1000
1 0 0.2 0.4 0.6 0.8 1 1.2
Forward Voltage Drop - VFM (V) Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
100 0 10 20 30 40 50
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
(C/W)
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
PDM
Thermal Impedance - Z
thJC
0.1
Notes:
t1 t2 Single Pulse (Thermal Resistance)
1. Duty factor D = t 1 / t 2 2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
80CNQ...A Series
Bulletin PD-20038 rev. A 09/01
60
Allowable Case Temperature (C) Average Power Loss (Watts)
30
40
DC
D = 0.20 D = 0.25 25 D = 0.33 D = 0.50 20 D = 0.75
20
Square wave (D = 0.50) 80% Rated Vr applied
15 10 5 0 0
RMS Limit DC
00
see note (2)
80 0 10 20 30 40 50 60
Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Non-Repetitive Surge Current - I FSM (A)
10
20
30
40
50
60
Average Forward Current - IF(AV) (A) Fig. 6 - Forward Power Loss Characteristics (Per Leg)
10000
1000
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
100 10 100 1000 10000 Square Wave Pulse Duration - tp (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-SPEED SWITCH FREE-WHEEL DIODE 40HFL40S02 Vd = 25 Volt
DUT
IRFP460 Rg = 25 ohm
+
CURRENT MONITOR
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
80CNQ...A Series
Bulletin PD-20038 rev. A 09/01
Outline Table
Outline D61-8
Dimensions are in millimeters and (inches)
Outline D61-8-SM
Dimensions are in millimeters and (inches)
www.irf.com
5
80CNQ...A Series
Bulletin PD-20038 rev. A 09/01
Outline Table
Outline D61-8-SL
Dimensions are in millimeters and (inches)
6
www.irf.com
80CNQ...A Series
Bulletin PD-20038 rev. A 09/01
Part Marking Information
INTERNATIONAL RECTIFIER LOGO THIS IS A 80CNQ045A WITH LOT CODE 89 09 ASSEMBLED ON WW 45, 2000 IN THE ASSEMBLY LINE "A" ASSEMBLY LOT CODE PART NUMBER
80CNQ045A 89 09 045A DATE CODE YEAR 0 = 2000 WEEK 45 LINE A
D61-8
INTERNATIONAL RECTIFIER LOGO THIS IS A 80CNQ045ASM WITH LOT CODE 89 09 ASSEMBLED ON WW 45, 2000 IN THE ASSEMBLY LINE "A" ASSEMBLY LOT CODE
PART NUMBER
80CNQ045ASM 89 09 045A DATE CODE YEAR 0 = 2000 WEEK 45 LINE A
D61-8-SM
INTERNATIONAL RECTIFIER LOGO
80CNQ045ASL 89 09 045A
PART NUMBER
THIS IS A 80CNQ045ASL WITH LOT CODE 89 09 ASSEMBLED ON WW 45, 2000 IN THE ASSEMBLY LINE "A"
ASSEMBLY LOT CODE
DATE CODE YEAR 0 = 2000 WEEK 45 LINE A
D61-8-SL
www.irf.com
7
80CNQ...A Series
Bulletin PD-20038 rev. A 09/01
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 09/01
8
www.irf.com
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 80CNQ035ASL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X