Part Number Hot Search : 
RS602 MS8870 MA2YD15 CDBC560 78625 MS2224 G160128 78625
Product Description
Full Text Search
 

To Download 74LCXH16244MEA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LCXH16244 Low Voltage 16-Bit Buffer/Line Driver with Bushold
September 2000 Revised September 2000
74LCXH16244 Low Voltage 16-Bit Buffer/Line Driver with Bushold
General Description
The LCXH16244 contains sixteen non-inverting buffers with 3-STATE outputs designed to be employed as a memory and address driver, clock driver, or bus oriented transmitter/receiver. The device is nibble controlled. Each nibble has separate 3-STATE control inputs which can be shorted together for full 16-bit operation. The LCXH16244 data inputs include active bushold circuitry, eliminating the need for external pull-up resistors to hold unused or floating data inputs at a valid logic level. The LCXH16244 is designed for low voltage (2.5V or 3.3V) VCC applications with capability of interfacing to a 5V signal environment. The LCXH16244 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining CMOS low power dissipation.
Features
s 5V tolerant control inputs and outputs s 2.3V-3.6V VCC specifications provided s 4.5 ns tPD max (VCC = 3.0V), 20 A ICC max s Bushold on inputs eliminates the need for external pull-up/pull-down resistors s Power down high impedance inputs and outputs s 24 mA output drive (VCC = 3.0V) s Implements patented noise/EMI reduction circuitry s Latch-up performance exceeds 500 mA s ESD performance: Human body model > 2000V Machine model > 200V
Ordering Code:
Order Number 74LCXH16244MEA 74LCXH16244MTD Package Number MS48A MTD48 Package Description 48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300 Wide 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Logic Symbol
Pin Descriptions
Pin Names OEn I0-I15 O0-O15 Description Output Enable Input (Active LOW) Bushold Inputs Outputs
(c) 2000 Fairchild Semiconductor Corporation
DS500248
www.fairchildsemi.com
74LCXH16244
Truth Tables
Inputs OE1 L L H I0-I3 L H X Outputs O0-O3 L H Z OE3 L L H Inputs I8-I11 L H X Outputs O8-O11 L H Z
Inputs OE2 L L H
H = HIGH Voltage Level L = LOW Voltage Level
Outputs I4-I7 L H X O4-O7 L H Z OE4 L L H
Inputs I12-I15 L H X
Outputs O12-O15 L H Z
X = Immaterial Z = High Impedance
Functional Description
The LCXH16244 contains sixteen non-inverting buffers with 3-STATE standard outputs. The device is nibble (4 bits) controlled with each nibble functioning identically, but independent of the other. The control pins can be shorted together to obtain full 16-bit operation. The 3-STATE outputs are controlled by an Output Enable (OEn) input for each nibble. When OEn is LOW, the outputs are in 2-state mode. When OEn is HIGH, the outputs are in the high impedance mode, but this does not interfere with entering new data into the inputs.
Logic Diagram
www.fairchildsemi.com
2
74LCXH16244
Absolute Maximum Ratings(Note 1)
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG Parameter Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source/Sink Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature OE I0 - I15 Value Conditions Units V V Output in 3-STATE Output in HIGH or LOW State (Note 2) VI < GND VO < GND VO > VCC V mA mA mA mA mA
-0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 -0.5 to +7.0 -0.5 to VCC + 0.5 -50 -50 +50 50 100 100 -65 to +150
C
Recommended Operating Conditions (Note 3)
Symbol VCC VI VO IOH/IOL Supply Voltage Input Voltage Output Voltage Output Current HIGH or LOW State 3-STATE VCC = 3.0V - 3.6V VCC = 2.7V - 3.0V VCC = 2.3V - 2.7V TA Free-Air Operating Temperature Input Edge Rate, VIN = 0.8V-2.0V, VCC = 3.0V Parameter Operating Data Retention Min 2.0 1.5 0 0 0 Max 3.6 3.6 VCC VCC 5.5 Units V V V
24 12 8 -40
0 85 10 mA
C
ns/V
t/V
Note 1: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: IO Absolute Maximum Rating must be observed. Note 3: Floating or unused control inputs must be held HIGH or LOW.
DC Electrical Characteristics
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage IOH = -100 A IOH = -8 mA IOH = -12 mA IOH = -18 mA IOH = -24 mA VOL LOW Level Output Voltage IOL = 100 A IOL = 8 mA IOL = 12 mA IOL = 16 mA IOL = 24 mA II Input Leakage Current Data Control VI = VCC or GND 0 VI 5.5 Conditions VCC (V) 2.3 - 2.7 2.7 - 3.6 2.3 - 2.7 2.7 - 3.6 2.3 - 3.6 2.3 2.7 3.0 3.0 2.3 - 3.6 2.3 2.7 3.0 3.0 2.3 - 3.6 2.3 - 3.6 VCC - 0.2 1.8 2.2 2.4 2.2 0.2 0.6 0.4 0.4 0.55 5.0 5.0 A V V TA = -40C to +85C Min 1.7 2.0 0.7 0.8 Max Units V V
3
www.fairchildsemi.com
74LCXH16244
DC Electrical Characteristics
Symbol II(HOLD) Parameter Bushold Input Minimum Drive Hold Current
(Continued)
VCC (V) VIN = 0.7V VIN = 1.7V VIN = 0.8V VIN = 2.0V 2.3 3.0 2.7 3.6 2.3 - 3.6 0 2.3 - 3.6 2.3 - 3.6 TA = -40C to +85C Min 45 -45 75 -75 300 -300 450 -450 5.0 10 20 500 A A A A A A Max
Conditions
Units
II(OD)
Bushold Input Over-Drive Current to Change State
(Note 4) (Note 5) (Note 4) (Note 5)
IOZ IOFF ICC ICC
3-STATE Output Leakage Power-Off Leakage Current Quiescent Supply Current Increase in ICC per Input
0 VO 5.5V VI = VIH or VIL VO = 5.5V VI = VCC or GND VIH = VCC -0.6V
Note 4: An external driver must source at least the specified current to switch from LOW-to-HIGH. Note 5: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
AC Electrical Characteristics
TA = -40C to +85C, RL = 500 Symbol Parameter VCC = 3.3V 0.3V CL = 50 pF Min tPHL tPLH tPZL tPZH tPLZ tPHZ tOSHL tOSLH Output to Output Skew (Note 6) Output Disable Time Propagation Delay Data to Output Output Enable Time 1.0 1.0 1.0 1.0 1.0 1.0 Max 4.5 4.5 5.5 5.5 5.4 5.4 1.0 1.0 VCC = 2.7V CL = 50 pF Min 1.0 1.0 1.0 1.0 1.0 1.0 Max 5.2 5.2 6.3 6.3 5.7 5.7 VCC = 2.5V 0.2V CL = 30 pF Min 1.0 1.0 1.0 1.0 1.0 1.0 Max 5.4 5.4 7.2 7.2 6.5 6.5 ns ns ns ns Units
Note 6: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
www.fairchildsemi.com
4
74LCXH16244
Dynamic Switching Characteristics
Symbol VOLP VOLV Parameter Quiet Output Dynamic Peak VOL Quiet Output Dynamic Valley VOL Conditions CL = 50 pF, VIH = 3.3V, VIL = 0V CL = 30 pF, VIH = 2.5V, VIL = 0V CL = 50 pF, VIH = 3.3V, VIL = 0V CL = 30 pF, VIH = 2.5V, VIL = 0V VCC (V) 3.3 2.5 3.3 2.5 TA = 25C Typical 0.8 0.6 -0.8 -0.6 Units V V
Capacitance
Symbol CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance Parameter Conditions VCC = Open, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC, f = 10 MHz Typical 7 8 20 Units pF pF pF
5
www.fairchildsemi.com
74LCXH16244
AC LOADING and WAVEFORMS Generic for LCX Family
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance) VI 6V for VCC = 3.3V, 2.7V VCC * 2 for VCC = 2.5V CL 50 pF 30 pF
Waveform for Inverting and Non-Inverting Functions
3-STATE Output High Enable and Disable Times for Logic
Propagation Delay. Pulse Width and trec Waveforms
Setup Time, Hold Time and Recovery Time for Logic
3-STATE Output Low Enable and Disable Times for Logic FIGURE 2. Waveforms (Input Characteristics; f =1MHz, tR = tF = 3ns) Symbol Vmi Vmo Vx Vy VCC 3.3V 0.3V 1.5V 1.5V VOL + 0.3V VOH - 0.3V 1.5V 1.5V VOL + 0.3V VOH - 0.3V 2.7V
trise and tfall
2.5V 0.2V VCC/2 VCC/2 VOL + 0.15V VOH - 0.15V
www.fairchildsemi.com
6
74LCXH16244
Schematic Diagram Generic for LCXH Family
7
www.fairchildsemi.com
74LCXH16244
Physical Dimensions inches (millimeters) unless otherwise noted
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300 Wide Package Number MS48A
www.fairchildsemi.com
8
74LCXH16244 Low Voltage 16-Bit Buffer/Line Driver with Bushold
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD48 Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 9 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LCXH16244MEA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X