Part Number Hot Search : 
MYB33C 2N5551HR 08A50 CFAST MB89181 08A50 ON1427 08A50
Product Description
Full Text Search
 

To Download 30CTQ050-1TRL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21018 rev. A 07/06
30CTQ...SPbF 30CTQ...-1PbF
SCHOTTKY RECTIFIER 30 Amp
IF(AV) = 30Amp VR = 50 - 60V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 15 Apk, TJ = 125C (per leg) range
Description/ Features Units
A V A V This center tap Schottky rrectifier has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap configuration Very low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Values
30 50 - 60 1000 0.56
- 55 to 150
C
Case Styles
30CTQ...SPbF 30CTQ...-1PbF
Base Common Cathode
2
Base Common Cathode
2
1
Anode
2 Common Cathode
3
Anode
1
Anode
2 Common Cathode
3
Anode
D2PAK www.irf.com
TO-262 1
30CTQ...SPbF, 30CTQ...-1PbF
Bulletin PD-21018 rev. A 07/06
Voltage Ratings
Parameters
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
30CTQ050SPbF 30CTQ050-1PbF
50
30CTQ060SPbF 30CTQ060-1PbF
60
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR * See Fig. 5 (Per Leg) (Per Device) * See Fig. 7
Values
15 30 1000 260 13 1.50
Units
A
Conditions
50% duty cycle @ TC = 105C, rectangular wave form 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied
Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
A mJ A
TJ = 25 C, I AS = 1.50 Amps, L = 11.5 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
Values
0.62 0.82 0.56 0.71 0.80 45 0.39 8.47 720 8.0 10000
Units
V V V V mA mA V
m
Conditions
@ 15A @ 30A @ 15A @ 30A TJ = 25 C TJ = 125 C
TJ = TJ max.
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1)
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
pF nH
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
(1) Pulse Width < 300s, Duty Cycle <2%
dv/dt Max. Voltage Rate of Change
V/ s (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
Values
-55 to 150 -55 to 150 3.25 1.63 0.50 2 (0.07) Min. Max. 6 (5) 12 (10)
Units
C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Marking Device
C/W DC operation C/W DC operation C/W Mounting surface , smooth and greased g (oz.) Kg-cm (Ibf-in) Case style D2Pak Case style TO-262
30CTQ...S 30CTQ...-1
2
www.irf.com
30CTQ...SPbF, 30CTQ...-1PbF
Bulletin PD-21018 rev. A 07/06
1000
1000 100 10 1 0.1 0.01 0.001 TJ = 150C 125C 100C 75C 50C 25C
T = 150C J Instanta neous Forward Current - IF (A) 100 T = 125C J T = 25C J
Revers Current - IR (mA) e
0
10
20
30
40
50
60
Reverse Voltage - VR (V)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
1000 Junction Capacitanc e - C T (pF)
10
TJ = 25C
1
100
0 0.4 0.8 1.2 1.6 2 Forward Voltage Drop - V FM (V)
0
10
20
30
40
50
60
Reverse Voltag e - VR (V)
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
10 T hermal Impedance Z thJC (C/ W)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1 D = 0.75 D = 0.50 D = 0.33 0.1 D = 0.25 D = 0.20 0.01 S ingle Pulse (T hermal R esistance) 0.001 0.00001 0.0001 0.001 0.01 0.1 Notes:
P
DM
t1 t2
1. Duty fac tor D = t 1/ t 2 2. Peak T = P x Z thJC+ TC J DM 1 10 100
t 1 , Rectangular Pulse Duration (S econds)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
30CTQ...SPbF, 30CTQ...-1PbF
Bulletin PD-21018 rev. A 07/06
160 Allowable Case T emperature - (C) 150 140 130 120 110 100 90 80 70 60 0
see note (2) S quare wave (D = 0.50) 80% Ra ted VR a p plied
14 Average Power Loss - (Watts) 12 10 8 6 4 2 0 D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS Limit
DC
DC
5
10
15
20
25
0
5
10
15
20
25
Average F orward Current - I F(AV) (A)
Average Forward Current - I F(AV) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
1000
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Non-R epetitive S urge Current - I FSM (A)
At Any Rated Load Condition And With Rated VRRM Applied Following S urge 100 10
100
1000
10000
S quare Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-S PEED S CH WIT FREE-WHEEL DIODE 40HF L40S 02
+
DUT
IR P460 F R = 25 ohm g
Vd = 25 Volt
CURRENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 10 V
4
www.irf.com
30CTQ...SPbF, 30CTQ...-1PbF
Bulletin PD-21018 rev. A 07/06
Outlines Table
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
www.irf.com
5
30CTQ...SPbF, 30CTQ...-1PbF
Bulletin PD-21018 rev. A 07/06
Part Marking Information
D2PAK
THIS IS A 30CTQ060S LOT CODE 8024 ASSEMBLED ON WW 02, 2000 INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE PART NUMBER
30CTQ060S
DATE CODE YEAR 0 = 2000 WEEK 02 P = LEAD-FREE
TO-262
EXAMPLE: THIS IS A 430CTQ060-1 LOT CODE 1789 ASSEMBLED ON WW 19, 1999 INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 9 = 1999 WEEK 19 P = LEAD-FREE
Tape & Reel Information
Dimensions in millimeters and (inches)
6
www.irf.com
30CTQ...SPbF, 30CTQ...-1PbF
Bulletin PD-21018 rev. A 07/06
Ordering Information Table
Device Code
30
1
C
2
T
3
Q
4
060
5
S
6
TRL PbF
7 8
1 2 3 4 5 6 7
-
Current Rating (30A) Circuit Configuration C = Common Cathode T = TO-220 Schottky "Q" Series Voltage Ratings S = D 2Pak -1= TO-262 none = Tube (50 pieces) TRL = Tape & Reel (Left Oriented - for D 2Pak only) TRR = Tape & Reel (Right Oriented - for D 2Pak only) 050 = 50V 060 = 60V
8
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/06
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 30CTQ050-1TRL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X