Part Number Hot Search : 
HDMT1 MC74LV SCH1436 M1MA152W ACS7131 C3216X7R OPB38L51 0100S
Product Description
Full Text Search
 

To Download 2SK3526-01S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3526-01L,S,SJ
FUJI POWER MOSFET
N-CHANNEL SILICON POWER MOSFET
Outline Drawings [mm]
200304
Super FAP-G Series
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
P4
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Ratings 600 8 32 30 8 145.6 20 5 1.67 135 +150 Operating and storage -55 to +150 temperature range *1 L=4.2mH, Vcc=60V, See to Avalanche Energy Graph *2 Tch <150C = *3 IF < -ID, -di/dt=50A/s, Vcc < BVDSS, Tch < 150C *4 VDS < 600V = = = = Item Drain-source voltage Continuous drain current Pulsed drain current Gate-source voltage Repetitive or non-repetitive Maximum Avalanche Energy Maximum Drain-Source dV/dt Peak Diode Recovery dV/dt Max. power dissipation Symbol VDS ID ID(puls] VGS IAR *2 EAS *1 dVDS/dt *4 dV/dt *3 PD Ta=25C Tc=25C Tch Tstg Unit V A A V A mJ kV/s kV/s W C C
Drain(D)
Gate(G) Source(S)
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Total Gate Charge Gate-Source Charge Gate-Drain Charge Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD IAV VSD trr Qrr Test Conditions ID= 250A VGS=0V ID= 250A VDS=VGS VDS=600V VGS=0V VDS=480V VGS=0V VGS=30V VDS=0V ID=3A VGS=10V ID=3A VDS=25V VDS=25V VGS=0V f=1MHz VCC=300V ID=3A VGS=10V RGS=10 VCC=300V ID=6A VGS=10V L=4.2mH Tch=25C IF=6A VGS=0V Tch=25C IF=6A VGS=0V -di/dt=100A/s Tch=25C Tch=25C Tch=125C 10 0.93 6 750 100 4.0 14 9 24 7 20 8.5 5.5 1.00 0.7 3.5
Min.
600 3.0
Typ.
Max.
5.0 25 250 100 1.20 1130 150 6.0 21 14 36 10.5 30 13 8.5 1.50
Units
V V A nA S pF
3
ns
nC
8
A V s C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
0.926 75.0
Units
C/W C/W
1
2SK3526-01L,S,SJ
Characteristics
Allowable Power Dissipation PD=f(Tc)
FUJI POWER MOSFET
Typical Output Characteristics
18 16 14 20V 10V 8V 7.5V
ID=f(VDS):80s Pulse test,Tch=25C
200
150
12
ID [A]
PD [W]
10 8 6 7.0V
100
50
4 2 VGS=6.5V
0 0 25 50 75 100 125 150
0 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30
Tc [C]
VDS [V]
Typical Transfer Characteristic
ID=f(VGS):80s Pulse test, VDS=25V,Tch=25C
100
Typical Transconductance
gfs=f(ID):80s Pulse test, VDS=25V,Tch=25C
10
10
ID[A]
1
gfs [S]
1 0.1 0.1
0.1
0
1
2
3
4
5
6
7
8
9
10
1
10
VGS[V]
ID [A]
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80s Pulse test, Tch=25C
2.6 2.4 2.2 2.0 1.8 8V VGS=6.5V 7.0V 7.5V 2.5 10V 2.0 20V 3.0
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=3A,VGS=10V
RDS(on) [ ]
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 2 4 6 8 10 12
RDS(on) [ ]
1.5
max. typ.
1.0
0.5
0.0 14 16 18 -50 -25 0 25 50 75 100 125 150
ID [A]
Tch [C]
2
2SK3526-01L,S,SJ
FUJI POWER MOSFET
Gate Threshold Voltage vs. Tch
VGS(th)=f(Tch):VDS=VGS,ID=250A
7.0 6.5 6.0 5.5 5.0 max.
18 16 14 24 22 20
Typical Gate Charge Characteristics
VGS=f(Qg):ID=3A, Tch=25C
Vcc= 120V 300V 480V
VGS(th) [V]
4.5
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 min.
VGS [V]
4.0
12 10 8 6 4 2 0 0 10 20 30 40 50 60
Tch [C]
Qg [nC]
10n
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
Typical Forward Characteristics of Reverse Diode
100
IF=f(VSD):80s Pulse test,Tch=25C
1n
Ciss 10
C [F]
100p
Coss
IF [A]
1 0.1 0.00
10p Crss
1p 10
-1
10
0
10
1
10
2
10
3
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
VDS [V]
VSD [V]
Typical Switching Characteristics vs. ID
t=f(ID):Vcc=300V, VGS=10V, RG=10
350
Maximum Avalanche Energy vs. starting Tch EAS=f(starting Tch):Vcc=60V
IAS=4A
300
10
2
tr td(off)
250
IAS=5A
EAS [mJ]
200 IAS=8A
t [ns]
10
1
td(on)
tf
150
100
50
10
0
0
10
0
10
1
0
25
50
75
100
125
150
ID [A]
starting Tch [C]
3
2SK3526-01L,S,SJ
Maximum Avalanche Current Pulsewidth IAV=f(tAV):starting Tch=25C,Vcc=60V
FUJI POWER MOSFET
10
2
Avalanche Current I AV [A]
Single Pulse 10
1
10
0
10
-1
10 -8 10
-2
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
tAV [sec]
10
1
Maximum Transient Thermal Impedance Zth(ch-c)=f(t):D=0
10
0
Zth(ch-c) [C/W]
10
-1
10
-2
10
-3
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
t [sec]
Outline Drawings (mm)
Type(L) Type(S) Type(SJ)
4
1
23
1 42 3
1
23
1 2 3
http://www.fujielectric.co.jp/denshi/scd/
4


▲Up To Search▲   

 
Price & Availability of 2SK3526-01S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X