Part Number Hot Search : 
APR6016 TIP33C A105M 4AK19 3500S 3500S A105M 1N2248A
Product Description
Full Text Search
 

To Download 2SB1709 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB1709
Transistors
Genera purpose amplification(-12V, -1.5A)
2SB1709
Application Low frequency amplifier Driver External dimensions (Unit : mm)
Each lead hassame dimensions
1.0MAX
Features 1) A collector current is large. 2) Collector saturation voltage is low. VCE(sat) -200mV at IC = -500mA / IB = -25mA
0.4
0.85
0.7
(3)
2.8
1.6
0~0.1 (1) (2)
1.9 2.9
Abbreviated symbol : EV
ROHM : TSMT3
(1) Base (2) Emitter (3) Collector
Absolute maximum ratings (Ta=25C)
Symbol VCBO VCEO Collector-emitter voltage VEBO Emitter-base voltage IC Collector current ICP PC Power dissipation Junction temperature Tj Range of storage temperature Tstg
1Single pulse, PW=1ms 2Each Terhinal Mounted on a Recommended Land
Packaging specifications
Unit V V V A A 1 mW2 C C
Package Type Code Basic ordering unit (pieces) 2SB1709 Taping TL 3000
Parameter Collector-base voltage
Limits -15 -12 -6 -1.5 -3 500 150 -55~+150
Electrical characteristics (Ta=25C)
Parameter
Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current gain Transition frequency Corrector output capacitance
Pulsed
Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob
Min. -15 -12 -6 - - - 270 - -
Typ. - - - - - -85 - 400 12
Max. - - - -100 -100 -200 680 - -
Unit V V V nA nA mV - MHz pF
Conditions IC=-10A IC=-1mA IE=-10A VCB=-15V VEB=-6V IC=-500mA, IB=-25mA VCE=-2V, IC=-200mA VCE=-2V, IE=200mA, f=100MHz VCB=-10V, IE=0A, f=1MHz
0.3
0.95 0.95
0.16
~0.6
Rev.A
1/2
2SB1709
Transistors
Electrical characteristic curves
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
1000
VCE=-2V PULSED
1
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
1
Ta=25C PULSED
DC CURRENT GAIN : hFE
Ta=-40C 25C 100C 0.1 Ta=100C 25C -40C 0.01
0.1
IC/IB=50 20 10
Ta=100C 25C
100
-40C
0.01
IC/IB=20 PULSED 0.001 0.001 0.01 0.1 1 10
10 0.001
0.01
0.1
1
10
0.001 0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
Fig.1 DC current gain vs. collector current
Fig.2 Collector-emitter saturation voltage vs.collector current Fig.3 Base-emitter saturation voltage vs.collector current
COLLECTOR CURRENT : IC (A)
Fig.4 Collector-emitter saturation voltage vs. collector current
COLLECTOR OUTPUT CAPACITANCE : Cob (pF)
10
1000
100
Ta=25C IE=0mA f=1MHz
1
Ta=100C 25C -40C
TRANSITION FREQUENCY : fT (MHz)
COLLECTOR CURRENT : IC (A)
VCE=-2V PULSED
Ta=25C VCE=-2V f=100MHz
0.1
100
10
0.01
0.001 0 0.5 1 1.5
10 0.001
0.01
0.1
1
10
1 0.1
1
10
100
BASE TO EMITTER VOLTAGE : VBE (V)
EMITTER CURRENT : IE (A)
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.5 Grounded emitter propagation characteristics
Fig.6 Gain bandwidth product vs. emitter current
Fig.7 Collector output capacitance vs. collector-base voltage
Rev.A
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of 2SB1709

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X