Part Number Hot Search : 
CMZ5342 TM8713 THI0512 17PL016 FLB0275 S1VB40 APM3011N GF1640C
Product Description
Full Text Search
 

To Download 2N440201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N4402
2N4402
C
BE
TO-92
PNP General Purpose Amplifier
This device is designed for use as general purpose amplifiers and switches requiring collector currents to 500 mA.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
40 40 5.0 600 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
Max
2N4402 625 5.0 83.3 200
Units
mW mW/C C/W C/W
(c) 2001 Fairchild Semiconductor Corporation
2N4402, Rev A
2N4402
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICEX IBL Collector-Emitter Breakdown Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Base Cutoff Current I C = 1.0 mA, IB = 0 I C = 100 A, IE = 0 I E = 100 A, I C = 0 VCE = 35 V, VEB = 0.4 V VCE = 35 V, VEB = 0.4 V 40 40 5.0 0.1 0.1 V V V A A
ON CHARACTERISTICS*
hFE DC Current Gain VCE = 1.0 V, IC = 1.0 mA VCE = 1.0 V, IC = 10 mA VCE = 2.0 V, IC = 150 mA VCE = 2.0 V, IC = 500 mA IC = 150 mA, I B = 15 mA IC = 500 mA, I B = 50 mA IC = 150 mA, I B = 15 mA IC = 500 mA, I B = 50 mA 30 50 50 20 150 0.40 0.75 0.95 1.30 V V V V
VCE(sat) VBE(sat)
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage
0.75
SMALL SIGNAL CHARACTERISTICS
Cob Cib hfe hfe hie hre hoe Output Capacitance Input Capacitance Small-Signal Current Gain Small-Signal Current Gain Input Impedance Voltage Feedback Ratio Output Admittance VCB = 10 V, f = 140 kHz VEB = 0.5 V, f = 140 kHz IC = 20 mA, VCE = 10 V, f = 100 MHz IC = 1.0 mA, VCE = 10 V, f = 1.0 kHz 1.5 30 0.75 0.10 1.0 250 7.5 8.0 100 k x10 mhos
-4
8.5 30
pF pF
SWITCHING CHARACTERISTICS
td tr ts tf Delay Time Rise Time Storage Time Fall Time VCC = 30 V, IC =150 mA, I B1 = 15 mA, VBE ( off ) = 2.0 V VCC = 30 V, IC =150 mA, I B1 = IB2 = 15 mA 15 20 225 30 ns ns ns ns
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
2N4402
PNP General Purpose Amplifier
(continued)
Typical Characteristics
VCESAT - COLLECTOR EMITTE R VOLTAGE (V)
h FE - TYPICAL PULSED CURRENT GAIN
Typical Pulsed Current Gain vs Collector Current
500
VCE = 5V
Collector-Emitter Saturation Voltage vs Collector Current
0.5 = 10 0.4 0.3 0.2 0.1 0
125 C - 40 C
400 300 200 100 0 0.1
125 C
25 C
25 C
- 40 C
0.3
1 3 10 30 100 I C - COLLECTOR CURRENT (mA)
300
1
10 100 I C - COLLECTOR CURRE NT (mA)
500
V BE( ON)- BAS E EMITTER ON VOLTAGE (V)
V BESAT - BASE EMITTER VOLTAGE (V)
Base-Emitter Saturation Voltage vs Collector Current
1
- 40 C
Base Emitter ON Voltage vs Collector Current
1 0.8 0.6 0.4 0.2 0 0.1
- 40 C
0.8 0.6 0.4 0.2 0
25 C
25 C
125 C
= 10
125C
VCE = 5V
1
10 100 I C - COLLECTOR CURRENT (mA)
500
1 10 I C - COLLECTOR CURRE NT (mA)
25
Collector-Cutoff Current vs Ambient Temperature
I CBO - COLLE CTOR CURRENT (nA) 100 V CB = 35V 10
Input and Output Capacitance vs Reverse Bias Voltage
20 CAPACITANCE (pF) 16 12
C ib
1
8 4 0 0.1
C ob
0.1
0.01 25
50 75 100 T A - AMBIE NT TEMP ERATURE ( C)
125
1 10 REVERSE BIAS VOLTAGE (V)
50
2N4402
PNP General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
Switching Times vs Collector Current
250 I B1 = I B2 = 200
V cc = 15 V Ic 10
Turn On and Turn Off Times vs Collector Current
500 I B1 = I B2 = 400
V cc = 15 V Ic 10
TIME (nS)
TIME (nS)
150 100
tr tf
ts
300 200
t off
50
td
100 0 10
t on
0 10
100 I C - COLLECTOR CURRENT (mA)
1000
100 I C - COLLECTOR CURRENT (mA)
1000
Rise Time vs Collector and Turn On Base Currents
I B1 - TURN 0N BASE CURRENT (mA) 50
PD - POWER DISSIPATION (W) 1
Power Dissipation vs Ambient Temperature
20 10 5
30 ns t r = 15 V
0.75
SOT-223 TO-92
0.5
SOT-23
0.25
2
60 ns
1 10
100 I C - COLLECTOR CURRENT (mA)
500
0
0
25
50 75 100 TEMPERATURE ( oC)
125
150
2N4402
PNP General Purpose Amplifier
(continued)
Typical Common Emitter Characteristics
(f = 1.0kHz)
CHAR. RELATIVE TO VALUES AT I C= -10mA
CHAR. RELATIVE TO VALUES AT VCE = -10V
Common Emitter Characteristics
5 hoe 2 1 0.5 h ie h re h fe
Common Emitter Characteristics
1.3 h re h ie h fe hoe
1.2
h re and hoe
1.1
1 h ie 0.9 h fe 0.8 -4 I C = -10mA T A = 25oC -20
0.2 0.1 _
V CE = -10 V T A = 25 oC 1
_ _ _ _ 2 5 10 20 I C - COLLECTOR CURRENT (mA) _
50
-8 -12 -16 V CE - COLLECTOR VOLTAGE (V)
CHAR. RELATIVE TO VALUES AT TA = 25oC
Common Emitter Characteristics
1.5 I C = -10mA 1.4 V = -10 V CE 1.3 1.2 1.1 hoe 1 0.9 0.8 0.7 0.6 0.5 -40 h fe -20 0 20 40 60 80 T A - AMBIENT TEMPERATURE ( o C) 100 h re h ie h fe h ie h re hoe
2N4402
PNP General Purpose Amplifier
(continued)
Test Circuits
- 30 V
200
1.0 K 0 - 16 V 200ns 50
FIGURE 1: Saturated Turn-On Switching Time Test Circuit
1.5 V
- 6.0 V
1 K NOTE: BVEBO = 5.0 V
37
1.0 K 0 - 30 V 200ns 50
FIGURE 2: Saturated Turn-Off Switching Time Test Circuit
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM
PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. G


▲Up To Search▲   

 
Price & Availability of 2N440201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X