Part Number Hot Search : 
CA3304D 2N1054 3440B OSCTXX AP13010 L2910S BCM20 IL317L
Product Description
Full Text Search
 

To Download 2N4150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. 2N4150
Type 2N4150
Geometry 9201 Polarity NPN Qual Level: JAN - JANTXV
Features: * * * * Power switching transistor for high speed switching applicatons. Housed in a TO-5 case. Also available in chip form using the 9201 chip geometry. The Min and Max limits shown are per MIL-PRF-19500/394 which Semicoa meets in all cases.
Generic Part Number: 2N4150
REF: MIL-PRF-19500/394
TO-5
Maximum Ratings
TC = 25oC unless otherwise specified
Rating
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Power Dissipation at 25oC ambient Derate above 25oC Power Dissipation at 25oC ambient Derate above 25oC Thermal Impedance Operating Junction Temperature Storage Temperature
Symbol
VCEO VCBO VEBO IC PT PT RJC RJA TJ TSTG
Rating
70 100 10 10 1.0 5.7 5.0 50 0.020 0.175 -65 to +200 -65 to +200
Unit
V V V A mW mW/oC W mW/oC o C/mW o C/mW
o
C C
o
Data Sheet No. 2N4150
Electrical Characteristics
TC = 25 C unless otherwise specified
o
OFF Characteristics
Collector-Base Breakdown Voltage IC = 10 A Collector-Emitter Breakdown Voltage IC = 0.1 A, pulsed Emitter-Base Breakdown Voltage IE = 10 A Collector-Emitter Cutoff Current VCE = 60 V VBE = 0.5 V, VCE = 100 V o VBE = -0.5 V, VCE = 80 V, TC = +150 C Emitter-Base Cutoff Current VEB = 5V Collector-Base Cutoff Current VCB = 80 V
Symbol
V(BR)CBO V(BR)CEO V(BR)EBO ICEO1 ICEX ICEX2 IEBO ICBO
Min
100 70 7.0 ---------
Max
------10 10 100 0.1 0.1
Unit
V V V A A A A A
ON Characteristics
Forward current Transfer Ratio IC = 1 A, VCE = 5 V, pulsed IC = 5 A, VCE = 5.0 V, pulsed IC = 10 A, VCE = 5 V o IC = 5 A, VCE = 5.0 V, TC = -55 C Collector-Emitter Saturation Voltage IC = 5 A, IB = 0.5 A pulsed IC = 10 A, IB = 1 A, pulsed Base-Emitter Saturation Voltage IC = 5 A, IB = 0.5 A, pulsed IC = 10 A, IB = 1 A, pulsed Safe Operating Area, Continuous DC TC = 25 C, t = 1.0 s
o
Symbol
hFE1 hFE2 hFE3 hFE4 VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2
Min
50 40 10 20 ---------
Max
200 120 ----0.6 2.5 1.5 2.5
Unit
--------V dc V dc V dc V dc
VCE = 40 V, IC = 0.22 A VCE = 70 V, IC = 90 mA
Small Signal Characteristics
Magnitude of Common Emitter Small Signal Short Circuit Forward Current Transfer Ratio VCE = 10 V, IC = 0.2 A, f = 10 MHz Open Circuit Output Capacitance VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz Small Signal, Short Circuit, Forward Current VCE = 10 V, IC = 50 mA, f = 1 kHz
Symbol
|hfe| COBO hfe
Min
1.5 --40
Max
7.5 350 160
Unit
--pF ---
Switching Characteristics
Delay Time Per Figure 4, MIL-PRF-19500/394C Rise Time Per Figure 4, MIL-PRF-19500/394C Storage Time Per Figure 4, MIL-PRF-19500/394C Fall Time Per Figure 4, MIL-PRF-19500/394C
Symbol
td tr ts tf
Min
---------
Max
50 500 1.5 50
Unit
ns ns ns ns


▲Up To Search▲   

 
Price & Availability of 2N4150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X