Part Number Hot Search : 
SSS7N55 E1000WA PE8706 G1117A R0800 PE8706 AD9848 MX25V800
Product Description
Full Text Search
 

To Download 1N4448HWT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4448HWT
SURFACE MOUNT FAST SWITCHING DIODE
SPICE MODEL: 1N4448HWT
NEW PRODUCT
Features
* * * * * * * * * * * Fast Switching Speed Ultra-Small Surface Mount Package For General Purpose Switching Applications High Conductance Case: SOD-523, Molded Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Finish - Matte Tin (Note 1) Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Marking Code: T8 Weight: 0.002 grams (approx.)
CATHODE MARK
SOD-523 Dim A B C D E Min 1.50 1.10 0.25 0.70 0.10 0.50 Max 1.70 1.30 0.35 0.90 0.20 0.70
Mechanical Data
T8
C D E G
MARKING CODE
A
B
G
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Non-Repetitive Peak Forward Surge Current @ t = 1.0ms @ t = 1.0s Power Dissipation (Note 2) Thermal Resistance Junction to Ambient (Note 2) Operating and Storage Temperature Range Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Pd RqJA Tj , TSTG Value 100 80 57 250 125 2.0 1.0 150 833 -65 to +150 Unit V V V mA mA A mW C/W C
Electrical Characteristics @ TA = 25C unless otherwise specified
Characteristic Reverse Breakdown Voltage (Note 3) Forward Voltage Symbol V(BR)R VF Min 80 0.62 3/4 3/4 3/4 3/4 3/4 3/4 Max 3/4 0.72 0.855 1.0 1.25 100 50 30 25 3.0 4.0 Unit V V nA mA mA nA pF ns Test Conditions IR = 100mA IF = 5.0mA IF = 10mA IF = 100mA IF = 150mA VR = 80V VR = 75V, Tj = 150C VR = 25V, Tj = 150C VR = 20V VR = 0.5V, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W
Peak Reverse Current (Note 3) Total Capacitance Reverse Recovery Time
IR CT trr
Ordering Information (Note 4)
Device 1N4448HWT-7 Note: Packaging SOD-523 Shipping 3000/Tape & Reel
1. If lead-bearing terminal plating is required, please contact your Diodes Inc. sales representative for availability and minimum order details. 2. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 3. Short duration pulse test used so as to minimize self-heating effect. 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
DS30395 Rev. 1 - 2
1 of 2 www.diodes.com
1N4448HWT
a Diodes Incorporated
200
100
NEW PRODUCT
PD, POWER DISSIPATION (mW)
150
IF, FORWARD CURRENT (mA)
Ta = 25C
10
Ta = 50C
100
Ta = 85C
1
Ta = 0C
50
Ta = -30C
0 0 25 50 75 100 125 150
0.1 0 200 400 600 800 1000
TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
10.0
trr, REVERSE RECOVERY TIME (nS)
VF, FORWARD VOLTAGE (mV) Fig. 2 Typical Forward Characteristics
2.5
Ta = 100C
2.0
1.0
1.5
Ta = 75C
0.10
Ta = 50C Ta = 25C Ta = 0C
1.0
0.01
Ta = -30C
0.5
0
0.001 0 20 40 60 80 VR, REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics
0
2
4
6
8
10
IF, FORWARD CURRENT (mA) Fig. 4 Reverse Recovery Time vs. Forward Current
DS30395 Rev. 1 - 2
2 of 2 www.diodes.com
1N4448HWT
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N4448HWT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X