Part Number Hot Search : 
M74HC21 RJP4007 3232EE 2N3912 PT2250A 64LE99 MBR862 EPA3578
Product Description
Full Text Search
 

To Download 1MBI400S-120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1MBI400S-120
1200V / 400A 1 in one-package
Features
* High speed switching * Voltage drive * Low inductance module structure
IGBT Module
Applications
* Inverter for Motor drive * AC and DC Servo drive amplifier * Uninterruptible power supply * Industrial machines, such as Welding machines
Maximum ratings and characteristics
Absolute maximum ratings (at Tc=25C unless otherwise specified)
Unit Symbol Rating V VCES 1200 V VGES 20 A Tc=25C IC 600 A Tc=80C 400 A Tc=25C IC pulse 1200 A Tc=80C 800 A -IC 400 A 1ms -IC pulse 800 W Max. power dissipation PC 3100 C Operating temperature Tj +150 C Storage temperature Tstg -40 to +125 Isolation voltage *1 Vis AC 2500 (1min.) V N*m Screw torque Mounting *2 3.5 N*m Terminals *2 4.5 N*m Terminals *2 1.7 *1 : Aii terminals should be connected together when isolation test will be done *2 : Recommendable value : Mounting 2.5 to 3.5 N*m(M5 or M6) Terminal 3.5 to 4.5 N*m(M6), 1.3 to 1.7N*m(M4) Item Collector-Emitter voltage Gate-Emitter voltaga Collector Continuous current 1ms
Equivalent Circuit Schematic
C E
G
E
Electrical characteristics (at Tj=25C unless otherwise specified)
Item Zero gate voltage collector current Gate-Emitter leakage current Gate-Emitter threshold voltage Collector-Emitter saturation voltage Input capacitance Output capacitance Reverse transfer capacitance Turn-on time Symbol ICES IGES VGE(th) VCE(sat) Cies Coes Cres ton tr tr(i) toff tf VF trr Characteristics Min. Typ. - - 5.5 - - - - - - - - - - - - - - - 7.2 2.3 2.8 48000 10000 8800 0.35 0.25 0.1 0.45 0.08 2.7 2.4 - Conditions Max. 4.0 0.8 8.5 2.6 - - - - 1.2 0.6 - 1.0 0.3 3.5 - 0.35 VGE=0V, VCE=1200V VCE=0V, VGE=20V VCE=20V, IC=400mA Tc=25 C VGE=15V, IC=400A Tc=125C VGE=0V VCE=10V f=1MHz VCC=600V IC=400A VGE=15V RG=1.8 ohm Tj=25C Tj=125C IF=400A IF=400A, VGE=0V V s mA A V V pF Unit
s
Turn-off time Forward on voltage Reverse recovery time
Thermal resistance characteristics
Item Thermal resistance Symbol Rth(j-c) Rth(j-c) Rth(c-f)*4 Characteristics Min. Typ. - - - - - 0.0125 Conditions Max. 0.04 0.12 - IGBT FWD the base to cooling fin C/W C/W C/W Unit
*4 : This is the value which is defined mounting on the additional cooling fin with thermal compound
1MBI400S-120
Characteristics
Collector current vs. Collector-Emiiter voltage Tj= 25C (typ.) 1000 1000
IGBT Module
Collector current vs. Collector-Emiiter voltage Tj= 125C (typ.)
VGE= 20V 15V 12V 800 800
VGE= 20V 15V 12V
Collector current : Ic [ A ]
600 10V
Collector current : Ic [ A ]
600 10V
400
400
200
200 8V 8V
0 0 1 2 3 4 5 Collector - Emitter voltage : VCE [ V ]
0 0 1 2 3 4 5 Collector - Emitter voltage : VCE [ V ]
Collector current vs. Collector-Emiiter voltage VGE=15V (typ.) 1000 10
Collector-Emiiter voltage vs. Gate-Emitter voltage Tj= 25C (typ.)
Tj= 25C 800
Tj= 125C 8
600
Collector - Emitter voltage : VCE [ V ]
Collector current : Ic [ A ]
6
400
4 Ic= 800A 2 Ic= 400A Ic=200A
200
0 0 1 2 3 4 5 Collector - Emitter voltage : VCE [ V ]
0 5 10 15 20 25 Gate - Emitter voltage : VGE [ V ]
Capacitance vs. Collector-Emiiter voltage (typ.) VGE=0V, f= 1MHz, Tj= 25C 100000 1000
Dynamic Gate charge (typ.) Vcc=600V, Ic=400A, Tj= 25C 25
Cies
Capacitance : Cies, Coes, Cres [ pF ]
800
20
Collector - Emitter voltage : VCE [ V ]
600
15
10000
400
10
5000 Coes Cres
200
5
1000 0 5 10 15 20 25 30 35 Collector - Emitter voltage : VCE [ V ]
0 0 1000 2000 Gate charge : Qg [ nC ] 3000
0 4000
Gate - Emitter voltage : VGE [ V ]
1MBI400S-120
IGBT Module
Switching time vs. Collector current (typ.) Vcc=600V, VGE=+-15V, Rg= 1.8ohm, Tj= 25C 1000 1000
Switching time vs. Collector current (typ.) Vcc=600V, VGE=+-15V, Rg= 1.8ohm, Tj= 125C
toff
Switching time : ton, tr, toff, tf [ nsec ]
500
Switching time : ton, tr, toff, tf [ nsec ]
toff
500
ton
ton tr
tr
tf 100
100 tf
50 0 100 200 300 400 500 600 700 Collector current : Ic [ A ]
50 0 100 200 300 400 500 600 700 Collector current : Ic [ A ]
Switching time vs. Gate resistance (typ.) Vcc=600V, Ic=400A, VGE=+-15V, Tj= 25C 5000 ton 100
Switching loss vs. Collector current (typ.) Vcc=600V, VGE=+-15V, Rg=1.8ohm Eon(125C)
Switching loss : Eon, Eoff, Err [ mJ/pulse ]
toff
Switching time : ton, tr, toff, tf [ nsec ]
80
tr 1000
Eon(25C) 60
500
Eoff(125C) 40 Eoff(25C) Err(125C) 20 Err(25C)
100
tf
50 0.5
0 1 10 Gate resistance : Rg [ ohm ] 50 0 200 400 Collector current : Ic [ A ] 600 800
Switching loss vs. Gate resistance (typ.) Vcc=600V, Ic=400A, VGE=+-15V, Tj= 125C 300 Eon 900 800 700
Reverse bias safe operating area +VGE=15V, -VGE<=15V, Rg>=1.8ohm, Tj<=125C
Switching loss : Eon, Eoff, Err [ mJ/pulse ]
Collector current : Ic [ A ]
50
200
600 500 400 300 200 100
100 Eoff
Err 0 0.5 0 1 10 Gate resistance : Rg [ ohm ] 0 200 400 600 800 1000 1200 1400 Collector - Emitter voltage : VCE [ V ]
1MBI400S-120
IGBT Module
Forward current vs. Forward on voltage (typ.)
Reverse recovery characteristics (typ.) Vcc=600V, VGE=+-15V, Rg=1.8ohm
1000
800
Tj=125C Tj=25C
Reverse recovery current : Irr [ A ] Reverse recovery time : trr [ nsec ]
600
Irr(125C) trr(125C) Irr(25C)
100
Forward current : IF [ A ]
400
trr(25C)
200
0 0 1 2 3 4
10 0 100 200 300 400 500 600 700
Forward on voltage : VF [ V ]
Forward current : IF [ A ]
Transient thermal resistance
0.5
Thermal resistanse : Rth(j-c) [ C/W ]
FWD
0.1
0.05
IGBT
0.01
1E-3 0.001
0.01
0.1
1
Pulse width : Pw [ sec ]
Outline Drawings, mm
mass : 380g


▲Up To Search▲   

 
Price & Availability of 1MBI400S-120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X