Part Number Hot Search : 
166AXI SP8127DG CMS0306 APED3 AHC1G AHC1G 7824ACP 12N50
Product Description
Full Text Search
 

To Download XC6214DR04H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMOS Low Power Consumption : 8A (TYP.) Maximum Output Current : More than 500mA Current Limit Circuit Built-In Thermal Shutdown Circuit Built-In Ceramic Capacitor Compatible SOT-89-, SOT-26 Packages
APPLICATIONS
DVD, CD-ROM, HDD drive equipment Portable AV equipment (Cameras, VCRs, etc.) Wireless Communication equipment (Mobile & Cordless phone, etc.) Desktop computers, Note book computer, PDAs Network equipment (Wireless LAN etc.) Reference voltage Battery powered equipment
GENERAL DESCRIPTION
The XC6214 series are highly precise, low noise, high current, positive voltage low dropout regulators. They are fabricated using Torex's CMOS process. The series features a voltage reference, an error amplifier, a current limiter, a thermal protection circuit, and a phase compensation circuit plus a driver transistor. The output voltage is selectable in 100mV increments within the range of 1.5V to 5.0V. (Output voltage 1.5V, 1.8V, 2.5V, 3.0V and 3.3V are standard products. Other than these voltages are available as semi-custom products.) The series is also compatible with low ESR ceramic capacitors, which give added output stability. This stability can be maintained even during load fluctuations due to the excellent transient response of the series. The over current protection circuit and the thermal shutdown circuit are built in. The over current protection circuit will operate when the output current reaches current limit level. The thermal shutdown circuit will operate when the junction temperature reaches temperature limit level.
FEATURES
Maximum Output Current Dropout Voltage Operating Voltage Range Output Voltage : More than 500mA (800mA limit) : 500mV @ IOUT = 500mA (VOUT=3.3V) : 1.8V ~ 6.0V : 1.5V, 1.8V, 2.5V, 3.0V, 3.3V (standard) Other voltages between 1.5V to 5.0V (semi-custom) : Setting voltage accuracy 2% : 8A (TYP.) : 40dB @ 1kHz : - 40 ~ 85 : SOT-26 SOT-89
High Accuracy Low Power Consumption Ripple Rejection Rate Operating Temperature Range Packages
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage vs. Output Current
XC6214P332 CIN=CL=1.0F(ceramic) 1.2
VIN VIN VSS
Dropout Voltage : Vdif (V)
VOUT CL 1.0uF RL
1.0 0.8 0.6 0.4 0.2 0.0 0 100 200 300
Topr=85oC 25oC -40oC
CIN 1.0uF
400
500
Output Current : IOUT (mA )
XC6214 ETR0318_005
1/23
XC6214 Series
PIN CONFIGURATION
6 5 4
1
2
3
1
2
3
SOT-26 (TOP VIEW)
* The 2, 4 and 5 pins of the SOT-26 package are the common VSS pins in the package. For a heat design, in case of connecting the heat dissipation pad to a circuit, Please use the 2, 4, and 5 pins as the VSS pin on the PCB board
SOT-89 (TOP VIEW)
PIN ASSIGNMENT
PIN NUMBER SOT-26 1 2, 4, 5 3 6 SOT-89 2 1 3 PIN NAME VIN VSS NC VOUT FUNCTIONS Power Input Ground No Connection Output
PRODUCT CLASSIFICATION
Ordering Information
XC6214P DESIGNATOR DESCRIPTION Output Voltage Output Voltage Accuracy Package Device Orientation SYMBOL 15 ~ 50 2 M P R L DESCRIPTION : ex.) 3.0V products =3, =0 : Within 2% ex.) 2.50V products =2, =5, =2 : SOT-26 : SOT-89 : Embossed tape, standard feed : Embossed tape, reverse feed
2/23
XC6214
Series
PACKAGING INFORMATION
SOT-26
SOT-89
3/23
XC6214 Series
MARKING RULE
SOT-89
Represents product series MARK D Represents output voltage range MARK P R SOT89 (TOP VIEW) VOLTAGE (V) 1.5 ~ 3.0 3.1 ~ 5.0 PRODUCT SERIES XC6214Pxx2xx XC6214Pxx2xx PRODUCT SERIES XC6214Pxx2xx
Represents output voltage MARK VOLTAGE (V) 0 3.1 1 3.2 2 3.3 3 3.4 4 3.5 5 3.6 6 3.7 7 3.8 8 3.9 9 4.0 A 4.1 B 4.2 C 4.3 D 4.4 E 1.5 4.5
MARK F H K L M N P R S T U V W Y Z
VOLTAGE (V) 1.6 4.6 1.7 4.7 1.8 4.8 1.9 4.9 2.0 5.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 -
Represents the last digit of the production year (ex.) MARK PRODUCTION YEAR 4 2004 5 2005 Represents the production month MARK A B C D MONTH January February March April MARK E F G H MONTH May June July August MARK J K L M MONTH September October November December
Represents production lot number 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted). Note: No character inversion used.
4/23
XC6214
Series
MARKING RULE (Continued)
SOT-26
Represents product series MARK D Represents output voltage range MARK P R SOT-26 (TOP VIEW) VOLTAGE (V) 1.5 ~ 3.0 3.1 ~ 5.0 PRODUCT SERIES XC6214Pxx2xx XC6214Pxx2xx PRODUCT SERIES XC6214Pxx2xx
Represents output voltage MARK VOLTAGE (V) 0 3.1 1 3.2 2 3.3 3 3.4 4 3.5 5 3.6 6 3.7 7 3.8 8 3.9 9 4.0 A 4.1 B 4.2 C 4.3 D 4.4 E 1.5 4.5
MARK F H K L M N P R S T U V W Y Z
VOLTAGE (V) 1.6 4.6 1.7 4.7 1.8 4.8 1.9 4.9 2.0 5.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 -
Represents production lot number 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted). Note: No character inversion used. a, b, c, d Represents production year MARK a b c d PRODUCTION YEAR 2004 2005 2006 2007
*Markings of the year 2004 to 2007 are repeated from 2008. ex.) 20042008, 20052009, 20062010, 20072011. e, f, g, h Represents production month e MARK f g h PRODUCTION MONTH January February March April May June e MARK f g h PRODUCTION MONTH July August September October November December
5/23
XC6214 Series
BLOCK DIAGRAM
VIN
VOUT
Current Limit Thermal Shutdown + Voltage Reference
VSS
ABSOLUTE MAXIMUM RATINGS
Ta=25 PARAMETER Input Voltage Output Current * Output Voltage SOT-26 Power Dissipation SOT-89 Operating Temperature Range Storage Temperature Range
* IOUT < Pd / (VIN - VOUT) * * Refer to POWER DISSIPATION
SYMBOL VIN IOUT VOUT Pd Topr Tstg
RATINGS - 0.3 ~ + 6.5 800 * VSS - 0.3 ~ VIN + 0.3 ** 500 - 40 ~ + 85 - 55 ~ + 125
UNITS V mA V mW
6/23
XC6214
Series
ELECTRICAL CHARACTERISTICS
XC6214P152 PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage (*2) Supply Current Line Regulation Input Voltage Output Voltage Short-Circuit Current
NOTE: *1: VOUT(E) : Effective output voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value.) *2: Vdif={VIN1
(*4)
Ta=25 SYMBOL VOUT(E) (*1) IOUTmax VOUT Vdif ISS VOUT VINVOUT VIN VOUT Ilim IOUT=50mA - 40 Topr 85 VIN=2.5V, VOUT=0V CONDITIONS VIN=2.5V, IOUT=50mA VIN=2.5V, VOUT=VOUT(E) x0.90 VIN=2.5V, 1mAIOUT200mA IOUT=500mA VIN=2.5V IOUT=50mA 2.5VVIN6.0V MIN. 1.470 500 1.8 TYP. 1.500 20 800 8 0.05 100 50 MAX. 1.530 50 1200 15 0.20 6.0 UNITS V mA mV mV A %/V V ppm / mA
CIRCUIT

Temperature Characteristics ToprVOUT
-VOUT1
(*3)
}
*3: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *4: VIN1=The Input Voltage when VOUT1 appears as input voltage is gradually decreased. *5: Unless otherwise stated, {VIN=VOUT(T) +1.0V}
XC6214P182 PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage (*2) Supply Current Line Regulation Input Voltage SYMBOL VOUT(E) (*1) IOUTmax VOUT Vdif ISS VOUT VINVOUT CONDITIONS VIN=2.8V, IOUT=50mA VIN=2.85V, VOUT=VOUT(E)x0.90 VIN=2.8V, 1mAIOUT200mA IOUT=500mA VIN=2.8V IOUT=50mA 2.8VVIN6.0V IOUT=50mA - 40 Topr 85 VIN=2.8V, VOUT=0V MIN. 1.764 500 1.8 TYP. 1.800 20 700 8 0.05 100 50 MAX. 1.836 50 1050 15 0.20 6.0 UNITS V mA mV mV A %/V V ppm / mA
Ta=25
CIRCUIT

VIN VOUT Output Voltage ToprVOUT Temperature Characteristics Short-Circuit Current
NOTE:
Ilim
*1: VOUT(E) : Effective output voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value.) *2: Vdif={VIN1
(*4)
-VOUT1
(*3)
}
*3: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *4: VIN1=The Input Voltage when VOUT1 appears as input voltage is gradually decreased. *5: Unless otherwise stated, {VIN=VOUT(T) +1.0V}
7/23
XC6214 Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6214P252 PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage (*2) Supply Current Line Regulation Input Voltage SYMBOL VOUT(E) (*1) IOUTmax VOUT Vdif ISS VOUT VINVOUT CONDITIONS VIN=3.5V, IOUT=50mA VIN=3.5V, VOUT=VOUT(E)x0.93 VIN=3.5V, 1mAIOUT200mA IOUT=500mA VIN=3.5V IOUT=50mA 3.5VVIN6.0V IOUT=50mA - 40Topr 85 VIN=3.5V, VOUT=0V MIN. 2.450 500 1.8 TYP. 2.500 20 600 8 0.05 + 100 50 MAX. 2.550 50 900 15 0.20 6.0 UNITS V mA mV mV A %/ V V ppm / mA Ta=25
CIRCUIT

VIN VOUT Temperature Characteristics ToprVOUT Output Voltage Short-Circuit Current
NOTE:
Ilim
*1: VOUT(E) : Effective output voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value.) *2: Vdif={VIN1
(*4)
-VOUT1
(*3)
}
*3: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *4: VIN1=The Input Voltage when VOUT1 appears as input voltage is gradually decreased. *5: Unless otherwise stated, {VIN=VOUT(T) +1.0V}
XC6214P302 PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage (*2) Supply Current Line Regulation Input Voltage SYMBOL VOUT(E) (*1) IOUTmax VOUT Vdif ISS VOUT VINVOUT CONDITIONS VIN=4.0V, IOUT=50mA VIN=4.0V, VOUT=VOUT(E)x0.96 VIN=4.0V, 1mAIOUT200mA IOUT=500mA VIN=4.0V IOUT=50mA 4.0VVIN6.0V IOUT=50mA - 40Topr 85 VIN=4.0V, VOUT=0V MIN. 2.940 500 1.8 TYP. 3.000 20 560 8 0.05 + 100 50 MAX. 3.060 50 820 15 0.20 6.0 UNITS V mA mV mV A %/ V V ppm / mA
Ta=25
CIRCUIT

VIN VOUT Temperature Characteristics ToprVOUT Output Voltage Short-Circuit Current
NOTE:
Ilim
*1: VOUT(E) : Effective output voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value.) *2: Vdif={VIN1
(*4)
-VOUT1
(*3)
}
*3: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *4: VIN1=The Input Voltage when VOUT1 appears as input voltage is gradually decreased. *5: Unless otherwise stated, {VIN=VOUT(T) +1.0V}
8/23
XC6214
Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6214P332 PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage (*2) Supply Current Line Regulation Input Voltage Output Voltage Short-Circuit Current
NOTE: *1: VOUT(E) : Effective output voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value.) *2: Vdif={VIN1
(*4)
Ta=25 SYMBOL VOUT(E) (*1) IOUTmax VOUT Vdif ISS VOUT VINVOUT VIN VOUT Ilim IOUT=50mA - 40Topr85 VIN=4.3V, VOUT=0V CONDITIONS VIN=4.3V, IOUT=50mA VIN=4.3V, VOUT=VOUT(E) x 0.96 VIN=4.3V, 1mAIOUT200mA IOUT=500mA VIN=4.3V IOUT=50mA 4.3VVIN6.0V MIN. 3.234 500 1.8 TYP. 3.300 20 500 8 0.05 100 50 MAX. 3.366 50 750 15 0.20 6.0 UNITS V mA mV mV A %/V V ppm / mA
CIRCUIT

Temperature Characteristics ToprVOUT
-VOUT1
(*3)
}
*3: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *4: VIN1=The Input Voltage when VOUT1 appears as input voltage is gradually decreased. *5: Unless otherwise stated, {VIN=VOUT(T) +1.0V}
9/23
XC6214 Series
TEST CIRCUITS
Circuit
VIN VOUT
A
V
CIN=1.0uF (ceramic)
VSS
CL=1.0uF (ceramic)
V
RL
Circuit
A
VIN
VOUT
OPEN
CIN=1.0uF (ceramic)
VSS
10/23
XC6214
Series
OPERATIONAL EXPLANATION
The voltage, divided by resistors R1 & R2, which are connected to the VOUT pin is compared with the internal reference voltage by the error amplifier. The P-channel MOSFET, which is connected to the VOUT pin, is then driven by the subsequent output signal. The output voltage at the VOUT pin is controlled & stabilized by negative feedback. The current limit circuit and over current protection operate in relation to the level of output current and heat.
VIN
VOUT
Current Limit Thermal Shutdown + Voltage Reference
VSS
With the XC6214 series regulator, a stable output voltage is achievable even if low ESR capacitors are used, as a phase compensation circuit is built-in to the regulator. In order to ensure the stability of the load transient response and line transient response, we suggest that an output capacitor (CL) be connected as close as possible, between the output pin (VOUT) and the VSS pin. Please use an output capacitor (CL) with a capacitance more than 0.1F. We also suggest an input capacitor (CIN) of 0.1F: this should be connected between VIN and VSS in order to stabilize input power source. The XC6214 series regulator offers a combination of current limit and circuit protection by means of a built-in fixed current limiter circuit and a foldback circuit. When the output pin is shorted, a current of about 50mA flows. When the junction temperature of the built-in driver transistor reaches the temperature limit level (150 TYP.), the thermal shutdown circuit operates and the driver transistor will be set to OFF. The thermal shutdown function will be released (automatically recovered) when the junction temperature decreases to the thermal shutdown release temperature level (125 TYP.) and the IC re-starts the operation.
NOTES ON USE
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. Please strengthen VIN and VSS wiring in particular. 3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible. 4. Output voltage may increase when the IC is used at light load current (around 0 to 2uA) depending on temperature conditions, etc.
11/23
XC6214 Series
POWER DISSIPATION
The 2, 4 and 5 pins of the SOT-26 package are the common VSS pins at the heat dissipation pads. For increasing power dissipation of the package, please use the 2, 4, and 5 pins as the VSS pin on the PCB board.
600
500
Power Dissipation (mW)
400
300
200
100
0 0 25 50 75
O
100
125
Ambient Temperature ( C)
SOT-26 PCB Specification
Material Size Board Thickness Heat Dissipation Wire Size Through Holes (eleven) : Glass epoxy G10 : 25mmx25mm : 1.0mm : 23mmx23mm : 0.5mm
12/23
XC6214
Series
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Output Current
XC6214P152 1.6 Output Voltage : VOUT (V) V IN=2.7V CIN=CL=1.0F(ceramic
1.6 1.4 Output Voltage : VOUT (V) XC6214P152 V IN=2.7V CIN=CL=1.0F(ceramic
1.5
1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.0 0.2 0.4 0.6 0.8 Topr=85o C 25o C -40o C 1.0 1.2
1.4 Topr=85o C 25o C -40o C
1.3
1.2 0 100 200 300 400 500 Output Current : IOUT (mA )
Output Current : IOUT (mA )
XC6214P182 V IN=2.85V CIN=CL=1.0F(ceramic
XC6214P182 2.0 1.8 Output Voltage : VOUT (V) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.0 0.2 0.4 0.6 0.8 Topr=85o C 25o C -40o C 1.0 1.2 V IN=2.85V CIN=CL=1.0F(ceramic
1.9
Output Voltage : VOUT (V)
1.8
1.7
1.6
Topr=85o C 25o C -40o C 0 100 200 300 400 500
1.5 Output Current : IOUT (mA )
Output Current : IOUT (mA )
XC6214P252 V IN=3.5V CIN=CL=1.0F(ceramic
3.0 Output Voltage : VOUT (V) 2.5 2.0 1.5 1.0 0.5 0.0
XC6214P252 V IN=3.5V CIN=CL=1.0F(ceramic
2.6 Output Voltage : VOUT (V)
2.5
2.4
2.3
Topr=85o C 25o C -40o C 0 100 200 300 400 500
Topr=85o C 25o C -40o C 0.0 0.2 0.4 0.6 0.8 1.0 1.2
2.2 Output Current : IOUT (mA )
Output Current : IOUT (mA )
13/23
XC6214 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(1) Output Voltage vs. Output Current (Continued)
XC6214P332 3.4 Output Voltage : VOUT (V) V IN=4.3V CIN=CL=1.0F(ceramic 3.5 3.0 3.3 Output Voltage : VOUT (V) 2.5 2.0 1.5 1.0 0.5 0.0 0 100 200 300 400 500 0.0 0.2 0.4 0.6 0.8 1.0 1.2 Output Current : IOUT (mA ) Topr=85o C 25o C -40o C XC6214P332 V IN=4.3V CIN=CL=1.0F(ceramic
3.2
3.1
Topr=85o C 25o C -40o C
3.0
Output Current : IOUT (mA )
(2) Output Voltage vs. Input Voltage
XC6214P152 Topr=25o C CIN=CL=1.0F(ceramic
XC6214P152 Topr=25o C CIN=CL=1.0F(ceramic
1.7 Output Voltage : VOUT (V) 1.6 1.5 1.4 1.3 1.2
1.7 Output Voltage : VOUT (V) 1.6 1.5 1.4 1.3 1.2 1.1 2.0
IOUT=1mA 50mA 200mA
IOUT=1mA 50mA 200mA
1.1 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 Input V oltage : V IN (V )
XC6214P182 2.0 Output Voltage : VOUT (V) 1.8 1.6 1.4 1.2 1.0 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 Input V oltage : V IN (V ) Topr=25 C CIN=CL=1.0F(ceramic
o
2.5
3.0
3.5 4.0 4.5 5.0 Input V oltage : V IN (V )
5.5
6.0
XC6214P182 2.0 Output Voltage : VOUT (V) 1.8 1.6 1.4 1.2 1.0 3.0 3.5 4.0 4.5 5.0 5.5 6.0 Input V oltage : V IN (V ) Topr=25o C CIN=CL=1.0F(ceramic
IOUT=1mA 50mA 200mA
IOUT=1mA 50mA 200mA
14/23
XC6214
Series
TYPICAL PERFORMANCE CHARACTER (Continued)
(2) Output Voltage vs. Input Voltage (Continued)
XC6214P252 Topr=25o C CIN=CL=1.0F(ceramic
XC6214P252 Topr=25o C CIN=CL=1.0F(ceramic
2.7 Output Voltage : VOUT (V) 2.5 2.3 2.1 1.9 1.7
2.7 Output Voltage : VOUT (V) 2.5 2.3 2.1 1.9 1.7
IOUT=1mA 50mA 200mA
IOUT=1mA 50mA 200mA
2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 Input V oltage : V IN (V )
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input V oltage : V IN (V )
XC6214P332 3.5 Output Voltage : VOUT (V) 3.3 3.1 2.9 2.7 2.5 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 Input V oltage : V IN (V ) 3.6 3.7 3.8 IOUT=1mA 50mA 200mA Topr=25o C CIN=CL=1.0F(ceramic
3.5 Output Voltage : VOUT (V) 3.3 3.1 2.9 2.7 2.5 4.0 4.5
XC6214P332 Topr=25o C CIN=CL=1.0F(ceramic
IOUT=1mA 50mA 200mA
5.0
5.5
6.0
Input V oltage : V IN (V )
(3) Dropout Voltage vs. Output Current
XC6214P182 1.2 Dropout Voltage : Vdif (V) 1.0 0.8 0.6 0.4 0.2 0.0 Topr=85o C 25o C -40o C 0 100 200 300 400 500 CIN=CL=1.0F(ceramic)
XC6214P152 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 100 200 300 400 500 Output Current : IOUT (mA)
Minimum Operating Voltage
CIN=CL=1.0F(ceramic) Topr=85o C 25o C -40o C
Dropout Voltage : Vdif (V)
Output Current : IOUT (mA )
15/23
XC6214 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(3) Dropout Voltage vs. Output Current (Continued)
XC6214P332 1.2 1.0 Dropout Voltage : Vdif (V) 0.8 0.6 0.4 0.2 0.0 CIN=CL=1.0F(ceramic) Topr=85o C 25o C -40o C
XC6214P252 1.2 1.0 Dropout Voltage : Vdif (V) 0.8 0.6 0.4 0.2 0.0 0 100 200 300 400 Output Current : IOUT (mA ) 500 CIN=CL=1.0F(ceramic) Topr=85o C 25o C -40o C
0
100
200
300
400
500
Output Current : IOUT (mA )
(4) Supply Current vs. Input Voltage
XC6214P152 20.0 Supply Current : ISS (uA) CIN=1.0F(ceramic Topr=85o C 25o C -40o C
XC6214P182 20.0 CIN=1.0F(ceramic Topr=85o C 25o C -40o C
15.0
Supply Current : ISS (uA)
6.0
15.0
10.0
10.0
5.0
5.0
0.0 0.0 1.0 2.0 3.0 4.0 5.0 Input V oltage : V IN (V )
0.0 0.0 1.0 2.0 3.0 4.0 Input V oltage : V IN (V )
XC6214P332
5.0
6.0
XC6214P252 20.0 CIN=1.0F(ceramic Topr=85o C 25o C -40o C
20.0
CIN=1.0F(ceramic Topr=85o C 25o C -40o C
Supply Current : ISS (uA)
Supply Current : ISS (uA)
15.0
15.0
10.0
10.0
5.0
5.0
0.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 Input V oltage : V IN (V )
0.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0
Input V oltage : V IN (V )
16/23
XC6214
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5) Output Voltage vs. Ambient Temperature
XC6214P152 1.60 Output Voltage : VOUT (V) V IN=2.5V CIN=CL=1.0F (ceramic)
1.90 Output Voltage : VOUT (V) XC6214P182 V IN=2.8V CIN=CL=1.0F (ceramic) IOUT=0mA =1mA =50mA =200mA
1.55
1.85
1.50 IOUT=0mA =1mA =50mA =200mA -60 -40 -20 0 20 40 60 80 100
1.80
1.45
1.75
1.40 A mbient Temperature:Topr
XC6214P252 2.60 V IN=3.5V CIN=CL=1.0F (ceramic)
1.70 -60 -40 -20 0 20 40 60 80 100
A mbient Temperature:Topr
XC6214P332 3.40 Output Voltage : VOUT (V)
V IN=4.3V CIN=CL=1.0F (ceramic)
Output Voltage : VOUT (V)
2.55
3.35
2.50 IOUT=0mA =1mA =50mA =200mA -60 -40 -20 0 20 40 60 80 100
3.30 IOUT=0mA =1mA =50mA =200mA -60 -40 -20 0 20 40 60 80 100
2.45
3.25
2.40 A mbient Temperature:Topr
3.20
A mbient Temperature:Topr
(6) Supply Current vs. Ambient Temperature
XC6214P152 20.0 Supply Current : ISS (uA) V IN=2.5V CIN=CL=1.0F (ceramic)
XC6214P182 20.0
V IN=2.8V CIN=CL=1.0F (ceramic)
Supply Current : ISS (uA)
-60 -40 -20 0 20 40 60 80 100
15.0
15.0
10.0
10.0
5.0
5.0
0.0
0.0 -60 -40 -20 0 20 40 60 80 100 A mbient Temperature:Topr
A mbient Temperature:Topr
17/23
XC6214 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(6) Supply Current vs. Ambient Temperature (Continued)
XC6214P252 20.0
XC6214P332 20.0
V IN=3.5V CIN=CL=1.0F (ceramic)
V IN=4.3V CIN=CL=1.0F (ceramic)
Supply Current : ISS (uA)
15.0
Supply Current : ISS (uA)
15.0
10.0
10.0
5.0
5.0
0.0 -60 -40 -20 0 20 40 60 80 100 A mbient Temperature:Topr
0.0 -60 -40 -20 0 20 40 60 80 100 A mbient Temperature:Topr
18/23
XC6214
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) Input Transient Response
XC6214P152 IOUT=200mA , Topr=25o C CIN=CL=1.0F(ceramic) 5 2.2 2.0 1.8 1.6 Output V oltage 1.4 1.2 Time 200sec/div Output Voltage : VOUT V)
Output Voltage : VOUT V)
5 4 3
XC6214P152 IOUT=1mA , Topr=25o C CIN=CL=1.0F(ceramic)
2.2 2.0 1.8 Output Voltage : VOUT V)
Input Voltage : VIN (V)
Input Voltage : VIN (V)
4 3 2 1 0
Input V oltage 2 1 0 Time 200sec/div
XC6214P182 IOUT=1mA , Topr=25o C CIN=CL=1.0F(ceramic)
Input V oltage
1.6 1.4 1.2
Output V oltage
XC6214P182
2.5 Output Voltage : VOUT (V) 2.3
5 4 3 2 1 0
5 4 Input Voltage : VIN (V) 3
IOUT=200mA , Topr=25o C CIN=CL=1.0F(ceramic)
2.5 2.3 2.1 Output Voltage : VOUT V)
Input Voltage : VIN (V)
Input V oltage
2.1 1.9 1.7 1.5
Input V oltage 2 1 Output V oltage 0 Time 200sec/div
XC6214P252
1.9 1.7 1.5
Output V oltage
Time 200sec/div XC6214P252 IOUT=1mA , Topr=25 C CIN=CL=1.0F(ceramic)
o
6 5 Input Voltage : VIN (V) 4 3 2 1 0
3.3 Output Voltage : VOUT V) Input Voltage : VIN (V) 3.1 2.9
6 5 4 3 2 1 0
IOUT=200mA , Topr=25oC CIN=CL=1.0F(ceramic)
3.3 3.1 2.9
Input Voltage
2.7 2.5
Input V oltage
2.7 2.5
Output V oltage
2.3 2.1
Output V oltage
2.3 2.1
Time 200sec/div
Time 200sec/div
19/23
XC6214 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) Input Transient Response (Continued)
XC6214P332 IOUT=1mA , Topr=25o C CIN=CL=1.0F(ceramic) XC6214P332 4.1 3.9 3.7 Input V oltage 3 2 1 0 Time 200sec/div (8) Load Transient Response Output V oltage 3.5 3.3 3.1 2.9 Output Voltage : VOUT V) IOUT=200mA , Topr=25o C CIN=CL=1.0F(ceramic)
6 5 Input Voltage : VIN (V) 4
6 5 Input Voltage : VIN (V) 4
4.1 Output Voltage : VOUT V) 3.9 3.7
Input V oltage 3 2 1 0 Time 200sec/div Output V oltage 3.5 3.3 3.1 2.9
(8) Load Transient Response
XC6214P152 XC6214P152
o
3 Output Voltage : VOUT (V) 2 1 0 50mA -1 1mA -2
V IN=2.5V , Topr=25 C CIN= CL=1.0F(ceramic)
250 Output Current : IOUT mA) Output Voltage : VOUT (V) 200 150 100 50
3 2 1 0 200mA -1 1mA -2
V IN=2.5V , Topr=25o C CIN= CL=1.0F(ceramic)
1000 800 600 400 200 Output Current : IOUT mA)
Output V oltage
Output V oltage
Output Current 0 Time (1msec/div)
XC6214P182 V IN=2.8V , Topr=25o C CIN= CL=1.0F(ceramic) Output V oltage
Output Current 0 Time (1msec/div)
XC6214P182 V IN=2.8V , Topr=25o C CIN= CL=1.0F(ceramic)
3 2 1 0
250 200 150 100 Output Current: IOUTmA)
3 Output Voltage : VOUT (V) 2 1 0 200mA -1 -2 1mA
1000 800 600 400 200 Output Current : IOUT mA)
Output Voltage : VOUT(V)
Output V oltage
50mA -1 1mA -2 Time (1msec/div) Output Current 0 50
Output Current Time (1msec/div)
0
20/23
XC6214
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Load Transient Response (Continued)
XC6214P252 V IN=3.5V , Topr=25o C CIN= CL=1.0F(ceramic) XC6214P252 V IN=3.5V , Topr=25o C CIN= CL=1.0F(ceramic)
5 Output Voltage : VOUT (V) 4 3 2 1 0 1mA 50mA
250 Output Voltage : VOUT (V) 200 150 100 50 0 Output Current : IOUTmA)
5 4 3 2 1 1mA 0 200mA
1000 800 600 400 200 0 Output Current : IOUT mA) Output Current : IOUT mA)
Output V oltage
Output V oltage
Output Current Time (1msec/div)
XC6214P332 V IN=4.3V , Topr=25o C CIN= CL=1.0F(ceramic)
Output Current Time (1msec/div) XC6214P332 V IN=4.3V , Topr=25o C CIN= CL=1.0F(ceramic)
5 Output Voltage : VOUT (V) 4 3 2
250
5
Output Current : IOUTmA)
1000 800 600 400
Output V oltage
150 100
Output Voltage : VOUT (V)
200
4 3 2 1 1mA 0 Time (1msec/div) 200mA Output Current
Output V oltage
50mA 1 1mA 0 Time (1msec/div) Output Current 0 50
200 0
(9) Ripple Rejection Rate
XC6214P152 VIN=2.5V DC+0.5p-pA C , IOUT=50mA CL=1.0uF(ceramic)
XC6214P152 V IN=2.5V DC+0.5p-pA C , IOUT=200mA CL=1.0uF(ceramic)
70 Ripple Rejection Rate : RR (dB) 60 50 40 30 20 10 0 0.01
70 Ripple Rejection Rate : RR (dB) 60 50 40 30 20 10 0
0.1
1
10
0.01
Ripple Frequency : f (kHz)
0.1 1 Ripple Frequency : f (kHz)
10
21/23
XC6214 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Ripple Rejection Rate (Continued)
XC6214P182 70 Ripple Rejection Rate : RR (dB) 60 50 40 30 20 10 0 0.01 0.1 1 Ripple Frequency : f (kHz) 10 V IN=2.8V DC+0.5p-pA C , IOUT=50mA CL=1.0uF(ceramic)
XC6214P182 70 Ripple Rejection Rate : RR (dB) 60 50 40 30 20 10 0 0.01 0.1 1 Ripple Frequency : f (kHz) 10 VIN=2.8V DC+0.5p-pA C , IOUT=200mA CL=1.0uF(ceramic)
XC6214P252 70 Ripple Rejection Rate : RR (dB) 60 50 40 30 20 10 0 0.01 0.1 1 10 Ripple Frequency : f (kHz) V IN=3.5V DC+0.5p-pA C , IOUT=50mA CL=1.0uF(ceramic)
XC6214P252 V IN=3.5VDC+0.5p-pA C , IOUT=200mA CL=1.0uF(ceramic)
70 Ripple Rejection Rate : RR (dB) 60 50 40 30 20 10 0 0.01
0.1
1
10
Ripple Frequency : f (kHz)
XC6214P332 V IN=4.3V DC+0.5p-pA C , IOUT=50mA CL=1.0uF(ceramic)
Ripple Rejection Rate : RR (dB)
XC6214P332 V IN=4.3V DC+0.5p-pA C , IOUT=200mA CL=1.0uF(ceramic)
70 Ripple Rejection Rate : RR (dB) 60 50 40 30 20 10 0 0.01
70 60 50 40 30 20 10 0
0.1 1 Ripple Frequency : f (kHz)
10
0.01
0.1 1 Ripple Frequency : f (kHz)
10
22/23
XC6214
Series
1. The products and product specifications contained herein are subject to change without notice to improve performance characteristics. Consult us, or our representatives before use, to confirm that the information in this catalog is up to date. 2. We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this catalog. 3. Please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this catalog. 4. The products in this catalog are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. Atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. Please use the products listed in this catalog within the specified ranges. Should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. We assume no responsibility for damage or loss due to abnormal use. 7. All rights reserved. No part of this catalog may be copied or reproduced without the prior permission of Torex Semiconductor Ltd.
23/23


▲Up To Search▲   

 
Price & Availability of XC6214DR04H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X