Part Number Hot Search : 
U30D10PT VSM54223 R6110820 3654A LA6554H FDC6305 CP361R MAX16833
Product Description
Full Text Search
 

To Download TD47M50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOLID TANTALUM
TD (Resin Dipped Radial) SERIES
SOLID TANTALUM
The TD series is a range of resin dipped tantalum capacitors designed for entertainment, commercial, and industrial equipment. They have sintered anodes and solid electrolyte. The epoxy resin housing is flame retardent with a limiting oxygen index in excess of 30 (ASTM-D-2863).
CAPACITANCE RANGE:
(Number denotes case size)
Rated Voltage (WV) Surge Voltage (V) Cap (f) 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0 150.0 220.0 330.0 470.0 680.0 1 1 2 3 4 5 6 7 8 9 11 12 14 15 15 1 1 2 3 4 5 6 7 8 9 11 13 14 15 1 1 2 3 4 5 6 7 8 10 11 13 15 15 1 1 2 3 4 5 6 7 8 9 11 13 13 1 1 2 3 4 5 6 7 9 10 12 13 6.3 8 10 13 16 20 20 26 25 33 35 46 1 1 1 1 1 1 1 2 3 4 5 6 7 9 10 12 14 50 65 1 1 1 2 2 2 4 5 5 7 8 8 9 10 13
RATINGS
Capacitance Range: 0.1f to 680f Tolerance: 20% Voltage Range: 6.3V to 50V
PERFORMANCE SPECIFICATIONS
Operating Temperature Range: -55C to +85C (-67F to +185F) Capacitance Tolerance (M): 20% measured at +20C (+68F), 120HZ Dissipation Factor: measured at +20C (+68F),120HZ
Capacitance Range f 0.1 - 1.5 0.04 2.2 - 6.8 0.06 16 20 20 26 10 - 68 0.08 25 33 100 - 680 0.10 35 46 50 65
Surge Voltage:
DC Rated Voltage Surge Voltage 6.3 8 10 13
MECHANICAL SPECIFICATIONS
Lead Solderability: Meets the requirements of MIL-STD 202, Method 208 Marking: Consists of capacitance, DC voltage, and polarity. Recommended Cleaning Solvents: Methanol, isopropanol ethanol, isobutanol, petroleum ether, propanol and/or commercial detergents. Halogenated hydrocarbon cleaning agents such as Freon (MF, TF, or TC), trichloroethylene, trichloroethane, or methylchloride are not recommended as they may damage the capacitor.
2 Min 10 Min
TD Series Dimensions: mm
Diameter (D O) x Length (L)
Case Size 1 2 Diameter (D O) 4.50 4.50 5.00 5.00 5.50 6.00 6.50 7.00 8.00 8.50 9.00 9.00 9.00 10.00 10.00 Length (L) 8.50 9.00 10.00 10.50 10.50 11.50 11.50 12.00 13.00 14.00 14.00 14.50 16.00 17.00 18.50 Lead Wire (d) 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.40 0.50 0.50 0.50 0.50 0.50 0.50 0.50 5.08 0.51 2.54 0.51 Spacing (S)
+68 +6.3V
D O Max
3 4 5
d S L Max
6 7 8 9
ORDERING INFORMATION
TD Series Capacitance Tolerance Voltage 47 M 50
10 11 12 13 14 15
16
NTE Electronics, Inc. D Voice (800) 631-1250 (973) 748-5089 D FAX (973) 748-6224 D http://www.nteinc.com


▲Up To Search▲   

 
Price & Availability of TD47M50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X