Part Number Hot Search : 
471ME MAX5365 FR204G CLQ5206 FR9886 FR9886 RFS9630 SS256LUA
Product Description
Full Text Search
 

To Download SCF5742 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCF5740 HIGH EFFICIENCY RED SCF5742 HIGH EFFICIENCY GREEN SCF5744
STANDARD RED 0.270" 4-Character 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display(R) Devices
Dimensions in Inches (mm) .157 .007 (3.99 .18) .325 (8.26) .175 (4.45)
.790 .010 (20.07.25)
.270 (6.86)
.600.020 (15.25 .51)
1.300 max (33.02) EIA date code Pin 1 indicator SCF574X OSRAM Z YYWW Luminous intensity code .276 (7.0) max.
.160 .020 (4.06 .51)
FEATURES * Four 0.270" (6.85 mm) 5x7 Dot Matrix Characters in Red, High Efficiency Red, High Efficiency Green * Optimum Display Surface Efficiency (display area to package ratio) * High Speed Data Input Rate: 5.0 MHz * ROMless Serial Input, Dot Addressable Display Ideal for User Defined Characters * Built-in Decoders, Multiplexers and LED Drivers * Readable from 6 Feet (1.8 meters) * Wide Viewing Angle, X Axis 55, Y Axis 55 * Attributes: - 140 Bit RAM for User Defined Characters - Eight Dimming Levels - Power Down Model (<250 W) - Hardware/Software Clear Functions - Internal or External Clock
.100 .015 (2.54 .38) .145 .015 (3.68 .38)
.018 x .012 (.46 x .30) Leads 22 plcs.
DESCRIPTION The SCF574X is a four digit, dot addressable 5x7 dot matrix, serial input, alphanumeric Intelligent Display device. The four digits are packaged in a rugged, high quality, optically transparent, plastic 22 pin DIP with 0.1" pin spacing. The on-board CMOS has a 140 bit RAM, one bit associated with one LED, each to generate User Defined Characters. In Power Down Mode, quiescent current is <50 A. The SCF574X is designed for work with the serial port of most common microprocessors. Data is transferred into the display through the Serial Data Input (DATA), clocked by the Serial Data Clock (SDCLK), and enabled by the Load Input (LOAD). The Clock I/O (CLK I/O) and Clock Select (CLK SEL) pins offer the user the capability to supply a high speed external multiplex clock. This feature can minimize audio in-band interference for portable communication equipment or eliminate the visual sychronization effects found in high vibration environments such as avionic equipment.
2000 Infineon Technologies Corp. * Optoelectronics Division * San Jose, CA www.infineon.com/opto * 1-888-Infineon (1-888-463-4636) OSRAM Opto Semiconductors GmbH & Co. OHG * Regensburg, Germany www.osram-os.com * +49-941-202-7178
1
March 23, 2000-02
Maximum Ratings DC Supply Voltage ............................................ -0.5 to +7.0 Vdc Input Voltage Levels Relative to Ground ............................................... -0.5 to VCC +0.5 Vdc Operating Temperature ..................................... -40 C to +85C Storage Temperature....................................... -40C to +100C Maximum Solder Temperature 0.063" below Seating Plane, t<5 s ........................................... 260C Relative Humidity at 85C ...................................................85% Maximum Number of LEDs at 100% Brightness................... 64 Maximum Power Dissipation ..........................................0.65 W ESD (100 pF, 1.5 kW)........................................................ 2.0 kV Maximum Input Current .............................................. 186 mA Figure 1. Timing Diagram--Data Write Cycle
T LDS LOAD
T DS DATA
TLDH
D0 TDH
D7
SDCLK T SDCW T SDCLK
Figure 2. Timing Diagram--Instruction Cycle
TWR TBL LOAD
SDCLK
DATA
D0
D1
D2
D3 OR
D4
D5
D6
D7
D0
LOAD
SDCLK
DATA
D0
D1
D2
D3
D4
D5
D6
D7
D0
2000 Infineon Technologies Corp. * Optoelectronics Division * San Jose, CA www.infineon.com/opto * 1-888-Infineon (1-888-463-4636) OSRAM Opto Semiconductors GmbH & Co. OHG * Regensburg, Germany www.osram-os.com * +49-941-202-7178
SCF5740/2/4
2
March 23, 2000-02
Optical Characteristics at 25C (VCC=5.0 V at 100% brightness level, viewing angle: X axis 55, Y axis 65) Red SCF5740 Description Luminous Intensity Peak Wavelength Dominant Wavelength High Efficiency Red SCF5742 Description Luminous Intensity Peak Wavelength Dominant Wavelength High Efficiency Green SCF5744 Description Luminous Intensity Peak Wavelength Dominant Wavelength Symbol IV
(peak) (d)
Symbol IV
(peak) (d)
Min. 55 -- --
Typ. -- 655 639
Units cd/dot nm nm
Symbol IV
(peak) (d)
Min. 110 -- --
Typ. -- 630 626
Units cd/dot nm nm
Min. 110 -- --
Typ. -- 568 574
Units cd/dot nm nm
Notes: 1. Dot to dot intensity matching at 100% brightness is 1.8:1. 2. Displays within a given intensity category have an intensity matching of 1.5:1 (max.)
Switching Specifications (over operating temperature range and VCC=4.5 V to 5.5 V) Symbol TRC TLDS TDS TSDCLK TSDCW TLDH TDH TWR TBL Description Reset Active Time Load Setup Time Data Setup Time Clock Period Clock Width Load Hold Time Data Hold Time Total Write Time Time Between Loads Min. 600 50 50 200 70 0 25 2.2 600 Units ns ns ns ns ns ns ns s ns
Note: TSDCW is the minimum time the SDCLK may be low or high. The SDCLK period must be a minimum of 200 ns.
2000 Infineon Technologies Corp. * Optoelectronics Division * San Jose, CA www.infineon.com/opto * 1-888-Infineon (1-888-463-4636) OSRAM Opto Semiconductors GmbH & Co. OHG * Regensburg, Germany www.osram-os.com * +49-941-202-7178
SCF5740/2/4
3
March 23, 2000-02
Electrical Characteristics (over operating temperature) Parameter VCC ICC (PWR DWN)(4) ICC 4 digits 20 dots/character IIL Input current IIH Input current VIH VIL IOH (CLK I/O) IOL (CLK I/O) JC-pin Fext External Clock Input Frequency Fosc Internal Clock Input Frequency Clock I/O Bus Loading Clock Out Rise Time Clock Out Fall Time FM, Digit Min. 4.5 -- -- -- -- 3.5 -- -- -- -- 120 120 -- -- -- 375 Typ. 5.0 -- 150 -- -- -- -- -28 23 -- -- -- -- -- -- 768 Max. 5.5 50 186 -10 10 -- 1.5 -- -- 32 347 347 240 500 500 1086 Units V A mA A A V V mA mA C/W KHz KHz pF ns ns Hz Conditions -- VCC=5.0 V, all inputs=0 V or VCC VCC=5.0 V, "#" displayed in all 4 digits at 100% brightness at 25C VCC=5.0 V, VIN=0 (all inputs) VCC=VIN=5.0 V (all inputs) VCC=4.5 V to 5.5 V VCC=4.5 V to 5.5 V VCC=4.5 V, VOH=2.4 V VCC=4.5 V, VOL=0.4 V -- VCC=5.0 V, CLKSEL=0 VCC=5.0 V, CLKSEL=1 -- VCC=4.5 V, VOH=2.4 V VCC=4.5 V, VOH=0.4 V --
Notes: 1) Peak current 5/3 x ICC. 2) Unused inputs must be tied high. 3) Contact Infineon for 3.3 volt operation. 4) External oscillator must be stopped if being used to maintain an ICC <50 A.
Input/Output Circuits Figures 3 and 4 show the input and output resistor/diode networks used for ESD protection and to eliminate substrate latch-up caused by input voltage over/under shoot. Figure 3. Inputs
V CC input 1 k
GND
Figure 4. Clock I/O
VCC input/output 1 k
GND
2000 Infineon Technologies Corp. * Optoelectronics Division * San Jose, CA www.infineon.com/opto * 1-888-Infineon (1-888-463-4636) OSRAM Opto Semiconductors GmbH & Co. OHG * Regensburg, Germany www.osram-os.com * +49-941-202-7178 SCF5740/2/4
4
March 23, 2000-02
Figure 5. Top View
Pin Definitions Pin Function N/C GND N/C N/C N/C N/C N/C N/C VLL VCC N/C N/C LOAD Definitions -- Power supply ground -- -- -- -- -- -- LED supply Logic supply -- -- Low input enables data clocking into 8-bit serial shift register. When load goes high, the contents of 8-bit serial shift register will be decoded. Serial data input For loading data into the 8-bit serial data register -- -- -- Asynchronous input, when low clears the multiplex counter, address register, control word register, user RAM and data register. Control word register is set to 100% brightness. The display will be blank. Outputs Master Clock or inputs External Clock High=Internal Clock (Master) Low=External Clock (Slave)
22
Pins
12
1 2 3 4 5 6
Digit 0 Digit 1 1 Pins
Digit 2
Digit 3 11
7 8 9
Pin Assignment Pin 1 2 3 4 5 6 7 8 9 10 11 Function N/C GND N/C N/C N/C N/C N/C N/C VLL VCC N/C Pin 22 21 20 19 18 17 16 15 14 13 12 Function N/C CLKSEL CLK I/O RST N/C N/C N/C SCLK DATA LOAD N/C
10 11 12 13
14 15 16 17 18 19
DATA SDCLK N/C N/C N/C RST
Figure 6. Dot Matrix Format
0.043 (1.09) typ. 0.175 (4.45) C1 C2 C3 C4 C5 R0 R1 R2 R3 R4 R5 0.009 (0.23) typ. R6 0.045 (1.14) typ. 0.270 (6.86)
20 21 22
CLK I/O CLKSEL N/C
Dimensions in inches (mm) Tolerance: .XXX .010 (.25)
2000 Infineon Technologies Corp. * Optoelectronics Division * San Jose, CA www.infineon.com/opto * 1-888-Infineon (1-888-463-4636) OSRAM Opto Semiconductors GmbH & Co. OHG * Regensburg, Germany www.osram-os.com * +49-941-202-7178
SCF5740/2/4
5
March 23, 2000-02
Display Column and Row Format C0 Row 0 Row 1 Row 2 Row 3 Row 4 Row 5 Row 6 1 0 0 0 0 0 0 C1 1 0 0 0 0 0 0 C2 1 1 1 1 1 1 1 C3 1 0 0 0 0 0 0 C4 1 0 0 0 0 0 0
1=Display dot "On" 0=Display dot "Off'
Operation of the SCF574X The SCF574X display consists of a CMOS IC containing control logic and drivers for four 5x7 characters. These components are assembled in a compact plastic package. Individual LED dot addressability allows the user great freedom in creating special characters or mini-icons. The serial data interface provides a highly efficient interconnection between the display and the mother board. The SCF574X requires only three lines as compared to 14 for an equivalent four character parallel input part. The on-board CMOS IC is the electronic heart of the display. The IC accepts decoded serial data, which is stored in the internal RAM. Asynchronously the RAM is read by the character multiplexer at a strobe rate that results in a flicker free display. Figure 7 shows the three functional areas of the IC. These include: the input serial data register and control logic, a 140 bits two port RAM, and an internal multiplexer/display driver.
Column Data Ranges Row 0 Row 1 Row 2 Row 3 Row 4 Row 5 Row 6 00H to 1FH 00H to LFH 00H to LFH 00H to LFH 00H to LFH 00H to LFH 00H to LFH
Figure 7. Block Diagram
RST CLK I/O CLKSEL
OSC
* - 64 * Counter * -7 * Counter
Mux Rate
Row Control Logic and Row Drivers Rows 0 to 6 Display
Y Address Decode
Data SDCLK Load
8 Bit Serial Register
User RAM Memory
Column Drivers Digit 0 to 4 Columns
0 to 20
7x20 Bits X Address Decode 3 Bit Address Register 6 Bit Control Word Register Control Word Logic
0
1
2
3
V1 V2
VDIM Controls
2000 Infineon Technologies Corp. * Optoelectronics Division * San Jose, CA www.infineon.com/opto * 1-888-Infineon (1-888-463-4636) OSRAM Opto Semiconductors GmbH & Co. OHG * Regensburg, Germany www.osram-os.com * +49-941-202-7178
SCF5740/2/4
6
March 23, 2000-02
The following explains how to format the serial data to be loaded into the display. The user supplies a string of bit mapped decoded characters. The contents of this string is shown in Figure 8a. Figure 8b shows that each character consist of eight 8 bit words. The first word encodes the display character location and the succeeding seven bytes are row data. The row data represents the status (On, Off) of individual column LEDs. Figure 8c shows that each 8 bit word is formatted to represent Character Address, or Column Data. Figure 8d shows the sequence for loading the bytes of data. Bringing the LOAD line low enables the serial register to accept data. The shift action occurs on the low to high transition of the serial data clock (SDCLK). The least significant bit (D0) is loaded first. After eight clock pulses the LOAD line is brought high. With this transition the OPCODE is decoded. The decoded OPCODE directs D4-D0 to be latched in the Character Address register, stored in the RAM as Column data, or latched in the Control Word register. The control IC requires a minimum 600 ns delay between successive byte loads. As indicated in Figure 8a, a total of 256 bits of data are required to load all four characters into the display. The Character Address Register bits, D4-D0 (Table 2), and Row Address Register bits, D7-D5 (Table 3), direct the Column Data bits, D4-D0 (Table 3) to specific RAM location. Figure 8. Loading Serial Character Data
Table 1 shows the Row Address for the example character "D." Column data is written and read asynchronously from the 140 bit RAM. Once loaded the internal oscillator and character multiplexer reads the data from the RAM. These characters are row strobed with column data as shown in Figures 9 and 10. The character strobe rate is determined by the internal or user supplied external MUX Clock and the IC's / 320 counter. Table 1. Character "D" Op code D7 D6 D5 Row 0 Row 1 Row 2 Row 3 Row 4 Row 5 Row 6 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Column Data D4 D3 D2 D1 D0 C0 C1 C2 C3 C4 1 1 1 1 1 1 1 1 0 0 0 0 0 1 1 0 0 0 0 0 1 1 0 0 0 0 0 1 0 1 1 1 1 1 0 Hex
1E 11 11 11 11 11 1E
Example: Serial Clock = 5.0 MHz, Clock Period = 200 ns 352 Clock Cycles, 70.4 s
a.
Character 0
Character 1
Character 2
Character 3
88 Clock Cycles, 17.6 s
b.
Character 0 Row 0 Column Row 1 Column Row 2 Column Row 3 Column Row 4 Column Row 5 Column Row 6 Column Data Data Data Address Data Data Data Data
11 Clock Cycles, 2.2 s
Character Address OPCODE D5 D6 D7 10 1
11 Clock Cycles, 2.2s
Column Data Time Between D0 D1 D2 D3 D4 Loads DD 600 ns(min) D D D OPCODE Time Between D5 D6 D7 Loads 0 0 0 600 ns(min)
c.
D0 D1 D2 D3 D4 0 0 0 00
LOAD Serial Clock DATA
Clock Period
d.
D0 t0 D1 D2 D3 D4 D5 D6 D7 Time between LOADS
2000 Infineon Technologies Corp. * Optoelectronics Division * San Jose, CA www.infineon.com/opto * 1-888-Infineon (1-888-463-4636) OSRAM Opto Semiconductors GmbH & Co. OHG * Regensburg, Germany www.osram-os.com * +49-941-202-7178
SCF5740/2/4
7
March 23, 2000-02
Table 2. Load Character Address Op code D7 D6 D5 1 1 1 1 0 0 0 0 1 1 1 1 Character Address D4 D3 D2 D1 D0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 1 0 1 Hex A0 A1 A2 A3 Operation Load Character 0 Character 1 Character 2 Character 3
Table 4. Display Brightness Op code D7 D6 D5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Control Word D4 D3 D2 D1 D0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 Hex E0 E1 E2 E3 E4 E5 E6 E7 Operation Level 100% 53% 40% 27% 20% 13% 6.6% 0.0%
Table 3. Load Column Data Op code D7 D6 D5 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Column Data D4 D3 D2 D1 D0 C0 C1 C2 C3 C4 C0 C1 C2 C3 C4 C0 C1 C2 C3 C4 C0 C1 C2 C3 C4 C0 C1 C2 C3 C4 C0 C1 C2 C3 C4 C0 C1 C2 C3 C4 Operation Load Row 0 Row 1 Row 2 Row 3 Row 4 Row 5 Row 6
1 1 1
Table 5. Display Brightness Op code D7 D6 D5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Control Word D4 D3 D2 D1 D0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 Hex E8 E9 EA EB EC ED EE EF Operation Level 100% 53% 40% 27% 20% 13% 6.6% 0.0%
The user can activate four Control functions. These include: LED Brightness Level, IC Power Down, Prescaler, or Display Clear. OPCODEs and six bit words are used to initiate these functions. The OPCODEs and Control Words for the Character Address and Loading Column Data are shown in Tables 2 and 3. The user can select eight specific LED brightness levels, Tables 4 and 5. Depending on how D3 is selected either one (1) for maximum peak current or zero (0) for 12.5% of maximum peak current in the control word per Tables 4 and 5, the user can select 16 specific LED brightness levels. These brightness levels (in percentages of full brightness of the display) depending on how the user selects D3 can be one (1) or zero (0) are as follows: 100% (E0HEX or E8HEX), 53% (E1HEX or E9HEX), 40% (E2HEX or EAHEX), 27% (E3HEX or EBHEX), 20% (E4HEX or ECHEX), 13% (E5HEX or EDHEX), and 6.6% (E6HEX or EEHEX), 0.0% (E7HEX or EFHEX). The brightness levels are controlled by changing the duty factor of the row strobe pulse. The SCF574X offers a unique Display Power Down feature which reduces ICC to less than 50 A. When EFHEX is loaded (Table 6) the display is set to 0% brightness. When in the Power Down mode data may still be written into the RAM. The display is reactivated by loading a new brightness Level Control Word into the display.
Table 6. Power Down Op code D7 D6 D5 1 1 1 Control Word D4 D3 D2 D1 D0 0 1 1 1 1 Hex EF Operation Level 0% brightness
Figure 9. Row and Column Locations for a Character "D" Row 0 Row 1 Row 2 Row 3 Row 4 Row 5 Row 6 01234 Columns off LED on LED Previously "on" LED
2000 Infineon Technologies Corp. * Optoelectronics Division * San Jose, CA www.infineon.com/opto * 1-888-Infineon (1-888-463-4636) OSRAM Opto Semiconductors GmbH & Co. OHG * Regensburg, Germany www.osram-os.com * +49-941-202-7178
SCF5740/2/4
8
March 23, 2000-02
Figure 10. Row Strobing
ROW LOAD Row 0 Row 1 Row 2 Row 3 Row 4 Row 5 Row 6 01234 Columns LOAD ROW 0 Row 0 Row 1 Row 2 Row 3 Row 4 Row 5 Row 6 01234 Columns LOAD ROW 1 Row 0 Row 1 Row 2 Row 3 Row 4 Row 5 Row 6 01234 Columns LOAD ROW 2 Row 0 Row 1 Row 2 Row 3 Row 4 Row 5 Row 6 01234 Columns LOAD ROW 3 Row 0 Row 1 Row 2 Row 3 Row 4 Row 5 Row 6 01234 Columns LOAD ROW 4 Row 0 Row 1 Row 2 Row 3 Row 4 Row 5 Row 6 01234 Columns LOAD ROW 5 Row 0 Row 1 Row 2 Row 3 Row 4 Row 5 Row 6 01234 Columns LOAD ROW 6
The SCF574X allows a high frequency external oscillator source to drive the display. Data bit, D4, in the control word format controls the prescaler function. The prescaler allows the oscillator source to be divided by 16 by setting D4=1. However, the prescaler should not be used, i.e., when using the internal oscillator source. The Software Clear (C0HEX), given in Table 7, clears the Address Register and the RAM. The display is blanked and the Character Address Register will be set to Character 0. The internal counter and the Control Word Register are unaffected. The Software Clear will remain active until the next data input cycle is initiated. Table 7. Software Clear Op code D7 D6 1 1 Control Word D5 D4 D3 D2 D1 D0 0 0 0 0 0 0 Hex C0 Operation CLEAR
Good ground (pin 2) and power supply decoupling (pins 9 and 10) will insure that ICC (<400 mA peak) switching currents do not generate localized ground bounce. Therefore it is recommended that each display package use a 0.1 F and 20 F capacitor between VCC and ground. When the internal MUX Clock is being used connect the CLKSEL pin to VCC. In those applications where RESET will not be connected to the system's reset control, it is recommended that this pin be connected to the center node of a series 0.1, F and 100 k RC network. Thus upon initial power up the RESET will be held low for 10 ms allowing adequate time for the system power supply to stabilize. ESD Protection The input protection structure of the SCF574X provides significant protection against ESD damage. It is capable of withstanding discharges greater than 2.0 kV. Take all the standard precautions, normal for CMOS components. These include properly grounding personnel, tools, tables, and transport carriers that come in contact with unshielded parts. If these conditions are not, or cannot be met, keep the leads of the device shorted together or the parts in anti-static packaging. Soldering Considerations The SCF574X can be hand soldered with SN63 solder using a grounded iron set to 260C. Wave soldering is also possible following these conditions: Preheat that does not exceed 93C on the solder side of the PC board or a package surface temperature of 85C. Water soluble organic acid flux (except carboxylic acid) or rosin-based RMA flux without alcohol can be used. Wave temperature of 245C 5C with a dwell between 1.5 sec. to 3.0 sec. Exposure to the wave should not exceed temperatures above 260C for five seconds at 0.063" below the seating plane. The packages should not be immersed in the wave.
Multiplexer and Display Driver The four characters are row multiplexed with RAM resident column data. The strobe rate is established by the internal or external MUX Clock rate. The MUX Clock frequency is divided by a 448 counter chain. This results in a typical strobe rate of 768 Hz. By pulling the Clock SEL line low, the display can be operated from an external MUX Clock. The external clock is attached to the CLK I/O connection (pin 9). The maximum external MUX Clock frequency should be limited to 1.0 MHz. An asynchronous hardware Reset Pin is also provided. Bringing this pin low will clear the Character Address Register, Control Word Register, RAM, and blanks the display. This action leaves the display set at Character Address 0, and the Brightness Level set at 100%. Electrical and Mechanical Considerations Thermal Considerations Optimum product performance can be had when the following electrical and mechanical recommendations are adopted. The SCF574X's IC is constructed in a high speed CMOS process, consequently high speed noise on the SERIAL DATA, SERIAL DATA CLOCK, LOAD and RESET lines may cause incorrect data to be written into the serial shift register. Adhere to transmission line termination procedures when using fast line drivers and long cables (>10 cm).
2000 Infineon Technologies Corp. * Optoelectronics Division * San Jose, CA www.infineon.com/opto * 1-888-Infineon (1-888-463-4636) OSRAM Opto Semiconductors GmbH & Co. OHG * Regensburg, Germany www.osram-os.com * +49-941-202-7178
SCF5740/2/4
9
March 23, 2000-02
Post Solder Cleaning Procedures The least offensive cleaning solution is hot D.I. water (60C) for less than 15 minutes. Addition of mild saponifiers is acceptable. Do not use commercial dishwasher detergents. For faster cleaning, solvents may be used. Exercise care in choosing solvents as some may chemically attack the nylon package. For further information refer to Appnotes 18 and 19. An alternative to soldering and cleaning the display modules is to use sockets. Naturally, 14 pin DIP sockets .300" wide with .100" centers work well for single displays. Multiple display assemblies are best handled by longer SIP sockets or DIP sockets when available for uniform package alignment. Socket manufacturers are Aries Electronics, Inc., Frenchtown, NJ; Garry Manufacturing, New Brunswick, NJ; Robinson-Nugent, New Albany, IN; and Samtec Electronic Hardward, New Albany, IN. For further information refer to Appnote 22. Optical Considerations The 0.270" high character of the SCF574X gives readability up to five feet. Proper filter selection enhances readability over this distance. Using filters emphasizes the contrast ratio between a lit LED and the character background. This will increase the discrimination of different characters. The only limitation is cost. Take into consideration the ambient lighting environment for the best cost/benefit ratio for filters. Incandescent (with almost no green) or fluorescent (with almost no red) lights do not have the flat spectral response of sunlight. Plastic band-pass filters are an inexpensive and effective way to strengthen contrast ratios. The SCF5740 is a red display and should be used with long wavelength pass filter having a sharp cut-off in the 600 nm to 620 nm range. The SCF5742 is a high efficiency red display and should be used with long wavelength pass filter having a sharp cut-off in the 570 nm to 600 nm range. The SCF5744 is a high efficiency green display and should be used with long wavelength pass filter that peaks at 565 nm. Figure 11. Display Interface to Siemens/Intel 8031 Microprocessor (using serial port in mode 0)
VCC 18 40
Additional contrast enhancement is gained by shading the displays. Plastic band-pass filters with built-in louvers offer the next step up in contrast improvement. Plastic filters can be improved further with anti-reflective coatings to reduce glare. The trade-off is fuzzy characters. Mounting the filters close to the display reduces this effect. Take care not to overheat the plastic filter by allowing for proper air flow. Optimal filter enhancements are gained by using circular polarized, anti-reflective, band-pass filters. The circular polarizing further enhances contrast by reducing the light that travels through the filter and reflects back off the display to less than 1.0 %. Several filter manufacturers supply quality filter materials. Some of them are: Panelgraphic Corporation, W. Caldwell, NJ; SGL Homalite, Wilmington, DE; 3M Company, Visual Products Division, St. Paul, MN; Polaroid Corporation, Polarizer Division, Cambridge, MA; Marks Polarized Corporation, Deer Park, NY, Hoya Optics, Inc., Fremont, CA. One last note on mounting filters: recessing displays and bezel assemblies is an inexpensive way to provide a shading effect in overhead lighting situations. Several Bezel manufacturers are: R.M.F. Products, Batavia, IL; Nobex Components, Griffith Plastic Corp., Burlingame, CA; Photo Chemical Products of California, Santa Monica, CA; I.E.E.-Atlas, Van Nuys, CA. Microprocessor Interface The microprocessor interface is through the serial port, SPI port or one out of eight data bits on the eight bit parallel port and also control lines SDCLK and LOAD. Power Up Sequence Upon power up display will come on at random. Thus the display should be reset at power-up. The reset will set the Address Register to Digit 0, User RAM is set to 0 (display blank) the Control Word is set to 0 (100% brightness) and the internal counters are reset.
VCC 15 SDCLK GND 13 LD DATA
10 XTAL2 RXD TXD 11
14
VCC
19 XTAL1 U1 8031 P3.7 17 9 RST P3.3 13 P3.4 14
ID
VCC 10 RST CLKSEL 21 19 GND CLK I/O 8 2
22 f TAN +
.01 f
2000 Infineon Technologies Corp. * Optoelectronics Division * San Jose, CA www.infineon.com/opto * 1-888-Infineon (1-888-463-4636) OSRAM Opto Semiconductors GmbH & Co. OHG * Regensburg, Germany www.osram-os.com * +49-941-202-7178
SCF5740/2/4
10
March 23, 2000-02
Figure 12. Display Interface to Siemens/Intel 8031 Microprocessor (using one bit of parallel port as serial port)
VCC 10 40 P3.0 18 XTAL2 P3.1 11 16 P3.6 19 XTAL1 VCC 1 RST 9 P1.0 20 P0.0 39 VCC 15 SDCLK GND 13 LD DATA
14
ID
VCC 10 19 RST CLKSEL 21 2 GND CLK I/O 8
22 F TAN +
U1 8031
.01 F
Figure 13. Display Interface with Motorola 68HC05C4 Microprocessor (using SPI port)
VCC VCC 38 40 OSC1 PA0 PA1 SCLK MOSI 11 10 33 32 15 SDCLK GND 13 LD DATA
ID
VCC 10 CS 21 19 RST 2 GND CLK I/O 8
14 22 F TAN +
39 OSC2 VCC
U1 68HC05C4 1 RST 9 PA2 20
.01 F
Figure 14. Cascading Multiple Displays
RST VCC RST CLK I/O CLK SEL RST CLK I/O CLK SEL
Intelligent Display DATA SDCLK LOAD DATA SDCLK A0 A1 A2 A3 LD 0 Chip Address Decoder 15 CE
14 more displays in between
Intelligent Display DATA SDCLK LOAD
Address Decode 1-14
2000 Infineon Technologies Corp. * Optoelectronics Division * San Jose, CA www.infineon.com/opto * 1-888-Infineon (1-888-463-4636) OSRAM Opto Semiconductors GmbH & Co. OHG * Regensburg, Germany www.osram-os.com * +49-941-202-7178
SCF5740/2/4
11
March 23, 2000-02
Multiple displays can be cascaded using the CLK SEL and CLK I/O pins (Figure 14). The display designated as the MasterClock source should have its CLK SEL pin tied high and the slaves should have their CLK SEL pins tied low. All CLK I/O pins should be tied together. One display CLK I/O can drive 15 slave CLK I/Os. Use RST to synchronize all display counters. Loading Data into the Display Use following procedure to load data into the display: 1. Power up the display. 2. Bring RST low (600 ns duration minimum) to clear the Multiplex Counter, Address Register, Control Word Register, User Ram and Data Register. The display will be blank. Display brightness is set to 100%. 3. If a different brightness is desired, load the proper brightness opcode into the Control Word Register. 4. Load the Digit Address into the display. 5. Load display row and column data for the selected digit. 6. Repeat steps 4 and 5 for all digits. Data Contents for the Word "ABCD"
Step A B (optional) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 D7 D6 1 1 1 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 D5 0 1 1 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 D4 D3 0 0 0 0 0 1 1 1 1 1 0 1 1 1 1 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 1 1 1 1 0 0 0 0 1 0 1 0 0 0 0 1 0 0 1 0 0 1 0 0 1 0 0 0 1 0 0 1 0 0 0 0 0 1 D2 0 0 0 1 0 0 1 0 0 0 0 1 0 0 1 0 0 1 0 1 0 0 0 0 0 1 0 1 0 0 0 0 0 1 D1 0 0 0 0 1 0 1 0 0 0 0 1 0 0 1 0 0 1 1 1 0 0 0 0 0 1 1 1 0 0 0 0 0 1 D0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 0 1 1 1 0 1 0 0 0 0 0 1 1 0 1 1 1 1 1 0 Function CLEAR 100% BRIGHTNESS DIGIT D0 SELECT ROW 0 (A) ROW 1 (A) ROW 2 (A) ROW 3 (A) ROW 4 (A) ROW 5 (A) ROW 6 (A) DIGIT D1 SELECT ROW 0 (B) ROW 1 (B) ROW 2 (B) ROW 3 (B) ROW 4 (B) ROW 5 (B) ROW 6 (B) DIGIT D2 SELECT ROW 0 (C) ROW 1 (C) ROW 2 (C) ROW 3 (C) ROW 4 (C) ROW 5 (C) ROW 6 (C) DIGIT D3 SELECT ROW 0 (D) ROW 1 (D) ROW 2 (D) ROW 3 (D) ROW 4 (D) ROW 5 (D) ROW 6 (D)
2000 Infineon Technologies Corp. * Optoelectronics Division * San Jose, CA www.infineon.com/opto * 1-888-Infineon (1-888-463-4636) OSRAM Opto Semiconductors GmbH & Co. OHG * Regensburg, Germany www.osram-os.com * +49-941-202-7178
SCF5740/2/4
12
March 23, 2000-02


▲Up To Search▲   

 
Price & Availability of SCF5742

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X