Part Number Hot Search : 
1N4994US E003719 5KE47C 4B224K 1N4994US MA8630 CY7B1 54LS1
Product Description
Full Text Search
 

To Download Q62702-A718 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Switching Diode
q
BAL 74
For high-speed switching
Type BAL 74
Marking JCs
Ordering Code (tape and reel) Q62702-A718
Pin Configuration
Package1) SOT-23
Maximum Ratings Parameter Reverse voltage Peak reverse voltage Forward current Surge forward current, t = 1 s Total power dissipation, TS = 54 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol VR VRM IF IFS Ptot Tj Tstg
Values 50 50 250 4.5 370 150 - 65 ... + 150
Unit V mA A mW C
330 260
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
BAL 74
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Breakdown voltage I(BR) = 100 A Forward voltage IF = 100 mA Reverse current VR = 50 V VR = 50 V, TA = 150 C AC characteristics Diode capacitance VR = 0 V, f = 1 MHz Reverse recovery time IF = 10 mA, IR = 10 mA, RL = 100 measured at IR = 1 mA Test circuit for reverse recovery time CD trr - - - - 2 4 pF ns V(BR) VF IR - - - - 0.1 100
A A
Values typ. max.
Unit
50 -
- -
- 1
V
Pulse generator: tp = 100 ns, D = 0.05 tr = 0.6 ns, Rj = 50
Oscillograph:
R = 50 tr = 0.35 ns C 1 pF
Semiconductor Group
2
BAL 74
Forward current IF = f (TA*; TS) * Package mounted on epoxy
Reverse current IR = f (TA)
Forward current IF = f (VF) TA = 25 C
Peak forward current IFM = f (t) TA = 25 C
Semiconductor Group
3
BAL 74
Forward voltage VF = f (TA)
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of Q62702-A718

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X