Part Number Hot Search : 
BU401 TC74H BU90030G 4762A KM110BH D2263 APM4548 C2983
Product Description
Full Text Search
 

To Download PMMAD1109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R) (R)
. . . . . Engineered solutions for the transient environment
PMMAD SERIES
STEERING DIODE (RAIL CLAMP) ARRA Y
APPLICATIONS
q q q q q High Frequency Data Lines RS-232 & RS-422 Interface Networks 10 Base T Networks LAN/ WAN Computer I/O Ports
IEC 1000-4 COMPATIBLE
SO-14 PACKAGE
FEATURES
q q q q q q IEC 1000-4-2, -4 & -5 Industry Requirements Designed for Rail Clamp Protection ESD Protection > 40 kilovolts Working Voltage > 50 Volts UL 94V-0 Flammability Classification Available in Standard SO-14 Surface Mount Package
RAIL CLAMP CIRCUIT
+
I/O Port
GND or (-)
DESCRIPTION
This series is designed with discrete diodes for complete isolation. Each diode can be individually tested according to the electrical characteristics. For transient voltage protection, two diodes are configured in series with the anode of one connect to the cathode of the other diode (See Rail Clamp Circuit).
SEE DIAGRAMS ON FOLLOWING PAGE.
MAXIMUM RATINGS @ 25C Ambient Temperature (unless specified)
IPP - Peak Pulse Current - % of IPP
FIGURE 1 PULSE WAVE FORM
tf Peak Value IPP 100 TEST WAVEFORM PARAMETERS tf = 8 s td = 20s
Continuous Power Dissipation Operating & Storage Temperature Continuous Forward Current
500mW -65 to +150C 400mA
MECHANICAL CHARACTERISTICS
Package Packaging Approximate Weight Device Markings Miscellaneous Molded SO-14 Surface Mount Package Tube or 16mm Tape per EIA 481 0.15 grams Logo & Part Number
50
e-t td = t IPP/ 2
0
Pin No. 1 Indicated by Dot on Top of Package
0
10 t - Time - s
20
30
2929 South Fair Lane * T empe, Arizona 85282 * USA T 602-431-8101 * Fax 602-431-2288 * E-mail sales@protek-tvs.com * Web www.protek-tvs.com el
19
ELECTRICAL CHARACTERISTICS @ 25 C Ambient Temperature
PROTEK PART NUMBER REPETITIVE PEAK REVERSE VOLTAGE @ 10 A VPRP Min VOLTS REVERSE LEAKAGE CURRENT @ 40 V I RM MAXIMUM FORWARD VOLTAGE @ 100 mA VF VOLTS FORWARD PEAK PULSE CURRENT (See Fig. 1) @ 8/20 s IPP AMPS MAXIMUM CAPACITANCE
A
@ 4 V, 1 MHz C pF
See Note 1
50
0.1
1.2
40
25
Note 1: Device Types Include: PMMAD130, PMMAD1103, PMMAD1105, PMMAD1106, PMMAD1107 and PMMAD1109. Electrical characteristics applies to all device types.
CIRCUIT DIAGRAM
PMMAD130
11 3 14
PMMAD1106
8
9
10
13
14
1
4
5
6
7
2
3
5
7
8
9
11
12
12
2
8 DIODE COMMON ANODE ARRAY NC Pin 1, 4, 6, 10 & 13
DUAL 10 DIODE ARRAY
PMMAD1103
1 1
PMMAD1107
8
2
3
5
7
8
9
11
12
2
3
11
12
4
5
9
10
14
14
7
16 DIODE ARRAY NC Pins 4, 6, 10 & 13
DUAL 8 DIODE ARRAY NC Pins 6 & 13
PMMAD1105
14 7 8
PMMAD1109
5 4 3 2 1
2
3
5
7
8
9
11
12
8
9
10
11
12
13
14
8 DIODE COMMON CATHODE ARRAY NC Pins 1, 4, 6, 10 & 13
7 ISOLATED DIODE ARRAY (Independent)
20
(R)
5089 10/98
(R) (R)
. . . . . Engineered solutions for the transient environment
PMMAD1108
STEERING DIODE (RAIL CLAMP) ARRA Y
ELECTRICAL CHARACTERISTICS @ 25 C Ambient Temperature
PROTEK PART NUMBER REPETITIVE PEAK REVERSE VOLTAGE @ 10 A V PRP Min VOLTS REVERSE LEAKAGE CURRENT FORWARD MAXIMUM MAXIMUM
IEC 1000-4 COMPATIBLE
PEAK PULSE FORWARD CAPACITANCE CURRENT (See Fig. 1) @ 8/20 s IPP AMPS VOLTAGE
@ 40 V IRM
@ 100 mA VF VOLTS
@ 4 V, 1 MHz C
A 0.1
pF 25
PPMAD1108
50
40
1.2
SO-16 PACKAGE CIRCUIT DIAGRAM
1 2 3 4 5 6 7 8
APPLICATIONS
q q q q q High Frequency Data Lines RS-232 & RS-422 Interface Networks 10 Base T Networks LAN/ WAN Computer I/O Ports
16
15
14
13
12
11
10
9
FEATURES
q q q q q q q IEC 1000-4-2, -4 & -5 Industry Requirements Eight (8) Individual Steering Diodes Designed for Rail Clamp Protection ESD Protection > 40 kilovolts Working Voltage > 50 Volts UL 94V-0 Flammability Classification Available in Standard SO-14 Surface Mount Package
PMMAD1108 8 ISOLATED DIODE ARRAY
RAIL CLAMP CIRCUIT
+
I/O Port
DESCRIPTION
This device is designed with discrete diodes for complete isolation. Each diode can be individually tested according to the electrical characteristics. For transient voltage protection, two diodes are configured in series with the anode of one connect to the cathode of the other diode (See Rail Clamp Circuit).
GND OR (-) FIGURE 1 PULSE WAVE FORM
MAXIMUM RATINGS
Continuous Power Dissipation Operating & Storage Temperature Continuous Forward Current 500mW -65 to +150C 400mA
IPP - Peak Pulse Current - % of IPP 100
tf Peak Value IPP
TEST WAVEFORM PARAMETERS tf = 8 s td = 20s
MECHANICAL CHARACTERISTICS
Package Packaging Approximate Weight Device Markings Miscellaneous Molded SO-16 Surface Mount Package Tube or 16mm Tape per EIA 481 0.15 grams Logo & Part Number Pin No. 1 Indicated by Dot on Top of Package
50
e-t td = t IPP/ 2
0 0 10 t - Time - s
5090 10/98
20
30
2929 South Fair Lane * T empe, Arizona 85282 * USA T 602-431-8101 * Fax 602-431-2288 * E-mail sales@protek-tvs.com * Web www.protek-tvs.com el
21


▲Up To Search▲   

 
Price & Availability of PMMAD1109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X