Part Number Hot Search : 
MC68882 HD020521 FX506LS AC128 K3450 01D105 14020 2SK44
Product Description
Full Text Search
 

To Download PME271Y415MR30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PME271Y
* EMI suppressor, class Y2, metallized paper * 0.001 - 0.15 F, 250 VAC up to +100, 300 VAC up to +115 C
* The highest possible safety regarding active and passive flammability. * Self-extinguishing UL 94V-0 encapsulation material. * Excellent self-healing properties. Ensures long life even when subjected to frequent overvoltages. * Good resistance to ionisation due to impregnated dielectric. * High dU/dt capability. * Small dimensions. * Safety approvals for worldwide use. * The capacitors meet the most stringent IEC humidity class, 56 days. * The impregnated paper ensures excellent stability giving outstanding reliability properties, especially in applications having continuous operation.
L
TYPICAL APPLICATIONS
The capacitors are intended for use as interference suppressors in Y2 (line-to-earth) applications.
B
CONSTRUCTION
Multi-layer metallized paper. Encapsulated and impregnated in self-extinguishing material meeting the requirements of UL 94V-0.
H
p 0.5 d
l
d = 0.6 for p = 10.2 0.8 for p = 15.2, 20.3, 22.5 1.0 for p = 25.4 l = standard 30 +5/-0 mm (code R30) option short leads, tolerance +0/-1 mm (standard 6 mm, code R06) Other lead lengths on request.
dB 70 60 Attenuation
0.47 F 0.047 F 0.0047 F
TECHNICAL DATA
PME271Y Rated voltage VAC, 50/60Hz Capacitance range F Temperature range C Climatic category IEC Capacitance tolerance Approvals Dissipation factor tan Insulation resistance 250 0.001-0.1 -40/+100 40/100/56/B PME271YA-E 300 0.001-0.15 -40/+115 40/115/56/B
10% for C > 0.1 F, code K. 20% for C 0.1 F, code M S, N, D, FI, VDE, SEV, IMQ, UL, CSA 1.3 % at 1 kHz C 0.33 F 12000 M Measured at 500 VDC after 60 s, +23C Recommended voltage: 1000 VDC Tabulated self-resonance frequencies f0 refer to 5 mm lead lengths. The 100% screening factory test is carried out at 3000 VDC. The voltage level is selected to meet the requirements in applicable equipment standards. All electrical characteristics are checked after the test.
50 40 30 20 10
In DC applications Resonance frequency
f 0 1 3 5 10 30 100 200 MHz
Suppression versus frequency. Typical values.
Test voltage between terminals
ENVIRONMENTAL TEST DATA
Vibration IEC 60068-2-6, Test Fc 3 directions at 2 hour each, 10 - 500 Hz at 0.75 mm or 98 m/s2 No visible damage, No open or short circuit
Bump Solderability
IEC 60068-2-29, Test Eb 4000 bumps at 390 m/s2 IEC 60068-2-20, Test Ta Solder globule method
No visible damage, No open or short circuit Wetting time for d 0.8 < 1 s for d > 0.8 < 1.5 s
Active flammability
EN 132400
Passive flammability IEC 60384-14 (1993), EN 132400 Humidity IEC 60068-2-3, Test Ca +40C and 90 - 95% R.H. 56 days
165
PME271Y ARTICLE TABLE
Quantity per package reel R30 R06 taped Weight pcs pcs pcs g Approvals fO MHz Max dU/dt V/s
S N D FI VDE SEV IMQ UL CSA
Capaci- Max dimensions tance in mm F B H L
Article code
p
CLASS Y2 250 VAC +100 C PME271 Y
0.0010 0.0015 0.0022 0.0033 0.0047 0.0068 0.010 0.015 0.022 0.033 0.047 0.068 0.10 3.9 3.9 3.9 4.1 5.1 5.2 5.2 5.5 7.3 7.6 9.0 11.3 12.1 7.5 7.5 7.5 8.2 10.5 10.5 10.5 11.0 13.0 14.0 15.0 16.5 19.0 13.5 13.5 13.5 13.5 13.5 18.5 18.5 18.5 19.0 10.2 10.2 10.2 10.2 10.2 15.2 15.2 15.2 15.2 1000 1000 1000 1000 800 500 500 500 400 250 200 150 100 2000 2000 2000 2000 1600 1000 1000 1000 800 1500 1200 1000 800 700 700 700 600 600 600 600 500 400 250 250 180 0.7 0.7 0.7 0.9 1.2 1.7 1.7 2.0 3.0 4.0 5.0 7.0 10.0 53 44 37 30 24 19 16 13 9.8 7.0 6.0 4.6 3.9 2000 2000 2000 2000 2000 1400 1400 1400 1400 1000 1000 600 400 PME271Y410MR30 PME271Y415MR30 PME271Y422MR30 PME271Y433MR30 PME271Y447MR30 PME271Y468MR30 PME271Y510MR30 PME271Y515MR30 PME271Y522MR30 PME271Y533MR30 PME271Y547MR30 PME271Y568MR30 PME271Y610MR30
24.0 20.3 24.0 20.3 24.0 20.3 30.5 25.4

CLASS Y2 300 VAC + 115 C PME271 Y
0.0010 0.0015 0.0022 0.0025 0.0033 0.0047 0.0068 0.010 0.015 0.022 0.033 0.047 0.068 0.033 0.047 0.068 0.10 0.10 0.15 3.9 3.9 3.9 4.1 4.1 5.1 5.2 5.2 5.5 7.3 7.6 9.0 11.3 8.0 8.0 10.0 12.0 12.1 15.3 7.5 7.5 7.5 8.2 8.2 10.5 10.5 10.5 11.0 13.0 14.0 15.0 16.5 17.0 17.0 19.0 22.0 19.0 22.0 13.5 13.5 13.5 13.5 13.5 13.5 18.5 18.5 18.5 18.5 10.2 10.2 10.2 10.2 10.2 10.2 15.2 15.2 15.2 15.2 1000 1000 1000 1000 1000 800 500 500 500 400 250 200 150 200 200 150 100 100 75 2000 2000 2000 2000 2000 1600 1000 1000 1000 800 1500 1200 1000 1200 1200 1000 800 800 600 700 700 700 600 600 600 600 600 500 400 250 250 180 250 250 200 0.7 0.7 0.7 0.9 0.9 1.2 1.7 1.7 2.0 3.0 4.0 5.0 7.0 5.5 5.5 7.5 10.0 10.0 15.0 53 44 37 35 30 24 19 16 13 9.8 7.0 6.0 4.6 6.8 5.8 4.8 3.8 3.9 3.1 2000 2000 2000 2000 2000 2000 1400 1400 1400 1400 1000 1000 1000 600 600 600 600 400 400 PME271YA4100MR30 PME271YA4150MR30 PME271YA4220MR30 PME271YA4250MR30 PME271YA4330MR30 PME271YA4470MR30 PME271YB4680MR30 PME271YB5100MR30 PME271YB5150MR30 PME271YB5220MR30 PME271YC5330MR30 PME271YC5470MR30 PME271YC5680MR30 PME271YD5330MR30 PME271YD5470MR30 PME271YD5680MR30 PME271YD6100MR30 PME271YE6100MR30 PME271YE6150KR30
24.0 20.3 24.0 20.3 24.0 20.3 27.0 27.0 27.0 27.0 22.5 22.5 22.5 22.5

30.5 25.4 30.5 25.4

166
PME271Y
APPROVALS/REFERENCE DOCUMENTS
Certification Body S Specification EN 132400 Approval reference 9920003/01 (250 VAC), 9834228/01 (300 VAC) P99101381 (250 VAC) DK99-01992 (250 VAC) 208122 (250 VAC) 121344 (250 VAC) 118222 (300 VAC) 99.7 70329.01 (250 VAC) V 4773 (250 VAC) E 100117 (250 VAC) 53108 (250 VAC) * * * * * * *
MARKING
RIFA RIFA article code Rated capacitance Rated voltage Y2 SH, for self-healing Climatic category according to IEC 60068-1, appendix A * Passive flammability class * Approval marks * Manufacturing code (year, month)
N D FI VDE
EN 132400 EN 132400 EN 132400 EN 132400
SEV IMQ UL CSA
EN 132400 EN 132400 UL 1283 (UR = 250 VAC) C 22.2 No. 8
PACKING
Capacitors in standard design (lead length 30 mm) and with L < 24 mm and lead length 5 or 6 mm are packed bulk in a box with dimensions 245 x 145 x 80 mm. Quantity/ package as per article table. Capacitors with L 24 mm and lead length 5 or 6 mm are packed on trays piled in a box with dimensions 300 x 260 x 195 mm. Quantity/package as per article table. Reels with taped capacitors are packed 10 in a box with dimension 370 x 370 x 560 mm. The standard quantity/reel is for 360 mm reel. If 500 mm reel is required, it must be specified when ordering and the quantity is 2 x the given quantity.
ORDERING INFORMATION
The article code for the standard part is given in the article table. For other options, see page 21.
167


▲Up To Search▲   

 
Price & Availability of PME271Y415MR30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X