Part Number Hot Search : 
GSC3842 2SK1952 30PBF MMBTA43 MAZM068H 4DFT2 C3000 BCM34
Product Description
Full Text Search
 

To Download PC1843DG-21H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC1843DG-21H
Features
* * * * Low Cost and RoHS Compliant Industry Standard 1 Inch Drop-in package Designed for Wireless Telecom Systems 50 Ohms Characteristic Impedance The PC1843DG-21H is a small low cost drop-in circulator designed for applications in high performance linear power amplifiers for wireless base stations. These circulators feature a robust construction for high reliability with excellent IMD performance. These circulators are built Lead-Free and RoHS compliant. CCW rotation and special tab offsets available on request. S-Parameters are also available on request.
DROP-IN CIRCULATOR
Description
Specifications
Parameter Frequency Range (MHz) Insertion Loss (dB) Isolation (dB) Return Loss (dB) IMD (dBc) 2T x 37.5 Watts 20 20 -70 Minimum 1805 <. 17 >25 >25 -75 Typical Maximum 1880 .30
Absolute Maximum Ratings
Parameter Power Operating Temperature Storage Temperature Maximum 100 Watts CW -40 to +85 C -40 to +85 C
Note: Typical values represent Mid-band performance @ 25C.
Schematic
Package
Pin Functions
Function INPUT Pin 1 2 3
1
2
OUTPUT TERMINATED
3
Typical Test Data - Insertion Loss
Insertion Loss
0.00 -0.05 -0.10 dB -0.15 -0.20 S21
Typical Test Data - Return Loss and Isolation
Re turn Loss and Isolation
-20
-25
S11 S22 S12
dB -30
-35
-0.25 -0.30 1785
-40 1785
1835 Frequency (MHz)
1885
1805
1825
1845
1865
1885
1905
Frequency (MHz)
Specifications and information on this data sheet are subject to change without notice.
1860 Hartog Drive, San Jose, California 95131 USA Leffelholzstr. 20, D-90441, Nurnberg, Germany 2/1-2F, No.99 Lane 2535 Gudai Rd, Shanghai, China PC 201100 Tel: 001-408-436-7720 Tel: +49(0)911/9411 233 Tel: (86)21-5416-8648 Fax: 001-408-436-7689 Fax: +49(0)911/9411 198 Fax: (86)21-5416-8753 Email: Sales@premierdevices.com Email: Sales.germany@premierdevices.com Email: Sales.china@premierdevices.com


▲Up To Search▲   

 
Price & Availability of PC1843DG-21H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X