Part Number Hot Search : 
DTC114G KSC3502E EP8301 A3106 AO4404A OM6407SD 81BD15 74LVC377
Product Description
Full Text Search
 

To Download NTE3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE3000 Light Emitting Diode Miniature, Clear Red
Description: The NTE3000 is a red diffused Gallium Arsenide phosphide diode in a two lead epoxy package with a clear lens. The NTE3000 is intended for high volume indicator light applications. Major usage is in applications such as diagnostic lights on printed circuit boards and panel lights. It can also be used to displace subminiature lamps as small as T3/4 size. Absolute Maximum Ratings: Power Dissipation (TA = +25C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80mW Derate linearly from 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6mW/C Forward Current Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA Peak (1 sec pulse width, 0.3% duty cycle) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0A Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0V Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +100C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +100C Lead Temperature (During Soldering, 5sec max, Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +230C Note 1. The leads of the device were immersed in molten solder at +230C to a point 1/16 (1.6mm) inch from the body of the device per MIL S-750, with a dwell time of 5 seconds. Typical Thermal Characteristics: Wavelength Temperature Coefficient (Case Temperature) . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3nm/C Forward Voltage Temperature Coefficient . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0mV/C Electro-Optical Characteristics: (TA = +25C unless otherwise specified)
Parameter Luminous Intensity Peak Emission Wavelength Spectral Line Halfwidth Forward Voltage Capacitance Rise & Fall Time Reverse Current Reverse Breakdown Voltage View Angle Test Conditions IF = 20mA, Note 2 IF = 20mA IF = 20mA IF = 20mA V=0 50 System IF = 20mA VR = 3.0V IR = 100A Between 50% points Min 0.5 - - - - - - 5 - Typ 1.4 660 20 1.65 80 50 5.0 15 80 Max - - - 2.0 - - - - - Unit mcd nm nm V pF ns nA V degrees
Note 2. As measured with a Photo Research Corp. "SPECTRA" Microcandela Meter (Model IV-D).
.250 (6.35) Min
.100 (2.54) .020 (.508)
.025 (0.65) Green Mark Indicates Cathode (-)
.085 (2.18) .038 (0.98) R .055 (1.4) .015 (0.39) .010 (.254)
15
.095 (2.42)


▲Up To Search▲   

 
Price & Availability of NTE3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X