Part Number Hot Search : 
MC1741CG EL4093C CEP50N10 SP6203 SM2313 7812SB CEP50N10 MAX2251
Product Description
Full Text Search
 

To Download NTE30001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE30001 Infrared Emitting Diode Bi-Directional
Features: D Bi-Directional Light Emission Type D High Output: Fe = 1mW Typ at IF = 20mA Applications: D Light Source for Tape End Detector for VHS type VCR's Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75mW Forward Current, IF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Peak Forward Current (Note 1), IFM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Reverse Voltage, VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Operating Junction Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25C to +85C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40C to +85C Lead Temperature (During Soldering, Note 2), TL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +260C Note 1. Pulse Width 100s, Duty Ratio = 0.01 Note 2. For 3 seconds at a distance of 2.5mm from the bottom face of the resin package. Electro-Optical Characteristics: (TA = +25C unless otherwise specified)
Parameter Forward Voltage Peak Forward Voltage Reverse Current Terminal Capacitance Radiant Flux Peak Emission Wavelength Half Intensity Wavelength Symbol VF VFM IR Ct Fe p Test Conditions IF = 20mA IFM = 500mA VR = 3V V = 0, f = 1MHz IF = 20mA IF = 5mA IF = 5mA Min - - - - 0.7 - - Typ 1.2 3.0 - 50 1.0 950 45 Max 1.4 4.0 10 100 2.0 - - Unit V V A pF mW nm nm
.157 (4.0)
.070 (1.78) .049 (1.25) R (2 Places) .236 (6.0)
.157 (4.0)
A .039 (1.0) .669 (17.0)
.708 (18.0) .019 (0.5) .019 (0.5) K
.100 (2.54)
A
K


▲Up To Search▲   

 
Price & Availability of NTE30001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X