Part Number Hot Search : 
KDS114E RBV1001D 25ETT SG3548 C484FD26 06P303 FDS6680A 2409S
Product Description
Full Text Search
 

To Download NJG1312PC1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJG1312PC1 SPDT SWITCH DRIVER AMPLIFIRE GaAs MMIC
nGENERAL DESCRIPTION NJG1312PC1 is a GaAs MMIC mainly designed for CDMA 800MHz band cellular phone handsets. This Ic features low current consumption and variable gain. An ultra small & thin FFP package is adopted. nPACKAGE OUTLINE
NJG1312PC1 nFEATURES lLow supply voltage operation lLow current consumption lHigh gain lPout at 1dB Gain Compression point lUltra small & thin package nPIN CONFIGURATION +2.9V typ. 17mA typ. @ Pout=+5.6dBm 19dB typ. @ 900MHz +10dBm typ. @ 900MHz FFP16-C1 (Mount Size: 2.5x2.5x0.85mm)
FFP16 Type (Top View) 12 11 10 9
13
14 15 16 2
8 7 6 5
Pin Connection 1.PC 9.RFout 2.GND 10.GND 3.GND 11.P2 4.RFin 12. VCTR2 5.NC 13. VCTR1 6.GND 14.P1 7.GND 15.GND 8.BPC 16.GND
1
3
4
-1-
NJG1312PC1
nABSOLUTE MAXIMUM RATINGS PARAMETER Drain Voltage Control Voltage Input Power Power Dissipation Operating Temperature Storage Temperature SYMBOL CONDITIONS VDD VCTL Pin VDD=2.9V PD Topr Tstg (Ta=+25C, Zs=Zl=50) RATINGS UNITS 6 V 6 V 15 dBm 400 mW -40~+85 C -55~+125 C
nELECTRICAL CHARACTERISTICS (VDD=2.9V, VCTR=2.7V, f=900MHz, Ta=-20~+80C, Zs=Zl=50, Rs (External)=180) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating Frequency Freq 887 900 925 MHz Drain Voltage VDD 2.7 2.9 5.0 V RF SW ON Operating Current IDD 17 22 mA - Pout=+5.6dBm Control Current Control Voltage(LOW) Control Voltage(HIGH) Small Signal Gain Gain Flatness Gain Control Range Pout at 1dB Gain Compression point IN-Band Spurious1 IN-Band Spurious2 Input VSWR Output VSWR ICTL VCTL(L) VCTL(H) Gain Gflat Gcont P-1dB IBS1 IBS2 VSWRi VSWRo RF SW ON Pin=-15dBm RF SW ON Pin=-15dBm f=887~925MHz Pin=-15dBm RF SW ON
RF SW ON, Pout=+5.6dBm OFFSET 900kHz RF SW ON, Pout=+5.6dBm OFFSET 1.98MHz
- -0.2 2.5 17 - -28.5 - - - - -
1.0 0 2.7 19 0.5 -27 +10 -55 -73 2.4 1.4
2.0 0.2 5.5 22 - -25.5 - -51 -68 3.0 2.0
uA V V dB dB dB dBm dBc dBc
RF SW ON RF SW ON
Note)
RF SW ON/OFF in the table above: Control voltages (V CTL1, V CTL2) are as follows RF SW ON RF SW OFF P1: V CTL1=0V, V CTL2=2.7V P2: V CTL1=2.7V, V CTL2=0V P1: V CTL1=2.7V, V CTL2=0V P2: VCTL1=0V, VCTL2=2.7V
-2-
NJG1312PC1
nTERMINAL INFORMATION No. 1 2 3 4 5 6 7 8 SYMBOL PC GND GND RFin NC GND GND BPC DESCRIPTIONS RF output terminal of SW. Ground terminal. Ground terminal. RF signal input terminal of driver amplifier. Neutral terminal. Should be connected to the ground. Ground terminal. Ground terminal. Source electrode terminal of driver amplifier. The operating current is chosen by a resistor connected between this terminal and ground. RF signal output terminal of driver amplifier. Please use choke coil for power supply of driver amplifier at this terminal. Ground terminal. RF input terminal 2 of SW. Control terminal 2 of RF signal. Please see the truth table. Control terminal 1 of RF signal. Please see the truth table. RF input terminal 1 of SW. Ground terminal. Ground terminal.
9 10 11 12 13 14 15 16
RFout GND P2 VCTL2 VCTL1 P1 GND GND
Notice: PC terminal at pin 1 should be connected to the GND through high resistance for pull-down (Max 560K).
nTRUTH TABLE
VCTL1 0V 2.7V
VCTL2 2.7V 0V
P1-PC ON OFF
P2-PC OFF ON
-3-
NJG1312PC1
nTYPICAL CHARACTERISTICS
FREQUENCY CHARACTERISTIC FREQUENCY CHARACTERISTICS
(V =2.9V, V
DD CTR
FREQUENCY CHARACTERISTIC FREQUENCY CHARACTERISTICS
(V =2.9V, V
DD CTR
=2.7V, RF SW ON) 0 10
=2.7V, RF SW OFF) -10
20 S21 10 S11,S21,S22 (dB)
-10 S11,S21,S22 (dB)
0 S11 -10 S21 -20 S22
-20 -30 S12 (dB) In Band Spurios (dBc) Pout =5.6dBm
S12 (dB)
0 S11 -10 S22 -20 S12
-20
-40
-30
-30 S12 -40
-50
-40
-60
-30 0.5
-50 1 1.5 2 Frequency (GHz) 2.5 3
-50 0.5
-70 1 1.5 2 Frequency (GHz) 2.5 3
IDD, ICTR vs. TEMPERATURE Pin vs. Pout, IDD
(V DD=2.9V, VCTR=2.7V, f=900MHz) 20 15 Pout 10 Pout (dBm) 5 0 -5 -10 IDD -15 -20 -15 -10 -5 Pin (dBm) 0 5 10 10 P-1dB 9.73dBm 35 45
25 5
(VDD=2.9V, VCTR=2.7V, f=900MHz, Pout=5.6dBm)
30 6
40
20 4
IDD(mA)
20
5 1
I
25
DD
(mA)
30
15
IDD
3
10
2
15
0 -50 -25 0 25 50 75
ICTR
0 100
Gain, G
30 25
cont
,G
flat
vs. TEMPERATURE
0.6 Gcont 0.5 P-1dB, Psat, OIP3 (dBm)
P-1dB, Psat, IN BAND SPURIOUS vs. TEMPERATURE
(V =2.9V, V
DD CTR
(V DD=2.9V, VCTR=2.7V, f=900MHz) 25
=2.7V, f=900MHz) 75
1.98MHz offset OIP3
20
70
Gain, Gcont (dB)
20 Gain 15 10 G flat
0.4 (dB)
15 Psat 10 P-1dB
65
G
flat
0.3 0.2
60
5 0 -50
0.1 0 100
5
0.9MHz offset
55
-25
0
25
50
o
75
0 -50
Ambient Temperature ( C)
-25 0 25 50 75 Ambient Temperature ( oC)
50 100
-4-
ICTR(uA)
NJG1312PC1
nTYPICAL CHARACTERISTICS Driver Amp. Scattering Parameters Table Freq. (GHz) 0.50 0.60 0.70 0.80 0.90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 mag (U) 0.902 0.907 0.901 0.896 0.880 0.864 0.839 0.824 0.797 0.779 0.754 0.737 0.715 0.696 0.676 0.663 0.644 0.628 0.617 0.603 0.594 0.582 0.577 0.574 0.577 0.580 S 11 ang (deg) -20.1 -25.8 -31.2 -36.8 -41.9 -46.9 -52.0 -56.6 -61.1 -65.6 -69.6 -73.8 -77.4 -81.3 -84.5 -88.0 -90.8 -93.9 -96.3 -98.9 -101.0 -102.9 -104.6 -106.1 -107.3 -108.4 mag (U) 4.427 4.762 4.897 5.018 4.992 5.006 4.891 4.837 4.675 4.580 4.428 4.301 4.122 3.973 3.800 3.653 3.478 3.334 3.163 3.016 2.850 2.702 2.546 2.389 2.234 2.069 (VDD=2.9V, Rs=180, Zo=50) S 12 mag (U) 0.036 0.040 0.044 0.048 0.051 0.053 0.055 0.058 0.061 0.061 0.063 0.064 0.064 0.067 0.066 0.067 0.068 0.068 0.069 0.069 0.069 0.070 0.070 0.069 0.069 0.066 ang (deg) 53.9 49.6 45.4 41.9 37.6 35.0 32.6 28.1 27.1 22.8 21.4 19.0 15.3 13.3 10.4 7.8 6.2 3.9 1.7 -1.3 -3.5 -6.6 -10.5 -13.1 -17.0 -21.0 mag (U) 0.763 0.757 0.699 0.701 0.667 0.660 0.651 0.636 0.642 0.636 0.640 0.640 0.640 0.643 0.644 0.648 0.651 0.659 0.662 0.676 0.683 0.697 0.706 0.722 0.733 0.747 S 22 ang (deg) -47.8 -56.9 -63.4 -70.6 -77.0 -83.2 -88.6 -94.7 -99.9 -105.8 -110.2 -115.1 -119.4 -123.5 -127.8 -131.7 -135.3 -139.5 -143.0 -147.1 -150.9 -154.6 -158.4 -161.9 -165.5 -168.9
S 21 ang (deg) -177.6 172.6 164.1 155.4 147.8 140.2 133.3 126.4 120.3 113.7 108.0 102.0 96.9 91.6 86.3 81.2 76.5 71.9 67.3 62.7 58.3 54.1 50.0 46.3 42.6 39.6
NJG1312PC1 ( TOP VIEW )
16 1 2 3 15 14 13 12 11 10
S11
4 5 6 7 8 9
S22
Rs 180
Ref. Ref.
Driver Amp. Scattering Parameters
-5-
NJG1312PC1
nAPPLICATION CIRCUIT
P2
C2 100pF C11 10pF C10 10pF
13 14
C9 C8 1000pF 39pF VDD=2.9V L3 15nH L2 15nH
VCTR2 VCTR1
C7 100pF RFOUT C6 0.75pF
12 11 10
9 8 7 6 5
P1 C1 100pF
15 16 1 2 3 4
R2 180
C3 100pF L4 10nH L1 8.2nH
NJG1312PC1 (TOP VIEW) R1 270
VDD C2 C9 C8 L3 GND C6 L2 R2 R1 L1 L4 P1 C1 PCB: FR-4 19.0x26.0mm, t=0.2mm MICROSTRIP LINE WIDTH=0.4mm (Zo=50) CHIP SIZE:1005 RFOUT C7
P2
C11 nRECOMMENDED PCB DESIGN VCTR2 VCTR1 C10 C3
[1] Chip parts list Parts ID C1~C11 L1~L4 Comment MURATA GRM36 Series TAIYO-YUDEN HK1005 Series
-6-
NJG1312PC1
nPACKAGE OUTLINE (FFP16-C1)
1pin INDEX
0.35 2pin INDEX 0.2540.1 0.850.15 0.10 0.30 0.30
2.50.1
0.50
0.50
0.20
UNIT PCB OVER COAT TERMINAL TREAT WEIGHT
: mm : Ceramic : Epoxy resin : Au : 15mg
0.17 0.365
0.27
Cautions on using this product This product contains Gallium-Arsenide (GaAs) which is a harmful material. * Do NOT eat or put into mouth. * Do NOT dispose in fire or break up this product. * Do NOT chemically make gas or powder with this product. * To waste this product, please obey the relating law of your country. This product may be damaged with electric static discharge (ESD) or spike voltage. Please handle with care to avoid these damages.
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
-7-


▲Up To Search▲   

 
Price & Availability of NJG1312PC1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X