Part Number Hot Search : 
SMCJ11 SM5Z6V0 TM100 SD101A D5027 421904 H11N3TVM H11N3TVM
Product Description
Full Text Search
 

To Download MS906C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ( DataSheet : www..com )
MS906C3
Major characteristics
VRRM VF IO 300 0.89 20 V V A
(20A)
9.00.2 7.00.2 4
0.60.2 10.10.3 9.00.2
(300V / 20A )
Outline drawings, mm
0.1
Low loss fast recovery diode
Characteristics MS906C3 Units Condition
Tj=125C, typ
2.0 1.5 2.0 2.5 Solder Plating
0.50.2
(5.8)
1 1.00.2
2
3
0.40.1
3.60.2
Features
Low VF Low height : 2.8mm Small mounting area High reverse voltage Center tap connection
Applications
High frequency operation DC-DC converters AC adapter
1.00.2
2.80.2
(4.0) (0.8)
(3.2)
Connection diagram
Maximum ratings and characteristics
Absolute maximum ratings
Item Repetitive peak reverse voltage Repetitive peak surge reverse voltage Average output current Surge current Operating junction temperature Storage temperature Symbol VRRM VRSM Io IFSM Tj Tstg tw=500ns, duty=1/40 Square wave, duty=1/2 Tc=95C Sine wave 10ms Conditions
1 2
4
3
Rating 300 300 20 80 +150 -40 to +150
Unit V V A A C C
*
* Average output current at centertap full wave connection
Electrical characteristics (Tc=25C Unless otherwise specified )
Item Forward voltage drop Reverse current Reverse recovery time Symbol VFM IRRM trr Conditions IFM=10A VR=VRRM IF=0.1A, IR=0.2A, Irec=0.05A Max. 1.2 200 35 Unit V A ns
Electrical characteristics (Tc=25C Unless otherwise specified )
Item Thermal resistance Symbol Rth(j-c) Condition Junction to case Max. 2 Unit C/W
www..com
www..com
(2.2) (2.1)
(10.1)
(300V / 20A )
Characteristics
MS906C3 (20A)
Forward Characteristic (typ.)
100 10
1
Reverse Characteristic (typ.)
Tj=150C
Tj=125C
Forward Current (A)
10
10
0
(mA)
Tj=100C
1
Tj=125C Tj=100C Tj=25C
Reverse Current IR
Tj=150C
10
-1
IF
0.1
10
-2
Tj=25C
0.01 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-3
0
50
100
150
200
250
300
VF
Forward Voltage (V)
VR
Reverse Voltage (V)
Forward Power Dissipation
14
360
Reverse Power Dissipation
6
360
DC
(W)
(W)
12
Io
5
VR
10
Reverse Power Dissipation
Forward Power Dissipation
Square wave =60 8 Square wave =120 Sine wave =180 6 Square wave =180
4
3
=180
o
2
4
DC
WF
PR
Per 1element 0 1 2 3 4 5 6 7 8 9 10
2
1
0
0 0 25 50 75 100 125 150 175 200 225 250 275 300
Io
Average Forward Current
(A)
VR
Reverse Voltage
(V)
Current Derating (Io-Tc)
160
360
Junction Capacitance Characteristic (typ.)
100
150 140
Io
130 120 110 Sine wave =180 100 90 80 70 60 0 5 10 15 20 Square wave =180 Square wave =120 Square wave =60 DC
Case Temperature
Junction Capacitance (pF) CJ
(C)
10
Tc
1 1 10 100
:Conduction angle of forward current for each rectifier element
Io
Average Output Current
(A)
VR
Reverse Voltage (V)
Io:Output current of center-tap full wave connection
(300V / 20A )
Surge Capability
1000
MS906C3 (20A)
Peak Half - Wave Current IFSM
(A)
100 10 1 10 100
Number of Cycles at 50Hz
Transient Thermal Impedance
10
2
(C/W)
Transient Thermal Impedance
10
1
10
0
10
-1
10
-3
10
-2
10
-1
10
0
10
1
10
2
t
Time (s)


▲Up To Search▲   

 
Price & Availability of MS906C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X