|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOC3020X, MOC3021X, MOC3022X, MOC3023X MOC3020, MOC3021, MOC3022, MOC3023 OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC APPROVALS l UL recognised, File No. E91231 under Package System 'KK' 2.54 7.0 6.0 1.2 7.62 6.62 1 2 3 Dimensions in mm 6 5 4 7.62 4.0 3.0 0.5 13 Max 0.26 'X' SPECIFICATION APPROVALS l VDE 0884 in 3 available lead forms : - STD - G form - SMD approved to CECC 00802 DESCRIPTION 3.0 The MOC302_ series are optically coupled isolators consisting of a Gallium Arsenide infrared emitting diode coupled with a light activated silicon bilateral switch performing the functions of a triac mounted in a standard 6 pin dual-in-line package. FEATURE l Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. l High Isolation Voltage (5.3kVRMS ,7.5kVPK ) l 400V Peak Blocking Voltage l All electrical parameters 100% tested l Custom electrical selections available APPLICATIONS CRTs l Power Triac Driver l Motors l Consumer appliances l Printers l 0.5 3.35 ABSOLUTE MAXIMUM RATINGS (25 C unless otherwise noted) Storage Temperature -550C - +1500C Operating Temperature -400C - +1000C Lead Soldering Temperature 2600C (1.6mm from case for 10 seconds) INPUT DIODE Forward Current 50mA Reverse Voltage 6V Power Dissipation 70mW (derate linearly 0.93mW/0C above 250C) OUTPUT PHOTO TRIAC Off-State Output Terminal Voltage 400V Forward Current (Peak) 1A Power Dissipation 300mW (derate linearly 4.0mW/0C above 250C) POWER DISSIPATION OPTION SM SURFACE MOUNT OPTION G 7.62 0.6 0.1 10.46 9.86 1.25 0.75 0.26 10.16 Total Power Dissipation 330mW (derate linearly 4.4mW/0C above 250C) ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, Cleveland, TS25 1YD Tel: (01429) 863609 Fax :(01429) 863581 19/12/02 DB91045m-AAS/A4 ELECTRICAL CHARACTERISTICS ( TA = 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) Reverse Current (IR) Peak Off-state Current ( I DRM ) Peak Blocking Voltage ( VDRM ) On-state Voltage ( VTM ) Critical rate of rise of off-state Voltage ( dv/dt ) ( note 1 ) Critical rate of rise of commutating Voltage ( dv/dt ) ( note 1 ) 400 1.5 10 0.1 0.2 3.0 MIN TYP MAX UNITS 1.2 1.5 100 100 V A nA V V V/s V/s I load = 15mA, VIN = 30V ( fig 1. ) TEST CONDITION IF = 10mA VR = 6V VDRM = 400V (note 1 ) IDRM = 100nA ITM = 100mA ( peak ) Output Coupled Input Current to Trigger ( IFT )(note 2 ) MOC3020 MOC3021 MOC3022 MOC3023 30 15 10 5 mA mA mA mA A VD = 3V ( note 2 ) Holding Current , either direction ( IH ) Input to Output Isolation Voltage VISO 5300 7500 100 VRMS VPK See note 3 See note 3 Note 1. Test voltage must be applied within dv/dt rating. Note 2. Guaranteed to trigger at an IF value less than or equal to max. IFT , recommended IF lies between Rated IFT and absolute max. IFT . Note 3. Measured with input leads shorted together and output leads shorted together. FIGURE 1 +5v VCC VCC + 120 0v COMMUTATING dv/dt STATIC dv/dt 2 3 5 4 RL 2k RIN 1 6 VIN ~ 19/12/02 DB91045m-AAS/A4 RMS On-state Current vs. Ambient Temperature Normalised repetitive peak off-state voltage 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -30 Normalised Repetitive Peak Off-state Voltage vs. Ambient Temperature RMS on-state current IT (Arms) 0.1 0.05 Normalised to TA = 25C 0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Forward Current vs. Ambient Temperature 80 70 Forward current IF (mA) 60 50 40 30 20 10 0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Normalised Input Trigger Current vs. Ambient Temperature Normalised input trigger current ( IFT ) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -30 0 25 50 75 100 Ambient temperature TA ( C ) 19/12/02 0 25 50 75 100 Ambient temperature TA ( C ) On-state Voltage vs. Ambient Temperature 2.8 2.4 On-state voltage VTM (V) 2.0 1.6 1.2 0.8 0.4 0 -30 0 25 50 75 100 Ambient temperature TA ( C ) On-state Current vs. On-state Voltage 100 On-state current ITM (mA) 80 60 IF = 20mA TA = 25C Normalised to TA = 25C 40 20 0 0 0.4 0.8 1.2 1.6 2.0 On-state voltage VTM (V) DB91045m-AAS/A4 |
Price & Availability of MOC3022 |