|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DO-214 Style Rectifiers - 2,500V 0.35A - 0.5 A * 30ns - 70ns ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS Part Number Working Reverse Voltage (Vrwm) Average Rectified Current (Io) 55C(1) Volts MD90FF25J MD90U25J Amps Reverse Current @ Vrwm (Ir) Forward Voltage (Vf) 25C 1 Cycle Repetitive Reverse Surge Surge Recovery Current Current Time tp=8.3ms (3) (Ifsm) (Ifrm) (Trr) 25C Amps 25C Amps 25C ns Thermal Impd. Junction Markings C ap. @50VDC @1kHz (Cj) 25C pF J-L 25C C / W 100C(2) 25C 100C 25C Amps A A Volts Amps 2500 2500 0.35 0.50 0.20 0.25 1.0 1.0 25 25 6.2 5.4 0.50 0.50 10 10 2.5 2.5 30 70 13 13 10 10 F F 25 U25 (1)TC=55C (2)TC=100C (3)If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp.= -65C to +175C Stg. Temp.= -65C to +200C Application Note: Voltage rating in air 800VMAx Operating at voltage > 800V Requires conformal coating or encapsulation. Plating: Finish: Tin Bright luster Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice. VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291 TEL. 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com www.highvoltagepowersupplies.com 14 |
Price & Availability of MD90FF25J |