Part Number Hot Search : 
2SC3012 NTE725 D74LVC5 R8810 70HF20 201ER 19381252 32U02
Product Description
Full Text Search
 

To Download MCT2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MCT2/D
GlobalOptoisolatorTM
6-Pin DIP Optoisolators Transistor Output
The MCT and MCT2E devices consist of a gallium arsenide infrared emitting diode optically coupled to a monolithic silicon phototransistor detector. Applications * General Purpose Switching Circuits * Interfacing and coupling systems of different potentials and impedances * I/O Interfacing * Solid State Relays * Monitor and Detection Circuits * To order devices that are tested and marked per VDE 0884 requirements, the suffix "V" must be included at end of part number. VDE 0884 is a test option. MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating INPUT LED Reverse Voltage Forward Current -- Continuous LED Power Dissipation @ TA = 25C with Negligible Power in Output Detector Derate above 25C OUTPUT TRANSISTOR Collector-Emitter Voltage Emitter-Collector Voltage Collector-Base Voltage Collector Current -- Continuous Detector Power Dissipation @ TA = 25C with Negligible Power in Input LED Derate above 25C TOTAL DEVICE Isolation Surge Voltage(1) (Peak ac Voltage, 60 Hz, 1 sec Duration) Total Device Power Dissipation @ TA = 25C Derate above 25C Ambient Operating Temperature Range(2) Storage Temperature Range(2) Soldering Temperature (10 sec, 1/16 from case) VISO PD TA Tstg TL 7500 250 2.94 - 55 to +100 - 55 to +150 260 Vac(pk) mW mW/C C C C VCEO VECO VCBO IC PD 30 7 70 150 150 1.76 Volts Volts Volts mA mW mW/C VR IF PD 3 60 120 1.41 Volts mA mW mW/C 3 Symbol Value Unit 1 2
MCT2 MCT2E
[CTR = 20% Min]
STYLE 1 PLASTIC
6
1
STANDARD THRU HOLE CASE 730A-04
SCHEMATIC
6 5 4
PIN 1. 2. 3. 4. 5. 6.
LED ANODE LED CATHODE N.C. EMITTER COLLECTOR BASE
1. Isolation surge voltage is an internal device dielectric breakdown rating. 1. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common. 2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions. GlobalOptoisolator is a trademark of Motorola, Inc.
REV 1
(c)MotorolaInc. 1995 Motorola, Optoelectronics Device Data
1
MCT2 MCT2E
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)(1)
Characteristic INPUT LED Forward Voltage (IF = 20 mA) TA = 25C TA = -55C TA = 100C VF -- -- -- -- -- 1.23 1.35 1.15 0.01 18 1.5 -- -- 10 -- Volts Symbol Min Typ(1) Max Unit
Reverse Leakage Current (VR = 3 V) Capacitance (V = 0 V, f = 1 MHz) OUTPUT TRANSISTOR Collector-Emitter Dark Current (VCE = 10 V) Collector-Base Dark Current (VCB = 10 V) Collector-Emitter Breakdown Voltage (IC = 1 mA) Collector-Base Breakdown Voltage (IC = 10 A) Emitter-Collector Breakdown Voltage (IE = 100 A) DC Current Gain (IC = 5 mA, VCE = 5 V) Collector-Emitter Capacitance (f = 1 MHz, VCE = 0 V) Collector-Base Capacitance (f = 1 MHz, VCB = 0 V) Emitter-Base Capacitance (f = 1 MHz, VEB = 0 V) COUPLED Output Collector Current (IF = 10 mA, VCE = 10 V) Collector-Emitter Saturation Voltage (IC = 2 mA, IF = 16 mA) Turn-On Time (IF = 10 mA, VCC = 10 V, RL = 100 )(3) Turn-Off Time (IF = 10 mA, VCC = 10 V, RL = 100 ,)(3) Rise Time (IF = 10 mA, VCC = 10 V, RL = 100 )(3) Fall Time (IF = 10 mA, VCC = 10 V, RL = 100 )(3) Isolation Voltage (f = 60 Hz, t = 1 sec)(4) Isolation Resistance (V = 500 V)(4) Isolation Capacitance (V = 0 V, f = 1 MHz)(4) 1. 2. 3. 4. TA = 25C TA = 100C TA = 25C TA = 100C
IR CJ
A pF
ICEO ICBO V(BR)CEO V(BR)CBO V(BR)ECO hFE CCE CCB CEB IC (CTR)(2) VCE(sat) ton toff tr tf VISO RISO CISO
-- -- -- -- 30 70 7 -- -- -- --
1 1 0.2 100 45 100 7.8 500 7 19 9
50 -- 20 -- -- -- -- -- -- -- --
nA A nA Volts Volts Volts -- pF pF pF
2 (20) -- -- -- -- -- 7500 1011 --
7 (70) 0.19 2.8 4.5 1.2 1.3 -- -- 0.2
-- 0.4 -- -- -- -- -- -- --
mA (%) Volts s s s s Vac(pk) pF
Always design to the specified minimum/maximum electrical limits (where applicable). Current Transfer Ratio (CTR) = IC/IF x 100%. For test circuit setup and waveforms, refer to Figure 11. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.
2
Motorola Optoelectronics Device Data
MCT2 MCT2E
TYPICAL CHARACTERISTICS
2 VF, FORWARD VOLTAGE (VOLTS) PULSE ONLY PULSE OR DC 1.8 I C , OUTPUT COLLECTOR CURRENT (NORMALIZED) 10 NORMALIZED TO: IF = 10 mA 1
1.6 1.4 TA = -55C 25C 100C 1 10 100 IF, LED FORWARD CURRENT (mA) 1000 1.2 1
0.1
0.01
0.5
1 2 5 10 20 IF, LED INPUT CURRENT (mA)
50
Figure 1. LED Forward Voltage versus Forward Current
Figure 2. Output Current versus Input Current
I C , OUTPUT COLLECTOR CURRENT (NORMALIZED)
28 IC , COLLECTOR CURRENT (mA) 24 20 16 5 mA 12 8 4 0 0 1 2 3 4 5 6 7 8 9 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 10 2 mA 1 mA IF = 10 mA
10 7 5 2 1 0.7 0.5 0.2 0.1 -60 -40 -20 0 20 40 60 80 TA, AMBIENT TEMPERATURE (C) 100 NORMALIZED TO TA = 25C
Figure 3. Collector Current versus Collector-Emitter Voltage
ICEO, COLLECTOR-EMITTER DARK CURRENT (NORMALIZED)
Figure 4. Output Current versus Ambient Temperature
100 NORMALIZED TO: VCE = 10 V TA = 25C t, TIME (s) 50 20 10 5 2 1 0.1 RL = 1000 RL = 100 VCC = 10 V
100
10 VCE = 30 V 1 10 V 0 20 40 60 80 TA, AMBIENT TEMPERATURE (C) 100
{ {
tr
tf
tf
tr
0.1
0.2
0.5
1 2 5 10 20 IF, LED INPUT CURRENT (mA)
50
100
Figure 5. Dark Current versus Ambient Temperature
Figure 6. Rise and Fall Times (Typical Values)
Motorola Optoelectronics Device Data
3
MCT2 MCT2E
100 70 50 t on, TURN-ON TIME ( s) 20 10 7 5 RL = 1000 100 10 VCC = 10 V 100 70 50 t off , TURN-OFF TIME ( s) 20 RL = 1000 10 7 5 100 10 2 0.2 0.5 0.7 1 2 5 7 10 IF, LED INPUT CURRENT (mA) 20 50 70 100 1 0.1 0.2 0.5 0.7 1 2 5 7 10 IF, LED INPUT CURRENT (mA) 20 50 70 100 VCC = 10 V
2 1 0.1
Figure 7. Turn-On Switching Times (Typical Values)
4 IF = 0 3 20 IB = 7 A 6 A C, CAPACITANCE (pF) 5 A 2 4 A 3 A 1 2 A 1 A 0 2 4 6 8 10 12 14 16 18 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 20 18 16 14 12 10 8 6 4 2 0 0.05 0.1
Figure 8. Turn-Off Switching Times (Typical Values)
IC ,TYPICAL COLLECTOR CURRENT (mA)
CLED CCB
f = 1 MHz
CEB CCE
0.2
0.5 1 2 5 V, VOLTAGE (VOLTS)
10
20
50
Figure 9. DC Current Gain (Detector Only)
Figure 10. Capacitances versus Voltage
TEST CIRCUIT
VCC = 10 V RL = 100 IF = 10 mA INPUT OUTPUT 10%
WAVEFORMS
INPUT PULSE
OUTPUT PULSE 90% tr ton tf toff
Figure 11. Switching Time Test Circuit and Waveforms
4
Motorola Optoelectronics Device Data
MCT2 MCT2E
PACKAGE DIMENSIONS
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L M N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.300 BSC 0_ 15 _ 0.015 0.100 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 7.62 BSC 0_ 15 _ 0.38 2.54
-B-
1 3
F 4 PL
N
C
L
-T-
SEATING PLANE
K G J 6 PL 0.13 (0.005) TA
M M
E 6 PL D 6 PL 0.13 (0.005)
M
M
TB
M
A
M
B
M
STYLE 1: PIN 1. 2. 3. 4. 5. 6.
ANODE CATHODE NC EMITTER COLLECTOR BASE
CASE 730A-04 ISSUE G
-A-
6 1 4
-B-
3
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.020 0.025 0.008 0.012 0.006 0.035 0.320 BSC 0.332 0.390 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.51 0.63 0.20 0.30 0.16 0.88 8.13 BSC 8.43 9.90
F 4 PL
H C
L
-T- G E 6 PL D 6 PL 0.13 (0.005)
M
J K 6 PL 0.13 (0.005) TA
M M
SEATING PLANE
TB
M
A
M
B
M
DIM A B C D E F G H J K L S
CASE 730C-04 ISSUE D
*Consult factory for leadform option availability
Motorola Optoelectronics Device Data
5
MCT2 MCT2E
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.400 0.425 0.015 0.040 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 10.16 10.80 0.38 1.02
-B-
1 3
F 4 PL
N C
L
-T-
SEATING PLANE
G D 6 PL
K 0.13 (0.005)
M
J TA
M
E 6 PL
B
M
*Consult factory for leadform option availability
CASE 730D-05 ISSUE D
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA / EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
Motorola Optoelectronics Device Data MCT2/D
*MCT2/D*


▲Up To Search▲   

 
Price & Availability of MCT2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X