Part Number Hot Search : 
63001 LM556 74C32N 0515D 05WS24 W20NB50 PIC12 00390
Product Description
Full Text Search
 

To Download MC74VQ02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Advance Information
Low-Voltage Quiet CMOS Quad 2-Input NOR Gate
The MC74LVQ02 is a high performance, quad 2-input NOR gate operating from a 2.7 to 3.6V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. Current drive capability is 12mA at the outputs.
MC74LVQ02
LVQ
LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
14 1
* Designed for 2.7 to 3.6V VCC Operation - Ideal for Low Power/Low
Noise Applications
* Guaranteed Simultaneous Switching Noise Level and Dynamic
Threshold Performance
* Guaranteed Skew Specifications * Guaranteed Incident Wave Switching into 75 * Low Static Supply Current (10A) Substantially Reduces System Power
Requirements
D SUFFIX PLASTIC SOIC CASE 751A-03
* Latchup Performance Exceeds 500mA * ESD Performance: Human Body Model >2000V
14 1
M SUFFIX PLASTIC SOIC EIAJ CASE 965-01
Pinout: 14-Lead (Top View)
VCC 14 O2 13 B2 12 A2 11 O3 10 B3 9 A3 8
14
1
SD SUFFIX PLASTIC SSOP CASE 940A-03
14
1 O0
2 A0
3 B0
4 O1
5 A1
6 B1
7 GND
1
DT SUFFIX PLASTIC TSSOP CASE 948G-01
LOGIC DIAGRAM
A0 B0 A1 B1 A2 B2 A3 B3 2 1 3 5 4 6 11 13 12 8 10 9 O3 O2 O1 O0
PIN NAMES
Pins An, Bn On Function Data Inputs Outputs
FUNCTION TABLE
INPUTS An L L H H Bn L H L H OUTPUTS On H L L L
This document contains information on a new product. Specifications and information herein are subject to change without notice. 11/95
(c) Motorola, Inc. 1995
1
REV 0
MC74LVQ02
ABSOLUTE MAXIMUM RATINGS*
Symbol VCC VI VO IIK Parameter DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current Value -0.5 to +7.0 -0.5 VI VCC + 0.5V -0.5 VO VCC + 0.5 -20 +20 IOK DC Output Diode Current -20 +20 IO ICC IGND TSTG DC Output Source/Sink Current DC Supply Current DC Ground Current Storage Temperature Range 50 200 200 -65 to +150 Output in HIGH or LOW State VI = -0.5V VI = VCC + 0.5V VO = -0.5V VI = VCC + 0.5V Condition Unit V V V mA mA mA mA mA mA mA C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO TA V/t Supply Voltage Input Voltage Output Voltage Operating Free-Air Temperature Input Transition Rise or Fall Rate, VIN from 0.8V to 2.0V, VCC = 3.0V Parameter Min 2.0 0 0 -40 0 Typ 3.3 Max 3.6 VCC VCC +85 125 Unit V V V C mV/ns
DC ELECTRICAL CHARACTERISTICS
TA = -40C to +85C Symbol VIH VIL VOH Characteristic HIGH Level Input Voltage (Note 1) LOW Level Input Voltage (Note 1) HIGH Level Output Voltage Condition 2.7V VCC 3.6V, VO = 0.1V or VCC - 0.1V 2.7V VCC 3.6V, VO = 0.1V or VCC - 0.1V 2.7V VCC 3.6V; IOH = -50A VCC = 2.7V; IOH = -12mA VCC = 3.0V; IOH = -12mA VOL LOW Level Output Voltage 2.7V VCC 3.6V; IOL = 50A 2.7V VCC 3.6V; IOL= 12mA II IOLD IOHD ICC Quiescent Supply Current Input Leakage Current Minimum Dynamic Output Current (Note 2) 2.7V VCC 3.6V; VI= VCC, GND VCC = 3.6V; VOLD = 0.8V Max VCC = 3.6V; VOHD = 2.0V Min 2.7V VCC 3.6V; VI = VCC, GND VCC - 0.1 2.2 2.48 0.1 0.4 1.0 36 -25 10 A mA mA A V Min 2.0 0.8 Max Unit V V V
1. These values of VI are used to test DC electrical characteristics only. Functional test should use VIH 2.4V, VIL 0.5V. 2. Incident wave switching on transmission lines with impedances as low as 75 for commercial temperature range is guaranteed. Maximum test duration is 2ms, one output loaded at a time.
MOTOROLA
2
LVQ DATA BR1478
MC74LVQ02
DYNAMIC SWITCHING CHARACTERISTICS (VCC = 3.3V)
TA = +25C Symbol VOLP VOLV VIHD VILD Characteristic Dynamic LOW Peak Voltage (Note 1) Dynamic LOW Valley Voltage (Note 1) High Level Dynamic Input Voltage (Note 2) Low Level Dynamic Input Voltage (Note 2) Condition CL = 50pF, VIH = 3.3V, VIL = 0V CL = 50pF, VIH = 3.3V, VIL = 0V Input-Under-Test Switching 0V to Threshold, f=1MHz Input-Under-Test Switching 3.3V to Threshold, f=1MHz Min Typ 0.6 -0.5 1.5 1.5 Max 1.0 -1.0 2.0 0.8 Unit V V V V
1. Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH-to-LOW. The remaining output is measured in the LOW state. 2. Number of data inputs is defined as "n" switching, "n-1" inputs switching 0V to 3.3V.
AC CHARACTERISTICS (tR = tF = 2.5ns; CL = 50pF; RL = 500)
Limits TA = +25C VCC = 3.0V to 3.6V Symbol tPLH tPHL Parameter Propagation Delay Input to Output Min 2.0 1.5 Typ 7.0 5.0 Max 9.5 8.0 VCC = 2.7V Min 2.0 1.5 Typ 7.5 5.5 Max 11.0 9.0 TA = -40C to +85C VCC = 3.0V to 3.6V Min 2.0 1.0 Max 10.0 8.5 VCC = 2.7V Max 11.5 9.5 Unit ns
tOSHL Output-to-Output Skew 1.0 1.5 1.0 1.5 1.5 ns tOSLH (Note 1) 1.0 1.5 1.0 1.5 1.5 1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter guaranteed by design.
CAPACITIVE CHARACTERISTICS
Symbol CPD CIN Parameter Power Dissipation Capacitance Input Capacitance Condition 10MHz, VCC = 3.3V, VI = 0V or VCC VCC = Open, VI = 0V or VCC Typical 22 4.5 Unit pF pF
LCX DATA BR1478
3
MOTOROLA
MC74LVQ02
VCC An, Bn 50% VCC 50% VCC 0V tPHL On 50% VCC tPLH VOH 50% VCC VOL PROPAGATION DELAYS tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
Figure 1. AC Waveforms
VCC
PULSE GENERATOR RT
DUT CL RL
CL = 50pF or equivalent (Includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
Figure 2. Test Circuit
MOTOROLA
4
LVQ DATA BR1478
MC74LVQ02
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751A-03 ISSUE F -A -
14 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
-B -
1 7
P7
PL
0.25 (0.010)
M
B
M
G C
R X 45
F
SEATING PLANE
D
14 PL
K
M
M B
S
J
0.25 (0.010)
T
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.75 8.55 4.00 3.80 1.75 1.35 0.49 0.35 1.25 0.40 1.27 BSC 0.25 0.19 0.25 0.10 7 0 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0 7 0.228 0.244 0.010 0.019
M SUFFIX PLASTIC SOIC EIAJ PACKAGE CASE 965-01 ISSUE O
NOTES: 1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION: MILLIMETER. 3 DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5 THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --1.42 INCHES MIN MAX --0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --0.056
14
8
LE Q1 E HE M_ L DETAIL P
1
7
Z D e A VIEW P
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
LCX DATA BR1478
5
MOTOROLA
MC74LVQ02
OUTLINE DIMENSIONS
SD SUFFIX PLASTIC SSOP PACKAGE CASE 940A-03 ISSUE B
14X
K REF 0.12 (0.005)
M
TU
S
V
S
0.25 (0.010) N
L/2 L
PIN 1 IDENT 1
14
8
M B
7
N F DETAIL E
A -V- 0.20 (0.008)
M
-U- J
K
TU
S
J1
K1
NOTES: 6 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 7 CONTROLLING DIMENSION: MILLIMETER. 8 DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 9 DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 10 DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION/INTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF K DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR INTRUSION SHALL NOT REDUCE DIMENSION K BY MORE THAN 0.07 (0.002) AT LEAST MATERIAL CONDITION. 11 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 12 DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 6.07 6.33 5.20 5.38 1.73 1.99 0.05 0.21 0.63 0.95 0.65 BSC 1.08 1.22 0.09 0.20 0.09 0.16 0.25 0.38 0.25 0.33 7.65 7.90 0_ 8_ INCHES MIN MAX 0.238 0.249 0.205 0.212 0.068 0.078 0.002 0.008 0.024 0.037 0.026 BSC 0.042 0.048 0.003 0.008 0.003 0.006 0.010 0.015 0.010 0.013 0.301 0.311 0_ 8_
0.076 (0.003) -T-
SEATING PLANE
C D G H
DETAIL E
DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948G-01 ISSUE O
14X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
N
2X
L/2
14
8
L
PIN 1 IDENT. 1 7
B -U-
N F DETAIL E
0.15 (0.006) T U
S
A -V- J J1
SECTION N-N -W-
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
DETAIL E
MOTOROLA
6
EEEE CCCC EEEE CCCC EEEE CCCC EEEE CCCC
SECTION N-N M
-W-
0.25 (0.010)
K
NOTES: 1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION: MILLIMETER. 3 DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4 DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5 DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7 DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.50 0.60 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.020 0.024 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
EEE CCC EEE CCC EEE CCC EEE CCC
K1
LVQ DATA BR1478
MC74LVQ02
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA/EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com -TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
LCX DATA BR1478 7
*MC74LVQ02/D*
MC74LVQ02/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC74VQ02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X