Part Number Hot Search : 
MUR3040 2SK41 IRU3013 2SK41 10030 2SK41 2SK41 CS400S8
Product Description
Full Text Search
 

To Download MC34017A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
MC34017A Rev 3.0, 3/2006
Telephone Tone Ringer Bipolar Linear/I2L
Features * Complete Telephone Bell Replacement Circuit with Minimum External Components * On-Chip Diode Bridge and Transient Protection * Direct Drive for Piezoelectric Transducers * Push Pull Output Stage for Greater Output Power Capability * Base Frequency Options * 34017A-1: 1.0 kHz * 34017A-2: 2.0 kHz * 34017A-3: 500 Hz * Input Impedance Signature Meets Bell and EIA Standards * Rejects Rotary Dial Transient
34017A
TELEPHONE TONE RINGER BIPOLAR LINEAR/I2
D SUFFIX 98A42564B 8-LEAD SOIC
P SUFFIX 98A42420B 8-LEAD DIP
ORDERING INFORMATION
Device MC34017AD/DR2 MC34017AP -20C to 60C Temperature Range (TA) Package 8 SOIC 8 Plastic DIP
160 K C 15 K 8 7 AC2 RG Ring 34017A Tip 1.0 mF 6.8 K AC1 R01 R02 RI 1 2 3 4 6 RC 5 RS + 2.2 mF 3.0 V
5.0 mF 25 V
34017A-1: C=1000 pF 34017A-2: C=500 pF 34017A-3: C=2000 pF
Piezo Sound Element
This device contains 97 active transistors and 79 gates
Figure 1. 34017A Simplified Application Diagram There are no disclaimers required on the Final publication of a data sheet. (c) Freescale Semiconductor, Inc., 2006. All rights reserved.
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 34017A Simplified Internal Block Diagram
34017A
2
Analog Integrated Circuit Device Data Freescale Semiconductor
TERMINAL CONNECTIONS
TERMINAL CONNECTIONS
AC1 R01 R02 RI
1 1
8 7 6 5
AC2 RG RC RS
2 3 4
Figure 3. 34017A Terminal Connections Table 1. 34017A Terminal Definitions
Terminal Number 1, 8 5 Terminal Name AC1, AC2 RS Terminal Function Formal Name Definition The input terminals to the full-wave diode bridge. The AC ringing signal from the telephone line energizes the ringer through this bridge. The input of the threshold comparator to which diode bridge current is mirrored and sensed through an external resistor (R3). Nominal threshold is 1.2 V. This Terminal internally clamps at 1.5 V. The positive supply terminal for the oscillator, frequency divider, and output buffer circuits. The tone ringer output terminals through which the sound element is driven. The negative terminal of the diode bridge and the negative supply terminal of the tone generating circuitry. The oscillator terminal for the external resistor and capacitor which control the tone ringer frequencies (R2, C2).
4 2, 3 7 6
RI RO1, RO2 RG RC
34017A
Analog Integrated Circuit Device Data Freescale Semiconductor
3
MAXIMUM RATINGS
MAXIMUM RATINGS
Table 2. Maximum Ratings All voltages are with respect to RG, Terminal 7, unless otherwise noted. ESD voltage data is available upon request.
Rating Operating AC Input Current (Terminals 1, 8) Transient Input Current (Terminals 1, 8) (T < 2.0 ms) Voltage Applied at RC (Terminal 6) Voltage Applied at RS (Terminal 5) Voltage Applied to Outputs (Terminals 2, 3) Power Dissipation (@ 25C) Operating Ambient Temperature Storage Temperature Symbol - VIN VRC VRS VO PD TA TSTG Value 20 300 5.0 5.0 -2.0 to VRI 1.0 -20 to 60 -65 to 150 Unit mA, RMS mA, peak V V V W C C
34017A
4
Analog Integrated Circuit Device Data Freescale Semiconductor
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics Typical values noted reflect the approximate parameter mean at TA = 25C under nominal conditions unless otherwise noted.
Characteristic Ringing Start Voltage VSTART = VI at Ring Start VI > 0 (Test 1a) VI < 0 (Test 1b) Ringing Stop Voltage (Test 1c) VSTOP = VI at Ring Stop 34017A-1 34017A-2 34017A-3 Output Frequencies (VI = 50 V) (Test 1d) 34017A-1 High Tone Low Tone Warble Tone 34017A-2 High Tone Low Tone Warble Tone 34017A-3 High Tone Low Tone Warble Tone Output Voltage (VI = 50 V) (Test 6) Output Short - Circuit Current (Test 2) Input Diode Voltage (II = 5.0 mA) (Test 3) Input Voltage - SCR OFF (II = 30 mA) (Test 4a) Input Voltage - SCR ON (II = 100 mA) (Test 4b) RS Clamp Voltage (VI = 50 V) (Test 5) fH fL fW fH fL fW fH fL fW VO IRO1, IRO2 VD VOFF VON VCLAMP 937 752 11.5 1874 1504 11.5 937 752 23 34 35 5.4 30 3.2 1.3 1010 808 12.5 2020 1616 12.5 1010 808 25 37 60 6.2 38 4.1 1.5 1083 868 14 2166 1736 14 1083 868 28 43 80 6.8 43 6.0 1.8 VPP mAPP VDC VDC VDC VDC Hz VSTART (+) VSTART (-) 34 -34 37.5 -37.5 41 -41 Symbol Min Typ Max Unit VDC
VSTOP 14 12 14 16 14 16 22 20 22
VDC
34017A
Analog Integrated Circuit Device Data Freescale Semiconductor
5
STATIC ELECTRICAL CHARACTERISTICS
APPLICATION CIRCUIT PERFORMANCE Refer to Typical Application.
Characteristic Output Tone Frequencies 34017A-1 34017A-2 34017A-3 Warble Frequencies Output Voltage (VI 60 VRMS, 20 Hz) Output Duty Cycle Ringing Start Input Voltage (20 Hz) Ringing Stop Input Voltage (20 Hz) Maximum AC Input Voltage ( 68 Hz) Impedance When Ringing VI = 40 VRMS, 15 Hz VI = 130 VRMS, 23 Hz Impedance When Not Ringing VI = 10 VRMS, 24 Hz VI = 2.5 VRMS, 24 Hz VI = 10 VRMS, 5.0 Hz VI = 3.0 VRMS, 200 to 3200 Hz Maximum Transient Input Voltage (T 2.0 ms) Ringer Equivalence Class A Class B 0.5 0.9 - - 28 > 1.0 55 > 200 1500 k M k k V >16 12 808/1010 1616/2020 404/505 12.5 37 50 36 21 150 VPP % VRMS VRMS VRMS k Typ Unit Hz
34017A
6
Analog Integrated Circuit Device Data Freescale Semiconductor
TYPICAL APPLICATIONS INTRODUCTION
TYPICAL APPLICATIONS
INTRODUCTION
The 34017A Tone Ringer derives its power supply by rectifying the AC ringing signal. It uses this power to activate a tone generator and drive a piezo-ceramic transducer. The tone generation circuitry includes a relaxation oscillator and frequency dividers which produce high and low frequency tones as well as the tone warble frequency. The relaxation oscillator frequency fO is set by resistor R2 and capacitor C2 connected to Terminal RC. The oscillator will operate with fO from 1.0 kHz to 10 kHz with the proper choice of external components (see Figure 2). The frequency of the tone ringer output signal at RO1 and RO2 alternates between fO/4 to fO/5. The warble rate at which the frequency changes is fO/320 for the 34017A-1, fO/640 for the 34017A-2 and fO/160 for the 34017A-3. With a 4.0 kHz oscillator frequency, the 34017A-1 produces 800 Hz and 1000 Hz tones with a 12.5 Hz warble rate. The 34017A-2 generates 1600 Hz and 2000 Hz tones with a similar 12.5 Hz warble frequency from an 8.0 kHz oscillator frequency. The 34017A-3 will produce 400 Hz and 500 Hz tones with a 12.5 Hz warble rate from a 2.0 kHz oscillator frequency. The tone ringer output circuit can source or sink 20 mA with an output voltage swing of 37 V peak-to-peak. Volume control is readily implemented by adding a variable resistance in series with the piezo transducer. Input signal detection circuitry activates the tone ringer output when the AC line voltage exceeds programmed threshold level. Resistor R3 determines the ringing signal amplitude at which an output signal at RO1 and RO2 will be generated. The AC ringing signal is rectified by the internal diode bridge. The rectified input signal produces a voltage across R3 which is referenced to RG. The voltage across resistor R3 is filtered by capacitor C3 at the input to the threshold circuit. When the voltage on capacitor C3 exceeds 1.2 V, the threshold comparator enables the tone ringer output. Line transients produced by pulse dialing telephones do not charge capacitor C3 sufficiently to activate the tone ringer output. Capacitors C1 and C4 and resistor R1 determine the 10 V, 24 Hz signature test impedance. C4 also provides filtering for the output stage power supply to prevent droop in the square wave output signal. Six diodes in series with the rectifying bridge provide the necessary non-linearity for the 2.5 V, 24 Hz signature tests. An internal shunt voltage regulator between the RI and RG terminals provides DC voltage to power the output stage, oscillator, and frequency dividers. The DC voltage at RI is limited to approximately 22 V in regulation. To protect the IC from telephone line transients, an SCR is triggered when the regulator current exceeds 50 mA. The SCR diverts current from the shunt regulator and reduces the power dissipation within the IC.
External Components
R1 Line Input Register R1 affects the tone ringer input impedance. It also influences ringing threshold voltage and limits current from line transients. Range: 2.0 to 10 k. C1 Line Input Capacitor C1 AC couples the tone ringer to the telephone line and controls ringer input impedance at low frequencies. Range: 0.4 to 2.0 F. R2 C2 R3 Oscillator Resistor Oscillator Capacitor Input Current Sense Resistor Range: 150 to 300 k. Range: 400 to 3000 pF. R3 controls the ringing threshold voltage. Increasing R3 decreases the ring-start voltage. Range: 5.0 to 18 k. C3 Ringing Threshold Filter Capacitor C3 filters the AC voltage across R3 at the input of the ringing threshold comparator. It also provides dialer transient rejection. Range: 0.5 to 5.0 F. C4 Ringer Supply Capacitor C4 filters supply voltage for the tone generating circuits. It also provides an AC current path for the 10 VRMS ringer signature impedance. (Range: 1.0 to 10 F).
Figure 4. Oscillator Period (1/fO) versus Oscillator R2 C2 Product
34017A
Analog Integrated Circuit Device Data Freescale Semiconductor
7
TYPICAL APPLICATIONS INTRODUCTION
This paragraph is boilerplate - you may add to it but, can not change wording. You may change numeric values
Figure 5. Test One
34017A
8
Analog Integrated Circuit Device Data Freescale Semiconductor
TYPICAL APPLICATIONS INTRODUCTION
Figure 6. Test Two
Figure 7. Test Three
34017A
Analog Integrated Circuit Device Data Freescale Semiconductor
9
TYPICAL APPLICATIONS INTRODUCTION
Figure 8. Test Four
Figure 9. Test Five
34017A
10
Analog Integrated Circuit Device Data Freescale Semiconductor
TYPICAL APPLICATIONS INTRODUCTION
Figure 10. Test Six
34017A
Analog Integrated Circuit Device Data Freescale Semiconductor
11
PACKAGING PACKAGING DIMENSIONS
PACKAGING
PACKAGING DIMENSIONS
For the most current package revision, visit www.freescale.com and perform a keyword search using the 98A42420B listed below. D SUFFIX 8-LEAD SOIC 98A42420B ISSUE N
34017A
12
Analog Integrated Circuit Device Data Freescale Semiconductor
PACKAGING PACKAGING DIMENSIONS
D SUFFIX 8-LEAD SOIC 98A42420B ISSUE N
34017A
Analog Integrated Circuit Device Data Freescale Semiconductor
13
PACKAGING PACKAGING DIMENSIONS
PACKAGING DIMENSIONS
For the most current package revision, visit www.freescale.com and perform a keyword search using the 98A42564B listed below.
D SUFFIX 8-LEAD SOIC 98A42564B ISSUE U
34017A
14
Analog Integrated Circuit Device Data Freescale Semiconductor
REVISION HISTORY
REVISION HISTORY
REVISION 3.0
DATE 3/2006
DESCRIPTION OF CHANGES * * Implemented Revision History page Converted to Freescale format
34017A
Analog Integrated Circuit Device Data Freescale Semiconductor
15
How to Reach Us:
Home Page: www.freescale.com E-mail: support@freescale.com USA/Europe or Locations Not Listed: Freescale Semiconductor Technical Information Center, CH370 1300 N. Alma School Road Chandler, Arizona 85224 +1-800-521-6274 or +1-480-768-2130 support@freescale.com Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) support@freescale.com Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1-8-1, Shimo-Meguro, Meguro-ku, Tokyo 153-0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1-800-441-2447 or 303-675-2140 Fax: 303-675-2150 LDCForFreescaleSemiconductor@hibbertgroup.com
RoHS-compliant and/or Pb-free versions of Freescale products have the functionality and electrical characteristics of their non-RoHS-compliant and/or non-Pb-free counterparts. For further information, see http://www.freescale.com or contact your Freescale sales representative. For information on Freescale's Environmental Products program, go to http:// www.freescale.com/epp.
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc., 2006. All rights reserved.
MC34017A Rev 3.0 3/2006


▲Up To Search▲   

 
Price & Availability of MC34017A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X