Part Number Hot Search : 
FQP90N08 N4124 5KP90 X6753M CS484 TLGU53DF 2SJ655 PCA9698
Product Description
Full Text Search
 

To Download MC100H600FNG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10H600, MC100H600 9-Bit TTL to ECL Translator
Description
The MC10H/100H600 is a 9-bit, dual supply TTL to ECL translator. Devices in the ON Semiconductor 9-bit translator series utilize the PLCC-28 for optimal power pinning, signal flow-through and electrical performance. The H600 features both ECL and TTL logic enable controls for maximum flexibility. The 10H version is compatible with MECL 10H ECL logic levels. The 100H version is compatible with 100K levels.
Features
http://onsemi.com
* 9-Bit Ideal for Byte-Parity Applications * Flow-Through Configuration * Extra TTL and ECL Power/Ground Pins to Minimize * * * * * *
Switching Noise ECL and TTL Enable Inputs Dual Supply 3.5 ns Max D to Q PNP TTL Inputs for Low Loading Choice of ECL Compatibility: MECL 10H (10Hxxx) or 100K (100Hxxx) Pb-Free Packages are Available*
PLCC-28 FN SUFFIX CASE 776
MARKING DIAGRAM*
1
MCxxxH600G AWLYYWW
xxx A WL YY WW G
= 10 or 100 = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
*For additional marking information, refer to Application Note AND8002/D.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
November, 2006 - Rev. 9
1
Publication Order Number: MC10H600/D
MC10H600, MC100H600
D5
25
D4 VCCT D3
24 23 22
D2
21
D1 D0
20 19 18 17 16 15
Table 1. PIN NAMES
Q0 Q1 VCCE VCCO Q2 VCCO Q3 PIN GND VCCE VCCO VCCT VEE D0 -D8 Q0 -Q8 ENECL ENTTL FUNCTION TTL Ground (0 V) ECL VCC (0 V) ECL VCC (0 V) - Outputs TTL Supply (+ 5.0 V) ECL Supply (- 5.2 / -4.5 V) Data Inputs (TTL) Data Outputs (ECL) Enable Control (ECL) Enable Control (TTL)
D6 D7 D8 GND ENTTL NC ENECL
26 27 28
2 3 4 5 6 7 8 9 10 11
14 13 12
Q8 Q7 VCCO Q6 VEE Q5
Q4
Figure 1. Pinout: PLCC-28 (Top View)
ENECL ENTTL D0 D1 D2 D3 TTL D4 D5 D6 D7 D8 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 ECL
Table 2. TRUTH TABLE
ENECL H H X X L ENTTL X X H H L D H L H L X Q H L H L L
Figure 2. Logic Symbol
Table 3. DC CHARACTERISTICS: VCCT = 5.0 V 10%; VEE = - 5.2 V 5% (10H version); VEE = - 4.2 V to - 5.5 V (100H)
0C Symbol Power Supply Current IEE ICCH ICCL ECL TTL 10H 100H -125 -122 48 50 -125 -123 48 50 -125 -132 48 50 mA mA Parameter Min Max Min 25C Max Min 75C Max Unit
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously.
http://onsemi.com
2
MC10H600, MC100H600
Table 4. 10H ECL DC CHARACTERISTICS: VCCT = 5.0 V 10%; VEE = - 5.2 V 5%
0C Symbol IINH IIL VIH VIL VOH VOL Parameter Input HIGH Current Input LOW Current Input HIGH Voltage Input LOW Voltage Output HIGH Voltage Output LOW Voltage 50 W to - 2.0 V Condition Min 0.5 -1170 -1950 -1020 -1950 Max 225 -840 -1480 -840 -1630 Min 0.5 -1130 -1950 -980 -1950 25C Max 175 -810 -1480 -810 -1630 Min 0.5 -1070 -1950 -920 -1950 75C Max 175 -735 -1450 -735 -1600 Unit mA mA mV mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously.
Table 5. 100H ECL DC CHARACTERISTICS: VCCT = 5.0 V 10%; VEE = - 4.2 V to - 5.5 V
0C Symbol IINH IIL VIH VIL VOH VOL Parameter Input HIGH Current Input LOW Current Input HIGH Voltage Input LOW Voltage Output HIGH Voltage Output LOW Voltage 50 W to - 2.0 V Condition Min 0.5 -1165 -1810 -1025 -1810 Max 255 -880 -1475 -880 -1620 Min 0.5 -1165 -1810 -1025 -1810 25C Max 175 -880 -1475 -880 -1620 Min 0.5 -1165 -1810 -1025 -1810 75C Max 175 -880 -1475 -880 -1620 Unit mA mA mV mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously.
Table 6. TTL DC CHARACTERISTICS: VCCT = 5.0 V 10%; VEE = - 5.2 V 5% (10H); VEE = - 4.2 V to - 5.5 V (100H)
0C Symbol VIH VIL IIH IIL VIK Parameter Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current Input Clamp Voltage VIN = 2.7 V VIN = 7.0 V VIN = 0.5 V IIN = -18 mA Condition Min 2.0 Max 0.8 20 100 -0.6 -1.2 Min 2.0 25C Max 0.8 20 100 -0.6 -1.2 Min 2.0 75C Max 0.8 20 100 -0.6 -1.2 Unit V V mA mA V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously.
http://onsemi.com
3
MC10H600, MC100H600
Table 7. AC CHARACTERISTICS: VCCT = 5.0 V 10%; VEE = - 5.2 V 5% (10H); VEE = -4.2 V to - 5.5 V (100H)
0C Symbol tPLH tPHL Parameter Propagation Delay to Output D ENECL / ENTTL Output Rise/Fall Time 20% -80% Condition 50 W to - 2.0 V Min 1.4 1.8 0.5 Max 3.0 3.7 1.5 Min 1.5 1.9 0.5 25C Max 3.2 3.9 1.5 Min 1.7 2.0 0.5 75C Max 3.5 4.1 1.5 Unit ns ns ns
tR tF
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously.
ORDERING INFORMATION
Device MC10H600FN MC10H600FNG MC10H600FNR2 MC10H600FNR2G MC100H600FN MC100H600FNG MC100H600FNR2 MC100H600FNR2G Package PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) Shipping 37 Units / Rail 37 Units / Rail 500 / Tape & Reel 500 / Tape & Reel 37 Units / Rail 37 Units / Rail 500 / Tape & Reel 500 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D AN1406/D AN1503/D AN1504/D AN1568/D AN1672/D AND8001/D AND8002/D AND8020/D AND8066/D AND8090/D - ECL Clock Distribution Techniques - Designing with PECL (ECL at +5.0 V) - ECLinPSt I/O SPiCE Modeling Kit - Metastability and the ECLinPS Family - Interfacing Between LVDS and ECL - The ECL Translator Guide - Odd Number Counters Design - Marking and Date Codes - Termination of ECL Logic Devices - Interfacing with ECLinPS - AC Characteristics of ECL Devices
http://onsemi.com
4
MC10H600, MC100H600
PACKAGE DIMENSIONS
PLCC-28 FN SUFFIX PLASTIC PLCC PACKAGE CASE 776-02 ISSUE E
Y BRK D Z -L- -M- B 0.007 (0.180) U
M
T L-M
M
S
N
S S
-N-
0.007 (0.180)
T L-M
N
S
W
28 1
D
V
X VIEW D-D
G1
0.010 (0.250)
S
T L-M
S
N
S
A Z R E G G1 0.010 (0.250)
S
0.007 (0.180) 0.007 (0.180)
M M
T L-M T L-M
S S
N N
S S
H
0.007 (0.180)
M
T L-M
S
N
S
C
K1 0.004 (0.100) -T- SEATING
PLANE
J
K F VIEW S 0.007 (0.180)
M
VIEW S T L-M
S
T L-M
S
N
S
N
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.485 0.495 0.485 0.495 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 --- 0.025 --- 0.450 0.456 0.450 0.456 0.042 0.048 0.042 0.048 0.042 0.056 --- 0.020 2_ 10_ 0.410 0.430 0.040 ---
MILLIMETERS MIN MAX 12.32 12.57 12.32 12.57 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 --- 0.64 --- 11.43 11.58 11.43 11.58 1.07 1.21 1.07 1.21 1.07 1.42 --- 0.50 2_ 10_ 10.42 10.92 1.02 ---
http://onsemi.com
5
MC10H600, MC100H600
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
MC10H600/D


▲Up To Search▲   

 
Price & Availability of MC100H600FNG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X