Part Number Hot Search : 
ISL82 BLM21A LC7871E 17000 16C850 4STRL RB551V L3010
Product Description
Full Text Search
 

To Download LM2903 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM393, LM293, LM2903, LM2903V, NCV2903 Low Offset Voltage Dual Comparators
The LM393 series are dual independent precision voltage comparators capable of single or split supply operation. These devices are designed to permit a common mode range-to-ground level with single supply operation. Input offset voltage specifications as low as 2.0 mV make this device an excellent selection for many applications in consumer, automotive, and industrial electronics.
Features http://onsemi.com
* * * * * * * * * * * *
8 1
PDIP-8 N SUFFIX CASE 626
Wide Single-Supply Range: 2.0 Vdc to 36 Vdc Split-Supply Range: 1.0 Vdc to 18 Vdc Very Low Current Drain Independent of Supply Voltage: 0.4 mA Low Input Bias Current: 25 nA Low Input Offset Current: 5.0 nA Low Input Offset Voltage: 5.0 mV (max) LM293/393 Input Common Mode Range to Ground Level Differential Input Voltage Range Equal to Power Supply Voltage Output Voltage Compatible with DTL, ECL, TTL, MOS, and CMOS Logic Levels ESD Clamps on the Inputs Increase the Ruggedness of the Device without Affecting Performance NCV Prefix for Automotive and Other Applications Requiring Site and Control Changes Pb-Free Packages are Available
VCC + Input - Input Output
8 1
SOIC-8 D SUFFIX CASE 751 Micro8E DM SUFFIX CASE 846A
8 1
PIN CONNECTIONS
Output A Inputs A GND
1 2 8 7
- + 3
4
VCC Output B Inputs B
- +5
6
(Top View)
R2 2.1 k Q3 F1 R4 2.0 k Q4 Q5 Q6 Q14
DEVICE MARKING AND ORDERING INFORMATION
See detailed marking information and ordering and shipping information on pages 6 and 7 of this data sheet.
Q10 Q1 Q2 R1 4.6 k Q11 Q8 Q9 Q12 Q15 Q16
Figure 1. Representative Schematic Diagram
(Diagram shown is for 1 comparator)
(c) Semiconductor Components Industries, LLC, 2006
1
March, 2006 - Rev. 17
Publication Order Number: LM393/D
LM393, LM293, LM2903, LM2903V, NCV2903
MAXIMUM RATINGS
Rating Power Supply Voltage Input Differential Voltage Range Input Common Mode Voltage Range Output Short Circuit-to-Ground Output Sink Current (Note 1) Power Dissipation @ TA = 25C Derate above 25C Operating Ambient Temperature Range LM293 LM393 LM2903 LM2903V, NCV2903 (Note 2) Maximum Operating Junction Temperature LM393, 2903, LM2903V LM293, NCV2903 Storage Temperature Range ESD Protection at any Pin (Note 3) - Human Body Model - Machine Model Symbol VCC VIDR VICR ISC ISink PD 1/RqJA TA -25 to +85 0 to +70 -40 to +105 -40 to +125 TJ(max) 150 150 Tstg VESD 1500 150 -65 to +150 C V C Value +36 or 18 36 -0.3 to +36 Continuous 20 570 5.7 Unit Vdc Vdc Vdc mA mW mW/C C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. The maximum output current may be as high as 20 mA, independent of the magnitude of VCC, output short circuits to VCC can cause excessive heating and eventual destruction. 2. NCV2903 is qualified for automotive use. 3. VESD rating for NCV/SC devices is: Human Body Model - 2000 V; Machine Model - 200 V.
http://onsemi.com
2
LM393, LM293, LM2903, LM2903V, NCV2903
ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, Tlow TA Thigh, unless otherwise noted.)
LM293, LM393 Characteristic Input Offset Voltage (Note 5) TA = 25C Tlow TA Thigh Input Offset Current TA = 25C Tlow TA Thigh Input Bias Current (Note 6) TA = 25C Tlow TA Thigh Input Common Mode Voltage Range (Note 6) TA = 25C Tlow TA Thigh Voltage Gain RL 15 kW, VCC = 15 Vdc, TA = 25C Large Signal Response Time Vin = TTL Logic Swing, Vref = 1.4 Vdc VRL = 5.0 Vdc, RL = 5.1 kW, TA = 25C Response Time (Note 8) VRL = 5.0 Vdc, RL = 5.1 kW, TA = 25C Input Differential Voltage (Note 9) All Vin GND or V- Supply (if used) Output Sink Current Vin 1.0 Vdc, Vin+ = 0 Vdc, VO 1.5 Vdc TA = 25C Output Saturation Voltage Vin 1.0 Vdc, Vin+ = 0, ISink 4.0 mA, TA = 25C Tlow TA Thigh Output Leakage Current Vin- = 0 V, Vin+ 1.0 Vdc, VO = 5.0 Vdc, TA = 25C Vin- = 0 V, Vin+ 1.0 Vdc, VO = 30 Vdc, Tlow TA Thigh Supply Current RL = Both Comparators, TA = 25C RL = Both Comparators, VCC = 30 V Symbol VIO - - IIO - - IIB - - VICR 0 0 AVOL - 50 - - - 200 300 VCC -1.5 VCC -2.0 - - 0 0 25 - - - 200 300 VCC -1.5 VCC -2.0 - - V/mV ns 25 - 250 400 - - 25 200 250 500 V Min Typ 1.0 - 5.0 - Max 5.0 9.0 50 150 LM2903, LM2903V, NCV2903 Min - - - - Typ 2.0 9.0 5.0 50 Max 7.0 15 nA 50 200 nA Unit mV
tTLH VID ISink VOL
- - 6.0
1.3 - 16
- VCC -
- - 6.0
1.5 - 16
- VCC -
ms V mA mV
- - IOL - - ICC - -
150 - 0.1 - 0.4 -
400 700 - 1000 1.0 2.5
- - - - - -
- 200 0.1 - 0.4 -
400 700 nA - 1000 mA 1.0 2.5
LM293 Tlow = -25C, Thigh = +85C LM393 Tlow = 0C, Thigh = +70C LM2903 Tlow = -40C, Thigh = +105C LM2903V & NCV2903 Tlow = -40C, Thigh = +125C NCV2903 is qualified for automotive use. 4. The maximum output current may be as high as 20 mA, independent of the magnitude of VCC, output short circuits to VCC can cause excessive heating and eventual destruction. 5. At output switch point, VO]1.4 Vdc, RS = 0 W with VCC from 5.0 Vdc to 30 Vdc, and over the full input common mode range (0 V to VCC = -1.5 V). 6. Due to the PNP transistor inputs, bias current will flow out of the inputs. This current is essentially constant, independent of the output state, therefore, no loading changes will exist on the input lines. 7. Input common mode of either input should not be permitted to go more than 0.3 V negative of ground or minus supply. The upper limit of common mode range is VCC -1.5 V. 8. Response time is specified with a 100 mV step and 5.0 mV of overdrive. With larger magnitudes of overdrive faster response times are obtainable. 9. The comparator will exhibit proper output state if one of the inputs becomes greater than VCC, the other input must remain within the common mode range. The low input state must not be less than -0.3 V of ground or minus supply.
http://onsemi.com
3
LM393, LM293, LM2903, LM2903V, NCV2903
LM293/393
80 IIB , INPUT BIAS CURRENT (nA) 70 60 TA = -55 C 50 TA = 0 C 40 30 20 10 0 0 5.0 10 15 20 25 30 VCC, SUPPLY VOLTAGE (Vdc) 35 40 TA = +25 C TA = +125C TA = +70 C IIB , INPUT BIAS CURRENT (nA) 80 70 60 50 40 30 20 10 0 0 5.0 10 15 20 25 VCC, SUPPLY VOLTAGE (Vdc) 30 35 40 TA = +85 C TA = 0 C TA = +25 C TA = -40 C
LM2903
Figure 2. Input Bias Current versus Power Supply Voltage
Figure 3. Input Bias Current versus Power Supply Voltage
VOL , SATURATION VOLTAGE (Vdc)
VOL , SATURATION VOLTAGE (Vdc)
10
Out of Saturation TA = +125C
10
Out of Saturation
1.0
1.0 TA = +85 C 0.1 TA = +25 C
0.1
TA = +25 C
TA = -55 C
0.01
0.01 TA = -40 C 0.1
TA = 0 C
0.001 0.01
0.1
1.0
10
100
0.001 0.01
1.0
10
100
ISink, OUTPUT SINK CURRENT (mA)
ISink, OUTPUT SINK CURRENT (mA)
Figure 4. Output Saturation Voltage versus Output Sink Current
Figure 5. Output Saturation Voltage versus Output Sink Current
1.0 ICC , SUPPLY CURRENT (mA) 0.8
TA = 0 C TA = +25 C
ICC , SUPPLY CURRENT (mA)
TA = -55 C
1.2 1.0 0.8
TA = -40 C TA = 0 C TA = +25 C
0.6 TA = +70 C 0.4 0.2 0 TA = +125C RL = R 5.0 10 15 20 25 30 35 40
0.6 0.4 0 5.0 10 15 20 25
TA = +85 C RL = R 30 35 40
VCC, SUPPLY VOLTAGE (Vdc)
VCC, SUPPLY VOLTAGE (Vdc)
Figure 6. Power Supply Current versus Power Supply Voltage
Figure 7. Power Supply Current versus Power Supply Voltage
http://onsemi.com
4
LM393, LM293, LM2903, LM2903V, NCV2903
APPLICATIONS INFORMATION These dual comparators feature high gain, wide bandwidth characteristics. This gives the device oscillation tendencies if the outputs are capacitively coupled to the inputs via stray capacitance. This oscillation manifests itself during output transitions (VOL to VOH). To alleviate this situation, input resistors <10 kW should be used.
+15 V R4 220 k 6.8 k R2 R5 220 k * )
LM393
The addition of positive feedback (<10 mV) is also recommended. It is good design practice to ground all unused pins. Differential input voltages may be larger than supply voltage without damaging the comparator's inputs. Voltages more negative than -0.3 V should not be used.
R1 8.2 k Vin R1 D1
10 k +VCC * 10 m Vin ) 10 k
Vin
Vin(min)
Q
15 k R3
LM393
VCC VO - VEE DQ Q
D1 prevents input from going negative by more than 0.6 V. R3 R1 + R2 = R3 R5 for small error in zero crossing. 10
-VEE
Vin(min) [ 0.4 V peak for 1% phase distortion (DQ).
Figure 8. Zero Crossing Detector (Single Supply)
Figure 9. Zero Crossing Detector (Split Supply)
VCC VCC R - LM393 + VC VO + Vref ``ON'' for t tO + Dt where: Vref ) Dt = RC n ( VCC
Vin 0 VO 0 VC 0 tO Vref Vref
1.0 mW
VCC RL 10 k
t
RL - LM393 +
- VCC 51 k 0.001 mF LM393 +
C
VO
51 k
51 k
VCC VO 0 t
t
Figure 10. Free-Running Square-Wave Oscillator
VCC
Figure 11. Time Delay Generator
RS = R1 | | R2 RS - LM393 + Vref R1 R2 RL Vth1 = Vref + (VCC -Vref) R1 R1 + R2 + RL (Vref -VO Low) R1 R1 + R2
Vth2 = Vref -
Figure 12. Comparator with Hysteresis
http://onsemi.com
5
LM393, LM293, LM2903, LM2903V, NCV2903
MARKING DIAGRAMS
PDIP-8 N SUFFIX CASE 626 8 LM393N AWL YYWWG 1 1 8 LM2903N AWL YYWWG 1 8
Micro8 DM SUFFIX CASE 846A 8 x93 AYW G G 1 2903 AYW G G
SOIC-8 D SUFFIX CASE 751 8 LMx93 ALYW G 1 1 8 2903 ALYW G 1 8 2903V ALYW G
*
x = 2 or 3 A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G, G = Pb-Free Package (Note: Microdot may be in either location) *This marking diagram also applies to NCV2903DR2.
http://onsemi.com
6
LM393, LM293, LM2903, LM2903V, NCV2903
ORDERING INFORMATION
Device LM293D LM293DG LM293DR2 LM293DR2G LM293DMR2 LM293DMR2G LM393D LM393DG LM393DR2 LM393DR2G LM393N LM393NG LM393DMR2 LM393DMR2G LM2903D LM2903DG LM2903DR2 LM2903DR2G LM2903N LM2903NG LM2903DMR2 LM2903DMR2G LM2903VD LM2903VDG LM2903VDR2 LM2903VDR2G LM2903VN LM2903VNG NCV2903DR2 (Note 10) NCV2903DR2G (Note 10) NCV2903DMR2 (Note 10) NCV2903DMR2G (Note 10) Package SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) Micro8 Micro8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) Micro8 Micro8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) Micro8 Micro8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) Micro8 Micro8 (Pb-Free) Shipping 98 Units / Rail 98 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 4000 / Tape and Reel 4000 / Tape and Reel 98 Units / Rail 98 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 50 Units / Rail 50 Units / Rail 4000 / Tape and Reel 4000 / Tape and Reel 98 Units / Rail 98 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 50 Units / Rail 50 Units / Rail 4000 / Tape and Reel 4000 / Tape and Reel 98 Units / Rail 98 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 50 Units / Rail 50 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. 10. NCV2903 is qualified for automotive use.
http://onsemi.com
7
LM393, LM293, LM2903, LM2903V, NCV2903
PACKAGE DIMENSIONS
PDIP-8 N SUFFIX CASE 626-05 ISSUE L
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
8
5
-B-
1 4
F
NOTE 2
-A- L
C -T-
SEATING PLANE
J N D K
M
M TA B
H
G 0.13 (0.005)
M M
http://onsemi.com
8
LM393, LM293, LM2903, LM2903V, NCV2903
SOIC-8 D SUFFIX CASE 751-07 ISSUE AG
-X- A
8 5
B
1 4
S
0.25 (0.010)
M
Y
M
-Y- G C -Z- H D 0.25 (0.010)
M SEATING PLANE
K
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
DIM A B C D G H J K M N S
SOLDERING FOOTPRINT*
1.52 0.060
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
9
LM393, LM293, LM2903, LM2903V, NCV2903
PACKAGE DIMENSIONS
Micro8 DM SUFFIX CASE 846A-02 ISSUE G
D
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. 846A-01 OBSOLETE, NEW STANDARD 846A-02. MILLIMETERS NOM MAX -- 1.10 0.08 0.15 0.33 0.40 0.18 0.23 3.00 3.10 3.00 3.10 0.65 BSC 0.40 0.55 0.70 4.75 4.90 5.05 MIN -- 0.05 0.25 0.13 2.90 2.90 INCHES NOM -- 0.003 0.013 0.007 0.118 0.118 0.026 BSC 0.016 0.021 0.187 0.193 MIN -- 0.002 0.010 0.005 0.114 0.114
HE
E
PIN 1 ID
e b 8 PL 0.08 (0.003)
M
TB
S
A
S
-T- PLANE 0.038 (0.0015) A1
SEATING
DIM A A1 b c D E e L HE
MAX 0.043 0.006 0.016 0.009 0.122 0.122 0.028 0.199
A c L
SOLDERING FOOTPRINT*
8X
1.04 0.041
0.38 0.015
8X
3.20 0.126
4.24 0.167
5.28 0.208
6X
0.65 0.0256
SCALE 8:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
Micro8 is a trademark of International Rectifier.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
10
LM393/D


▲Up To Search▲   

 
Price & Availability of LM2903

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X