Part Number Hot Search : 
PFSM100 9LV16 36003250 2SC5004 USFF1206 AC03D 0A015 20N03L
Product Description
Full Text Search
 

To Download LC78605E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN7735
SANYO Semiconductors
DATA SHEET
CMOS IC
LC78605E
Overview
Compact Disc Player DSP with Built-in Microcontroller
The LC78605E CMOS IC implements the signal processing, servo control, LCD display, button state acquisition, and remote controller handling required by compact disc players without requiring a separate microcontroller. It provides the following basic functions: demodulation of the EFM signal from the optical pickup, deinterleaving, error detection and correction, 8x oversampling audio filters, D/A converter (with built-in analog low-pass filter), LCD display drivers, key acquisition (A/D) and control processing, and automatic discrimination and playback of CD-RW discs. Thus the LC78604E is ideal for implementing low-end CD players that support playback of CD-RW discs. The LC78604E also provides a radio tuner frequency display function, and allows digital display of the selected frequency in manual tuning CD radio/cassette players.
Functions
* Implements the CD play/pause, stop, track selection, fast forward/fast rewind, repeat 1/repeat all, program setup/play/clear for up to 30 tracks, and shuffle play functions controlled from CD player buttons. * The signal-processing block applies slicing at the correct level to the input HF signal, and converts that signal to an EFM signal. At the same time it generates a PLL clock signal with an average frequency of 4.3218MHz by comparing the phase with that of the internal VCO. * A reference clock signal and all necessary timings can be generated using an external 16.9344MHz crystal. * The disc motor speed is controlled by a frame phase difference signal created from the playback clock and the reference clock. * Performs frame sync signal detection, protection, and interpolation to assure stable data readout. * Demodulates the EFM signal and converts the result to 8-bit symbol data. * Separates the subcode data from the EFM signal and outputs that data to the internal control processing block. * After applying a CRC check to the subcode Q data, outputs that data to the internal control processing block. * Buffers the demodulated EFM signal in internal RAM and compensates for up to 4 frames of jitter due to fluctuations in the disc speed. * Applies unscrambling and deinterleaving to the demodulated EFM signal in the stipulated order. * Performs error detection, correction, and flag processing (C1: double, C2: double). * Sets the C2 flags according to the C1 flags and the C2 check and applies interpolation and previous value hold processing to the output signal according to the C2 flags. This interpolation circuit implements 2-value interpolation. A previous value hold operation is applied if the C2 flags indicate errors for over 2 consecutive samples. * The internal control processing block controls the track jump, focus start, disc motor start/stop, muting on/off, track count, and other operations.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
32504TN (OT) No.7735-1/11
LC78605E
* Uses 8x oversampling digital filters to produce output data with improved continuity for the D/A converter. * Built-in third-order noise shaper D/A converter and built-in analog low-pass filters * Digital deemphasis function * Zero cross muting * Automatic discrimination and playback of CD-RW discs * Built-in LCD display driver supports 7-segment 3-digit plus symbol displays * Monitor display for the play, program, repeat, random, and tuner functions * A/D based key acquisition for play/pause, stop, forward scan, backward scan, repeat, program, and random functions.
Features
* 64-pin QIP * Supply voltage: 3.3V single source
Specifications
Absolute Maximum Ratings at Ta=25C, VSS=0V
Parameter Maximum supply voltage Input voltage Output voltage Allowable power dissipation Operating temperature Storage temperature Symbol VDD max VIN VOUT Pdmax Topr Tstg Conditions Ratings VSS - 0.3 to VSS + 4.0 VSS - 0.3 to VDD + 0.3 VSS - 0.3 to VDD + 0.3 300 -20 to +75 -40 to +125 Unit V V V mW C C
Allowable Operating Ranges at Ta=-20 to +75C, VDD=3.0V to 3.6V, VSS=0V
Parameter Supply voltage Symbol VDD VIH (1) Input high-level voltage VIH (2) VIH (3) VIL (1) Input low-level voltage VIL (2) VIL (3) VIN (1) VIN (2) Input level VIN (3) Fop Operating frequency range Crystal oscillator frequency Crystal oscillator frequency Fam Ffm FX16 FX32 Pin name DVDD, XVDD, LRVDD, AVDD DRF, DEFI HFL, TES, FMAMB, REMOTE, PUIN, CLOSE, CDRESB, TUNERESB, MONI1 to 3 EFMI DRF, DEFI HFL, TES, MODE, FMAMB, REMOTE, PUIN, CLOSE, CDRESB, TUNERESB, MONI1 to 3 EFMIN EFMIN XIN16M, XIN32K Input amplitude applied to the coupling capacitor connected to the TUNERIN pin EFMIN TUNERIN TUNERIN XIN16M, XOUT16M XIN32K, XOUT32K FMAMB="L" FMAMB="H" 0.5 50 16.9344 32.768 Slice level control Capacitor coupled input * Conditions 1 * Conditions 2 0 0.66 1.0 0.4VDD V Vp-p Vp-p 0 0.2VDD V 0.6VDD 0 VDD 0.3VDD V V 0.8VDD VDD V Conditions Ratings min 3.0 0.7VDD typ max 3.6 VDD Unit V V
0.05 10 5 120
Vrms MHz MHz MHz MHz kHz
* Conditions 1: The coupling capacitor must be located as close as possible to the TUNERIN pin. * Conditions 2: Coupling capacitor: 100pF 20 pF
No.7735-2/11
LC78605E
Electrical Characteristics at Ta=-20 to +75C, VDD=3.0V to 3.6V, VSS=0V
Parameter Current drain Symbol IDD Pin name DVDD, XVDD, LRVDD, AVDD DRF, DEFI, HFL, TES, FMAMB, Input high-level current IIH (1) REMOTE, PUIN, CLOSE, CDRESB, TUNERSB, EFMIN, TUNERIN IIH (2) MONI1 to 3 DRF, DEFI, HFL, TES, FMAMB, Input low-level current IIL (1) REMOTE, CDRESB, TUNERSB, MONI1 to 3, MODE, EFMIN, TUNERIN IIL (2) VOH (1) Output high-level voltage PUIN, CLOSE CLK, RWB, RWC, COIN, CQCKB, DEFINT, TOFF, TGL, AMUTEB, DMUTEB VOH (2) VOH (3) VOH (4) VOL (1) Output low-level voltage CLVO, JPO, SL+, SL-, MONI1 to 3 SEG1 to SEG7 COM1 to COM4 CLK, RWB, RWC, COIN, CQCKB, DEFINT, TOFF, TGL, AMUTEB, DMUTEB VOL (2) VOL (3) VOL (4) Output off leakage current Pull-up resistance Pull-down resistance Charge pump output current IOFF RPU RDW IPDOH IPDOL CLVO, JPO, SL+, SL-, MONI1 to 3 SEG1 to SEG7 COM1 to COM4 PDO, CLVO, JPO PUIN, CLOSE MONI1 to 3 PDO PDO ISET=100k 80 -120 IOL=2mA IOL=0.01mA IOL=0.01mA In the high-impedance output state -5 80 80 100 -100 120 -80 0.4 0.5 0.5 +5 V V V A k k A A IOL=1mA 0.4 V IOH=-2mA IOH=-0.01mA IOH=-0.01mA VDD-0.4 VDD-0.5 VDD-0.5 V V V IOH=-1mA VDD-0.4 V VIN=0V -100 A VIN=0V -5 A VIN=VDD 100 A VIN=VDD 5 A Conditions Ratings min typ 20 max 30 Unit mA
Package Dimensions
unit : mm
3159A
17.2 14.0
48 49
33 32
14.0
64 1
0.8 (1.0) (2.7) 0.35
17 16
0.15
3.0max
0.1
SANYO : QIP64E (14 x 14)
17.2
0.8
No.7735-3/11
LC78605E
1-Bit D/A Converter Block Analog Characteristics at Ta=25C, VDD=3.3V, VSS=0V
Parameter Symbol Pin name Conditions With a 1kHz, 0dB signal input Total harmonic distortion THD+N LCHO, RCHO With the 20kHz low-pass filter (built into the AD725D) used With a 1kHz, -60dB signal input Dynamic range DR LCHO, RCHO With the 20kHz low-pass and A filters (built into the AD725D) used With a 1kHz, 0dB signal input Signal-to-noise ratio S/N LCHO, RCHO With the 20kHz low-pass and A filters (built into the AD725D) used With a 1kHz, 0dB signal input Crosstalk CT LCHO, RCHO With the 20kHz low-pass filter (built into the AD725D) used * : Measured in normal playback mode in the Sanyo 1-bit D/A converter reference circuit. 80 82 dB 88 90 dB 85 87 dB 0.025 0.04 % Ratings min typ max Unit
1-bit D/A converter output block reference circuit
LC78605 LRVDD 4.7F LCHO(RCHO) 1500pF LRVSS XIN XOUT 100k 2.2k LPF Shibasoku Co., Ltd. AD725D Analog output LCH (RCH)
C
Oscillator element C X'tal
Oscillator element: 16.9344MHz The following oscillator elements are recommended : CSTLS16M9X53-B0 (built-in capacitor) (Murata Mfg. Co., Ltd.) CSTCE16M9V53-R0 (built-in capacitor) (Murata Mfg. Co., Ltd.)
No.7735-4/11
LC78605E
Pin Assignment
DVDD SL+ SL- DMUTEB AMUTEB MODE LCHO LRVDD LRVSS RCHO XVSS XOUT16M XIN16M XVDD XOUT32K XIN32K
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
EFMI DRF DEFI CLK RWB RWC COIN CQCKB FSEQ CLVO HFL JPO TES TOFF TGL DVSS
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
SLCO AVDD FR ISET PDO AVSS AD3 AD2 AD1 CDRESB TUNERESB MONI1 MONI2 MONI3 TUNERIN DVDD
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
LC78605E
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
DVSS PUIN CLOSE REMOTE FMAMB SEG7 SEG6 SEG5 SEG4 SEG3 SEG2 SEG1 COM1 COM2 COM3 COM4
Top view
No.7735-5/11
LC78605E
Equivalent Block Diagram
LRVDD LRVSS DVDD DVDD DVSS DVSS XVDD XVSS AVDD AVSS
FSEQ ISET FR PDO DEFI EFMI SLCO CLVO HFL TES RWB TOFF TGL JPO DRF AD1 AD2 AD3 SL+ SL- MONI1 MONI2 MONI3
VCO Clock Control Slice Level Control CLV Digital Servo
Synchronization Detection EFM demodulation Subcode Separator Q, CRC C1, C2 Error Detection & Correction Flag Processing Interpolation Mute 8X Over Sampling Digital Filter
CDRESB TUNERESB RAM 2K x 8bits Clock Generator XIN16M XOUT16M XIN32K XOUT32K MODE LPF LCHO RCHO COM1 COM2 COM3 COM4 SEG1 SEG2 SEG3 SEG4 SEG5 SEG6 SEG7 TUNERIN
1bit DAC
Commander
CONTROL A/D TUNER Counter LCD Controller & Driver
Port I/F
CLK COIN CQCKB RWC AMUTEB DMUTEB PUIN CLOSE
REMOTE
FMAMB
No.7735-6/11
LC78605E
Pin Functions
Pin No. 1 2 3 4 5 6 7 8 9 Pin Name EFMI DRF DEFI CLK RWB RWC COIN CQCKB FSEQ I/O I I I O O O O O O EFM signal input DRF signal input Defect detection signal (DEF) input (Must be connected to ground if unused.) ASP system clock output (132.3kHz [16.9344MHz/128]) RW support control signal Low-level output: Indicates that a CD-RW disc is being played High-level output: Indicates that a CD-DA/R disc is being played Command write control signal output Command data signal output Command data transfer clock signal output Sync signal detection output monitor A high level is output when the sync signal detected from the EFM signal matches the internally generated sync signal. Spindle motor control signal output 10 CLVO O Low-level output: Decelerate High-level output: Accelerate High-impedance output: Neither accelerate nor decelerate 11 HFL I Track detection signal input (Schmitt trigger input) Track jump control signal output Low-level output: When moving away from the center: decelerate 12 JPO O When moving towards the center: accelerate High-level output: When moving away from the center: accelerate When moving towards the center: decelerate High-impedance output: Neither accelerate nor decelerate 13 14 TES TOFF I O Tracking error signal input (Schmitt trigger input) Tracking off signal output Low-level output: Tracking on High-level output: Tracking off 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 TGL DVSS DVDD SL+ SL- DMUTEB AMUTEB MODE LCHO LRVDD LRVSS RCHO XVSS XOUT16M XIN16M XVDD XOUT32K XIN32K COM4 COM3 COM2 COM1 SEG1 SEG2 SEG3 SEG4 SEG5 SEG6 SEG7 O -- -- O O O O I O -- -- O -- O I -- O I O O O O O O O O O O O Tracking gain switching signal output Low-level output: Gain increase Digital system ground. This pin must be connected to the 0V level. Digital system power supply Sled feed signal outputs Driver muting control signal output Low-level output: When the driver is muted Audio muting control signal output Low in audio mute mode Operating mode selection This pin must be connected to the 0V level. D/A converter left channel signal output D/A converter power supply D/A converter ground. This pin must be connected to the 0V level. D/A converter right channel signal output Digital system ground. This pin must be connected to the 0V level. Connections for a 16.9344MHz crystal oscillator element. (Oscillation is stopped when TUNERESP is high.) Digital system power supply Connections for a 32.768kHz crystal oscillator element. (Oscillation is stopped when CDRESB is high.) Common driver output (4) Common driver output (3) Common driver output (2) Common driver output (1) Segment output (1) Segment output (2) Segment output (3) Segment output (4) Segment output (5) Segment output (6) Segment output (7) -- High-impedance output Undefined -- -- Low-level output Low-level output Low-level output Low-level output -- Undefined -- -- Undefined -- Clock output -- -- Undefined -- High-level output High-level output High-level output High-level output High-level output High-level output High-level output High-level output High-level output High-level output High-level output -- Undefined High-impedance output Undefined -- -- High-impedance output Undefined Low-level output Undefined Low-level output High-level output High-level output Undefined Undefined Undefined Low-level output Undefined Function Pin state when CDRESB is low -- -- -- Clock output Pin state when TUNERESB is low -- -- -- Undefined
Undefined -- -- Undefined Undefined Undefined Undefined -- Undefined -- -- Undefined -- Undefined -- -- Clock output -- High-level output High-level output High-level output High-level output High-level output High-level output High-level output High-level output High-level output High-level output High-level output
Continued on next page. No.7735-7/11
LC78605E
Continued from preceding page.
Pin No. 44 45 46 47 48 49 50 51 52 53 Pin Name FMAMB REMOTE CLOSE PUIN DVSS DVDD TUNERIN MONI3 MONI2 MONI1 I/O I I I I -- -- I I/O I/O I/O Function Tuner display switching selection input (Schmitt trigger input) Remote control signal input (Schmitt trigger input) Close switch detection signal input. A pull-up resistor is built in. (Schmitt trigger input) Limit switch detection signal input. A pull-up resistor is built in. (Schmitt trigger input) Digital system ground. This pin must be connected to the 0 V level. Digital system 3.3V power supply Tuner frequency display input Internal signal monitor pin 3. (Schmitt trigger input) A pull-down resistor is built in. (Default: input mode) Internal signal monitor pin 2. (Schmitt trigger input) A pull-down resistor is built in. (Default: input mode) Internal signal monitor pin 1. (Schmitt trigger input) A pull-down resistor is built in. (Default: input mode) Reset input for this IC's tuner display block. 54 TUNERESB I A pull-down resistor is built in. This pin must be set low briefly after power is first applied. Reset input for this IC's CD playback block. 55 56 57 58 59 60 61 62 63 64 CDRESB AD1 AD2 AD3 AVSS PDO ISET FR AVDD SLCO I AI AI AI -- AO AI PLL system pins AI -- AO A pull-down resistor is built in. This pin must be set low briefly after power is first applied. Key operation A/D converter input 1 Key operation A/D converter input 2 Key operation A/D converter input 3 Analog system ground. This pin must be connected to the 0V level. External VCO control phase comparator output PDO output current adjustment resistor connection VCO frequency range adjustment An external resistor must be connected between this pin and AVDD. Analog system power supply Slice level control output -- Undefined -- Undefined -- -- -- -- -- -- Undefined -- -- -- -- -- Undefined -- -- -- -- -- Pin state when CDRESB is low -- -- -- -- -- -- -- (Low-level output) (Low-level output) (Low-level output) Pin state when TUNERESB is low -- -- -- -- -- -- -- Undefined Undefined Undefined
No.7735-8/11
LC78605E
Sample Application Circuit
To Function VDD VDD
To TUNER 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 SLCO AVDD FR ISET PDO AVSS AD3 AD2 AD1 CDRESB TUNERESB MONI1 MONI2 MONI3 TUNERIN DVDD
To ASP-LSI (LV1605)
GND Rch To Driver-LSI (LA6548) Audio GND Lch
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
DVDD SL+ SL- DMUTEB AMUTEB MODE LCHO LRVDD LRVSS RCHO XVSS XOUT16M XIN16M XVDD XOUT32K XIN32K
EFMI DRF DEFI CLK RWB RWC COIN CQCKB FSEQ CLVO HFL JPO TES TOFF TGL DVSS
LC78605E
DVSS PUIN CLOSE REMOTE FMAMB SEG7 SEG6 SEG5 SEG4 SEG3 SEG2 SEG1 COM1 COM2 COM3 COM4
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
To Mechanism
To LCD DISPLAY
Audio VDD
No.7735-9/11
LC78605E
Notes on Application Design While it goes without saying that this IC's absolute maximum ratings and allowable operating ranges (and recommended operating conditions) must be strictly observed to achieve reliability as a total system, adequate care is also required with respect to the operating environment and mounting conditions such as ambient temperature and static electricity. This section presents notes on items that require care during end product design and IC mounting. * Handling Unused Pins If any unused input pins on this IC are left open the related internal circuits may become unstable. The instructions on handling unused pins for specific pins given in the technical documentation must be followed. Also note that unused output pins must not be shorted to power, ground, or other outputs.
* Latchup Prevention -- The stipulated supply voltage must be applied to each power supply pin. If there are multiple pins for which the same supply voltage is stipulated, the same potential must be applied to all those pins. -- Overvoltages and abnormal noise must not be applied to this IC. -- In general, latchup can be prevented by holding unused input pins fixed at either V DD or VSS. However, the handling of each pin must follow the specific instruction in the pin functions documentation. -- The outputs must not be shorted. * Interface Notes When the inputs and outputs of different devices are connected, malfunctions may occur if the input VIL/VIH levels do not match the corresponding output VOL/VOH levels. Level shifters must be inserted to prevent destruction of the devices if devices with differing supply voltages, such as may occur in two power supply system applications, are connected. * Load Capacitance and Output Current -- When connected to high capacitance loads, lines may be melted since the effect of such loads is the same as the load being shorted for an extended period. Also, charge/discharge currents may result in noise that may degrade equipment performance and cause malfunctions. The recommended load capacitance ratings must be observed. -- Excessive output sink or source currents can cause similar problems. Observe the maximum allowable power dissipation ratings and use this IC within the recommended current value range. * Notes on Power Application and Power-on Reset -- There are cases where special care is required at power on, during a reset, and after a reset is cleared. Refer to the device specifications and design applications taking these concerns into account. -- This IC's output pin states, I/O settings, and register values are undefined when power is first applied. The operation of items that are defined by a reset operation or mode settings is only guaranteed after the corresponding reset or setting operation. A reset must be applied to this IC after power is first applied. The states immediately after power on of pins and registers that are not explicitly defined cannot be relied on: they may differ from versions of the same product purchased at different times. * Notes on thermal design The failure rate of semiconductor devices is accelerated greatly by increases in ambient temperature or power consumption. To assure high reliability, design the application heat dissipation system to provide adequate margin for variations in ambient conditions. * Notes on PCB pattern design -- Ideally, there should be separate power supply and ground lines for each system to reduce the influence of shared impedances. -- The power supply and ground lines should be as wide and as short as possible, and the impedance to high frequencies should be as small as possible. Ideally, decoupling capacitors (0.01 to 1F) and 100 to 220F capacitors should be inserted between each power supply/ground pair. However, note that latchup may occur if the values of these capacitors are too large. *: In the servo systems, the same handling is required for the VREF reference voltage line as well as for the driver VCC and ground lines. The driver ground lines must be especially wide and located under the device to provide a heat dissipating effect.
No.7735-10/11
LC78605E
*: If a current output type pickup is used, the photoreceptor connector must be located as close as possible to the ASP RF input. If a voltage output type pickup is used, the I/V conversion resistors located at the ASP input must be located as close as possible to the ASP RF input. -- The EFM signal line must be made as short as possible, and must either be located well away from adjacent lines or must be run between ground or power supply level lines as shield lines. Since the slice level controller output (SLCO) can easily introduce noise in the EFM signal line, the resistor connected to the output pin must be located as close to that pin as possible. Note that if that resistor has a relatively small value, spurious radiation problems may be aggravated and that if the resistor has a larger value, the output level may become problematic. -- The crystal oscillator circuit must be surrounded by the ground pattern. -- The TUNER pin coupling capacitor must be located as close to the IC as possible. * Other Notes If there are any points that are unclear or if you have any questions, contact your Sanyo representative during the design phase. This IC is a special-purpose device designed for CD player applications, and has specifications that differ from those of general-purpose logic devices. End products must be designed to operate in a failsafe manner appropriate for the application, and application operation must be verified using test equipment.
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of March, 2004. Specifications and information herein are subject to change without notice.
PS No.7735-11/11


▲Up To Search▲   

 
Price & Availability of LC78605E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X