Part Number Hot Search : 
0LSTR 0603C10 LL15XB60 J100A TDA8171 110243 2SD96 MRF6P
Product Description
Full Text Search
 

To Download KSP2222A06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSP2222A NPN General Purpose Amplifier
July 2006
KSP2222A
NPN General Purpose Amplifier
Features
* Collector-Emitter Voltage: VCEO= 40V * Collector Power Dissipation: PC (max)=625mW * Available as PN2222A TO-92
tm
1 23
1. Emitter 2. Base 3. Collector
Absolute Maximum Ratings * T
Symbol
VCBO VCEO VEBO IC TJ Tstg Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector current Junction Temperature Storage Temperature
a
= 25C unless otherwise noted
Parameter
Value
75 40 6.0 600 +150 -55 ~ +150
Units
V V V mA C C
* 1. These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. 2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics T =25C unless otherwise noted
a
Symbol
PC RJC RJA
Parameter
Collector Power Dissipation, by RJA Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
a
Max
625 83.3 200
Units
mW C/W C/W
Electrical Characteristics * T
Symbol
V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE
= 25C unless otherwise noted
Parameter
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain
Test Condition
IC = 10A, IE = 0 IC = 10mA, IB = 0 IE = 10A, IC = 0 VCB = 60V, IE = 0 VEB = 3.0V, IC = 0 VCE = 10V, IC = 0.1mA, VCE = 10V, IC = 1mA, VCE = 10V, IC = 10mA, VCE = 10V, IC = 150mA, VCE = 10V, IC = 500mA, IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA IC = 20mA, VCE = 20V, f = 100MHz VCB = 10V, IE = 0, f = 1.0MHz VCC= 30V, IC = 150mA, IB1= 15mA, VBE(off)= 0.5V VCC= 30V, IC = 150mA, IB1= IB1 = 15mA IC = 100A, VCE= 10V, RS= 1K , f = 1.0KHz
Min.
75 40 6.0
Typ.
Max.
Units
V V V A nA
0.01 10 35 50 75 100 40
300 0.3 1 1.2 2.0 8 35 285 4 V V V V MHz pF ns ns dB
VCE(sat) VBE(sat) fT Cobo tON tOFF NF
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Current Gain Bandwidth Product Output Capacitance Turn On Time Turn Off Time Noise Figure
0.6 300
* DC Item are tested by Pulse Test : Pulse Width300us, Duty Cycle2%
(c)2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
KSP2222A Rev. B
KSP2222A NPN General Purpose Amplifier
Package Dimensions
TO-92
4.58 -0.15
+0.25
0.46
14.47 0.40
0.10
4.58 0.20
1.27TYP [1.27 0.20] 3.60
0.20
1.27TYP [1.27 0.20]
0.38 -0.05
+0.10
3.86MAX
1.02 0.10
0.38 -0.05
+0.10
(R2.29)
(0.25)
Dimensions in Millimeters
2 KSP2222A Rev. B
www.fairchildsemi.com
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. FACT Quiet SeriesTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FAST(R) FASTrTM FPSTM FRFETTM DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM
SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM TinyBoostTM TinyBuckTM TinyPWMTM TinyPowerTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM
UniFETTM UltraFET(R) VCXTM WireTM
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I20


▲Up To Search▲   

 
Price & Availability of KSP2222A06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X