Part Number Hot Search : 
APR6016 TIP33C A105M 4AK19 3500S 3500S A105M 1N2248A
Product Description
Full Text Search
 

To Download KSA120105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSA1201 PNP Epitaxial Silicon Transistor
July 2005
KSA1201
PNP Epitaxial Silicon Transistor
Power Amplifier
* Collector-Emitter Voltage: VCEO= -120V * fT=120MHz * Collector Power Dissipation PC=1~2W : Mounted on Ceramic Board * Complement to KSC2881
Marking
12 PY
1
01 WW
Weekly code Year code hFE grage
SOT-89
1. Base 2. Collector 3. Emitter
Absolute Maximum Ratings
Symbol
VCBO VCEO VEBO IC IB PC P C* TJ TSTG Collector Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current
Ta = 25C unless otherwise noted
Parameter
Ratings
-120 -120 -5 -800 -160 500 1,000 150 -55 ~ 150
Units
V V V mA mA mW mW C C
Collector Power Dissipation Junction Temperature Storage Temperature
* Mounted on Ceramic Board (250mm2 x 0.8mm)
Electrical Characteristics T
Symbol
BVCEO BVEBO ICBO IEBO hFE VCE (sat) VBE (on) fT Cob
a=
25C unless otherwise noted
Parameter
Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter On Voltage Current Gain Bandwidth Product Output Capacitance
Test Condition
IC = -10mA, IB = 0 IE = -1mA, IC = 0 VCB = -120V, IE = 0 VBE = -5V, IC = 0 VCE = -5V, IC = -100mA IC = -500mA, IB = -50mA VCE = -5V, IC = -500mA VCE = -5V, IC = -100mA VCB = -10V, IE = 0, f = 1MHz
Min.
-120 -5
Typ.
Max.
Units
V V
-100 -100 80 240 -1.0 -1.0 120 30
nA nA V V MHz pF
(c)2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
KSA1201 Rev. B2
KSA1201 PNP Epitaxial Silicon Transistor
hFE Classification
Classification
hFE
O
80 ~ 160
Y
120 ~ 240
Package Marking and Ordering Information
Device Marking
1201
Device
KSA1201
Package
SOT-89
Reel Size
13"
Tape Width
--
Quantity
4,000
KSA1201 Rev. B2
2
www.fairchildsemi.com
KSA1201 PNP Epitaxial Silicon Transistor
Typical Performance Characteristics
Figure 1. Static Characteristic
-0.8
Figure 2. DC Current Gain
IB =-7mA
1000
IB =-10mA
VCE = -5V
IC[A], COLLECTOR CURRENT
IB =-4mA
-0.4
hFE, DC CURRENT GAIN
-0.6
IB =-5mA
IB =-3mA IB =-2mA
100
-0.2
IB =-1mA IB =0
-0 -4 -8 -12 -16
10
-1
-10
-100
-1000
VCE[V], COLLECTOR-EMITTER VOLTAGE
IC[mA], COLLECTOR CURRENT
Figure 3. Collector-Emitter Saturation Voltage
-1
Figure 4. Base-Emitter On Voltage
1.6
VCE(sat)[V], SATURATION VOLTAGE
IC = 10 IB
1.4
PC[W], POWER DISSIPATION
1.2 1.0 0.8 0.6 0.4 0.2
M
ou n
te
d
-0.1
on
Ce
ra m
ic
Bo
ar d
(2
50 m
m
X0 .
2
8m
m )
150 175 200
-0.01
-1
-10
-100
-1000
0
25
50
o
75
100
125
IC[mA], COLLECTOR CURRENT
Ta[ C], AMBIENT TEMPERATURE
Figure 5. Safe Operating Area
-10000
Figure 6. Power Derating
Ta=25 C Single Pulse
o
1.6 1.4
IC[mA], COLLECTOR CURRENT
-1000
ICMAX(DC)
s 1m
s m 10
PC[W], POWER DISSIPATION
ICMAX(Pulse)
1.2 1.0 0.8 0.6 0.4 0.2
M
ou n
s 0m 10
te
d
-100
on
Ce
ra
m ic
Bo
ar d
(2
VCEOMAX
-10
50
m m
X0 .
2
8m
m
)
150 175 200
-1 -0.1
-1
-10
-100
-1000
0
25
50
o
75
100
125
VCE[V], COLLECTOR-EMITTER VOLTAGE
Ta[ C], AMBIENT TEMPERATURE
KSA1201 Rev. B2
3
www.fairchildsemi.com
KSA1201 PNP Epitaxial Silicon Transistor
Mechanical Dimensions
SOT-89
4.50 0.20 1.65 0.10 C0.2
(0.50)
1.50 0.20 (0.40)
0.20
2.50
0.50 0.10 1.50 TYP 1.50 TYP
0.40 0.10 0.40
+0.10 -0.05
(1.10)
4.10
0.20
Dimensions in Millimeters
KSA1201 Rev. B2
4
www.fairchildsemi.com
KSA1201 PNP Epitaxial Silicon Transistor
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM
Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM
PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM WireTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I16
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
5 KSA1201 Rev. B2
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of KSA120105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X