Part Number Hot Search : 
20PFB LC040 100CA BULK380D 2000D STV8226D KBU3506 UCY7408
Product Description
Full Text Search
 

To Download KBU8D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Approve Sheet Part Number: KBU8A~KBU8K
DATA SHEET KBU8A~KBU8K
SILICON SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes Recongnized File # E111753
FEATURES
* Plastic material has Underwriters Laboratory Flammability Classification 94V-O
.780(19.8) .740(18.8)
KBU
.933(23.7) .894(22.7)
Unit: inch ( mm )
.224(5.7)
.295 (7.5)
* Ideal for printed circuit board * Reliable low cost construction utilizing molded plastic technique * Surge overload rating: 200 Amperes peak * High temperature soldering guaranteed:
~
~
R .075(1.9) (2x)
MECHANICAL DATA
Case: Reliable low cost construction utilizing molded plastic technique Terminals: Leads solderable per MIL-STD-202,
.280(7.1) .268(6.8)
.052(1.3) .047(1.2)
.138(3.5)
Method 208 Mounting position: Any Mounting torque: 5 in. lb. Max. Weight: 0.3 ounce, 8.0 grams
.220(5.6) .181(4.6)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For Capacitive load derate current by 20%.
1.0(25.4) MIN.
260C/10 seconds/.375"(9.5mm) lead length at 5 lbs. (2.3kg) tension
.701(17.8) .661(16.8)
KBU8A Maximum Recurrent Peak Reverse Voltage Maximum RMS Input Voltage Maximum DC Blocking Voltage Maximum Average Forward TC=100C Rectified Output Current atTA=40C I2t Rating for fusing ( t<8.3ms) Peak Forward Surge Current single sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage Drop per element at 8.0A Maximum Reverse Leakage at rated TA=25 CDc Blocking Voltage per element TC=100C Typical Thermal Resistance per leg(Note 2) RJA Typical Thermal Resistance per leg(Note 3) RJC Operating and Storage Temperature Range, TJ,TSTG 50 35 50
KBU8B 100 70 100
KBU8D 200 140 200
KBU8G 400 280 400 8.0 8.0
KBU8J 600 420 600
KBU8K 800 560 800
UNIT V V V A A2sec
166 200 1.0 10 1000 18.0 3.0 -55 to +150
Apk Vpk A A C / W C / W C
NOTES: 1. Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw. 2. Units Mounted in free air, no heatsink, P.C.B at 0.375"(9.5mm) lead length with 0.5 x 0.5"(12 x 12mm)copper pads. 3. Units Mounted on a 2.0 x 1.6" x 0.3" thick (5 x 4 x 0.8cm) AL plate.
PAGE . 1
Approve Sheet Part Number: KBU8A~KBU8K
INSTANTANEOUS FORWARD CURRENT, AMPERES
100 40 20 10 4.0 2.0 1.0 TJ=25OC Pulse Width=300 S 1% DULY Cycle
8.0 HEAT-SINK MOUNTING,TC (4 4 0.15) INCH COPPER PLATE
AVERAGE FORWARD CURRENT AMPERES
6.0
4.0
2.0
MOUNTED ON PC BOARD. TA 0.5"(12.7mm) LEAD LENGTH 60Hz RESISTIVE OR INDUCTIVE LOAD 0 50 100 150
0.4 0.2 0.1 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
0
TEMPERATURE OC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
ig. 1- DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
Fig. 2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISITCS PER ELEMENT
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
FPRWARD SURGE CURRENT, AMPERES pk (HALF SINE-WAVE)
200
T C =100 C 1.0
O
160
120
80 T A =105 C
O
0.1 T A =25 C
O
40
0.01 0 20 40 60 80 100 120 140
0
1
2
6
10
20
40
60
100
PERCENT OF PEAK REVERSE VOLTAGE
Fig. 3- TYPICAL REAK REVERSE CHARACTERISTICS
NO. OF CYCLES AT 60Hz
Fig. 4- MAXIMUM NON-REPETITEVE PEAK FORWARD SURGE CURRENT
400
CAPACITANCE, pF
100 Tj=25 C f=1.0MHz Vsig=50mVp-p
O
50
10
1
5
10
50
100
REVERSE VOLTAGE, VOLTS
Fi
5 TYPICL JUNCTION CAPACITANCE PER ELEMENT
PAGE . 2


▲Up To Search▲   

 
Price & Availability of KBU8D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X