Part Number Hot Search : 
AN5755 PC725 PC725 FN1A4P FN1A4P AN5755 HM3669 BCT25244
Product Description
Full Text Search
 

To Download KBU8D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU8A THRU KBU8M
SINGLE-PHASE BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Case Style KBU
0.935 (23.7) 0.160 (4.1) 0.140 (3.6) 0.895 (22.7) 0.185 (4.7) 0.165 (4.2) 45o 0.700 (17.8) 0.660 (16.8) 0.075 (1.9) R. TYP. (2 PLACES) 0.455 (11.3) 0.405 (10.3) 0.085 (2.2) 0.065 (1.7)
Forward Current - 8.0 Amperes
FEATURES
0.760 (19.3) MAX.
1.0 (25.4) MIN. 0.052 (1.3) 0.048 (1.2) DIA. 0.220 (5.6) 0.180 (4.6) 0.240 (6.09) 0.200 (5.08)
Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 This series is UL listed under Recognized Component Index, file number E54214 High case dielectric strength of 1500 VRMS Ideal for printed circuit boards High forward surge current capability High temperature soldering guaranteed: 250C/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension MECHANICAL DATA Case: Molded plastic body Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Mounting Position: Any (NOTE 1) Mounting Torque: 5 in.-lb. max. Weight: 0.3 ounce, 8.0 grams
0.205 (5.2) 0.185 (4.7)
0.280 (7.1) 0.260 (6.6)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
KBU 8A
KBU 8B
KBU 8D
KBU 8G
KBU 8J
KBU 8K
KBU 8M
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified TC=100C (NOTE 1, 3) output current at TA=45C (NOTE 2) Peak forward surge current single half sine-wave superimposed on rated load (JEDEC Method) TJ=150C Maximum instantaneous forward voltage drop per leg at 8.0A Maximum DC reverse current at rated DC blocking voltage per leg Typical thermal resistance per leg (NOTE 2)
(NOTE 3)
VRRM VRMS VDC I(AV) IFSM VF TA=25C TA=125C IR RJA RJC TJ, TSTG
50 35 50
100 70 100
200 140 200
400 280 400 8.0 6.0 300.0 1.0 10.0 1.0 18.0 3.0 -50 to +150
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps Volts A mA C/W C
Operating junction and storage temperature range
NOTES:
(1) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw (2) Units mounted in free air, no heatsink, P.C.B. at 0.375" (9.5mm) lead length with 0.5 x 0.5" (12 x 12mm) copper pads (3) Units mounted on a 3.0 x 3.0" x 0.11" thick (7.5 x 7.5 x 0.3cm) Al. Plate heatsink
4/98
RATINGS AND CHARACTERISTICS CURVES KBU8A THRU KBU8M
FIG. 1 - DERATING CURVE OUTPUT RECTIFIED CURRENT AVERAGE FORWARD CURRENT, AMPERES PEAK FORWARD SURGE CURRENT, AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
8.0
300
HEAT-SINK MOUNTING,TC 3.0 x 3.0 x 12"THK AL. PLATE (7.5 x 0.3cm)
250 200 150 100 50 0
SINGLE SINE-WAVE (JEDEC Method) TJ=150C
6.0
4.0
P.C.B. MOUNTING, TA 0.375" (9.5mm) LEAD LENGTH 0.5 x 0.5" (12 x 12mm) COPPER PADS 60 HZ RESISTIVE OR INDUCTIVE LOAD
2.0
0
0
50
100
150
1.0 CYCLE
TEMPERATURE, C
1
10
NUMBER OF CYCLES AT 60 HZ
100
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
FIG. 4 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS PER LEG
50
100
INSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
TJ=100C
10
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
1
1
0.1
TJ=25C
0.1 0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.01
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE PER LEG
400
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHz Vsig=50mVp-p
100
10 1 10
REVERSE VOLTAGE, VOLTS
100


▲Up To Search▲   

 
Price & Availability of KBU8D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X