Part Number Hot Search : 
2N6896 BR404 X7R1C 1486CUB RS407 UPC2002 PL001 F1608
Product Description
Full Text Search
 

To Download JANTXV2N5682 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN POWER TRANSISTOR SILICON AMPLIFIER
Qualified per MIL-PRF-19500/583 Devices 2N5681 2N5682 Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS (TA = 25C unless otherwise noted) 2N5681 Ratings Symbol
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Base Current Total Power Dissipation @ TA = +250C(1) @ TC = +250C(2) Operating & Storage Temperature Range VCEO VCBO VEBO IC IB PT Top, Tstg Symbol RJC 100 100 4.0 1.0 0.5 1.0 10 -65 to +200
2N5682
120 120 4.0 1.0 0.5 1.0 10 -65 to +200
Units
Vdc Vdc Vdc Adc Adc W W C Unit 0 C
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case 1) Derate linearly 5.7 mW/0C for TA > +250C 2) Derate linearly 57 mW/0C for TC > +250C Max. 17.5
TO-39* (TO-205AD)
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TA = 250C unless otherwise noted)
Characteristics Symbol Min. 100 120 1.0 10 Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 10 mAdc 2N5681 2N5682 Emitter-Base Cutoff Current VEB = 4.0 Vdc Collector-Emitter Cutoff Current VCE = 70 Vdc 2N5681 VCE = 80 Vdc 2N5682 Collector-Emitter Cutoff Current VBE = 1.5 Vdc VCE = 100 Vdc 2N5681 VCE = 120 Vdc 2N5682 Collector-Baser Cutoff Current VCE = 100 Vdc 2N5681 VCE = 120 Vdc 2N5682
V(BR)CEO
Vdc Adc Adc
IEBO ICEO
ICEX
100
nAdc
ICBO
100
nAdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N5681, 2N5682 JAN SERIES ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (3)
Forward Current Transfer Ratio IC = 250 mAdc, VCE = 2.0 Vdc IC = 500 mAdc, VCE = 2.0 Vdc IC = 1.0 Adc, VCE = 2.0 Vdc Collector-Emitter Saturation Voltage IC = 250 mAdc, IB = 25 mAdc IC = 500 mAdc, IB = 50 mAdc Base-Emitter Saturation Voltage IC = 250 mAdc, IB = 25 mAdc IC = 500 mAdc, IB = 50 mAdc hFE 40 20 5 150
VCE(sat)
0.6 1.0 1.1 1.3
Vdc
VBE(sat)
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short Circuit Forward-Current Transfer Ratio IC = 0.1 Adc, VCE = 10 Vdc, f = 10 kHz Small Signal Short Circuit Forward-Current Transfer Ratio IC = 0.2 Adc, VCE = 1.5 Vdc, f = 1.0 kHz Output Capacitance VCB = 20 Vdc, IE = 0, f = 1 MHz
hfe
hfe Cobo
3.0
40 50 pF
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t 0.5 s Test 1 VCE = 2 Vdc, IC = 1.0 Adc Test 2 VCE = 10 Vdc, IC = 1.0 Adc Test 3
VCE = 90 Vdc, IC = 50 mAdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of JANTXV2N5682

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X