Part Number Hot Search : 
MIC520 BR10150 32CTQ BR10150 MA736 2203161 ER107 BR10150
Product Description
Full Text Search
 

To Download ISL90842UIV1427Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL90842
Quad Digitally Controlled Variable Resistors
Data Sheet January 16, 2006 FN8096.1
Low Noise, Low Power I2C(R) Bus, 256 Taps
The ISL90842 integrates four digitally controlled potentiometers (DCP) configured as variable resistors on a monolithic CMOS integrated circuit. The digitally controlled potentiometers are implemented with a combination of resistor elements and CMOS switches. The position of the wipers are controlled by the user through the I2C bus interface. Each potentiometer has an associated Wiper Register (WR) that can be directly written to and read by the user. The contents of the WR controls the position of the wiper. The DCPs can be used as two-terminal variable resistors in a wide variety of applications including control, parameter adjustments, and signal processing.
Features
* Four variable resistors in one package * 256 resistor taps - 0.4% resolution * I2C serial interface * Wiper resistance: 70 typical @ 3.3V * Standby current <5A max * Power supply: 2.7V to 5.5V * 50k, 10k total resistance * 14 Lead TSSOP * Pb-free plus anneal available (RoHS compliant)
Pinout
ISL90842 (14 LEAD TSSOP) TOP VIEW
RH3 RW3 SCL SDA GND RW2 RH2 1 2 3 4 5 6 7 14 13 12 11 10 9 8 RW0 RH0 VCC A1 A0 RH1 RW1
Ordering Information
PART NUMBER ISL90842UIV1427Z (Notes 1 & 2) ISL90842WIV1427Z (Notes 1 & 2) NOTES: 1. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 2. Add "-TK" suffix for Tape and Reel. PART MARKING 90842UI27Z 90842WI27Z RESISTANCE OPTION () 50K 10K TEMP RANGE (C) -40 to +85 -40 to +85 PACKAGE 14 Ld TSSOP (Pb-Free) 14 Ld TSSOP (Pb-Free)
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2006. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL90842 Functional Diagram
VCC RH0 RH1 RH2 RH3
SCL SDA A0 A1 RL GND RW0 RL RW1 RL RW2 RL RW3 I2C INTERFACE
Block Diagram
VCC
WR3
DCP3 *
RH3 RW3
SDA SCL A1 A0
I2C INTERFACE
POWER-UP, INTERFACE, CONTROL AND STATUS LOGIC
WR2
DCP2 *
RH2 RW2
WR1
DCP1 *
RH1 RW1
WR0
DCP0 *
RH0 RW0
GND * THE RL PINS OF EACH DCP ARE LEFT FLOATING
Pin Descriptions
TSSOP PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 SYMBOL RH3 RW3 SCL SDA GND RW2 RH2 RW1 RH1 A0 A1 VCC RH0 RW0 "High" terminal of DCP3 "Wiper" terminal of DCP3 I2C interface clock Serial data I/O for the I2C interface Device ground pin "Wiper" terminal of DCP2 "High" terminal of DCP2 "Wiper" terminal of DCP1 "High" terminal of DCP1 Device address for the I2C interface Device address for the I2C interface Power supply pin "High" terminal of DCP0 "Wiper" terminal of DCP0 DESCRIPTION
2
FN8096.1 January 16, 2006
ISL90842
Absolute Maximum Ratings
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65C to +150C Voltage at any digital interface pin with respect to GND . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC+0.3 VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V Voltage at any DCP pin with respect to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC Lead temperature (soldering, 10s). . . . . . . . . . . . . . . . . . . . . . 300C IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6mA Latchup . . . . . . . . . . . . . . . . . . . . . . . . . . Class II, Level B at +85C ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2kV Human Body Model
Recommended Operating Conditions
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40C to +85C VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V Power rating of each DCP . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5mW Wiper current of each DCP . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0mA
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Analog Specifications
SYMBOL RTOTAL
Over recommended operating conditions unless otherwise stated. TEST CONDITIONS W option, wiper counter = 00h U option, wiper counter = 00h MIN TYP (NOTE 1) 10 50 -20 70 10/10/25 Voltage at pin from GND to VCC 0.1 1 +20 200 MAX UNIT k k % pF A
PARAMETER RH to RW resistance
RH to RW resistance tolerance RW CH/CL/CW ILkgDCP Wiper resistance Potentiometer capacitance (Note 15) Leakage on DCP pins (Note 15)
Wiper counter = 00h VCC = 3.3V @ 25C, wiper current = VCC/RTOTAL
RESISTOR MODE (Measurements between RWi and RHi, i = 0, 1, 2 or 3) RINL (Note 5) RDNL (Note 4) Roffset (Note 3) Integral non-linearity Differential non-linearity Offset U option W option RMATCH (Note 6) TCR (Note 7) DCP to DCP matching Resistance temperature coefficient Any two DCPs at the same tap position with the same terminal voltages DCP register set between 20 hex and FF hex DCP register set between 20 hex and FF hex; monotonic over all tap positions -1 -0.5 0 0 -2 45 1 0.5 1 0.5 7 2 2 MI (Note 2) MI (Note 2) MI (Note 2) MI (Note 2) MI (Note 2) ppm/C
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL ICC1 ISB PARAMETER VCC supply current (volatile write/ read) VCC current (standby) TEST CONDITIONS fSCL read and write states) = 400kHz; SDA = Open; (for I2C, active, MIN TYP (NOTE 1) MAX 1 5 2 -10 10 UNIT mA A A A
VCC = +5.5V, I2C interface in standby state VCC = +3.6V, I2C interface in standby state
ILkgDig
Leakage current, at pins A0, A1, SDA, Voltage at pin from GND to VCC and SCL
3
FN8096.1 January 16, 2006
ISL90842
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL tDCP (Note 8) PARAMETER DCP wiper response time TEST CONDITIONS SCL falling edge of last bit of DCP data byte to wiper change MIN TYP (NOTE 1) MAX 1 UNIT s
SERIAL INTERFACE SPECS VIL VIH Hysteresis (Note 8) VOL (Note 8) Cpin (Note 8) fSCL tIN (Note 8) tAA (Note 8) tBUF (Note 8) tLOW tHIGH tSU:STA tHD:STA tSU:DAT A1, A0, SDA, and SCL input buffer LOW voltage A1, A0, SDA, and SCL input buffer HIGH voltage SDA and SCL input buffer hysteresis SDA output buffer LOW voltage, sinking 4mA A1, A0, SDA, and SCL pin capacitance SCL frequency Pulse width suppression time at SDA and SCL inputs SCL falling edge to SDA output data valid Time the bus must be free before the start of a new transmission Clock LOW time Clock HIGH time START condition setup time START condition hold time Input data setup time Any pulse narrower than the max spec is suppressed SCL falling edge crossing 30% of VCC, until SDA exits the 30% to 70% of VCC window SDA crossing 70% of VCC during a STOP condition, to SDA crossing 70% of VCC during the following START condition Measured at the 30% of VCC crossing Measured at the 70% of VCC crossing SCL rising edge to SDA falling edge; both crossing 70% of VCC From SDA falling edge crossing 30% of VCC to SCL falling edge crossing 70% of VCC From SDA exiting the 30% to 70% of VCC window, to SCL rising edge crossing 30% of VCC From SCL rising edge crossing 70% of VCC to SDA entering the 30% to 70% of VCC window From SCL rising edge crossing 70% of VCC, to SDA rising edge crossing 30% of VCC From SDA rising edge to SCL falling edge. Both crossing 70% of VCC From SCL falling edge crossing 30% of VCC, until SDA enters the 30% to 70% of VCC window From 30% to 70% of VCC From 70% to 30% of VCC Total on-chip and off-chip 1300 -0.3 0.7*VCC 0.05* VCC 0 0.4 10 400 50 900 0.3*VCC VCC+0.3 V V V V pF kHz ns ns ns
1300 600 600 600 100
ns ns ns ns ns
tHD:DAT
Input data hold time
0
ns
tSU:STO tHD:STO tDH (Note 8) tR (Note 8) tF (Note 8)
STOP condition hold time STOP condition hold time for read, or volatile only write Output data hold time
600 600 0
ns ns ns
SDA and SCL rise time SDA and SCL fall time
20 + 0.1 * Cb 20 + 0.1 * Cb 10 1
250 250 400
ns ns pF k
Cb (Note 8) Capacitive loading of SDA or SCL Rpu (Note 8)
SDA and SCL bus pull-up resistor off- Maximum is determined by tR and tF chip For Cb = 400pF, max is about 2~2.5k For Cb = 40pF, max is about 15~20k
4
FN8096.1 January 16, 2006
ISL90842
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL tSU:A tHD:A PARAMETER A1 and A0 setup time A1 and A0 hold time TEST CONDITIONS Before START condition After STOP condition MIN 600 600 TYP (NOTE 1) MAX UNIT ns ns
SDA vs SCL Timing
tF tHIGH tLOW tR
SCL tSU:STA SDA (INPUT TIMING)
tSU:DAT tHD:DAT tSU:STO
tHD:STA
tAA SDA (OUTPUT TIMING)
tDH
tBUF
A0 and A1 Pin Timing
START SCL CLK 1 STOP
SDA IN tSU:A A0, A1 tHD:A
NOTES: 1. Typical values are for TA = 25C and 3.3V supply voltage. 2. MI = |R255 - R0| / 255. R255 and R0 are the measured resistances for the DCP register set to FF hex and 00 hex, respectively. 3. Roffset = R255 / MI, when measuring between RW and RH. 4. RDNL = (Ri - Ri-1) / MI, for i = 32 to 255. 5. RINL = [Ri - (MI * i) - R0] / MI, for i = 32 to 255. 6. RMATCH = (Ri,x - Ri,y) / MI, for i = 0 to 255, x = 0 to 3 and y = 0 to 3. [ Max ( Ri ) - Min ( Ri ) ] 10 7. TC R = --------------------------------------------------------------- x ---------------- for i = 32 to 255, T = -40C to 85C. Max ( ) is the maximum value of the resistance and Min ( ) is the [ Max ( Ri ) + Min ( Ri ) ] 2 125C minimum value of the resistance over the temperature range. 8. This parameter is not 100% tested.
6
5
FN8096.1 January 16, 2006
ISL90842 Typical Performance Curves
160 140 WIPER RESISTANCE () VCC=2.7, T=+85C VCC=2.7, T=+25C STANDBY ICC (A) 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 VCC=5.5, T=-40C VCC=5.5, T=+85C VCC=5.5, T=+25C 0 50 100 150 200 250 0.2 0 2.7 +25C 3.2 3.7 4.2 VCC (V) 4.7 5.2 +85C -40C
120 VCC=2.7, T=-40C 100 80 60 40 20 0
TAP POSITION (DECIMAL)
FIGURE 1. WIPER RESISTANCE vs TAP POSITION [I(RW) = VCC / RTOTAL] FOR 50k (U)
FIGURE 2. STANDBY ICC vs Vcc
0.3 0.2 0.1 INL (LSB) VCC=5.5, T=+25C VCC=2.7, T=+25C
0.5 VCC=2.7, T=+25C 0.3 VCC=5.5, T=-40C VCC=5.5, T=+85C VCC=2.7, T=+85C -0.1
DNL (LSB)
0.1
0 -0.1 -0.2 -0.3 32
VCC=5.5, T=+85C VCC=2.7, T=-40C VCC=2.7, T=+85C 182 232 VCC=5.5, T=-40C 82 132
-0.3 VCC=5.5, T=+25C 82 132 182 VCC=2.7, T=-40C 232
-0.5 32
TAP POSITION (DECIMAL)
TAP POSITION (DECIMAL)
FIGURE 3. DNL vs TAP POSITION FOR 50k (U)
FIGURE 4. INL vs TAP POSITION FOR 50k (U)
1.5 END TO END RTOTAL CHANGE (%) 1 0.5 0 -0.5 -1 -1.5 -40 2.7V 5.5V TC (ppm/C)
35 25 15 5 -5 -15 -25 32
-20
0
20
40
60
80
82
132
182
232
TEMPERATURE (C)
TAP POSITION (DECIMAL)
FIGURE 5. END TO END RTOTAL % CHANGE vs TEMPERATURE
FIGURE 6. TC IN ppm
6
FN8096.1 January 16, 2006
ISL90842 Typical Performance Curves
(Continued)
INPUT
SCL
OUTPUT
SIGNAL AT WIPER (WIPER UNLOADED MOVEMENT FROM ffh TO 00h)
TAP POSITION = MID POINT RTOTAL=9.4K
FIGURE 7. FREQUENCY RESPONSE (2.2MHz)
FIGURE 8. LARGE SIGNAL SETTLING TIME
Principles of Operation
The ISL90842 is an integrated circuit incorporating four DCPs with their associated registers, and an I2C serial interface providing direct communication between a host and the DCPs.
I2C Serial Interface
The ISL90842 supports a bidirectional bus oriented protocol. The protocol defines any device that sends data onto the bus as a transmitter and the receiving device as the receiver. The device controlling the transfer is a master and the device being controlled is the slave. The master always initiates data transfers and provides the clock for both transmit and receive operations. Therefore, the ISL90842 operates as a slave device in all applications. All communication over the I2C interface is conducted by sending the MSB of each byte of data first.
DCP Description
Each DCP is implemented with a combination of resistor elements and CMOS switches. The physical ends of each DCP are equivalent to the fixed terminals of a mechanical potentiometer. The RW pin of each DCP is connected to intermediate nodes, and is equivalent to the wiper terminal of a mechanical potentiometer. The position of the wiper terminal within the DCP is controlled by an 8-bit volatile Wiper Register (WR). Each DCP has its own WR. When the WR of a DCP contains all zeroes (WR<7:0>: 00h), its wiper terminal (RW) is closest to its RL terminal. When the WR of a DCP contains all ones (WR<7:0>: FFh), its wiper terminal (RW) is furthest from the RH terminal. As the value of the WR increases from all zeroes (00h) to all ones (255 decimal), the wiper moves monotonically from the position furthest from RH to a position closer to RH. At the same time, the resistance between RH and RW decreases monotonically. Note that the RL terminals for all four pots are not connected (left floating). While the ISL90842 is being powered up, all four WRs are reset to 80h (128 decimal), which locates RW roughly at a position which yields a rheostat setting that is about 1/2 of RTOTAL. The WRs can be read or written directly using the I2C serial interface as described in the following sections. The I2C interface Address Byte has to be set to 00h, 01h, 02h, and 03h to access the WR of DCP0, DCP1, DCP2, and DCP3, respectively. receiver pulls the SDA line LOW to acknowledge the 7
Protocol Conventions
Data states on the SDA line must change only during SCL LOW periods. SDA state changes during SCL HIGH are reserved for indicating START and STOP conditions (See Figure 9). On power-up of the ISL90842 the SDA pin is in the input mode. All I2C interface operations must begin with a START condition, which is a HIGH to LOW transition of SDA while SCL is HIGH. The ISL90842 continuously monitors the SDA and SCL lines for the START condition and does not respond to any command until this condition is met (See Figure 9). A START condition is ignored during the power-up of the device. All I2C interface operations must be terminated by a STOP condition, which is a LOW to HIGH transition of SDA while SCL is HIGH (See Figure 9). A STOP condition at the end of a read operation, or at the end of a write operation places the device in its standby mode. An ACK, Acknowledge, is a software convention used to indicate a successful data transfer. The transmitting device, either master or slave, releases the SDA bus after transmitting eight bits. During the ninth clock cycle, the reception of the eight bits of data (See Figure 10).
FN8096.1 January 16, 2006
ISL90842
The ISL90842 responds with an ACK after recognition of a START condition followed by a valid Identification Byte, and once again after successful receipt of an Address Byte. The ISL90842 also responds with an ACK after receiving a Data Byte of a write operation. The master must respond with an ACK after receiving a Data Byte of a read operation A valid Identification Byte contains 01010 as the five MSBs, and the following two bits matching the logic values present at pins A1 and A0. The LSB is the Read/Write bit. Its value is "1" for a Read operation, and "0" for a Write operation (See Table 1).
TABLE 1. IDENTIFICATION BYTE FORMAT Logic values at pins A1, and A0 respectively 0 (MSB) 1 0 1 0 A1 A0 R/W (LSB)
SCL
SDA
START
DATA STABLE
DATA CHANGE
DATA STABLE
STOP
FIGURE 9. VALID DATA CHANGES, START, AND STOP CONDITIONS
SCL FROM MASTER
1
8
9
SDA OUTPUT FROM TRANSMITTER
HIGH IMPEDANCE
SDA OUTPUT FROM RECEIVER START
HIGH IMPEDANCE
ACK
FIGURE 10. ACKNOWLEDGE RESPONSE FROM RECEIVER
WRITE SIGNALS FROM THE MASTER S T A R T S T O P
IDENTIFICATION BYTE
ADDRESS BYTE
DATA BYTE
SIGNAL AT SDA SIGNALS FROM THE ISL90842
0 1 0 1 0 A1 A0 0 A C K
000000 A C K A C K
FIGURE 11. BYTE WRITE SEQUENCE
8
FN8096.1 January 16, 2006
ISL90842
SIGNALS FROM THE MASTER
S T A R T
IDENTIFICATION BYTE WITH R/W=0
ADDRESS BYTE
S T A IDENTIFICATION R BYTE WITH T R/W=1
A C K
A C K
S T O P
SIGNAL AT SDA
0 1 0 1 0 A1A0 0 A C K
000000 A C K
0 1 0 1 0 A1A0 1 A C K
SIGNALS FROM THE SLAVE
FIRST READ DATA BYTE
LAST READ DATA BYTE
FIGURE 12. READ SEQUENCE
Write Operation
A Write operation requires a START condition, followed by a valid Identification Byte, a valid Address Byte, a Data Byte, and a STOP condition. After each of the three bytes, the ISL90842 responds with an ACK. At this time, the device enters its standby state (See Figure 11).
Read Operation
A Read operation consist of a three byte instruction followed by one or more Data Bytes (See Figure 12). The master initiates the operation issuing the following sequence: a START, the Identification byte with the R/W bit set to "0", an Address Byte, a second START, and a second Identification byte with the R/W bit set to "1". After each of the three bytes, the ISL90842 responds with an ACK. Then the ISL90842 transmits Data Bytes as long as the master responds with an ACK during the SCL cycle following the eighth bit of each byte. The master terminates the read operation (issuing a STOP condition) following the last bit of the last Data Byte (See Figure 12). The Data Bytes are from the registers indicated by an internal pointer. This pointer initial value is determined by the Address Byte in the Read operation instruction, and increments by one during transmission of each Data Byte. After reaching the memory location 03h the pointer "rolls over" to 00h, and the device continues to output data for each ACK received.
9
FN8096.1 January 16, 2006
ISL90842 Packaging Information
14-Lead Plastic, TSSOP, Package Code V14
.025 (.65) BSC
.169 (4.3) .252 (6.4) BSC .177 (4.5)
.193 (4.9) .200 (5.1)
.041 (1.05) .0075 (.19) .0118 (.30) .002 (.05) .006 (.15)
.010 (.25) Gage Plane 0 - 8 .019 (.50) .029 (.75) Detail A (20X) Seating Plane
.031 (.80) .041 (1.05) See Detail "A"
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 10
FN8096.1 January 16, 2006


▲Up To Search▲   

 
Price & Availability of ISL90842UIV1427Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X