Part Number Hot Search : 
SMC870 SR10150S HCF40 4000B VLZ12C MAX85 45MTC MAX3311E
Product Description
Full Text Search
 

To Download ISL83202IPZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL83202
Data Sheet December 20, 2006 FN6382.0
55V, 1A Peak Current H-Bridge FET Driver
The ISL83202 is a medium-frequency H-Bridge FET driver capable of 1A (typ) of peak drive current that is designed to drive high- and low-side N-Channel MOSFETs in mediumvoltage applications. Optimized for PWM motor control and uninterruptible power supply systems, the ISL83202 enables simple and flexible bridge-based design. With typical inputto-output propagation delays as low as 25ns and with a userprogrammable dead-time range of 0.1s to 4.5s, the ISL83202 is ideal for switching frequencies up to 200kHz. The dead-time of the ISL83202 is programmable via a single resistor. The ISL83202's four independent driver control inputs (ALI, AHI, BLI, and BHI) allow driving of every possible switch combination except those that would cause a shoot-through condition. A global disable input, DIS, overrides input control and causes the ISL83202 to refresh the bootstrap capacitor when pulled low. Integrated undervoltage protection and shoot-through protection ensure reliable system operation. The ISL83202 is available in compact 16 Ld SOIC and 16 Ld PDIP packages and operates over the range of -55C to +125C.
Features
* Independently Drives 4 N-Channel FETs in Half Bridge or Full Bridge Configurations * Bootstrap Supply Max Voltage: 70VDC * Drives a 1000pF Load in Free Air at +50C with Rise and Fall Times of 15ns (typ) * User-Programmable Dead Time from 0.1 to 4.5s * DIS (Disable) Overrides Input Control and Refreshes Bootstrap Capacitor when Pulled Low * Input Logic Thresholds Compatible with 5V to 15V Logic Levels * Shoot-Through Protection * Undervoltage Protection * Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
* UPS Systems * DC Motor Controls * Full Bridge Power Supplies * Switching Power Amplifiers
Ordering Information
PART NUMBER ISL83202IBZ (Note) PART MARKING 83202IBZ TEMP. RANGE (C) PACKAGE PKG. DWG. #
* Noise Cancellation Systems * Battery Powered Vehicles * Peripherals * Medium/Large Voice Coil Motors * Related Literature - TB363, Guidelines for Handling and Processing Moisture Sensitive Surface Mount Devices (SMDs)
-55 to +125 16 Ld SOIC (N) M16.15 (Pb-free) M16.15 E16.3
ISL83202IBZT 16 Ld SOIC (N) Tape and Reel (Note) (Pb-free) ISL83202IPZ (Note) ISL83202IPZ -55 to +125 16 Ld PDIP** (Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/ JEDEC J STD-020. **Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
Pinout
ISL83202 (PDIP, SOIC) TOP VIEW
BHB 1 BHI 2 BLI 3 ALI 4 DEL 5 VSS 6 16 BHO 15 BHS 14 BLO 13 ALO 12 VDD 11 AHS 10 AHO 9 AHB
AHI 7 DIS 8
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2006. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL83202 Application Block Diagram
55V
12V BHO BHS BHI BLI ISL83202 ALI AHI ALO AHS AHO BLO LOAD
GND
GND
Functional Block Diagram
1 DRIVER 10 AHO BHO 16 LEVEL SHIFT U/V
9 U/V BHI 2 LEVEL SHIFT DRIVER
AHB BHB
11 AHS
BHS 15
AHI
7
TURN-ON DELAY
TURN-ON DELAY
DIS
8 VDD
VDD
12
DETECTOR UNDERVOLTAGE
DRIVER TURN-ON DELAY 13 ALO BLO 14
DRIVER TURN-ON DELAY
ALI DEL BLI VSS
4 5 3 6
2
FN6382.0 December 20, 2006
ISL83202 Typical Application (PWM Mode Switching)
55V
1 BHB 12V PWM INPUT DELAY RESISTOR 2 BHI 3 BLI 4 ALI 5 DEL 6 VSS 7 AHI DIS 8 DIS
BHO 16 BHS 15 BLO 14 ALO 13 VDD 12 AHS 11 AHO 10 AHB 9 12V LOAD
FROM OPTIONAL OVERCURRENT LATCH
GND
RDIS
TO OPTIONAL CURRENT CONTROLLER OR OVERCURRENT LATCH
+
-
RSH
GND
3
FN6382.0 December 20, 2006
ISL83202
Absolute Maximum Ratings
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 16V Logic I/O Voltages . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V Voltage on AHS, BHS . . . . -6V (Transient) to 65V (-55C to+150C) Voltage on AHB, BHB . . . . . . . . VAHS, BHS -0.3V to VAHS, BHS +VDD Voltage on ALO, BLO. . . . . . . . . . . . . . . . . . VSS -0.3V to VDD +0.3V Voltage on AHO, BHO . . . VAHS, BHS -0.3V to VAHB, BHB +0.3V Input Current, DEL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5mA to 0mA Phase Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/ns NOTE: All voltages are relative VSS unless otherwise specified.
Thermal Information
Thermal Resistance JA (C/W) SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115 PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90 Maximum Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . See Curve Storage Temperature Range . . . . . . . . . . . . . . . . . .-65C to +150C Operating Max. Junction Temperature. . . . . . . . . . . . . . . . . . +150C Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300C (For SOIC - Lead Tips Only)) *Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
Operating Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . +8.5V to +15V Voltage on VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to +1.0V Voltage on AHB, BHB . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +55V Voltage on AHB, BHB . . . . . . . . VAHS, BHS +7.5V to VAHS, BHS +VDD Input Current, DEL . . . . . . . . . . . . . . . . . . . . . . . . . -4mA to -100A
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. +150C max junction temperature is intended for short periods of time to prevent shortening the lifetime. Operation close to +150C junction may trigger the shutdown of the device even before +150C, since this number is specified as typical.
Electrical Specifications
VDD = VAHB = VBHB = 12V, VSS = VAHS = VBHS = 0V, RDEL = 100k TJ = +25C TJ = -55C TO +150C MIN MAX UNITS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
SUPPLY CURRENTS AND UNDER VOLTAGE PROTECTION VDD Quiescent Current IDD All inputs = 0V, RDEL = 100k All inputs = 0V, RDEL = 10k VDD Operating Current IDDO f = 50kHz, no load 50kHz, no load, RDEL = 10k AHB, BHB Off Quiescent Current AHB, BHB On Quiescent Current AHB, BHB Operating Current AHS, BHS Leakage Current IAHBL, IBHBL IAHBH, IBHBH IAHBO, IBHBO IHLK AHI = BHI = 0V AHI = BHI = VDD f = 50kHz, CL = 1000pF VAHS = VBHS = 55V VAHB = VBHB = 70V VDD = Not Connected 1.2 2.2 1.5 2.5 0.5 65 .65 2.3 4.0 2.6 4.0 1.0 145 1.1 3.5 5.5 4.0 6.4 1.5 240 1.8 1.0 0.85 1.9 1.1 2.1 0.4 40 .45 4 6.0 4.2 6.6 1.6 250 2.0 mA mA mA mA mA A mA A
VDD Rising Undervoltage Threshold VDD Falling Undervoltage Threshold Undervoltage Hysteresis AHB, BHB Undervoltage Threshold INPUT PINS: ALI, BLI, AHI, BHI, and DIS Low Level Input Voltage High Level Input Voltage Input Voltage Hysteresis Low Level Input Current High Level Input Current TURN-ON DELAY PIN DEL Dead Time
VDDUV+ VDDUVUVHYS VHBUV Referenced to AHS and BHS
6.8 6.5 0.17 5
7.6 7.1 0.4 6.0
8.25 7.8 0.75 7
6.5 6.25 0.15 4.5
8.5 8.1 0.90 7.5
V V V V
VIL VIH
Full Operating Conditions Full Operating Conditions
2.5 -
35 -100 -
1.0 -60 +1
2.7 -150 -10
0.8
V V
-50 +10
mV A A
IIL IIH
VIN = 0V, Full Operating Conditions VIN = 5V, Full Operating Conditions
-145 -1
TDEAD
RDEL = 100k RDEL = 10k
2.5 0.27
4.5 0.5
8.0 0.75
2.0 0.2
8.5 0.85
s s
4
FN6382.0 December 20, 2006
ISL83202
Electrical Specifications
VDD = VAHB = VBHB = 12V, VSS = VAHS = VBHS = 0V, RDEL = 100k (Continued) TJ = +25C PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX TJ = -55C TO +150C MIN MAX UNITS
GATE DRIVER OUTPUT PINS: ALO, BLO, AHO, and BHO Low Level Output Voltage High Level Output Voltage Peak Pullup Current Peak Pulldown Current VOL VDD-VOH IO + IO IOUT = 50mA IOUT = -50mA VOUT = 0V VOUT = 12V 0.65 0.7 1.0 1.0 1.1 1.2 0.5 0.5 0.6 0.6 1.2 1.3 2.0 2.0 V V A A
Switching Specifications
VDD = VAHB = VBHB = 12V, VSS = VAHS = VBHS = 0V, RDEL= 100k, CL = 1000pF. TJ = +25C TJ = -55C TO +150C MIN 50 MAX 70 100 100 150 25 25 80 80 100 70 2 900 350 90 125 100 3 950 UNITS ns ns ns ns ns ns ns ns ns ns ns s ns
PARAMETER Lower Turn-off Propagation Delay (ALI-ALO, BLI-BLO) Upper Turn-off Propagation Delay (AHI-AHO, BHI-BHO) Lower Turn-on Propagation Delay (ALI-ALO, BLI-BLO) Upper Turn-on Propagation Delay (AHI-AHO, BHI-BHO) Rise Time Fall Time Minimum Input Pulse Width Output Pulse Response to 50ns Input Pulse Disable Turn-off Propagation Delay (DIS - Lower Outputs) Disable Turn-off Propagation Delay (DIS - Upper Outputs) Disable Turn-on Propagation Delay (DIS - ALO and BLO) Disable Turn-on Propagation Delay (DIS- AHO and BHO) Refresh Pulse Width (ALO and BLO)
SYMBOL TLPHL THPHL TLPLH THPLH TR TF TPWIN-ON/OFF
TPWOUT
TEST CONDITIONS
MIN 50
TYP 25 55 40 75 9 9 63
MAX 50 80 85 110 20 20 -
TDISLOW TDISHIGH TDLPLH TDHPLH TREF-PW TRUTH TABLE INPUT RDEL = 10k
375
50 75 40 1.2 580
OUTPUT VHBUV X X 1 X 0 0 DIS 1 X 0 0 0 0 ALO, BLO 0 0 0 1 0 0 AHO, BHO 0 0 0 0 1 0
ALI, BLI X X 0 1 0 0 NOTE:
AHI, BHI X X X X 1 0
VDDUV X 1 0 0 0 0
X signifies that input can be either a "1" or "0".
5
FN6382.0 December 20, 2006
ISL83202 Pin Descriptions
PIN NUMBE R 1 2 SYMBOL BHB BHI DESCRIPTION B High-side Bootstrap supply. External bootstrap diode and capacitor are required. Connect cathode of bootstrap diode and positive side of bootstrap capacitor to this pin. B High-side Input. Logic level input that controls BHO driver (Pin 16). BLI (Pin 3) high level input overrides BHI high level input to prevent half-bridge shoot-through, see Truth Table. DIS (Pin 8) high level input overrides BHI high level input. The pin can be driven by signal levels of 0V to 15V (no greater than VDD). B Low-side Input. Logic level input that controls BLO driver (Pin 14). If BHI (Pin 2) is driven high or not connected externally then BLI controls both BLO and BHO drivers, with dead time set by delay currents at DEL (Pin 5). DIS (Pin 8) high level input overrides BLI high level input. The pin can be driven by signal levels of 0V to 15V (no greater than VDD). A Low-side Input. Logic level input that controls ALO driver (Pin 13). If AHI (Pin 7) is driven high or not connected externally then ALI controls both ALO and AHO drivers, with dead time set by delay currents at DEL (Pin 5). DIS (Pin 8) high level input overrides ALI high level input. The pin can be driven by signal levels of 0V to 15V (no greater than VDD). Turn-on DELay. Connect resistor from this pin to VSS to set timing current that defines the dead time between drivers. All drivers turn-off with no adjustable delay, so the DEL resistor guarantees no shoot-through by delaying the turn-on of all drivers. The voltage across the DEL resistor is approximately VDD -2V. Chip negative supply, generally will be ground. A High-side Input. Logic level input that controls AHO driver (Pin 10). ALI (Pin 4) high level input overrides AHI high level input to prevent half-bridge shoot-through, see Truth Table. DIS (Pin 8) high level input overrides AHI high level input. The pin can be driven by signal levels of 0V to 15V (no greater than VDD). DISable input. Logic level input that when taken high sets all four outputs low. DIS high overrides all other inputs. When DIS is taken low the outputs are controlled by the other inputs. The pin can be driven by signal levels of 0V to 15V (no greater than VDD). A High-side Bootstrap supply. External bootstrap diode and capacitor are required. Connect cathode of bootstrap diode and positive side of bootstrap capacitor to this pin. A High-side Output. Connect to gate of A High-side power MOSFET. A High-side Source connection. Connect to source of A High-side power MOSFET. Connect negative side of bootstrap capacitor to this pin. Positive supply to control logic and lower gate drivers. De-couple this pin to VSS (Pin 6). A Low-side Output. Connect to gate of A Low-side power MOSFET. B Low-side Output. Connect to gate of B Low-side power MOSFET. B High-side Source connection. Connect to source of B High-side power MOSFET. Connect negative side of bootstrap capacitor to this pin. B High-side Output. Connect to gate of B High-side power MOSFET.
3
BLI
4
ALI
5
DEL
6 7
VSS AHI
8
DIS
9 10 11 12 13 14 15 16
AHB AHO AHS VDD ALO BLO BHS BHO
6
FN6382.0 December 20, 2006
ISL83202 Timing Diagrams
X = A OR B, A AND B HALVES OF BRIDGE CONTROLLER ARE INDEPENDENT TLPHL DIS=0 and UV XLI THPHL
XHI
XLO
XHO
THPLH
TLPLH
TR (10% - 90%)
TF (10% - 90%)
FIGURE 1. INDEPENDENT MODE
DIS=0 and UV XLI
XHI = HI OR NOT CONNECTED
XLO
XHO
FIGURE 2. BISTATE MODE
TDLPLH TREF-PW
TDIS
DIS or UV
XLI
XHI
XLO
XHO TDHPLH
FIGURE 3. DISABLE FUNCTION
7
FN6382.0 December 20, 2006
ISL83202 Performance Curves
3.5 IDD SUPPLY CURRENT (mA) 3.25 3 2.75 2.5 2.25 2 1.75 1.5 -60 VDD = 8V -40 -20 0 20 40 60 80 100 JUNCTION TEMPERATURE (C) 120 140 VDD = 12V VDD = 10V IDD SUPPLY CURRENT (mA) VDD = 16V 16 15 14 13 12 11 10 9 8 7 6 5 4 -60 -40 -20 10kHz 0 20 40 60 80 100 JUNCTION TEMPERATURE (C) 120 140 50kHz 100kHz VDD = 15V 200kHz
FIGURE 4. IDD SUPPLY CURRENT vs TEMPERATURE AND VDD SUPPLY VOLTAGE
FIGURE 5. VDD SUPPLY CURRENT vs TEMPERATURE AND SWITCHING FREQUENCY (1000pF LOAD)
8 LOADED, NL BIAS CURRENTS (mA) 7 6 5 4 3 2 1 NO LOAD 1000pF LOAD PEAK GATE CURRENT (A)
2
1.75 1.5 1.25 SOURCE and SINK 1 0.75 0.5
0
8
9
0
50
100 FREQUENCY (kHz)
150
200
12 13 14 BIAS BIAS SUPPLY VOLTAGE (V) AT +25C
10
11
15
FIGURE 6. FLOATING (IXHB) BIAS CURRENT vs FREQUENCY AND LOAD
FIGURE 7. GATE SOURCE/SINK PEAK CURRENT vs BIAS SUPPLY VOLTAGE AT +25C
1.2 1.4 NORMALIZED GATE SINK/SOURCE CURRENT (A) -40C 1.1 1.2 VDD-VOH (V) -55C 0C +25C
1
1 +125C +150C
0.8 0.9 0.6 0.8 -75 -50 -25 0 25 50 75 100 JUNCTION TEMPERATURE (C) 125 150 8 9 10 11 12 13 VDD SUPPLY VOLTAGE (V) 14 15
FIGURE 8. GATE CURRENT vs TEMPERATURE, NORMALIZED TO +25C
FIGURE 9. VDD-VOH vs BIAS VOLTAGE TEMPERATURE
8
FN6382.0 December 20, 2006
ISL83202 Performance Curves
1.4
(Continued)
8 VDD, BIAS SUPPLY VOLTAGE (V) LOWER U/V RESET 7.5
1.2 VOL (V) -55C 1 -40C 0C +25C
7 6.5
LOWER U/V SET
0.8
+125C +150C
6
UPPER U/V SET/RESET
5.5 5 -60
0.6 8 9 10 11 12 13 VDD SUPPLY VOLTAGE (V) 14 15
-40
-20
0 20 40 60 80 100 JUNCTION TEMPERATURE (C)
120
140 160
FIGURE 10. VOL vs BIAS VOLTAGE AND TEMPERATURE
FIGURE 11. UNDERVOLTAGE TRIP VOLTAGES vs TEMPERATURE
100 DIS TO TURN-ON/OFF TIME (ns) 90 PROPAGATION DELAYS (ns) 80 70 60 50 40 30 20 -60 -40 -20 0 20 40 60 LOWER tOFF 80 100 120 140 160 UPPER tOFF LOWER tON UPPER tON
104
DISHTON 1000
100
DISHTOFF
DISLTON 10 -60 -40 -20
DISLOFF 0 20 40 60 80 100 JUNCTION TEMPERATURE (C) 120 140 160
JUNCTION TEMPERATURE (C)
FIGURE 12. UPPER LOWER TURN-ON/TURN-OFF PROPAGATION DELAY vs TEMPERATURE
FIGURE 13. UPPER/LOWER DIS(ABLE) TO TURN-ON/OFF vs TEMPERATURE (C)
2 TOTAL POWER DISSIPATION (W)
2.5
LEVEL-SHIFT CURRENT (mA)
2 16 PIN DIP 1.5 SOIC 1
1.5
1
0.5 QUIESCENT BIAS COMPONENT 0 -60 -30 0 30 60 90 AMBIENT TEMPERATURE (C) 120 150
0.5
0
20
40 60 80 SWITCHING FREQUENCY (kHz)
100
FIGURE 14. FULL BRIDGE LEVEL-SHIFT CURRENT vs FREQUENCY (kHz)
FIGURE 15. MAXIMUM POWER DISSIPATION vs AMBIENT TEMPERATURE
9
FN6382.0 December 20, 2006
ISL83202 Performance Curves
(Continued)
104 VDD = 15V DEAD TIME (ns)
VDD = 12V 1000 VDD = 9V
100
0
10
20
30 40 50 60 70 DEAD TIME RESISTANCE (k)
80
90 100
FIGURE 16. DEAD-TIME vs DEL RESISTANCE AND BIAS SUPPLY (VDD) VOLTAGE
10
FN6382.0 December 20, 2006
ISL83202 Dual-In-Line Plastic Packages (PDIP)
N E1 INDEX AREA 12 3 N/2 -B-AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 A1 A2 L A C L E
E16.3 (JEDEC MS-001-BB ISSUE D)
16 LEAD DUAL-IN-LINE PLASTIC PACKAGE INCHES SYMBOL A A1 MIN 0.015 0.115 0.014 0.045 0.008 0.735 0.005 0.300 0.240 MAX 0.210 0.195 0.022 0.070 0.014 0.775 0.325 0.280 MILLIMETERS MIN 0.39 2.93 0.356 1.15 0.204 18.66 0.13 7.62 6.10 MAX 5.33 4.95 0.558 1.77 0.355 19.68 8.25 7.11 NOTES 4 4 8, 10 5 5 6 5 6 7 4 9 Rev. 0 12/93
-C-
A2 B B1 C D D1 E E1 e eA eB L N
eA eC
C
e
C A BS
eB
NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
0.100 BSC 0.300 BSC 0.115 16 0.430 0.150
2.54 BSC 7.62 BSC 2.93 16 10.92 3.81
11
FN6382.0 December 20, 2006
ISL83202 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45 H 0.25(0.010) M BM
M16.15 (JEDEC MS-012-AC ISSUE C)
16 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A
L
MILLIMETERS MIN 1.35 0.10 0.33 0.19 9.80 3.80 MAX 1.75 0.25 0.51 0.25 10.00 4.00 NOTES 9 3 4 5 6 7 8 Rev. 1 6/05
MIN 0.0532 0.0040 0.013 0.0075 0.3859 0.1497
MAX 0.0688 0.0098 0.020 0.0098 0.3937 0.1574
A1 B C D E
A1 0.10(0.004) C
e H h L N
0.050 BSC 0.2284 0.0099 0.016 16 0 8 0.2440 0.0196 0.050
1.27 BSC 5.80 0.25 0.40 16 0 6.20 0.50 1.27
e
B 0.25(0.010) M C AM BS
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 12
FN6382.0 December 20, 2006


▲Up To Search▲   

 
Price & Availability of ISL83202IPZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X