Part Number Hot Search : 
55C100B V3040S SM3GZ47 MIC2568 MA694 DL4937 W4XME1C GXB5210
Product Description
Full Text Search
 

To Download ISL6614 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL6614
Data Sheet July 25, 2005 FN9155.4
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
The ISL6614 integrates two ISL6613 MOSFET drivers and is specifically designed to drive two independent power channels in a Multi-Phase interleaved buck converter topology. These drivers combined with HIP63xx or ISL65xx Multi-Phase Buck PWM controllers and N-Channel MOSFETs form complete core-voltage regulator solutions for advanced microprocessors. The ISL6614 drives both the upper and lower gates simultaneously over a range from 5V to 12V. This drivevoltage provides the flexibility necessary to optimize applications involving trade-offs between gate charge and conduction losses. An advanced adaptive zero shoot-through protection is integrated to prevent both the upper and lower MOSFETs from conducting simultaneously and to minimize the dead time. These products add an overvoltage protection feature operational before VCC exceeds its turn-on threshold, at which the PHASE node is connected to the gate of the low side MOSFET (LGATE). The output voltage of the converter is then limited by the threshold of the low side MOSFET, which provides some protection to the microprocessor if the upper MOSFET(s) is shorted during startup. The overtemperature protection feature prevents failures resulting from excessive power dissipation by shutting off the outputs when its junction temperature exceeds 150C (typically). The driver resets once its junction temperature returns to 108C (typically). The ISL6614 also features a three-state PWM input which, working together with Intersil's multi-phase PWM controllers, prevents a negative transient on the output voltage when the output is shut down. This feature eliminates the Schottky diode that is used in some systems for protecting the load from reversed output voltage events.
Features
* Pin-to-pin Compatible with HIP6602 SOIC family for Better Performance and Extra Protection Features * Quad N-Channel MOSFET Drives for Two Synchronous Rectified Bridges * Advanced Adaptive Zero Shoot-Through Protection - Body Diode Detection - Auto-zero of rDS(ON) Conduction Offset Effect * Adjustable Gate Voltage (5V to 12V) for Optimal Efficiency * Internal Bootstrap Schottky Diode * Bootstrap Capacitor Overcharging Prevention * Supports High Switching Frequency (up to 1MHz) - 3A Sinking Current Capability - Fast Rise/Fall Times and Low Propagation Delays * Three-State PWM Input for Output Stage Shutdown * Three-State PWM Input Hysteresis for Applications With Power Sequencing Requirement * Pre-POR Overvoltage +Protection * VCC Undervoltage Protection * Over Temperature Protection (OTP) with 42C Hysteresis * Expandable Bottom Copper Pad for Enhanced Heat Sinking * QFN Package: - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile * Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
* Core Regulators for Intel(R) and AMD(R) Microprocessors * High Current DC-DC Converters * High Frequency and High Efficiency VRM and VRD
Related Literature
* Technical Brief TB363 "Guidelines for Handling and Processing Moisture Sensitive Surface Mount Devices (SMDs)" * Technical Brief 400 and 417 for Power Train Design, Layout Guidelines, and Feedback Compensation Design
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2004, 2005. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL6614 Pinouts
ISL6614CB/ISL6614CBZ/ISL6614IB (14 LD SOIC) TOP VIEW ISL6614CR/ISL6614CRZ/ISL6614IR/ISL6614IRZ (16 LD QFN) TOP VIEW
PHASE1 13 12 UGATE1 11 BOOT1 GND PVCC 3 PGND 4 5 NC 6 LGATE2 7 PHASE2 8 NC 10 BOOT2 9 UGATE2 PWM2 PWM1 15
PWM1 PWM2 GND LGATE1 PVCC PGND LGATE2
1 2 3 4 5 6 7
14 VCC 13 PHASE1 12 UGATE1 11 BOOT1 10 BOOT2 9 UGATE2 8 PHASE2 GND 1 LGATE1 2
16
Ordering Information
TEMP. PART NUMBER RANGE (C) ISL6614CB ISL6614CB-T ISL6614CBZ * ISL6614CBZ-T * ISL6614CBZA * 0 to 85 PACKAGE 14 Ld SOIC PKG. DWG. #
M14.15
14 Ld SOIC Tape and Reel 0 to 85 14 Ld SOIC (Pb-Free)
M14.15
14 Ld SOIC Tape and Reel (Pb-Free) 0 to 85 14 Ld SOIC (Pb-Free)
M14.15
ISL6614CBZA-T * 14 Ld SOIC Tape and Reel (Pb-Free) ISL6614CR ISL6614CR-T ISL6614CRZ * 0 to 85 16 Ld 4x4 QFN
L16.4x4
16 Ld 4x4 QFN Tape and Reel 0 to 85 16 Ld 4x4 QFN (Pb-Free)
L16.4x4
ISL6614CRZ-T * 16 Ld 4x4 QFN Tape and Reel (Pb-Free) ISL6614CRZA * 0 to 85 16 Ld 4x4 QFN (Pb-Free)
L16.4x4
ISL6614CRZA-T * 16 Ld 4x4 QFN Tape and Reel (Pb-Free) ISL6614IB ISL6614IB-T ISL6614IBZ* ISL6614IBZ-T* ISL6614IR ISL6614IR-T ISL6614IRZ* ISL6614IRZ-T* -40 to 85 14 Ld SOIC
M14.15
14 Ld SOIC Tape and Reel -40 to 85 14 Ld SOIC (Pb-free)
M14.15
14 Ld SOIC Tape and Reel (Pb-free) -40 to 85 16 Ld 4x4 QFN
L16.4x4
16 Ld 4x4 QFN Tape and Reel -40 to 85 16 Ld 4x4 QFN (Pb-free)
L16.4x4
16 Ld 4x4 QFN Tape and Reel (Pb-free)
NOTE: * Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. Contact the factory for availability.
2
VCC 14
FN9155.4 July 25, 2005
ISL6614 Block Diagram
PVCC VCC +5V
BOOT1 UGATE1
OTP & PRE-POR OVP FEATURES
SHOOTTHROUGH PROTECTION
PHASE1
CHANNEL 1
10K
PVCC
PWM1 8K LGATE1
PGND +5V CONTROL LOGIC PVCC
PGND BOOT2 UGATE2
10K PWM2 8K GND SHOOTTHROUGH PROTECTION
PHASE2
CHANNEL 2
PVCC
LGATE2 PGND PAD
FOR ISL6614CR, THE PAD ON THE BOTTOM SIDE OF THE QFN PACKAGE MUST BE SOLDERED TO THE CIRCUIT'S GROUND.
3
FN9155.4 July 25, 2005
ISL6614 Typical Application - 4 Channel Converter Using ISL65xx and ISL6614 Gate Drivers
+12V
BOOT1
+12V
UGATE1 VCC PHASE1
LGATE1 +5V DUAL DRIVER ISL6614 FB VSEN COMP VCC UGATE2 ISEN1 PGOOD EN PWM1 PWM2 MAIN ISEN2 CONTROL ISL65xx PWM1 PWM2 LGATE2 PHASE2 PVCC 5V TO 12V BOOT2 +12V
GND
PGND
VID
+VCORE ISEN3 FS/DIS PWM3 PWM4 GND ISEN4 UGATE1 VCC PHASE1 +12V BOOT1 +12V
LGATE1 DUAL DRIVER ISL6614
PVCC 5V TO 12V BOOT2 +12V
UGATE2 PWM1 PWM2 LGATE2 PHASE2
GND
PGND
4
FN9155.4 July 25, 2005
ISL6614
Absolute Maximum Ratings
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15V Supply Voltage (PVCC) . . . . . . . . . . . . . . . . . . . . . . . . . VCC + 0.3V BOOT Voltage (VBOOT-GND). . . . . . . . . . . . . . . . . . . . . . . . . . . .36V Input Voltage (VPWM) . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 7V UGATE. . . . . . . . . . . . . . . . . . . VPHASE - 0.3VDC to VBOOT + 0.3V VPHASE - 3.5V (<100ns Pulse Width, 2J) to VBOOT + 0.3V LGATE . . . . . . . . . . . . . . . . . . . . . . GND - 0.3VDC to VPVCC + 0.3V GND - 5V (<100ns Pulse Width, 2J) to VPVCC + 0.3V PHASE. . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3VDC to 15VDC GND - 8V (<400ns, 20J) to 30V (<200ns, VBOOT-GND<36V) ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . . Class I JEDEC STD
Thermal Information
Thermal Resistance (Typical Notes 1, 2, 3) JA(C/W) SOIC Package (Note 1) 90 JC(C/W) N/A
QFN Package (Notes 2, 3). . . . . . . . . . 46 8.5 Maximum Junction Temperature (Plastic Package) . . . . . . . . 150C Maximum Storage Temperature Range . . . . . . . . . . . -65C to 150C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300C (SOIC - Lead Tips Only)
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . .-40C to 85C Maximum Operating Junction Temperature . . . . . . . . . . . . . . 125C Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V 10% Supply Voltage Range, PVCC . . . . . . . . . . . . . . . . 5V to 12V 10%
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. 2. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 3. For JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications
PARAMETER VCC SUPPLY CURRENT Bias Supply Current Gate Drive Bias Current
Recommended Operating Conditions, Unless Otherwise Noted. SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
IVCC IPVCC
fPWM = 300kHz, VPVCC = 12V fPWM = 300kHz, VPVCC = 12V
-
7.1 9.7
-
mA mA
POWER-ON RESET AND ENABLE VCC Rising Threshold 0C to 85C -40C to 85C VCC Falling Threshold 0C to 85C -40C to 85C PWM INPUT (See Timing Diagram on Page 8) Input Current IPWM VPWM = 5V VPWM = 0V PWM Rising Threshold PWM Falling Threshold Typical Three-State Shutdown Window Three-State Lower Gate Falling Threshold Three-State Lower Gate Rising Threshold Three-State Upper Gate Rising Threshold Three-State Upper Gate Falling Threshold Shutdown Holdoff Time UGATE Rise Time tTSSHD tRU VPVCC = 12V, 3nF Load, 10% to 90% VCC = 12V VCC = 12V VCC = 12V VCC = 12V VCC = 12V VCC = 12V VCC = 12V 1.80 1.50 1.00 3.20 2.60 245 26 450 -400 3.00 2.00 2.40 A A V V V V V V V ns ns 9.35 8.35 7.35 6.35 9.80 7.60 10.05 10.05 8.00 8.00 V V V V
5
FN9155.4 July 25, 2005
ISL6614
Electrical Specifications
PARAMETER LGATE Rise Time UGATE Fall Time LGATE Fall Time UGATE Turn-On Propagation Delay (Note 4) LGATE Turn-On Propagation Delay (Note 4) UGATE Turn-Off Propagation Delay (Note 4) LGATE Turn-Off Propagation Delay (Note 4) LG/UG Three-State Propagation Delay (Note 4) OUTPUT (Note 4) Upper Drive Source Current Upper Drive Source Impedance Upper Drive Sink Current Upper Drive Transition Sink Impedance Upper Drive DC Sink Impedance Lower Drive Source Current Lower Drive Source Impedance Lower Drive Sink Current Lower Drive Sink Impedance OVER TEMPERATURE SHUTDOWN Thermal Shutdown Setpoint Thermal Recovery Setpoint NOTES: 4. Guaranteed by design. Not 100% tested in production. 150 108 C C IU_SOURCE VPVCC = 12V, 3nF Load 1.4 1.25 2.0 2 0.9 0.85 0.60 1.3 1.65 2 1.3 3 0.94 3.0 2.2 3.0 2.2 1.35 A A A A Recommended Operating Conditions, Unless Otherwise Noted. (Continued) SYMBOL tRL tFU tFL tPDHU tPDHL tPDLU tPDLL tPDTS TEST CONDITIONS VPVCC = 12V, 3nF Load, 10% to 90% VPVCC = 12V, 3nF Load, 90% to 10% VPVCC = 12V, 3nF Load, 90% to 10% VPVCC = 12V, 3nF Load, Adaptive VPVCC = 12V, 3nF Load, Adaptive VPVCC = 12V, 3nF Load VPVCC = 12V, 3nF Load VPVCC = 12V, 3nF Load MIN TYP 18 18 12 10 10 10 10 10 MAX UNITS ns ns ns ns ns ns ns ns
RU_SOURCE 150mA Source Current IU_SINK RU_SINK_TR RU_SINK_DC 150mA Source Current IL_SOURCE VPVCC = 12V, 3nF Load VPVCC = 12V, 3nF Load
RL_SOURCE 150mA Source Current IL_SINK RL_SINK VPVCC = 12V, 3nF Load 150mA Sink Current
6
FN9155.4 July 25, 2005
ISL6614 Functional Pin Description
PACKAGE PIN # SOIC 1 DFN 15 PIN SYMBOL PWM1 FUNCTION The PWM signal is the control input for the Channel 1 driver. The PWM signal can enter three distinct states during operation, see the three-state PWM Input section under DESCRIPTION for further details. Connect this pin to the PWM output of the controller. The PWM signal is the control input for the Channel 2 driver. The PWM signal can enter three distinct states during operation, see the three-state PWM Input section under DESCRIPTION for further details. Connect this pin to the PWM output of the controller. Bias and reference ground. All signals are referenced to this node. Lower gate drive output of Channel 1. Connect to gate of the low-side power N-Channel MOSFET. This pin supplies power to both the lower and higher gate drives in ISL6614. Its operating range is +5V to 12V. Place a high quality low ESR ceramic capacitor from this pin to GND. It is the power ground return of both low gate drivers. No Connection. Lower gate drive output of Channel 2. Connect to gate of the low-side power N-Channel MOSFET. Connect this pin to the SOURCE of the upper MOSFET and the DRAIN of the lower MOSFET in Channel 2. This pin provides a return path for the upper gate drive. Upper gate drive output of Channel 2. Connect to gate of high-side power N-Channel MOSFET. Floating bootstrap supply pin for the upper gate drive of Channel 2. Connect the bootstrap capacitor between this pin and the PHASE2 pin. The bootstrap capacitor provides the charge to turn on the upper MOSFET. See the Internal Bootstrap Device section under DESCRIPTION for guidance in choosing the capacitor value. Floating bootstrap supply pin for the upper gate drive of Channel 1. Connect the bootstrap capacitor between this pin and the PHASE1 pin. The bootstrap capacitor provides the charge to turn on the upper MOSFET. See the Internal Bootstrap Device section under DESCRIPTION for guidance in choosing the capacitor value. Upper gate drive output of Channel 1. Connect to gate of high-side power N-Channel MOSFET. Connect this pin to the SOURCE of the upper MOSFET and the DRAIN of the lower MOSFET in Channel 1. This pin provides a return path for the upper gate drive. Connect this pin to a +12V bias supply. It supplies power to internal analog circuits. Place a high quality low ESR ceramic capacitor from this pin to GND. Connect this pad to the power ground plane (GND) via thermally enhanced connection.
2
16
PWM2
3 4 5 6 7 8 9 10
1 2 3 4 5,8 6 7 9 10
GND LGATE1 PVCC PGND N/C LGATE2 PHASE2 UGATE2 BOOT2
11
11
BOOT1
12 13 14 -
12 13 14 17
UGATE1 PHASE1 VCC PAD
7
FN9155.4 July 25, 2005
ISL6614 Description
1.5VtPDHU
tPDLU tPDTS
tTSSHD tPDTS
UGATE
tRU
tFU
LGATE tFL tPDLL tPDHL tRL
tTSSHD
FIGURE 1. TIMING DIAGRAM
Operation
Designed for versatility and speed, the ISL6614 MOSFET driver controls both high-side and low-side N-Channel FETs of two half-bridge power trains from two externally provided PWM signals. Prior to VCC exceeding its POR level, the Pre-POR overvoltage protection function is activated; the upper gate (UGATE) is held low and the lower gate (LGATE), controlled by the Pre-POR overvoltage protection circuits, is connected to the PHASE. Once the VCC voltage surpasses the VCC Rising Threshold (See Electrical Specifications), the PWM signal takes control of gate transitions. A rising edge on PWM initiates the turn-off of the lower MOSFET (see Timing Diagram). After a short propagation delay [tPDLL], the lower gate begins to fall. Typical fall times [tFL] are provided in the Electrical Specifications section. Adaptive shoot-through circuitry monitors the PHASE voltage and determines the upper gate delay time [tPDHU]. This prevents both the lower and upper MOSFETs from conducting simultaneously. Once this delay period is complete, the upper gate drive begins to rise [tRU] and the upper MOSFET turns on. A falling transition on PWM results in the turn-off of the upper MOSFET and the turn-on of the lower MOSFET. A short propagation delay [tPDLU] is encountered before the upper gate begins to fall [tFU]. Again, the adaptive shoot-through circuitry determines the lower gate delay time, tPDHL. The PHASE voltage and the UGATE voltage are monitored, and the lower gate is allowed to rise after PHASE drops below a level or the voltage of UGATE to PHASE reaches a level depending upon the current direction (See next section for details). The lower gate then rises [tRL], turning on the lower MOSFET.
from the reduced freewheeling time of the lower MOSFETs' body-diode conduction, and to prevent the upper and lower MOSFETs from conducting simultaneously. This is accomplished by ensuring either rising gate turns on its MOSFET with minimum and sufficient delay after the other has turned off. During turn-off of the lower MOSFET, the PHASE voltage is monitored until it reaches a -0.2V/+0.8V trip point for a forward/reverse current, at which time the UGATE is released to rise. An auto-zero comparator is used to correct the rDS(ON) drop in the phase voltage preventing from false detection of the -0.2V phase level during rDS(ON conduction period. In the case of zero current, the UGATE is released after 35ns delay of the LGATE dropping below 0.5V. During the phase detection, the disturbance of LGATE's falling transition on the PHASE node is blanked out to prevent falsely tripping. Once the PHASE is high, the advanced adaptive shoot-through circuitry monitors the PHASE and UGATE voltages during a PWM falling edge and the subsequent UGATE turn-off. If either the UGATE falls to less than 1.75V above the PHASE or the PHASE falls to less than +0.8V, the LGATE is released to turn on.
Three-State PWM Input
A unique feature of these drivers and other Intersil drivers is the addition of a shutdown window to the PWM input. If the PWM signal enters and remains within the shutdown window for a set holdoff time, the driver outputs are disabled and both MOSFET gates are pulled and held low. The shutdown state is removed when the PWM signal moves outside the shutdown window. Otherwise, the PWM rising and falling thresholds outlined in the ELECTRICAL SPECIFICATIONS determine when the lower and upper gates are enabled. This feature helps prevent a negative transient on the output voltage when the output is shut down, eliminating the Schottky diode that is used in some systems for protecting the load from reversed output voltage events.
Advanced Adaptive Zero Shoot-Through Deadtime Control (Patent Pending)
These drivers incorporate a unique adaptive deadtime control technique to minimize deadtime, resulting in high efficiency 8
FN9155.4 July 25, 2005
ISL6614
In addition, more than 400mV hysteresis also incorporates into the three-state shutdown window to eliminate PWM input oscillations due to the capacitive load seen by the PWM input through the body diode of the controller's PWM output when the power-up and/or power-down sequence of bias supplies of the driver and PWM controller are required. QGATE is calculated to be 53nC for PVCC =12V. We will assume a 200mV droop in drive voltage over the PWM cycle. We find that a bootstrap capacitance of at least 0.267F is required.
1.6 1.4 1.2 CBOOT_CAP (F) 1. 0.8 0.6 QGATE = 100nC 0.4 50nC 0.2 20nC 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Power-On Reset (POR) Function
During initial startup, the VCC voltage rise is monitored. Once the rising VCC voltage exceeds 9.8V (typically), operation of the driver is enabled and the PWM input signal takes control of the gate drives. If VCC drops below the falling threshold of 7.6V (typically), operation of the driver is disabled.
Pre-POR Overvoltage Protection
Prior to VCC exceeding its POR level, the upper gate is held low and the lower gate is controlled by the overvoltage protection circuits during initial startup. The PHASE is connected to the gate of the low side MOSFET (LGATE), which provides some protection to the microprocessor if the upper MOSFET(s) is shorted during initial startup. For complete protection, the low side MOSFET should have a gate threshold well below the maximum voltage rating of the load/microprocessor. When VCC drops below its POR level, both gates pull low and the Pre-POR overvoltage protection circuits are not activated until VCC resets.
0.0 0.0
VBOOT_CAP (V)
FIGURE 2. BOOTSTRAP CAPACITANCE vs BOOT RIPPLE VOLTAGE
Gate Drive Voltage Versatility
The ISL6614 provides the user flexibility in choosing the gate drive voltage for efficiency optimization. The ISL6614 ties the upper and lower drive rails together. Simply applying a voltage from 5V up to 12V on PVCC sets both gate drive rail voltages simultaneously. Connecting a SOT-23 package type of dual schottky diodes from the VCC to BOOT1 and BOOT2 can bypass the internal bootstrap devices of both upper gates so that the part can operate as a dual ISL6612 driver, which has a fixed VCC (12V typically) on the upper gate and a programmable lower gate drive voltage.
Internal Bootstrap Device
Both drivers feature an internal bootstrap schottky diode. Simply adding an external capacitor across the BOOT and PHASE pins completes the bootstrap circuit. The bootstrap function is also designed to prevent the bootstrap capacitor from overcharging due to the large negative swing at the trailing-edge of the PHASE node. This reduces voltage stress on the boot to phase pins. The bootstrap capacitor must have a maximum voltage rating above UVCC + 5V and its capacitance value can be chosen from the following equation:
Q GATE C BOOT_CAP ------------------------------------V BOOT_CAP Q G1 * PVCC Q GATE = ----------------------------------- * N Q1 V GS1
Over Temperature Protection (OTP)
When the junction temperature of the IC exceeds 150C (typically), both upper and lower gates turn off. The driver stays off and does not return to normal operation until its junction temperature comes down below 108C (typically). For high frequency applications, applying a lower voltage to PVCC helps reduce the power dissipation and lower the junction temperature of the IC. This method reduces the risk of tripping OTP.
(EQ. 1)
Power Dissipation
Package power dissipation is mainly a function of the switching frequency (FSW), the output drive impedance, the external gate resistance, and the selected MOSFET's internal gate resistance and total gate charge. Calculating the power dissipation in the driver for a desired application is critical to ensure safe operation. Exceeding the maximum allowable power dissipation level will push the IC beyond the maximum recommended operating junction temperature of 125C. The maximum allowable IC power dissipation for the
FN9155.4 July 25, 2005
where QG1 is the amount of gate charge per upper MOSFET at VGS1 gate-source voltage and NQ1 is the number of control MOSFETs per channel. The VBOOT_CAP term is defined as the allowable droop in the rail of the upper gate drive. As an example, suppose two IRLR7821 FETs are chosen as the upper MOSFETs. The gate charge, QG, from the data sheet is 10nC at 4.5V (VGS) gate-source voltage. Then the 9
ISL6614
SO14 package is approximately 1W at room temperature, while the power dissipation capacity in the QFN packages, with an exposed heat escape pad, is around 2W. See Layout Considerations paragraph for thermal transfer improvement suggestions. When designing the driver into an application, it is recommended that the following calculation is used to ensure safe operation at the desired frequency for the selected MOSFETs. The total gate drive power losses due to the gate charge of MOSFETs and the driver's internal circuitry and their corresponding average driver current can be estimated with EQs. 2 and 3, respectively,
P Qg_TOT = 2 * P Qg_Q1 + 2 * P Qg_Q2 + I Q * VCC Q G1 * PVCC 2 P Qg_Q1 = -------------------------------------- * F SW * N Q1 V GS1 Q G2 * PVCC 2 P Qg_Q2 = -------------------------------------- * F SW * N Q2 V GS2
RHI2 G RG2 RGI2 CGS Q2 S PVCC BOOT D CGD RHI1 RLO1 G RG1 RGI1 CGS S PHASE Q1 CDS
FIGURE 3. TYPICAL UPPER-GATE DRIVE TURN-ON PATH (EQ. 2)
PVCC D CGD CDS
Q G1 * N Q1 Q G2 * N Q2 I DR = ----------------------------- + ----------------------------- * F SW * 2 + I Q V GS2 V GS1 (EQ. 3)
RLO2
where the gate charge (QG1 and QG2) is defined at a particular gate to source voltage (VGS1and VGS2) in the corresponding MOSFET datasheet; IQ is the driver's total quiescent current with no load at both drive outputs; NQ1 and NQ2 are number of upper and lower MOSFETs, respectively; PVCC is the drive voltages for both upper and lower FETs, respectively. The IQ*VCC product is the quiescent power of the driver without capacitive load and is typically 200mW at 300kHz. The total gate drive power losses are dissipated among the resistive components along the transition path. The drive resistance dissipates a portion of the total gate drive power losses, the rest will be dissipated by the external gate resistors (RG1 and RG2) and the internal gate resistors (RGI1 and RGI2) of MOSFETs. Figures 3 and 4 show the typical upper and lower gate drives turn-on transition path. The power dissipation on the driver can be roughly estimated as:
P DR = 2 * P DR_UP + 2 * P DR_LOW + I Q * VCC R LO1 R HI1 P Qg_Q1 P DR_UP = -------------------------------------- + --------------------------------------- * --------------------R HI1 + R EXT1 R LO1 + R EXT1 2 R LO2 R HI2 P Qg_Q2 P DR_LOW = -------------------------------------- + --------------------------------------- * --------------------2 R HI2 + R EXT2 R LO2 + R EXT2 R GI1 R EXT1 = R G1 + ------------N
Q1
FIGURE 4. TYPICAL LOWER-GATE DRIVE TURN-ON PATH
Layout Considerations
For heat spreading, place copper underneath the IC whether it has an exposed pad or not. The copper area can be extended beyond the bottom area of the IC and/or connected to buried copper plane(s) with thermal vias. This combination of vias for vertical heat escape, extended copper plane, and buried planes for heat spreading allows the IC to achieve its full thermal potential. Place each channel power component as close to each other as possible to reduce PCB copper losses and PCB parasitics: shortest distance between DRAINs of upper FETs and SOURCEs of lower FETs; shortest distance between DRAINs of lower FETs and the power ground. Thus, smaller amplitudes of positive and negative ringing are on the switching edges of the PHASE node. However, some space in between the power components is required for good airflow. The traces from the drivers to the FETs should be kept short and wide to reduce the inductance of the traces and to promote clean drive signals.
(EQ. 4)
R GI2 R EXT2 = R G2 + ------------N
Q2
10
FN9155.4 July 25, 2005
ISL6614 Quad Flat No-Lead Plastic Package (QFN) Micro Lead Frame Plastic Package (MLFP)
L16.4x4
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE (COMPLIANT TO JEDEC MO-220-VGGC ISSUE C) MILLIMETERS SYMBOL A A1 A2 A3 b D D1 D2 E E1 E2 e k L L1 N Nd Ne P 0.25 0.50 1.95 1.95 0.23 MIN 0.80 NOMINAL 0.90 0.20 REF 0.28 4.00 BSC 3.75 BSC 2.10 4.00 BSC 3.75 BSC 2.10 0.65 BSC 0.60 16 4 4 0.60 12 0.75 0.15 2.25 2.25 0.35 MAX 1.00 0.05 1.00 NOTES 9 9 5, 8 9 7, 8 9 7, 8 8 10 2 3 3 9 9 Rev. 5 5/04 NOTES: 1. Dimensioning and tolerancing conform to ASME Y14.5-1994. 2. N is the number of terminals. 3. Nd and Ne refer to the number of terminals on each D and E. 4. All dimensions are in millimeters. Angles are in degrees. 5. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature. 7. Dimensions D2 and E2 are for the exposed pads which provide improved electrical and thermal performance. 8. Nominal dimensions are provided to assist with PCB Land Pattern Design efforts, see Intersil Technical Brief TB389. 9. Features and dimensions A2, A3, D1, E1, P & are present when Anvil singulation method is used and not present for saw singulation. 10. Depending on the method of lead termination at the edge of the package, a maximum 0.15mm pull back (L1) maybe present. L minus L1 to be equal to or greater than 0.3mm.
11
FN9155.4 July 25, 2005
ISL6614 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45o H 0.25(0.010) M BM
M14.15 (JEDEC MS-012-AB ISSUE C)
14 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A
L
MILLIMETERS MIN 1.35 0.10 0.33 0.19 8.55 3.80 MAX 1.75 0.25 0.51 0.25 8.75 4.00 NOTES 9 3 4 5 6 7 8o Rev. 0 12/93
MIN 0.0532 0.0040 0.013 0.0075 0.3367 0.1497
MAX 0.0688 0.0098 0.020 0.0098 0.3444 0.1574
A1 B C D E
A1 0.10(0.004) C
e
B 0.25(0.010) M C AM BS
e H h L N
0.050 BSC 0.2284 0.0099 0.016 14 0o 8o 0.2440 0.0196 0.050
1.27 BSC 5.80 0.25 0.40 14 0o 6.20 0.50 1.27
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 12
FN9155.4 July 25, 2005


▲Up To Search▲   

 
Price & Availability of ISL6614

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X