Part Number Hot Search : 
TE28F CXD117 16F20C3 C475M9RA 1N6016A 15KPA45A TOP245R 2M100
Product Description
Full Text Search
 

To Download ISL626906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL6269
Data Sheet August 7, 2006 FN9177.1
High-Performance Notebook PWM Controller with Bias Regulator and Audio-Frequency Clamp
The ISL6269 IC is a Single-Phase Synchronous-Buck PWM controller featuring Intersil's Robust Ripple Regulator (R3) technology that delivers truly superior dynamic response to input voltage and output load transients. Integrated MOSFET drivers, 5V LDO, and bootstrap diode result in fewer components and smaller implementation area. Intersil's R3 technology combines the best features of fixedfrequency PWM and hysteretic PWM while eliminating many of their shortcomings. R3 technology employs an innovative modulator that synthesizes an AC ripple voltage signal VR, analogous to the output inductor ripple current. The AC signal VR enters a hysteretic comparator where the lower threshold is the error amplifier output VCOMP, and the upper threshold is a programmable voltage reference VW, resulting in generation of the PWM signal. The voltage reference VW sets the steady-state PWM frequency. Both rising and falling edges of the PWM are modulated, providing faster response to input voltage transients and output load transients than conventional fixed-frequency PWM controllers. Unlike a conventional hysteretic converter, the ISL6269 has an error amplifier that provides 1% voltage regulation at the FB pin. The ISL6269 has a 1.5ms digital soft-start and can be started into a pre-biased output voltage. A resistor divider is used to program the output voltage setpoint. The ISL6269 can be configured to operate in forced-continuousconduction-mode (FCCM) or in diode-emulation-mode (DEM), which improves light-load efficiency. In FCCM the controller always operates as a synchronous rectifier, switching the low-side MOSFET regardless of the output load, however with DEM enabled, the low-side MOSFET is disabled preventing negative current flow from the output inductor during low load operation. An audio filter prevents the PWM switching frequency from entering the audible spectrum due to extremely light load while in DEM. A PGOOD pin indicates when the converter is capable of supplying regulated voltage. The ISL6269 features a unique fault-identification capability that can drastically reduce trouble-shooting time and effort. The pull-down resistance of the PGOOD pin is 30 for an overcurrent fault, 60 for an overvoltage fault, or 90 for either an undervoltage fault or during soft-start. The overcurrent protection is accomplished by measuring the voltage drop across the rDS(ON) of the low-side MOSFET. A single resistor programs the overcurrent and short-circuit points. Overvoltage and undervoltage protection is monitored at the FB voltage feedback pin.
Features
* High performance synthetic ripple regulation * Extremely fast transient response * External type-two loop compensation * 1% regulation accuracy: -10C to +100C * Starts into a pre-biased output * Wide input voltage range: +7.0V to +25.0V * Wide output voltage range: +0.6V to +3.3V * Wide output load range: 0A to 25A * Programmable PWM frequency: 200kHz to 600kHz * Power good monitor * Fault identification by PGOOD pull-down resistance * Integrated MOSFET drivers with shoot-through protection * Internal digital soft-start * Internal 5V LDO for self-biasing from up to 25V * Configure forced continuous conduction or diode emulation for increased light load efficiency * PWM minimum frequency above audible spectrum * Integrated boot-strap diode * Low-side MOSFET rDS(ON) overcurrent protection * Undervoltage protection * Soft crowbar overvoltage protection * Over-temperature protection * Pb-free plus anneal available (RoHS compliant)
Applications
* PCI express graphical processing unit * Auxiliary power rail * VRM * Network adapter
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005-2006. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL6269 Pinout
16 LD QFN (4mm x 4mm) TOP VIEW
PGOOD PHASE BOOT 13 12 PVCC GND 11 LG 10 PGND 9 5 COMP 6 FB 7 FSET 8 VO ISEN
16 VIN VCC FCCM EN 1 2 3 4
15
14
Ordering Information
PART NUMBER ISL6269CRZ (See Note) ISL6269CRZ-T (See Note) PART MARKING 6269CRZ 6269CRZ TEMP. RANGE (C) -10 to +100 PACKAGE 16 Ld 4x4 QFN (Pb-Free) PKG. DWG. # L16.4x4 L16.4x4
UG
16 Ld 4x4 QFN Tape and Reel (Pb-Free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2
FN9177.1 August 7, 2006
ISL6269
Absolute Voltage Ratings
ISEN, VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +28V VCC, PGOOD to GND . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7.0V PVCC to PGND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7.0V GND to PGND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V EN, FCCM. . . . . . . . . . . . . . . . . . . . . . . . -0.3V to GND, VCC +3.3V PHASE to GND (DC) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +28V (<100ns Pulse Width, 10J . . . . . . . . . . . . . . . . . . . . . . . . . . -5.0V BOOT to GND, or PGND . . . . . . . . . . . . . . . . . . . . . . -0.3V to +33V BOOT to PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7V UG (DC) . . . . . . . . . . . . . . . . . . . . . . -0.3V to PHASE, BOOT +0.3V (<200ns Pulse Width, 20J) . . . . . . . . . . . . . . . . . . . . . . . . . -4.0V LG (DC). . . . . . . . . . . . . . . . . . . . . . . . -0.3V to PGND, PVCC +0.3V (<100ns Pulse Width, 4J) . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V ESD Classification . . . . . . . . . . . . . . . . . . . . . .Level 1 (HBM = 2kV)
Thermal Information
Thermal Resistance (Typical, Notes 1, 2) JA (C/W) JC (C/W) QFN Package . . . . . . . . . . . . . . . . . . . 43 11.5 Junction Temperature Range . . . . . . . . . . . . . . . . . -55C to +150C Operating Temperature Range . . . . . . . . . . . . . . . . -10C to +100C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C Lead Temperature (soldering, 10s). . . . . . . . . . . . . . . . . . . . +300C
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . -10C to 100C Supply Voltage (VIN to GND) . . . . . . . . . . . . . . . . . . . . . . 7V to 25V
CAUTION: Stress above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on a highly effective thermal conductivity test board on free air. See Tech Brief TB379 for details 2. For JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications
PARAMETER VIN VIN Voltage Range VIN Input Bias Current VIN Shutdown Current VCC LDO VCC Output Voltage Range VCC POR THRESHOLD
These specifications apply for VIN = 15V, TA = (-10C) to (+100C), unless otherwise stated. All typical specifications TA = ( + 2 5 C ) SYMBOL TEST CONDITIONS MIN TYP MAX UNIT
VIN IVIN ISHDN EN and FCCM = 5V, FB = 0.65V, VIN = 7V to 25V EN = GND, VIN = 25V
7.0 2.2 0.1
25.0 3.0 1.0
V mA A
VCC
VIN = 7V to 25V, ILDO = 0mA to 80mA
4.75
5.00
5.25
V
Rising VCC POR Threshold Voltage Falling VCC POR Threshold Voltage REGULATION Error Amplifier Reference Voltage Voltage Regulation Accuracy PWM Frequency Range Frequency-Set Accuracy VO Range VO Input Leakage Current ERROR AMPLIFIER FB Input Bias Current COMP Source Current COMP Sink Current COMP High Clamp Voltage COMP Low Clamp Voltage
VCCTHR V
4.35 4.10
4.45 4.20
4.55 4.30
V V
CCTHF
VREF VREG -1
0.6 +1
V %
FOSC FAUDIO
FCCM = 5V FCCM = GND FOSC = 300kHz
200 21 -12 0.60 28
600
kHz kHz
+12 3.30 1.3 7.0
% V A A
VVO IVO VO = 0.60V VO = 3.30V
IFB
FB = 0.60V
20 2.5 0.3 3.10 0.09 3.40 0.15 3.65 0.21
nA mA mA V V
ICOMPSRC FB = 0.40V, COMP = 3.20V ICOMPSNK FB = 0.80V, COMP = 0.30V VCOMPHC VCOMPLC FB = 0.40V, Sink 50A FB = 0.80V, Source 50A
3
FN9177.1 August 7, 2006
ISL6269
Electrical Specifications
PARAMETER POWER GOOD PGRSS PGOOD pull-down Impedance PGRUV PGROV PGROC PGOOD Leakage Current PGOOD Maximum Sink Current PGOOD Soft-Start Delay GATE DRIVER UG Pull-Up Resistance UG Source Current UG Sink Resistance UG Sink Current LG Pull-Up Resistance LG Source Current LG Sink Resistance LG Sink Current Delay From UG Falling to LG Rising Delay From LG Falling to UG Rising BOOTSTRAP DIODE Forward Voltage Reverse Leakage CONTROL INPUTS EN High Threshold Voltage EN Low Threshold Voltage FCCM High Threshold Voltage FCCM Low Threshold Voltage EN Leakage Current VENTHR VENTHF VFCCMTHR VFCCMTHF IENL IENH FCCM Leakage Current PROTECTION ISEN OCP Threshold Current ISEN Short-Circuit Threshold Current UVP Threshold Voltage OVP Rising Threshold Voltage OVP Falling Threshold Voltage OTP Rising Threshold Temperature OTP Temperature Hysteresis NOTE: 3. Guaranteed by design. IOC ISC VUV VOVR VOVF TOTR TOTHYS (Note 2) (Note 2) 81 113 -33 -26 -50 84 116 103 150 25 87 119 -19 A A % % % C C IFCCML IFCCMH EN = 0V EN = 5.0V FCCM = 0V FCCM = 5.0V <0.1 20 <0.1 2.0 1.0 2.0 1.0 1.0 2.0 0.5 V V V V A A A A VF IR PVCC = 5V, IF = 2mA VR = 25V 0.58 0.2 V A RUGPU IUGSRC RUGPD IUGSNK RLGPU ILGSRC RLGPD ILGSNK tUGFLGR tLGFUGR 200mA Source Current (Note 2) VUG to PHASE = 2.5V 250mA Sink Current (Note 2) VUG to PHASE = 2.5V 250mA Source Current (Note 2) VLG to PGND = 2.5V 250mA Sink Current (Note 2) VLG to PGND = 2.5V UG falling to LG rising LG falling to UG rising 1.0 2.0 1.0 2.0 1.0 2.0 0.5 4.0 21 14 0.9 1.5 1.5 1.5 A A A A ns ns TSS EN High to PGOOD High 2.20 IPGOOD PGOOD = 5mA Sink PGOOD = 5mA Sink PGOOD = 5V 53 26 63 32 <0.1 5.0 2.75 3.30 89 46 1.0 A mA ms PGOOD = 5mA Sink 80 95 133 These specifications apply for VIN = 15V, TA = (-10C) to (+100C), unless otherwise stated. All typical specifications TA = ( + 2 5 C ) ( C o n t i n u e d ) SYMBOL TEST CONDITIONS MIN TYP MAX UNIT
4
FN9177.1 August 7, 2006
ISL6269 Functional Pin Descriptions
GND Pin Bottom terminal pad of QFN package Signal common of the IC. Unless otherwise stated, signals are referenced to the GND pin, not the PGND pin. VIN Pin-1 (Input) The VIN pin measures the converter input voltage with respect to the GND pin. VIN is a required input to the R3 PWM modulator. The VIN pin is also the input source for the integrated +5V LDO regulator. VCC Pin-2 (Output) The VCC pin is the output of the integrated +5V LDO regulator, which provides the bias voltage for the IC. The VCC pin delivers regulated +5V whenever the EN pin is pulled above VENTHR. For best performance the LDO requires at least a 1F MLCC decouple capacitor to the GND pin. FCCM Pin-3 (Logic) The FCCM pin configures the controller to operate in forcedcontinuous-conduction-mode (FCCM) or diode-emulationmode (DEM.) DEM is disabled when the FCCM pin is pulled above the rising threshold voltage VFCCMTHR, and DEM is enabled when the FCCM pin is pulled below the falling threshold voltage VFCCMTHF. EN Pin-4 (Logic) The EN pin is the on/off switch of the IC. When the EN pin is pulled above the rising threshold voltage VENTHR, VCC will ramp up and begin regulation. The soft-start sequence begins once VCC ramps above the power-on reset (POR) rising threshold voltage VCCTHR. When the EN pin is pulled below the falling threshold voltage VENTHF, PWM immediately stops and VCC decays below the POR falling threshold voltage VCCTHF, at which time the IC turns off. COMP Pin-5 (Signal) The COMP pin is the output of the control-loop error amplifier. Loop compensation components connect from the COMP pin to the FB pin. FB Pin-6 (Signal) The FB pin is the inverting input of the control loop error amplifier. The converter will regulate to 600mV at the FB pin with respect to the GND pin. Scale the desired output voltage to 600mV with a voltage divider network made from resistors RTOP and RBOTTOM. Loop compensation components connect from the FB pin to the COMP pin. FSET Pin-7 (Signal) The FSET pin programs the PWM switching frequency of the converter. Connect a resistor RFSET and a 10nF capacitor CFSET from the FSET pin to the GND pin. VO Pin-8 (Input) The VO pin makes a direct measurement of the converter output voltage used exclusively by the R3 PWM modulator. The VO pin should be connected to the top of feedback resistor RTOP at the converter output. Refer to Figure 1, Typical Application Schematic. ISEN Pin-9 (Input) The ISEN pin is the input to the overcurrent protection (OCP) and short-circuit protection (SCP) circuits. Connect a resistor RSEN between the ISEN pin and the PHASE pin. Select the value of RSEN that will force the ISEN pin to source the ISEN threshold current IOC when the peak inductor current reaches the desired OCP setpoint. The SCP threshold current ISC is fixed at twice the OCP threshold current IOC PGND Pin-10 The PGND pin should be connected to the source of the lowside MOSFET, preferably with an isolated path that is in parallel with the trace connecting the LG pin to the gate of the MOSFET. The PGND pin is an isolated path used exclusively to conduct the turn-off transient current that flows out the PGND pin, through the gate-source capacitance of the low-side MOSFET, into the LG pin, and back to the PGND pin through the pull-down resistance of the LG driver. The adaptive shoot-through protection circuit, measures the low-side MOSFET gate voltage with respect to the PGND pin, not the GND pin. LG Pin-11 (Output) The LG pin is the output of the low-side MOSFET gate driver. Connect to the gate of the low-side MOSFET. PVCC Pin-12 (Input) The PVCC pin is the input voltage for the low-side MOSFET gate driver LG. Connect a +5V power source to the PVCC pin with respect to the GND pin, a 1F MLCC bypass capacitor needs to be connected from the PVCC pin to the PGND pin, not the GND pin. The VCC output may be used for the PVCC input voltage source. Connect the VCC pin to the PVCC pin through a low-pass filter consisting of a resistor and the PVCC bypass capacitor. Refer to Figure 1, Typical Application Schematic. BOOT Pin-13 (Input) The BOOT pin is the input voltage for the high-side MOSFET gate driver UG. An MLCC capacitor CBOOT is connected between the BOOT pin and the PHASE pin, the return current path for the UG MOSFET driver. Capacitor CBOOT is charged from the voltage source at the PVCC pin via the internal diode DBOOT each time the PHASE pin drops below PVCC minus diode DBOOT forward voltage drop VF. UG Pin-14 (Output) The UG pin is the output of the high-side MOSFET gate driver. Connect to the gate of the high-side MOSFET.
5
FN9177.1 August 7, 2006
ISL6269
PHASE Pin-15 (Input) The PHASE pin is the return current path for the UG MOSFET driver. The PHASE pin also measures the polarity of the low-side MOSFET drain voltage for the diode emulation function. Connect the PHASE pin to the node consisting of the high-side MOSFET source, the low-side MOSFET drain, and the output inductor. Refer to Figure 1, Typical Application Schematic. PGOOD Pin-16 (Output) The PGOOD pin is an open-drain output that is high impedance when the converter is in regulation, or when the EN pin is pulled below the falling threshold voltage VENTHF. The PGOOD pin has three distinct pull-down impedances that correspond to an OVP fault, OCP/SCP, or UVP and soft-start. Connect the PGOOD pin to a pull-up resistor.
6
FN9177.1 August 7, 2006
ISL6269 Typical Application
ISL6269 VIN 7V-25V PGOOD VIN
RPGOOD
CIN
QHIGH_SIDE PVCC UG
RPVCC VCC BOOT
CPVCC
CVCC GND
CBOOT PHASE
LOUT
VOUT 0.6V-3.3V
RSEN FCCM ISEN
COUT
QLOW_SIDE EN LG
RCOMP COMP PGND
CCOMP1 FB CCOMP2 RBOTTOM RTOP VO
FSET RFSET CFSET
FIGURE 1. TYPICAL APPLICATION SCHEMATIC
7
FN9177.1 August 7, 2006
Block Diagram
VIN VO GND PACKAGE BOTTOM LDO PWM FREQUENCY CONTROL
FSET
VCC VREF
EN
gmVIN
VW
+ -
+
PWM
-
OVP
UVP
+
EA FB COMP ISEN IOC DRIVER POR DIGITAL SOFT-START PWM CONTROL PHASE SHOOT THROUGH PROTECTION PVCC UG
-
OCP
30
90
PGOOD FCCM
FN9177.1 August 7, 2006
FIGURE 2. SCHEMATIC BLOCK DIAGRAM
-
- +
gmVO
+ -
CR
VCOMP
+
BOOT
60
DRIVER
150OT PGND
-
+
VR
-
R Q S
+ -
+
+
-
8
ISL6269
LG
ISL6269 Theory of Operation
Modulator
The ISL6269 is a hybrid of fixed frequency PWM control, and variable frequency hysteretic control. The term "Ripple" in the name "Robust-Ripple-Regulator" refers to the converter output inductor ripple current, not the converter output ripple voltage. The output voltage is regulated to 600mV at the FB pin with respect to the GND pin. The FB pin is the inverting input of the error amplifier. The frequency response of the feedback control loop is tuned with a type-two compensation network connected across the FB pin and COMP pin. The R3 modulator synthesizes an AC signal VR, which is an ideal representation of the output inductor ripple current. The duty-cycle of VR is derived from the voltage measured at the VIN pin and VO pin with respect to the GND pin. Transconductance amplifiers convert the VIN and VO voltages into currents that charge and discharge the ripple capacitor CR. The positive slope of VR can be written as:
V RPOS = ( gm ) * ( V IN - V O ) (EQ. 1)
The negative slope of VR can be written as:
V RNEG = gm * V O (EQ. 2)
A voltage VW is referenced with respect to the error amplifier output voltage VCOMP, creating a window-voltage envelope into which voltage VR is compared. The VR, VCOMP, and VW signals feed into a hysteretic window comparator in which VCOMP is the lower threshold voltage and VW is the higher threshold voltage. PWM pulses are generated as VR traverses the VW and VCOMP thresholds. The charging and discharging rates of capacitor CR determine the PWM switching frequency for a given amplitude of VW with respect to VCOMP. The R3 regulator simultaneously affects switching frequency and duty cycle because it modulates both edges of the PWM pulses.
RIPPLE CAPACITOR VOLTAGE CR
WINDOW VOLTAGE VW VOLTS ERROR AMPLIFIER VOLTAGE VCOMP
PWM
s
FIGURE 3. MODULATOR WAVEFORMS DURING LOAD TRANSIENT
9
FN9177.1 August 7, 2006
ISL6269
LDO
Voltage applied to the VIN pin with respect to the GND pin is regulated to +5VDC by an internal low-dropout voltage regulator (LDO). The output of the LDO is called VCC, which is the bias voltage used by the IC internal circuitry. The LDO output is routed to the VCC pin and requires a ceramic capacitor connected to the GND pin to stabilize the LDO and to decouple load transients. When the EN pin rises above the VENR threshold, VCC will turn on and rise to its regulation voltage. The LDO regulates VCC by pulling up towards the voltage at the VIN pin; the LDO has no pull-down capability.
MOSFET Gate-Drive Outputs
The ISL6269 incorporates a MOSFET driver that controls both high-side and low-side N-Channel MOSFETS. The drivers are optimized for low duty-cycle applications prevalent with large step down voltages. At low duty-cycle, the low-side MOSFET conducts for a much longer time in a switching period than the high-side MOSFET, necessitating lower rDS(ON) at the expense of larger parasitic capacitance. The low-side gate driver is therefore sized much larger to meet this application requirement. The larger sink current capability enables the low-side gate driver to hold the gatesource voltage of the MOSFET below its VGSTH as current conducts through the drain-to-gate parasitic capacitance. Both drivers incorporate adaptive shoot-through protection to prevent high-side and low-side MOSFETS from conducting simultaneously and shorting the input supply. During turn-off of the low-side MOSFET, the LG to PGND voltage is monitored until it reaches a 1V threshold, at which time the UG driver is allowed to switch. During turn-off of the high-side MOSFET, the UG to PHASE voltage is monitored until it reaches a 1V threshold, at which time the LG driver is allowed to switch. The input power for the LG driver circuit is sourced directly from the PVCC pin. The input power for the UG driver circuit is sourced from a "boot" capacitor connected from the BOOT pin to the PHASE pin. The same supply that is connected to the PVCC pin is used to charge the boot capacitor via the internal Schottky diode of the IC.
POR and Soft-Start
The power-on reset (POR) circuit monitors VCC for the VCCR (rising) and VCCF (falling) voltage thresholds. The purpose of soft-start is to limit the inrush current through the output capacitors when the converter first turns on.The PWM soft-start sequence initializes once VCC rises above the VCCR threshold, beginning from below the VCCF threshold. The ISL6269 uses a digital soft-start circuit to ramp the output voltage of the converter to the programmed regulation setpoint in approximately 1.5ms. The converter regulates to 600mV at the FB pin with respect to the GND pin. During soft-start a digitally derived voltage reference forces the converter to regulate from 0V to 600mV at the FB pin. When the EN pin is pulled below the VENF threshold, the LDO stops regulating and PWM immediately stops, regardless of the falling VCC voltage. The soft-start sequence can be reinitialized and fault latches reset, once VCC falls below the VCCF threshold.
tLGFUGR
tUGFLGR
UG LG
FIGURE 4. GATE DRIVE TIMING DIAGRAM
10
FN9177.1 August 7, 2006
ISL6269
Diode Emulation
Positive inductor current can flow from the source of the high-side MOSFET or from the drain of the low-side MOSFET. Negative inductor current flows into the drain of the low-side MOSFET. When the low-side MOSFET conducts positive inductor current, the phase voltage will be negative with respect to the GND pin. Conversely, when the low-side MOSFET conducts negative inductor current, the phase voltage will be positive with respect to the GND pin. Negative inductor current occurs when the output load current is less than 1/2 the inductor ripple current. The ISL6269 can be configured to operate in forcedcontinuous-conduction-mode (FCCM) or in diode-emulationmode (DEM), which can improve light-load efficiency. In FCCM, the controller always operates as a synchronous rectifier, switching the low-side MOSFET regardless of the polarity of the output inductor current. In DEM, the low-side MOSFET is disabled during negative current flow from the output inductor. DEM is permitted when the FCCM pin is pulled low, and disabled when pulled high. When DEM is permitted, the converter will automatically select FCCM or DEM according to load conditions. If positive PHASE pin voltage is measured for eight consecutive PWM pulses, then the converter will enter diode-emulation mode on the next PWM cycle. If a negative PHASE pin voltage is measured, the converter will exit DEM on the following PWM pulse. An audio filter is incorporated into the PWM generation circuitry that prevents the switching frequency from entering the audible spectrum at low load conditions. during the 20s period. If a measurement falls below IOC before 20s has elapsed, then the timer is reset to zero. An SCP fault will occur when the ISEN pin has measured more than the short-circuit threshold current ISC, in less than 10s, on consecutive PWM pulses. The relationship between ID and ISEN can be written as:
- I SEN * R SEN = - I D * r DS ( ON ) (EQ. 3)
The value of RSEN can then be written as:
I PP I FL + -------- * OC SP * r DS ( ON ) 2 R SEN = ---------------------------------------------------------------------------I OC (EQ. 4)
Where: - RSEN () is the resistor used to program the overcurrent setpoint - ISEN is the current sense current that is sourced from the ISEN pin - IOC is the ISEN threshold current value sourced from the ISEN pin that will activate the OCP circuit - IFL is the maximum continuous DC load current - IPP is the inductor peak-to-peak ripple current - OCSP is the desired overcurrent setpoint expressed as a multiplier relative to IFL
Overvoltage
When an OVP fault is detected, the ISL6269 overvoltage protection circuit will pull the PGOOD pin low and latch off the converter. The fault will remain latched until the EN pin is pulled below VENF or if the voltage at the VIN pin is reduced to the extent that VCC has fallen below the POR VCCF threshold. When the voltage at the FB pin relative to the GND pin, has exceeded the rising overvoltage threshold VOVR, the converter will latch off however, the LG driver output will stay high, forcing the low-side MOSFET to pull-down the output voltage of the converter. The low-side MOSFET will continue to pull-down the output voltage until the voltage at the FB pin relative to the GND pin, has decayed below the falling overvoltage threshold VOVF, at which time the LG driver output is driven low, forcing the low-side MOSFET off. The LG driver output will continue to switch on at VOVR and switch off at VOVF until the EN pin is pulled below VENF or if the voltage at the VIN is reduced to the extent that VCC has fallen below the POR VCCF threshold.
Overcurrent and Short-Circuit Protection
When an OCP or SCP fault is detected, the ISL6269 overcurrent and short-circuit protection circuit will pull the PGOOD pin low and latch off the converter. The fault will remain latched until the EN pin is pulled below VENF or if the voltage at the VIN pin is reduced to the extent that VCC has fallen below the POR VCCF threshold. Selecting the appropriate value of resistor RSEN programs the OCP threshold. The resistor RSEN is connected from the ISEN pin to the PHASE pin. The PHASE pin is connected to the drain terminal of the low-side MOSFET. The OCP circuit measures positive-flowing, peak-current through the output inductor, not the DC current flowing from the converter to the load. The low-side MOSFET drain current is assumed to be equal to the positive output inductor current when the high-side MOSFET is turn off. Current briefly conducts through the low-side MOSFET body diode until the LG driver goes high. The peak inductor current develops a voltage across the rDS(ON) of the low-side MOSFET just as if it were a discrete current-sense resistor. An OCP fault will occur when the ISEN pin has measured more than the OCP threshold current IOC, on consecutive PWM pulses, for a period exceeding 20s. It does not matter how many PWM pulses are measured
11
FN9177.1 August 7, 2006
ISL6269
Undervoltage
When an UVP fault is detected, the ISL6269 undervoltage protection circuit will pull the PGOOD pin low and latch off the converter. The UVP fault occurs when the voltage at the FB pin relative to the GND pin, has fallen below the undervoltage threshold VUV. The fault will remain latched until the EN pin is pulled below VENF or if the voltage at the VIN is reduced to the extent that VCC has fallen below the POR VCCF threshold. GND pin when the converter is regulating at the desired output voltage. Programming the output voltage can be written as:
R BOTTOM V REF = V OUT * -------------------------------------------------R +R
TOP BOTTOM
(EQ. 5)
Where: - VOUT is the desired output voltage of the converter. - VREF is the voltage that the converter regulates to at the FB pin. - RTOP is the voltage-programming resistor that connects from the FB pin to the VO pin. It is usually chosen to set the gain of the control-loop error amplifier. It follows that RBOTTOM will be calculated based upon the already selected value of RTOP. - RBOTTOM is the voltage-programming resistor that connects from the FB pin to the GND pin. Calculating the value of RBOTTOM can now be written as:
V REF * R TOP R BOTTOM = -----------------------------------V OUT - V REF (EQ. 6)
Over-Temperature
When an OTP fault is detected, the ISL6269 overtemperature protection circuit suspends PWM, but will not affect the PGOOD pin, or latch off the converter. The overtemperature protection circuit measures the temperature of the silicon and activates when the rising threshold temperature TOTR has been exceeded. The PWM remains suspended until the silicon temperature falls below the temperature hysteresis TOTHYS at which time normal operation is resumed. All other protection circuits will function normally during OTP however, since PWM is inhibited, it is likely that the converter will immediately experience an undervoltage fault, latch off, and pull PGOOD low. If the EN pin is pulled below VENF or if the voltage at the VIN is reduced to the extent that VCC has fallen below the POR VCCF threshold, normal operation will resume however, the temperature hysteresis TOTHYS is reset.
Programming the PWM Switching Frequency
The PWM switching frequency FOSC is programmed by the resistor RFSET that is connected from the FSET pin to the GND pin. Programming the approximate PWM switching frequency can be written as:
1 F OSC = ---------------------------------------------------------- 12 60 * R FSET * [ 1 x10 ] (EQ. 7)
PGOOD
The PGOOD pin connects to three open drain MOSFETS each of which has a different rDS(ON). Consult the Electrical Specifications Table for the pull-down resistance of PGOOD for the corresponding fault. The PGOOD pin is high impedance whenever VCC is below the rising POR threshold VOVR, the falling POR threshold VOVF, after delay TSS elapses, without an OVP, OCP, SCP, or UVP fault. This faultidentification capability is a useful tool for trouble-shooting.
TABLE 1. PGOOD PULL-DOWN RESISTANCE CONDITION IC Off Soft Start Undervoltage Fault Overvoltage Fault Overcurrent Fault PGOOD RESISTANCE Open 95 95 60 30
Estimating the value of RFSET can now be written as:
1 R FSET = ------------------------------------------------------- 12 60 * F OSC * [ 1 x10 ] (EQ. 8)
Where: - FOSC is the PWM switching frequency. - RFSET is the FOSC programming resistor. - 60 x [1 x 10-12] is a constant.
Selection of the LC Output Filter
The duty cycle of a buck converter is ideally a function of the input voltage and the output voltage. This relationship can be written as:
V OUT D ( V IN ) = --------------V IN (EQ. 9)
Where:
Component Selection
Programming the Output Voltage
When the converter is in regulation there will be 600mV from the FB pin to the GND pin. Connect a two-resistor voltage divider across the VO pin and the GND pin with the output node connected to the FB pin. Scale the voltage-divider network such that the FB pin is 600mV with respect to the
- D is the PWM duty cycle. - VIN is the input voltage to be converted. - VOUT is the regulated output voltage of the converter. The output inductor peak-to-peak ripple current can be written as:
V OUT * [ 1 - D ( V IN ) ] I PP = ---------------------------------------------------F OSC * L O (EQ. 10)
12
FN9177.1 August 7, 2006
ISL6269
Where: - IPP is the peak-to-peak output inductor ripple current. - FOSC is the PWM switching frequency. - LO is the nominal value of the output inductor. A typical step-down DC/DC converter will have an IPP of 20% to 40% of the nominal DC output load current. The value of IPP is selected based upon several criteria such as MOSFET switching loss, inductor core loss, and the resistance the inductor winding, DCR. The DC copper loss of the inductor can be estimated by:
P COPPER = [ I LOAD ] 2 * DCR (EQ. 11)
regulator is approximately 1/2 the DC output load current. The maximum RMS current required by the regulator can be approximated through the following equation:
I RMS = I LOAD * [ D ] - [ D ]
2
(EQ. 14)
Where: - D is the converter duty cycle. - IRMS is the input capacitance RMS ripple current. - ILOAD is the converter output DC load current. In addition to the bulk capacitance, some low ESL ceramic capacitance is recommended to decouple between the drain terminal of the high-side MOSFET and the source terminal of the low-side MOSFET, in order to reduce the voltage ringing created by the switching current across parasitic circuit elements.
The inductor copper loss can be significant in the total system power loss. Attention has to be given to the DCR selection. Another factor to consider when choosing the inductor is its saturation characteristics at elevated temperature. A saturated inductor could cause destruction of circuit components, as well as nuisance OCP faults. A DC/DC buck regulator must have output capacitance CO into which ripple current IPP can flow. Current IPP develops a corresponding ripple voltage VPP across CO, which is the sum of the voltage drop across the capacitor ESR and of the voltage change stemming from charge moved in and out of the capacitor. These two voltages can be written as:
V ESR = I PP * E SR (EQ. 12)
MOSFET Selection and Considerations
Typically, MOSFETS cannot tolerate even brief excursions beyond their maximum drain to source voltage rating. The MOSFETS used in the power conversion stage of the converter should have a maximum VDS rating that exceeds the upper voltage tolerance of the input power source, and the voltage spike that occurs when the MOSFET switches off. Placing a low ESR ceramic capacitor as close as practical across the drain of the high-side MOSFET and the source of the low-side MOSFET will reduce the amplitude of the turn-off voltage spike. The MOSFET input capacitance CISS, and on-state drain to source resistance rDS(ON), are to an extent, inversely related; reduction of rDS(ON) typically results in an increase of CISS. These two parameters affect the efficiency of the converter in different ways. The rDS(ON) affects the power loss when the MOSFET is completely turned on and conducting current. The CISS affects the power loss when the MOSFET is actively switching. Switching time increases as CISS increases. When the MOSFET switches it will briefly conduct current while the drain to source voltage is still present. The power dissipation during this time is substantial so it must be kept as short as practical. Often the high-side MOSFET and the low-side MOSFET are different devices due to the trade-offs that have to be made between CISS and rDS(ON). The low-side MOSFET power loss is dominated by rDS(ON) because it conducts current for the majority of the PWM switching cycle; the rDS(ON) should be small. The switching loss is small for the low-side MOSFET even though CISS is large due to the low rDS(ON) of the device, because the drain to source voltage is clamped by the body diode. The high-side MOSFET power loss is dominated by CISS because it conducts current for the minority of the PWM switching cycle; the CISS should be small. The switching loss of the high-side MOSFET is large compared to the lowside MOSFET because the drain to source voltage is not clamped. For the lower MOSFET, its power loss can be
and
I PP V C = ---------------------------------8 * CO * F
OSC
(EQ. 13)
If the output of the converter has to support a load with high pulsating current, several capacitors will need to be paralleled to adjust the ESR to achieve the required VPP. The inductance of the capacitor can cause a brief voltage dip when the load transient has an extremely high slew rate. Low inductance capacitors constructed with reverse package geometry are available. A capacitor dissipates heat as a function of RMS current. Be sure that IPP is shared by a sufficient quantity of paralleled capacitors so that they operate below the maximum rated RMS current. Take into account that the specified value of a capacitor can drop as much as 50% as the DC voltage across it increases.
Selection of the Input Capacitor
The important parameters for the bulk input capacitance are the voltage rating and the RMS current rating. For reliable operation, select bulk capacitors with voltage and current ratings above the maximum input voltage and capable of supplying the RMS current required by the switching circuit. Their voltage rating should be at least 1.25 times greater than the maximum input voltage, while a voltage rating of 1.5 times is a preferred rating. For most cases, the RMS current rating requirement for the input capacitors of a buck
13
FN9177.1 August 7, 2006
ISL6269
assumed to be the conduction loss only and can be written as:
P CONLS D ( V IN ) [ I LOAD ]
bottom MOSFET, output inductor, and output capacitor, should be very small. A guard-ring placed around high impedance inputs FB and FSET is recommended.
2
*
r DS ( ON )LS * [ 1 - D ( V IN ) ]
(EQ. 15)
For the high-side MOSFET, its conduction loss can be written as:
P CONHS D ( V IN ) = [ I LOAD ]
Component Placement
Power MOSFETs should be placed close to the IC so that VIN, LG, UG, PHASE, BOOT, and ISEN traces can be short. Place components in such a way that the area near the FSET, FB, COMP, and VO pins avoid traces with high dv/dt and di/dt, such as gate signals and phase node signals.
VIN +
2
*
r DS ( ON )HS * D ( V IN )
(EQ. 16)
For the high-side MOSFET, its switching loss can be written as:
V IN * I VAL * T ON * F V IN * I PEAK * T OFF * F OSC OSC P SWHS ( V IN ) = ------------------------------------------------------------ + -------------------------------------------------------------------2 2 (EQ. 17)
The peak and valley current of the inductor can be obtained based on the inductor peak-to-peak current and the load current. The turn-on and turn-off time can be estimated with the given gate driver parameters in the Electrical Specification Table.
Vo +
Selecting The Bootstrap Capacitor
The selection of the bootstrap capacitor can be written as:
Qg C BOOT = ----------------------V BOOT (EQ. 18)
Where: - Qg is the total gate charge required to switch the high-side MOSFET - VBOOT, is the maximum allowed voltage decay across the boot capacitor each time the MOSFET is switched on As an example, suppose the high-side MOSFET has a total gate charge QG, of 25nC at VGS = 5V, and a VBOOT of 200mV. The calculated bootstrap capacitance is 0.125F; select at least the first standard component value of greater capacitance than calculated, that being 0.15F. Use an X7R or X5R ceramic capacitor.
Lo Lo
FIGURE 5. TYPICAL POWER COMPONENT PLACEMENT
Signal Ground and Power Ground Connection
The bottom of the ISL6269 QFN package is the analog and logic ground terminal (GND) of the IC. Connect the GND pad of the ISL6269 to the signal ground layer of the pcb using at least five vias, for a robust thermal and electrical conduction path. The best tie-point between the signal ground and the power ground is at the negative side of the output capacitors that is not in the return path of the inductor ripple current flowing through the output capacitors.
Layout Considerations
Power and Signal Layer Placement on the PCB
As a general rule, power layers should be adjacent to one another towards one side of the board, with signal layers adjacent to one another towards the opposite side of the board. For example, prospective layer arrangement on a 4 layer board is shown below: 1. Top Layer: ISL6269 signal lines 2. Signal Ground 3. Power Layers: Power Ground 4. Bottom Layer: Power MOSFET, Inductors and other Power traces It is a good engineering practice to separate the power conductors from the signal conductors. The controller IC will stay on the signal layer, which is isolated by the signal ground to the power signal traces. The loop formed by the
Pin 1 (VIN)
The VIN pin should be connected to the drain of the high-side MOSFET, using a low resistance and low inductance path.
Pin 2 VCC
For best performance the LDO requires at least a 1F MLCC decouple capacitor connected from the VCC pin to the GND pin.
Pin 3 (FCCM) and Pin 4 (EN)
These are logic inputs that are referenced to the GND pin. Treat as a typical logic signal.
14
FN9177.1 August 7, 2006
ISL6269
Pin 5 (COMP)
The loop compensation components connect from the COMP pin to the FB pin. Place the components close to the FB pin to make the traces as short as possible. These two traces should be short, wide, and away from other traces. There should be no other weak signal traces in parallel with these traces on any layer.
Pin 15 (PHASE)
Connect to the low-side MOSFET drain terminal. The phase node has a very high dv/dt with a voltage swing from the input voltage to ground. This trace should be short, and positioned away from other weak signal traces.
Pin 6 (FB)
There is usually a resistor divider connecting the output voltage of the converter to the FB pin. The correct layout should bring the output voltage from the regulation point to the FB pin with kelvin traces. The input impedance of the FB pin is high, so place the resistor divider close to the pin, keeping the high impedance trace short.
Pin 16 (PGOOD)
A very robust pin. Treat as a typical logic signal.
Copper Size for the Phase Node
The parasitic capacitance and parasitic inductance of the phase node should be kept very low to minimize ringing. If ringing is excessive, it could easily affect current sample information. It would be best to limit the size of the PHASE node copper in strict accordance with the current and thermal management of the application.
Pin 7 (FSET)
This pin requires a quiet environment. The resistor RFSET and capacitor CFSET should be placed directly adjacent to this pin. Keep fast moving nodes away from this pin.
Pin 8 (VO)
The VO pin should be connected to the Kelvin traces at the FB voltage divider.
Identify the Power and Signal Ground
The input and output capacitors of the converter, the source terminal of the low-side MOSFET, and the PGND pin should be closely connected to the power ground. The other components should connect to signal ground. Signal and power ground are tied together at the negative terminal of the output capacitors.
Pin 9 (ISEN)
The ISEN trace should be routed away from the traces and components connected to the FB pin, COMP pin, and FSET pin.
Pin 10 (PGND)
This is the pull-down return path for the LG low-side MOSFET gate drive. This should be an isolated lowresistance, low-inductance trace that connects to the source of the low-side MOSFET.
Decoupling Capacitor for Switching MOSFET
Ceramic capacitors should be closely connected to the drain side of the high-side MOSFET, and the source of the lowside MOSFET. This capacitor reduces the amplitude of the turn-off voltage spike.
Pin 11 (LG)
Connect to the gate terminal of the low-side MOSFET. The signal going through this trace is both high dv/dt and high di/dt, with high peak charging and discharging current. Route this trace in parallel with the trace from the PGND pin. These two traces should be short, wide, and away from other traces. There should be no other weak signal traces in parallel with these traces on any layer.
Control Loop
The control loop model of the ISL6269 is partitioned into function blocks consisting of: - The Duty cycle to Vo transfer function Gvd(s) which is determined by the value of the output power components, input voltage, and output voltage. - The Vcomp to Duty cycle transfer function Fm(s) which is determined by the PWM frequency, input voltage, output voltage, resistor RFSET, and capacitor CFSET. - The product of the Gvd(s) and Fm(s) transfer functions is expressed as the Vcomp to Vo transfer function Gvovc(s). - The type-two compensation network Gcomp(s) that connects across the COMP and FB pins. - The product of the Gcomp(s) and Gvovc(s) transfer functions is expressed as the loop transfer function T(s).
Pin 12 (PVCC)
A ceramic decoupling capacitor connects from the PVCC pin to the PGND pin, not the GND pin. Closely place the capacitor on the same side of the board as the ISL6269 IC.
Pin 13 (BOOT)
The di/dt and dv/dt of this pin are as high as that of the LG pin, UG pin, and the PHASE pin; therefore, the traces should be as short as possible.
Pin 14 (UG)
Connect to the gate terminal of the high-side MOSFET. The signal going through this trace is both high dv/dt and high di/dt, with high peak charging and discharging current. Route this trace in parallel with the trace from the PHASE pin.
15
FN9177.1 August 7, 2006
ISL6269
The compensator zero fz1 is written as:
T(s)=GCOMP(s) + GVOVC(s) VREF + - GCOMP(s) VCOMP GVOVC(s) Vo
1 z1 = ------------------------------------------R comp * C comp2 z1 f z1 = --------2*
(EQ. 19)
(EQ. 20)
FIGURE 6. SYSTEM CONTROL BLOCK DIAGRAM
The compensator pole fp1 is written as:
1 1 p1 = --------------------- + --------------------C comp1 C comp2
*
1----------------R comp
(EQ. 21)
Vcomp to Vo Transfer Function Gvovc(s)
120 100 80 90 60 30
p1 f p1 = --------2*
Phase
(EQ. 22)
Gain (db)
60 40 20 0 20 40 10 100
3 1 .10 4 1 .10 5 1 .10
0 30 60 90 120 150 6 1 .10
The compensator gain is written as:
1 i = ---------------------------------------------------------------------------R comp * [ C comp1 + C comp2 ] (EQ. 23)
The compensator transfer function is written as:
s i * 1 + -------- z1 G comp ( s ) = ---------------------------------s s * 1 + -------- p1 (EQ. 24)
Frequency (Hz) Gain (Gvovc) Phase (Gvovc)
FIGURE 7. OPEN LOOP TRANSFER FUNCTION
CCOMP1
CCOMP2
RCOMP
Voltage Loop Gain T(s)
120 100 80 90 75 60
RBOTTOM
FB
Gain (db)
Phase
60 40 20 0 20 40 10 100 1 .10
3
45 30 15 0 15 1 .10
4
1 .10
5
1 .10
6
30
FIGURE 9. SYSTEM CONTROL BLOCK DIAGRAM
Frequency (Hz) Gain (Tv) Phase (Tv)
FIGURE 8. CLOSED LOOP TRANSFER FUNCTION
16
+
FN9177.1 August 7, 2006
VREF
- ERROR AMPLIFIER
COMP
ISL6269 Quad Flat No-Lead Plastic Package (QFN) Micro Lead Frame Plastic Package (MLFP)
L16.4x4
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE (COMPLIANT TO JEDEC MO-220-VGGC ISSUE C) MILLIMETERS SYMBOL A A1 A2 A3 b D D1 D2 E E1 E2 e k L L1 N Nd Ne P 0.25 0.50 1.95 1.95 0.23 MIN 0.80 NOMINAL 0.90 0.20 REF 0.28 4.00 BSC 3.75 BSC 2.10 4.00 BSC 3.75 BSC 2.10 0.65 BSC 0.60 16 4 4 0.60 12 0.75 0.15 2.25 2.25 0.35 MAX 1.00 0.05 1.00 NOTES 9 9 5, 8 9 7, 8 9 7, 8 8 10 2 3 3 9 9 Rev. 5 5/04 NOTES: 1. Dimensioning and tolerances conform to ASME Y14.5-1994. 2. N is the number of terminals. 3. Nd and Ne refer to the number of terminals on each D and E. 4. All dimensions are in millimeters. Angles are in degrees. 5. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature. 7. Dimensions D2 and E2 are for the exposed pads which provide improved electrical and thermal performance. 8. Nominal dimensions are provided to assist with PCB Land Pattern Design efforts, see Intersil Technical Brief TB389. 9. Features and dimensions A2, A3, D1, E1, P & are present when Anvil singulation method is used and not present for saw singulation. 10. Depending on the method of lead termination at the edge of the package, a maximum 0.15mm pull back (L1) maybe present. L minus L1 to be equal to or greater than 0.3mm.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 17
FN9177.1 August 7, 2006


▲Up To Search▲   

 
Price & Availability of ISL626906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X