Part Number Hot Search : 
BL8596 429BE AT88S NESJ25 2N350 KBJ410 K2750 CS8530
Product Description
Full Text Search
 

To Download ISL6251A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL6251, ISL6251A
Data Sheet May 10, 2006 FN9202.2
Low Cost Multi-Chemistry Battery Charger Controller
The ISL6251, ISL6251A is a highly integrated battery charger controller for Li-Ion/Li-Ion polymer batteries and NiMH batteries. High Efficiency is achieved by a synchronous buck topology and the use of a MOSFET, instead of a diode, for selecting power from the adapter or battery. The low side MOSFET emulates a diode at light loads to improve the light load efficiency and prevent system bus boosting. The constant output voltage can be selected for 2, 3 and 4 series Li-Ion cells with 0.5% accuracy over temperature. It can be also programmed between 4.2V+5%/cell and 4.2V-5%/cell to optimize battery capacity. When supplying the load and battery charger simultaneously, the input current limit for the AC adapter is programmable to within 3% accuracy to avoid overloading the AC adapter, and to allow the system to make efficient use of available adapter power for charging. It also has a wide range of programmable charging current. The ISL6251, ISL6251A provides outputs that are used to monitor the current drawn from the AC adapter, and monitor for the presence of an AC adapter. The ISL6251, ISL6251A automatically transitions from regulating current mode to regulating voltage mode.
Features
* 0.5% Charge Voltage Accuracy (-10C to 100C) * 3% Accurate Input Current Limit * 3% Accurate Battery Charge Current Limit * 25% Accurate Battery Trickle Charge Current Limit (ISL6251A) * Programmable Charge Current Limit, Adapter Current Limit and Charge Voltage * Fixed 300kHz PWM Synchronous Buck Controller with Diode Emulation at Light Load * Output for Current Drawn from AC Adapter * AC Adapter Present Indicator * Fast Input Current Limit Response * Input Voltage Range 7V to 25V * Support 2, 3 and 4 Cells Battery Pack * Up to 17.64V Battery-Voltage Set Point * Thermal Shutdown * Support Pulse Charging * Less than 10A Battery Leakage Current * Charge Any Battery Chemistry: Li-Ion, NiCd, NiMH, etc. * Pb-Free Plus Anneal Available (RoHS Compliant)
Ordering Information
PART NUMBER (Notes 1, 2) ISL6251HRZ ISL6251HAZ PART MARKING ISL6251HRZ ISL6251HAZ TEMP RANGE (C) PACKAGE (Pb-Free) PKG. DWG. #
Applications
* Notebook, Desknote and Sub-notebook Computers * Personal Digital Assistant
-10 to 100 28 Ld 5x5 QFN L28.5x5 -10 to 100 24 Ld QSOP M24.15
ISL6251AHRZ ISL6251AHRZ -10 to 100 28 Ld 5x5 QFN L28.5x5 ISL6251AHAZ ISL6251AHAZ -10 to 100 24 Ld QSOP NOTES: 1. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 2. Add "-T" for Tape and Reel. M24.15
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005-2006. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL6251, ISL6251A Pinouts
ISL6251, ISL6251A (28 LD QFN) TOP VIEW
ACPRN ACSET CSON DCIN VDD VDD ACSET EN 21 20 19 18 17 16 15 8 ACLIM 9 VADJ 10 GND 11 PGND 12 LGATE 13 VDDP 14 BOOT CSOP CSIN CSIP NA NA PHASE UGATE CELLS ICOMP VCOMP ICM VREF CHLIM ACLIM VADJ GND
ISL6251, ISL6251A (24 LD QSOP) TOP VIEW
1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 DCIN ACPRN CSON CSOP CSIN CSIP PHASE UGATE BOOT VDDP LGATE PGND
NA
28 EN CELLS ICOMP VCOMP ICM VREF CHLIM 1 2 3 4 5 6 7
27
26
25
NA 24
23
22
2
FN9202.2 May 10, 2006
ISL6251, ISL6251A
Absolute Maximum Ratings
DCIN, CSIP, CSON to PGND . . . . . . . . . . . . . . . . . . . -0.3V to +28V CSIP-CSIN, CSOP-CSON . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V PHASE to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -7V to 30V BOOT to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +35V ACLIM, ACPRN, CHLIM, VDD to GND . . . . . . . . . . . . . . -0.3V to 7V BOOT-PHASE, VDDP-PGND . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V ICM, ICOMP, VCOMP to GND. . . . . . . . . . . . . . -0.3V to VDD+0.3V VREF, CELLS to GND . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+0.3V EN, VADJ, PGND to GND . . . . . . . . . . . . . . . . . .-0.3V to VDD+0.3V UGATE. . . . . . . . . . . . . . . . . . . . . . . . . PHASE-0.3V to BOOT+0.3V LGATE . . . . . . . . . . . . . . . . . . . . . . . . . . PGND-0.3V to VDDP+0.3V
Thermal Information
Thermal Resistance JA (C/W) JC (C/W) QFN Package (Notes 4, 6). . . . . . . . . . 39 9.5 QSOP Package (Note 5) . . . . . . . . . . . 88 N/A Junction Temperature Range. . . . . . . . . . . . . . . . . .-10C to +150C Operating Temperature Range . . . . . . . . . . . . . . . .-10C to +100C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65C to +150C Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . +300C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 3. When the voltage across ACSET is below 0V, the current through ACSET should be limited to less than 1mA. 4. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 5. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 6. For JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications
DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = 1.5V, ACLIM = VREF, VADJ = Floating, EN = VDD = 5V, BOOT-PHASE = 5.0V, GND = PGND = 0V, CVDD = 1F, IVDD = 0mA, TA = -10C to +100C, TJ 125C, unless otherwise noted. TEST CONDITIONS MIN TYP MAX UNITS
PARAMETER SUPPLY AND BIAS REGULATOR DCIN Input Voltage Range DCIN Quiescent Current Battery Leakage Current (Note 7) VDD Output Voltage/Regulation VDD Undervoltage Lockout Trip Point
7 EN = VDD or GND, 7V DCIN 25V DCIN = 0, no load 7V DCIN 25V, 0 IVDD 30mA VDD Rising Hysteresis 4.925 4.0 200 2.365 -0.5 -0.5 -0.5 -0.5 -0.5 -0.5 -0.5 -0.5 -0.5 1.4 3 5.075 4.4 250 2.39
25 3 10 5.225 4.6 400 2.415 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
V mA A V V mV V % % % % % % % % %
Reference Output Voltage VREF Battery Charge Voltage Accuracy
0 IVREF 300A CSON = 16.8V, CELLS = VDD, VADJ = Float CSON = 12.6V, CELLS = GND, VADJ = Float CSON = 8.4V, CELLS = Float, VADJ = Float CSON = 17.64V, CELLS = VDD, VADJ = VREF CSON = 13.23V, CELLS = GND, VADJ = VREF CSON = 8.82V, CELLS = Float, VADJ = VREF CSON = 15.96V, CELLS = VDD, VADJ = GND CSON = 11.97V, CELLS = GND, VADJ = GND CSON = 7.98V, CELLS = Float, VADJ = GND
TRIP POINTS ACSET Threshold ACSET Input Bias Current Hysteresis ACSET Input Bias Current ACSET Input Bias Current ACSET 1.26V ACSET < 1.26V 1.24 2.2 2.2 -1 1.26 3.4 3.4 0 1.28 4.4 4.4 1 V A A A
3
FN9202.2 May 10, 2006
ISL6251, ISL6251A
Electrical Specifications
DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = 1.5V, ACLIM = VREF, VADJ = Floating, EN = VDD = 5V, BOOT-PHASE = 5.0V, GND = PGND = 0V, CVDD = 1F, IVDD = 0mA, TA = -10C to +100C, TJ 125C, unless otherwise noted. (Continued) TEST CONDITIONS MIN TYP MAX UNITS
PARAMETER OSCILLATOR Frequency PWM Ramp Voltage (peak-peak) CSIP = 18V CSIP = 11V SYNCHRONOUS BUCK REGULATOR Maximum Duty Cycle UGATE Pull-Up Resistance UGATE Source Current UGATE Pull-DOWN Resistance UGATE Sink Current LGATE Pull-UP Resistance LGATE Source Current LGATE Pull-DOWN Resistance LGATE Sink Current
245
300 1.6 1
355
kHz V V
97 BOOT-PHASE = 5V, 500mA source current BOOT-PHASE = 5V, BOOT-UGATE = 2.5V BOOT-PHASE = 5V, 500mA sink current BOOT-PHASE = 5V, UGATE-PHASE = 2.5V VDDP-PGND = 5V, 500mA source current VDDP-PGND = 5V, VDDP-LGATE = 2.5V VDDP-PGND = 5V, 500mA sink current VDDP-PGND = 5V, LGATE = 2.5V
99 1.8 1.0 1.0 1.8 1.8 1.0 1.0 1.8
99.6 3.0
% A
1.8
A
3.0
A
1.8
A
CHARGING CURRENT SENSING AMPLIFIER Input Common-Mode Range Input Offset Voltage Input Bias Current at CSOP Input Bias Current at CSON CHLIM Input Voltage Range CSOP to CSON Full-Scale Current Sense Voltage ISL6251: CHLIM = 3.3V ISL6251A, CHLIM = 3.3V ISL6251: CHLIM = 2.0V ISL6251A: CHLIM = 2.0V ISL6251: CHLIM = 0.2V ISL6251A: CHLIM = 0.2V CHLIM Input Bias Current CHLIM Power-Down Mode Threshold Voltage CHLIM Power-Down Mode Hysteresis Voltage ADAPTER CURRENT SENSING AMPLIFIER Input Common-Mode Range Input Offset Voltage Input Bias Current at CSIP and CSIN Combined Input Bias Current at CSIN Guaranteed by design CSIP = CSIN = 25V 0 < CSIN < DCIN, Guaranteed by design 7 -2 100 0.10 25 2 130 1 V mV A A CHLIM = GND or 3.3V, DCIN = 0V CHLIM rising Guaranteed by design 0 < CSOP < 18V 0 < CSON < 18V 0 157 160 95 97 5.0 7.5 -1 80 15 88 25 165 165 100 100 10 10 0 -2.5 0 0.25 75 18 2.5 2 100 3.6 173 170 105 103 15.0 12.5 1 95 40 V mV A A V mV mV mV mV mV mV A mV mV
4
FN9202.2 May 10, 2006
ISL6251, ISL6251A
Electrical Specifications
DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = 1.5V, ACLIM = VREF, VADJ = Floating, EN = VDD = 5V, BOOT-PHASE = 5.0V, GND = PGND = 0V, CVDD = 1F, IVDD = 0mA, TA = -10C to +100C, TJ 125C, unless otherwise noted. (Continued) TEST CONDITIONS MIN TYP MAX UNITS
PARAMETER ADAPTER CURRENT LIMIT THRESHOLD
CSIP to CSIN Full-Scale Current Sense ACLIM = VREF Voltage ACLIM = Float ACLIM = GND ACLIM Input Bias Current ACLIM = VREF ACLIM = GND VOLTAGE REGULATION ERROR AMPLIFIER Error Amplifier Transconductance from CSON to VCOMP CELLS = VDD
97 72 47 10 -20
100 75 50 16 -16
103 78 53 20 -10
mV mV mV A A
30
A/V
CURRENT REGULATION ERROR AMPLIFIER Charging Current Error Amplifier Transconductance Adapter Current Error Amplifier Transconductance BATTERY CELL SELECTOR CELLS Input Voltage for 4 Cell Select CELLS Input Voltage for 3 Cell Select CELLS Input Voltage for 2 Cell Select LOGIC INTERFACE EN Input Voltage Range EN Threshold Voltage Rising Falling Hysteresis EN Input Bias Current ACPRN Sink Current ACPRN Leakage Current ICM Output Accuracy (Vicm = 19.9 x (Vcsip-Vcsin)) EN = 2.5V ACPRN = 0.4V ACPRN = 5V CSIP - CSIN = 100mV CSIP - CSIN = 75mV CSIP - CSIN = 50mV Thermal Shutdown Temperature Thermal Shutdown Temperature Hysteresis NOTE: 7. This is the sum of currents in these pins (CSIP, CSIN, BOOT, UGATE, PHASE, CSOP, CSON) all tied to 16.8V. No current in pins EN, ACSET, VADJ, CELLS, ACLIM, CHLIM. 0 1.030 0.985 30 1.8 3 -0.5 -3 -4 -5 0 0 0 150 25 1.06 1.000 60 2.0 8 VDD 1.100 1.025 90 2.2 11 0.5 +3 +4 +5 V V V mV A mA A % % % C C 2.1 4.3 2 4.2 V V V 50 50 A/V A/V
5
FN9202.2 May 10, 2006
ISL6251, ISL6251A Typical Operating Performance
0.6
VREF LOAD REGULATION ACCURACY (%)
VDD LOAD REGULATION ACCURACY (%) VDD=5.075V EN=0
DCIN = 20V, 4S2P Li-Battery, TA = 25C, unless otherwise noted.
0.1
VREF=2.390V
0.08
0.3
0.06
0
0.04
-0.3
0.02
-0.6 0 8 16 24 32 40
LOAD CURRENT (mA)
0 0 100 200 300 400
LOAD CURRENT (A)
FIGURE 1. VDD LOAD REGULATION
FIGURE 2. VREF LOAD REGULATION
1
10 9 | ICM ACCURACY | (%) 8 7 6 5 4 3 2 1 0
EFFICIENCY (%)
0 .9 6 0 .9 2 0 .8 8 0 .8 4 0 .8 0 .76
10 20 30 40 50 60 70 CSIP-CSIN (mV) 80 90 100
VCSON=12.6V (3 CELLS) VCSON=16.8V 4 CELLS VCSON=8.4V 2 CELLS
0
0 .5
1
1.5
2
2.5
3
3 .5
4
CHARGE CURRENT (A)
FIGURE 3. ICM ACCURACY vs AC ADAPTER CURRENT
FIGURE 4. SYSTEM EFFICIENCY vs CHARGE CURRENT
LOAD CURRENT 5A/div ADAPTER CURRENT 5A/div CHARGE CURRENT 2A/div LOAD STEP: 0-4A CHARGE CURRENT: 3A AC ADAPTER CURRENT LIMIT: 5.15A
CSON 5V/div EN 5V/div
INDUCTOR CURRENT 2A/div
BATTERY VOLTAGE 2V/div
CHARGE CURRENT 2A/div
FIGURE 5. LOAD TRANSIENT RESPONSE
FIGURE 6. CHARGE ENABLE AND SHUTDOWN
6
FN9202.2 May 10, 2006
ISL6251, ISL6251A Typical Operating Performance
DCIN = 20V, 4S2P Li-Battery, TA = 25C, unless otherwise noted. (Continued)
INDUCTOR CURRENT 2A/div
BATTERY INSERTION BATTERY REMOVAL
CHLIM=0.2V CSON=8V
PHASE 10V/div
CSON 10V/div
INDUCTOR CURRENT 1A/div
VCOMP ICOMP
VCOMP 2V/div ICOMP 2V/div
UGATE 5V/div
FIGURE 7. BATTERY INSERTION AND REMOVAL
FIGURE 8. SWITCHING WAVEFORMS AT DIODE EMULATION
PHASE 10V/div
CHARGE CURRENT 1A/div
UGATE 2V/div
CHLIM 1V/div
LGATE 2V/div
FIGURE 9. SWITCHING WAVEFORMS IN CC MODE
FIGURE 10. TRICKLE TO FULL-SCALE CHARGING
7
FN9202.2 May 10, 2006
ISL6251, ISL6251A Functional Pin Descriptions
BOOT
Connect BOOT to a 0.1F ceramic capacitor to PHASE pin and connect to the cathode of the bootstrap schottky diode.
PGND
PGND is the power ground. Connect PGND to the source of the low side MOSFET for the low side MOSFET gate driver.
VDD
VDD is an internal LDO output to supply IC analog circuit. Connect a 1F ceramic capacitor to ground.
UGATE
UGATE is the high side MOSFET gate drive output.
LGATE
LGATE is the low side MOSFET gate drive output; swing between 0V and VDDP.
VDDP
VDDP is the supply voltage for the low-side MOSFET gate driver. Connect a 4.7 resistor to VDD and a 1F ceramic capacitor to power ground.
PHASE
The Phase connection pin connects to the high side MOSFET source, output inductor, and low side MOSFET drain.
ICOMP
ICOMP is a current loop error amplifier output.
VCOMP
VCOMP is a voltage loop amplifier output.
CSOP/CSON
CSOP/CSON is the battery charging current sensing positive/negative input. The differential voltage across CSOP and CSON is used to sense the battery charging current, and is compared with the charging current limit threshold to regulate the charging current. The CSON pin is also used as the battery feedback voltage to perform voltage regulation.
CELLS
This pin is used to select the battery voltage. CELLS = VDD for a 4S battery pack, CELLS = GND for a 3S battery pack, CELLS = Float for a 2S battery pack.
VADJ
VADJ adjusts battery regulation voltage. VADJ = VREF for 4.2V+5%/cell; VADJ = Floating for 4.2V/cell; VADJ = GND for 4.2V-5%/cell. Connect to a resistor divider to program the desired battery cell voltage between 4.2V-5% and 4.2V+5%.
CSIP/CSIN
CSIP/CSIN is the AC adapter current sensing positive/negative input. The differential voltage across CSIP and CSIN is used to sense the AC adapter current, and is compared with the AC adapter current limit to regulate the AC adapter current.
CHLIM
CHLIM is the battery charge current limit set pin. CHLIM input voltage range is 0.1V to 3.6V. When CHLIM = 3.3V, the set point for CSOP-CSON is 165mV. The charger shuts down if CHLIM is forced below 88mV.
GND
GND is an analog ground.
DCIN
The DCIN pin is the input of the internal 5V LDO. Connect it to the AC adapter output. Connect a 0.1F ceramic capacitor from DCIN to PGND.
ACLIM
ACLIM is the adapter current limit set pin. ACLIM = VREF for 100mV, ACLIM = Floating for 75mV, and ACLIM = GND for 50mV. Connect a resistor divider to program the adapter current limit threshold between 50mV and 100mV.
ACSET
ACSET is an AC adapter detection input. Connect to a resistor divider from the AC adapter output.
VREF
VREF is a 2.39V reference output pin. It is internally compensated. Do not connect a decoupling capacitor.
ACPRN
Open-drain output signals AC adapter is present. ACPRN pulls low when ACSET is higher than 1.26V; and pulled high when ACSET is lower than 1.26V.
EN
EN is the Charge Enable input. Connecting EN to high enables the charge control function, connecting EN to low disables charging functions. Use with a thermistor to detect a hot battery and suspend charging.
ICM
ICM is the adapter current output. The output of this pin produces a voltage proportional to the adapter current. 8
FN9202.2 May 10, 2006
ISL6251, ISL6251A
ICM CSIP CSIN
ACSET ACPRN + VREF 152K ACLIM 152K ICOMP 2.1V VCOMP VREF 514K VADJ 514K gm1 Voltage + Selector 2.1V + gm1 + 1.26V
+ CA1 CA1 x19.9
+ Adapter 1.27V Current Limit Adapter Set Current Limit Set Voltage Selector VDD
DCIN
LDO Regulator
VDD
gm3 + gm3 +
Min Current Buffer Min Min Voltage Voltage Buffer Buffer
LDO Regulator BOOT
UGATE
+ 0.25V + 0.25 VCA2 CA2
PWM + VDDP gm2 + + + + -
PHASE VDDP LGATE
VCA2V
CELLS
CA2
PGND
VREF
Reference
x20 CA2 - CA2
-
1.06V - 1.065V
+ + +
EN
GND
CSON
CSOP
CHLIM
FIGURE 11. FUNCTIONAL BLOCK DIAGRAM
9
FN9202.2 May 10, 2006
ISL6251, ISL6251A
AC ADAPTER R8 130k 1% R9 10.2k 1% D3 C8 0.1F D4
DCIN ACSET ACSET CSIP CSIP C2 0.1F CSIN CSIN R3 18 VDDP BOOT BOOT D2 ACPRN ACPRN UGATE UGATE PHASE PHASE Q2 VCOMP VCOMP LGATE LGATE PGND PGND CSOP CSOP C3 1F CSON CSON CHLIM CHLIM CELLS CELLS ICM ICM R7: 100 GND GND C11 3300pF VDD 4 CELLS C10 10F R4 2.2 D1 Optional L 10H C4 0.1F Q1 C1 10F R2 20m SYSTEM LOAD
C7 1F R10 4.7
ISL6251 ISL6251 ISL6251A ISL6251A VDDP VDDP
3.3V R5 100k To Host Controller C6:6.8nF
VDD VDD C9 1F
ICOMP ICOMP R6:10k C5:10nF FLOATING 4.2V/CELL CHARGE ENABLE R12 20k 1% 2.6A CHARGE LIMIT 253mA Trickle Charge R13 1.87k 1% Trickle Charge Q3 R11 130k 1%
VADJ VADJ
EN EN
R1 40m BAT+ Battery Pack BAT-
VREF
ACLIM ACLIM VREF VREF
FIGURE 12. ISL6251, ISL6251A TYPICAL APPLICATION CIRCUIT WITH FIXED CHARGING PARAMETERS
10
FN9202.2 May 10, 2006
ISL6251, ISL6251A
AC ADAPTER D3 C8 0.1F D4
R8 130k 1% R9 10.2k,1%
DCIN DCIN ACSET ACSET VDDP VDDP CSIP CSIP C2 0.1F CSIN CSIN R3: 18 VDDP D2 ACPRN ACPRN CHLIM CHLIM EN EN UGATE UGATE PHASE PHASE LGATE LGATE Q2 ICM ICM PGND PGND CSOP CSOP C3 1F CSON CSON CELLS CELLS GND GND 3 CELLS C10 10F R4 2.2 D1 Optional C4 0.1F Q1 C1 10F R2 20m SYSTEM LOAD
C7 1F VCC DIGITAL INPUT D/A OUTPUT OUTPUT R7: 100 A/D INPUT R5 100k C9 1F
R10 4.7
ISL6251 ISL6251
ISL6251A ISL6251A VDD VDD BOOT BOOT
L 10H
C11 3300pF 5.15A INPUT CURRENT LIMIT HOST C6 6.8nF
ACLIM ACLIM VREF VREF ICOMP ICOMP VCOMP VCOMP
R1 40m BAT+
AVDD/VREF
R6 10k
C5 10nF
Battery Pack
VADJ VADJ R11, R12, R13 10k FLOATING 4.2V/CELL SCL SDL A/D INPUT GND SCL SDL TEMP BAT-
FIGURE 13. ISL6251, ISL6251A TYPICAL APPLICATION CIRCUIT WITH MICRO-CONTROLLER
11
FN9202.2 May 10, 2006
ISL6251, ISL6251A Theory of Operation
Introduction
The ISL6251, ISL6251A includes all of the functions necessary to charge 2 to 4 cell Li-Ion and Li-polymer batteries. A high efficiency synchronous buck converter is used to control the charging voltage and charging current up to 10A. The ISL6251, ISL6251A has input current limiting and analog inputs for setting the charge current and charge voltage; CHLIM inputs are used to control charge current and VADJ inputs are used to control charge voltage. The ISL6251, ISL6251A charges the battery with constant charge current, set by CHLIM input, until the battery voltage rises up to a programmed charge voltage set by VADJ input; then the charger begins to operate at a constant voltage charge mode. The EN input allows shutdown of the charger through a command from a micro-controller. It also uses EN to safely shutdown the charger when the battery is in extremely hot conditions. The amount of adapter current is reported on the ICM output. Figure 11 shows the IC functional block diagram. The synchronous buck converter uses external N-channel MOSFETs to convert the input voltage to the required charging current and charging voltage. Figure 12 shows the ISL6251, ISL6251A typical application circuit with charging current and charging voltage fixed at specific values. The typical application circuit shown in Figure 13 shows the ISL6251, ISL6251A typical application circuit which uses a micro-controller to adjust the charging current set by CHLIM input. The voltage at CHLIM and the value of R1 sets the charging current. The DC/DC converter generates the control signals to drive two external N-channel MOSFETs to regulate the voltage and current set by the ACLIM, CHLIM, VADJ and CELLS inputs. The ISL6251, ISL6251A features a voltage regulation loop (VCOMP) and two current regulation loops (ICOMP). The VCOMP voltage regulation loop monitors CSON to ensure that its voltage never exceeds the voltage and regulates the battery charge voltage set by VADJ. The ICOMP current regulation loops regulate the battery charging current delivered to the battery to ensure that it never exceeds the charging current limit set by CHLIM; and the ICOMP current regulation loops also regulate the input current drawn from the AC adapter to ensure that it never exceeds the input current limit set by ACLIM, and to prevent a system crash and AC adapter overload. voltage approaches the input voltage, the DC/DC converter operates in dropout mode, where there is a timer to prevent the frequency from dropping into the audible frequency range. It can achieve duty cycle of up to 99.6%. To prevent boosting of the system bus voltage, the battery charger operates in standard-buck mode when CSOPCSON drops below 4.25mV. Once in standard-buck mode, hysteresis does not allow synchronous operation of the DC/DC converter until CSOP-CSON rises above 12.5mV. An adaptive gate drive scheme is used to control the dead time between two switches. The dead time control circuit monitors the LGATE output and prevents the upper side MOSFET from turning on until LGATE is fully off, preventing cross-conduction and shoot-through. In order for the dead time circuit to work properly, there must be a low resistance, low inductance path from the LGATE driver to MOSFET gate, and from the source of MOSFET to PGND. The external Schottky diode is between the VDDP pin and BOOT pin to keep the bootstrap capacitor charged.
Setting the Battery Regulation Voltage
The ISL6251, ISL6251A uses a high-accuracy trimmed band-gap voltage reference to regulate the battery charging voltage. The VADJ input adjusts the charger output voltage, and the VADJ control voltage can vary from 0 to VREF, providing a 10% adjustment range (from 4.2V-5% to 4.2V+5%) on CSON regulation voltage. An overall voltage accuracy of better than 0.5% is achieved. The per-cell battery termination voltage is a function of the battery chemistry. Consult the battery manufacturers to determine this voltage. * Float VADJ to set the battery voltage VCSON = 4.2V x number of the cells, * Connect VADJ to VREF to set 4.41V x number of cells, * Connect VADJ to ground to set 3.99V x number of the cells. So, the maximum battery voltage of 17.6V can be achieved. Note that other battery charge voltages can be set by connecting a resistor divider from VREF to ground. The resistor divider should be sized to draw no more than 100A from VREF; or connect a low impedance voltage source like the D/A converter in the micro-controller. The programmed battery voltage per cell can be determined by the following equation:
VCELL = 0.175 VVADJ + 3.99 V
PWM Control
The ISL6251, ISL6251A employs a fixed frequency PWM current mode control architecture with a feed forward function. The feed-forward function maintains a constant modulator gain of 11 to achieve fast line regulation as the buck input voltage changes. When the battery charge
An external resistor divider from VREF sets the voltage at VADJ according to:
R bot_VADJ || 514k V VADJ = VREF x -----------------------------------------------------------------------------------------------R top_VADJ || 514k + R || 514k
bot_VADJ
12
FN9202.2 May 10, 2006
ISL6251, ISL6251A
where Rbot_VADJ and Rtop_VADJ are external resistors at VADJ. To minimize accuracy loss due to interaction with VADJ's internal resistor divider, ensure the AC resistance looking back into the external resistor divider is less than 25k. Connect CELLS as shown in Table 1 to charge 2, 3 or 4 Li+ cells. When charging other cell chemistries, use CELLS to select an output voltage range for the charger. The internal error amplifier gm1 maintains voltage regulation. The voltage error amplifier is compensated at VCOMP. The component values shown in Figure 12 provide suitable performance for most applications. Individual compensation of the voltage regulation and current-regulation loops allows for optimal compensation.
TABLE 1. CELL NUMBER PROGRAMMING CELLS VDD GND Float CELL NUMBER 4 3 2
bias current and less influence on current-sense accuracy and voltage regulation accuracy.
Setting the Input Current Limit
The total input current from an AC adapter, or other DC source, is a function of the system supply current and the battery-charging current. The input current regulator limits the input current by reducing the charging current, when the input current exceeds the input current limit set point. System current normally fluctuates as portions of the system are powered up or down. Without input current regulation, the source must be able to supply the maximum system current and the maximum charger input current simultaneously. By using the input current limiter, the current capability of the AC adapter can be lowered, reducing system cost. The ISL6251, ISL6251A limits the battery charge current when the input current-limit threshold is exceeded, ensuring the battery charger does not load down the AC adapter voltage. This constant input current regulation allows the adapter to fully power the system and prevent the AC adapter from overloading and crashing the system bus. An internal amplifier gm3 compares the voltage between CSIP and CSIN to the input current limit threshold voltage set by ACLIM. Connect ACLIM to REF, Float and GND for the full-scale input current limit threshold voltage of 100mV, 75mV and 50mV, respectively, or use a resistor divider from VREF to ground to set the input current limit as the following equation:
IINPUT = 1 R2 0.05 VACLIM + 0.050 VREF
Setting the Battery Charge Current Limit
The CHLIM input sets the maximum charging current. The current set by the current sense-resistor connects between CSOP and CSON. The full-scale differential voltage between CSOP and CSON is 165mV for CHLIM = 3.3V, so the maximum charging current is 4.125A for a 40m sensing resistor. Other battery charge current-sense threshold values can be set by connecting a resistor divider from VREF or 3.3V to ground, or by connecting a low impedance voltage source like a D/A converter in the micro-controller. Unlike VADJ and ACLIM, CHLIM does not have an internal resistor divider network. The charge current limit threshold is given by:
165mV V CHLIM I CHG = ------------------- --------------------3.3V R1
An external resistor divider from VREF sets the voltage at ACLIM according to:
R bot_ACLIM || 152k V ACLIM = VREF x ----------------------------------------------------------------------------------------------------R top_ACLIM || 152k + R || 152k
bot_ACLIM
To set the trickle charge current for the dumb charger, a resistor in series with a switch Q3 (Figure 12) controlled by the micro-controller is connected from CHLIM pin to ground. The trickle charge current is determined by:
165mV V CHLIM ,trickle I CHG = ------------------- --------------------------------------3.3V R1
where Rbot_ACLIM and Rtop_ACLIM are external resistors at ACLIM. To minimize accuracy loss due to interaction with ACLIM's internal resistor divider, ensure the AC resistance looking back into the external resistor divider is less than 25k. When choosing the current sense resistor, note that the voltage drop across this resistor causes further power dissipation, reducing efficiency. The AC adapter current sense accuracy is very important. Use a 1% tolerance current-sense resistor. The highest accuracy of 3% is achieved with 100mV current-sense threshold voltage for ACLIM = VREF, but it has the highest power dissipation. For example, it has 400mW power dissipation for rated 4A AC adapter and 1W sensing resistor may have to be used. 4% and 6% accuracy can be achieved with 75mV and 50mV current-sense threshold voltage for ACLIM = Floating and ACLIM = GND, respectively.
When the CHLIM voltage is below 88mV (typical), it will disable the battery charger. When choosing the current sensing resistor, note that the voltage drop across the sensing resistor causes further power dissipation, reducing efficiency. However, adjusting CHLIM voltage to reduce the voltage across the current sense resistor R1 will degrade accuracy due to the smaller signal to the input of the current sense amplifier. There is a trade-off between accuracy and power dissipation. A low pass filter is recommended to eliminate switching noise. Connect the resistor to the CSOP pin instead of the CSON pin, as the CSOP pin has lower
13
FN9202.2 May 10, 2006
ISL6251, ISL6251A
A low pass filter is suggested to eliminate the switching noise. Connect the resistor to CSIN pin instead of CSIP pin because CSIN pin has lower bias current and less influence on the current-sense accuracy. temperature characteristic that abruptly decreases above a critical temperature. This arrangement automatically shuts down the charger when the battery pack is above a critical temperature. Another method for inhibiting charging is to force CHLIM below 88mV (typ).
AC Adapter Detection
Connect the AC adapter voltage through a resistor divider to ACSET to detect when AC power is available, as shown in Figure 12. ACPRN is an open-drain output and is high when ACSET is less than Vth,rise, and active low when ACSET is above Vth,fall. Vth,rise and Vth,fall are given by:
R Vth ,rise = 8 + 1 * VACSET R 9
Short Circuit Protection and 0V Battery Charging
Since the battery charger will regulate the charge current to the limit set by CHLIM, it automatically has short circuit protection and is able to provide the charge current to wake up an extremely discharged battery.
Over Temperature Protection
If the die temp exceeds 150C, it stops charging. Once the die temp drops below 125C, charging will start up again.
R Vth,fall = 8 + 1 * V ACSET - I hys R8 R 9
Where Ihys is the ACSET input bias current hysteresis and VACSET = 1.24V (min), 1.26V (typ) and 1.28V (max). The hysteresis is IhysR8, where Ihys = 2.2A (min), 3.4A (typ) and 4.4A (max).
Application Information
The following battery charger design refers to the typical application circuit in Figure 12, where typical battery configuration of 4S2P is used. This section describes how to select the external components including the inductor, input and output capacitors, switching MOSFETs, and current sensing resistors.
Current Measurement
Use ICM to monitor the input current being sensed across CSIP and CSIN. The output voltage range is 0 to 2.5V. The voltage of ICM is proportional to the voltage drop across CSIP and CSIN, and is given by the following equation:
ICM = 19.9 * I INPUT * R 2
Inductor Selection
The inductor selection has trade-offs between cost, size and efficiency. For example, the lower the inductance, the smaller the size, but ripple current is higher. This also results in higher AC losses in the magnetic core and the windings, which decrease the system efficiency. On the other hand, the higher inductance results in lower ripple current and smaller output filter capacitors, but it has higher DCR (DC resistance of the inductor) loss, and has slower transient response. So, the practical inductor design is based on the inductor ripple current being (15-20)% of the maximum operating DC current at maximum input voltage. The required inductance can be calculated from:
L= VIN ,MAX - VBAT
where IINPUT is the DC current drawn from the AC adapter. ICM has 3% accuracy. A low pass filter connected to ICM output is used to filter the switching noise.
LDO Regulator
VDD provides a 5.075V supply voltage from the internal LDO regulator from DCIN and can deliver up to 30mA of current. The MOSFET drivers are powered by VDDP, which must be connected to VDDP as shown in Figure 12. VDDP connects to VDD through an external resistor. Bypass VDDP and VDD with a 1F capacitor.
IL
VBAT VIN ,MAX fs
Shutdown
The ISL6251, ISL6251A features a low-power shutdown mode. Driving EN low shuts down the charger. In shutdown, the DC/DC converter is disabled, and VCOMP and ICOMP are pulled to ground. The ICM, ACPRN outputs continue to function. EN can be driven by a thermistor to allow automatic shutdown when the battery pack is hot. Often a NTC thermistor is included inside the battery pack to measure its temperature. When connected to the charger, the thermistor forms a voltage divider with a resistive pull-up to the VREF. The threshold voltage of EN is 1.06V with 60mV hysteresis. The thermistor can be selected to have a resistance vs
14
Where VIN,MAX, VBAT, and fs are the maximum input voltage, battery voltage and switching frequency, respectively. The inductor ripple current I is found from:
I L = 30% I BAT,MAX
where the maximum peak-to-peak ripple current is 30% of the maximum charge current is used. For VIN,MAX = 19V, VBAT = 16.8V, IBAT,MAX = 2.6A, and fs = 300kHz, the calculated inductance is 8.3H. Choosing the closest standard value gives L = 10H. Ferrite cores are often the best choice since they are optimized at 300kHz to
FN9202.2 May 10, 2006
ISL6251, ISL6251A
600kHz operation with low core loss. The core must be large enough not to saturate at the peak inductor current IPeak:
I Peak = I BAT ,MAX + 1 IL 2
Output Capacitor Selection
The output capacitor in parallel with the battery is used to absorb the high frequency switching ripple current and smooth the output voltage. The RMS value of the output ripple current Irms is given by:
IRMS = VIN ,MAX 12 L fs D (1 - D )
MOSFET turning on; otherwise, cross-conduction problems may occur. Reasonably slowing turn-on speed of the high-side MOSFET by connecting a resistor between the BOOT pin and gate drive supply source, and the high sink current capability of the low-side MOSFET gate driver help reduce the possibility of cross-conduction. For the high-side MOSFET, the worst-case conduction losses occur at the minimum input voltage:
PQ1,Conduction =
VOUT 2 I BAT R DSON VIN
where the duty cycle D is the ratio of the output voltage (battery voltage) over the input voltage for continuous conduction mode which is typical operation for the battery charger. During the battery charge period, the output voltage varies from its initial battery voltage to the rated battery voltage. So, the duty cycle change can be in the range of between 0.53 and 0.88 for the minimum battery voltage of 10V (2.5V/Cell) and the maximum battery voltage of 16.8V. For VIN,MAX = 19V, VBAT = 16.8V, L = 10H, and fs = 300kHz, the maximum RMS current is 0.19A. A typical 10F ceramic capacitor is a good choice to absorb this current and also has very small size. The tantalum capacitor has a known failure mechanism when subjected to high surge current. EMI considerations usually make it desirable to minimize ripple current in the battery leads. Beads may be added in series with the battery pack to increase the battery impedance at 300kHz switching frequency. Switching ripple current splits between the battery and the output capacitor depending on the ESR of the output capacitor and battery impedance. If the ESR of the output capacitor is 10m and battery impedance is raised to 2 with a bead, then only 0.5% of the ripple current will flow in the battery.
The optimum efficiency occurs when the switching losses equal the conduction losses. However, it is difficult to calculate the switching losses in the high-side MOSFET since it must allow for difficult-to-quantify factors that influence the turn-on and turn-off times. These factors include the MOSFET internal gate resistance, gate charge, threshold voltage, stray inductance, pull-up and pull-down resistance of the gate driver. The following switching loss calculation provides a rough estimate.
PQ1,Switching = Qgd Qgd 1 1 VIN ILV fs + VIN ILP fs + QrrVIN fs 2 Ig ,source 2 Ig ,sin k
Where Qgd: drain-to-gate charge, Qrr: total reverse recovery charge of the body-diode in low side MOSFET, ILV: inductor valley current, ILP: Inductor peak current, Ig,sink and Ig,source are the peak gate-drive source/sink current of Q1, respectively. To achieve low switching losses, it requires low drain-to-gate charge Qgd. Generally, the lower the drain-to-gate charge, the higher the on-resistance. Therefore, there is a trade-off between the on-resistance and drain-to-gate charge. Good MOSFET selection is based on the Figure of Merit (FOM), which is a product of the total gate charge and on-resistance. Usually, the smaller the value of FOM, the higher the efficiency for the same application. For the low-side MOSFET, the worst-case power dissipation occurs at minimum battery voltage and maximum input voltage:
V PQ2 = 1 - OUT VIN 2 I BAT R DSON
MOSFET Selection
The Notebook battery charger synchronous buck converter has the input voltage from the AC adapter output. The maximum AC adapter output voltage does not exceed 25V. Therefore, 30V logic MOSFET should be used. The high side MOSFET must be able to dissipate the conduction losses plus the switching losses. For the battery charger application, the input voltage of the synchronous buck converter is equal to the AC adapter output voltage, which is relatively constant. The maximum efficiency is achieved by selecting a high side MOSFET that has the conduction losses equal to the switching losses. Ensure that ISL6251, ISL6251A LGATE gate driver can supply sufficient gate current to prevent it from conduction, which is due to the injected current into the drain-to-source parasitic capacitor (Miller capacitor Cgd), and caused by the voltage rising rate at phase node at the time instant of the high-side
15
Choose a low-side MOSFET that has the lowest possible on-resistance with a moderate-sized package like the SO-8 and is reasonably priced. The switching losses are not an issue for the low side MOSFET because it operates at zero-voltage-switching. Choose a Schottky diode in parallel with low-side MOSFET Q2 with a forward voltage drop low enough to prevent the low-side MOSFET Q2 body-diode from turning on during the dead time. This also reduces the power loss in the high-side MOSFET associated with the reverse recovery of the low-side MOSFET Q2 body diode.
FN9202.2 May 10, 2006
ISL6251, ISL6251A
As a general rule, select a diode with DC current rating equal to one-third of the load current. One option is to choose a combined MOSFET with the Schottky diode in a single package. The integrated packages may work better in practice because there is less stray inductance due to a short connection. This Schottky diode is optional and may be removed if efficiency loss can be tolerated. In addition, ensure that the required total gate drive current for the selected MOSFETs should be less than 24mA. So, the total gate charge for the high-side and low-side MOSFETs is limited by the following equation:
TABLE 2. COMPONENT LIST (Continued) PARTS Q3 R1 R2 R3 R4 R5 R6 R7 R8, R11 R9 R10 R12 R13 PART NUMBERS AND MANUFACTURER Signal N-channel MOSFET, 2N7002 40m, 1%, LRC-LR2512-01-R040-F, IRC 20m, 1%, LRC-LR2010-01-R020-F, IRC 18, 5%, (0805) 2.2, 5%, (0805) 100k, 5%, (0805) 10k, 5%, (0805) 100, 5%, (0805) 130k, 1%, (0805) 10.2k, 1%, (0805) 4.7, 5%, (0805) 20k, 1%, (0805) 1.87k, 1%, (0805)
QGATE
I GATE fs
Where IGATE is the total gate drive current and should be less than 24mA. Substituting IGATE = 24mA and fs = 300kHz into the above equation yields that the total gate charge should be less than 80nC. Therefore, the ISL6251, ISL6251A easily drives the battery charge current up to 10A.
Input Capacitor Selection
The input capacitor absorbs the ripple current from the synchronous buck converter, which is given by:
Irms = IBAT VOUT (VIN - VOUT ) VIN
Loop Compensation Design
ISL6251, ISL6251A uses constant frequency current mode control architecture to achieve fast loop transient response. An accurate current sensing resistor in series with the output inductor is used to regulate the charge current, and the sensed current signal is injected into the voltage loop to achieve current mode control to simplify the loop compensation design. The inductor is not considered as a state variable for current mode control and the system becomes single order system. It is much easier to design a compensator to stabilize the voltage loop than voltage mode control. Figure 14 shows the small signal model of the synchronous buck regulator.
This RMS ripple current must be smaller than the rated RMS current in the capacitor datasheet. Non-tantalum chemistries (ceramic, aluminum, or OSCON) are preferred due to their resistance to power-up surge currents when the AC adapter is plugged into the battery charger. For Notebook battery charger applications, it is recommend that ceramic capacitors or polymer capacitors from Sanyo be used due to their small size and reasonable cost. Table 2 shows the component lists for the typical application circuit in Figure 12.
TABLE 2. COMPONENT LIST PARTS C1, C10 PART NUMBERS AND MANUFACTURER 10F/25V ceramic capacitor, Taiyo Yuden TMK325 MJ106MY X5R (3.2x2.5x1.9mm)
PWM Comparator Gain Fm:
The PWM comparator gain Fm for peak current mode control is given by:
11 M = --------- . V IN
Power Stage Transfer Functions
Transfer function F1(S) from control to output voltage is:
v F1 (S ) = o = Vin d S2
2 o
C2, C4, C8 0.1F/50V ceramic capacitor C3, C7, C9 1F/10V ceramic capacitor, Taiyo Yuden LMK212BJ105MG C5 C6 C11 D1 D2, D3 D4 L Q1, Q2 10nF ceramic capacitor 6.8nF ceramic capacitor 3300pF ceramic capacitor 30V/3A Schottky diode, EC31QS03L (optional) 100mA/30V Schottky Diode, Central Semiconductor 8A/30V Schottky rectifier, STPS8L30B (optional) 10H/3.8A/26m, Sumida, CDRH104R-100 30V/35m, FDS6912A, Fairchild.
1+ +
S
esr
S +1
oQ p
Where esr =
1 Co o = , Q p Ro , Rc Co L
1 LC o
Transfer function F2(S) from control to inductor current is:
S 1+ iL Vin z 1 F2 (S ) = = , where z . Ro + RL S 2 Ro Co d S + +1 2 oQ p
o
16
FN9202.2 May 10, 2006
ISL6251, ISL6251A
Current loop gain Ti(S) is expressed as the following equation:
T i ( S ) = 0.25 R T F 2 ( S )M
Vo
VFB VREF
where RT is the trans-resistance in current loop. RT is usually equal to the product of the charging current sensing resistance and the gain of the current sense amplifier, CA2. For ISL6251, ISL6251A, RT = 20R1. The voltage gain with open current loop is:
T v ( S ) = KM F 1 ( S )A V ( S )
+ gm
VCOMP
R1 C1
Where K =
VFB , VFB is the feedback voltage of the voltage Vo
FIGURE 15. VOLTAGE LOOP COMPENSATOR
error amplifier. The Voltage loop gain with current loop closed is given by:
Lv ( S ) = Tv (S ) 1 + Ti (S )
Compensator design goal: * High DC gain * Loop bandwidth fc: * Gain margin: >10dB
1 1 - fs 5 20
If Ti(S)>>1, then it can be simplified as follows:
esr 4V FB ( R O + R L ) 1L V ( S ) = -------------- ----------------------------- ----------------------- A V ( S ), P ---------------RO CO RT VO S 1 + ------P
S1 + -----------
* Phase margin: 40 The compensator design procedure is as follows: 1. Put compensator zero at:
From the above equation, it is shown that the system is a single order system, which has a single pole located at p before the half switching frequency. Therefore, simple type II compensator can be easily used to stabilize the system.
in i
ILd
cz = (1 - 3 )
1 RoCo
iL
L
vo
2. Put one compensator pole at zero frequency to achieve high DC gain, and put another compensator pole at either ESR zero frequency or half switching frequency, whichever is lower. The loop gain Tv(S) at cross over frequency of fc has unity gain. Therefore, the compensator resistance R1 is determined by:
8f C V O C O R T R 1 = -------------------------------------g m V FB
v in
1:D
Vin d
+
+
RT VCA2 Ti(S)
d
Rc Ro Co
K
where gm is the trans-conductance of the voltage loop error amplifier. Compensator capacitor C1 is then given by:
C1 = 1 R1 cz
11/Vin 0.25VCA2 + v comp
Tv(S) -Av(S)
FIGURE 14. SMALL SIGNAL MODEL OF SYNCHRONOUS BUCK REGULATOR
Figure 15 shows the voltage loop compensator, and its transfer function is expressed as follows:
Av (S ) = v comp v FB 1+ = gm S
Example: Vin = 19V, Vo = 16.8V, Io = 2.6A, fs = 300kHz, Co = 10F/10m, L = 10H, gm = 250s, RT = 0.8, VFB = 2.1V, fc = 20kHz, then compensator resistance R1 = 10k. Choose R1 = 10k. Put the compensator zero at 1.5kHz. The compensator capacitor is C1 = 6.5nF. Therefore, choose voltage loop compensator: R1 = 10k, C1 = 6.5nF.
cz
SC1
where cz =
1 R1C1
17
FN9202.2 May 10, 2006
ISL6251, ISL6251A PCB Layout Considerations
Power and Signal Layers Placement on the PCB
As a general rule, power layers should be close together, either on the top or bottom of the board, with signal layers on the opposite side of the board. As an example, layer arrangement on a 4-layer board is shown below: 1. Top Layer: signal lines, or half board for signal lines and the other half board for power lines 2. Signal Ground 3. Power Layers: Power Ground 4. Bottom Layer: Power MOSFET, Inductors and other Power traces Separate the power voltage and current flowing path from the control and logic level signal path. The controller IC will stay on the signal layer, which is isolated by the signal ground to the power signal traces.
PHASE Pin
This trace should be short, and positioned away from other weak signal traces. This node has a very high dv/dt with a voltage swing from the input voltage to ground. No trace should be in parallel with it. This trace is also the return path for UGATE. Connect this pin to the high-side MOSFET source.
UGATE Pin
This pin has a square shape waveform with high dv/dt. It provides the gate drive current to charge and discharge the top MOSFET with high di/dt. This trace should be wide, short, and away from other traces similar to the LGATE.
BOOT Pin
This pin's di/dt is as high as the UGATE; therefore, this trace should be as short as possible.
CSOP, CSON Pins
The current sense resistor connects to the CSON and the CSOP pins through a low pass filter. The CSON pin is also used as the battery voltage feedback. The traces should be away from the high dv/dt and di/di pins like PHASE, BOOT pins. In general, the current sense resistor should be close to the IC. Other layout arrangements should be adjusted accordingly.
Component Placement
The power MOSFET should be close to the IC so that the gate drive signal, the LGATE, UGATE, PHASE, and BOOT, traces can be short. Place the components in such a way that the area under the IC has less noise traces with high dv/dt and di/dt, such as gate signals and phase node signals.
Signal Ground and Power Ground Connection.
At minimum, a reasonably large area of copper, which will shield other noise couplings through the IC, should be used as signal ground beneath the IC. The best tie-point between the signal ground and the power ground is at the negative side of the output capacitor on each side, where there is little noise; a noisy trace beneath the IC is not recommended.
EN Pin
This pin stays high at enable mode and low at idle mode and is relatively robust. Enable signals should refer to the signal ground.
DCIN Pin
This pin connects to AC adapter output voltage, and should be less noise sensitive.
GND and VDD Pin
At least one high quality ceramic decoupling cap should be used to cross these two pins. The decoupling cap can be put close to the IC.
Copper Size for the Phase Node
The capacitance of PHASE should be kept very low to minimize ringing. It would be best to limit the size of the PHASE node copper in strict accordance with the current and thermal management of the application.
LGATE Pin
This is the gate drive signal for the bottom MOSFET of the buck converter. The signal going through this trace has both high dv/dt and high di/dt, and the peak charging and discharging current is very high. These two traces should be short, wide, and away from other traces. There should be no other traces in parallel with these traces on any layer.
Identify the Power and Signal Ground
The input and output capacitors of the converters, the source terminal of the bottom switching MOSFET PGND should connect to the power ground. The other components should connect to signal ground. Signal and power ground are tied together at one point.
PGND Pin
PGND pin should be laid out to the negative side of the relevant output cap with separate traces. The negative side of the output capacitor must be close to the source node of the bottom MOSFET. This trace is the return path of LGATE.
Clamping Capacitor for Switching MOSFET
It is recommended that ceramic caps be used closely connected to the drain of the high-side MOSFET, and the source of the low-side MOSFET. This capacitor reduces the noise and the power loss of the MOSFET.
18
FN9202.2 May 10, 2006
ISL6251, ISL6251A Quad Flat No-Lead Plastic Package (QFN) Micro Lead Frame Plastic Package (MLFP)
2X A 9 D1 D1/2 6 INDEX AREA N 1 2 3 E1/2 E1 9 2X 0.15 C B 2X 0.15 C A 0 4X C 0.08 C SEATING PLANE SIDE VIEW NX b 4X P D2 (DATUM B) 4X P 1 (DATUM A) 6 INDEX AREA NX L Ne 8 (Nd-1)Xe REF. BOTTOM VIEW A1 NX b 5 2 3 D2 2N 5 0.10 M C A B 7 8 NX k A3 A1 9 TOP VIEW A2 A / / 0.10 C B E/2 E 2X 0.15 C B D D/2 0.15 C A
L28.5x5
28 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE (COMPLIANT TO JEDEC MO-220VHHD-1 ISSUE I) MILLIMETERS SYMBOL A A1 A2 A3 b D D1 D2 E E1 E2 e k L N Nd Ne P 0.20 0.50 2.95 2.95 0.18 MIN 0.80 NOMINAL 0.90 0.02 0.65 0.20 REF 0.25 5.00 BSC 4.75 BSC 3.10 5.00 BSC 4.75 BSC 3.10 0.50 BSC 0.60 28 7 7 0.60 12 0.75 3.25 3.25 0.30 MAX 1.00 0.05 1.00 NOTES 9 9 5,8 9 7,8 9 7,8 8 2 3 3 9 9 Rev. 1 11/04 NOTES:
E2 7 E2/2 8
(Ne-1)Xe REF.
1. Dimensioning and tolerancing conform to ASME Y14.5-1994. 2. N is the number of terminals. 3. Nd and Ne refer to the number of terminals on each D and E. 4. All dimensions are in millimeters. Angles are in degrees. 5. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature. 7. Dimensions D2 and E2 are for the exposed pads which provide improved electrical and thermal performance.
9 CORNER OPTION 4X
C L
SECTION "C-C" C L
8. Nominal dimensions are provided to assist with PCB Land Pattern Design efforts, see Intersil Technical Brief TB389. 9. Features and dimensions A2, A3, D1, E1, P & are present when Anvil singulation method is used and not present for saw singulation.
L1 e CC FOR ODD TERMINAL/SIDE
10
L L1 e
10
L
TERMINAL TIP FOR EVEN TERMINAL/SIDE
19
FN9202.2 May 10, 2006
ISL6251, ISL6251A Shrink Small Outline Plastic Packages (SSOP) Quarter Size Outline Plastic Packages (QSOP)
N INDEX AREA E -B1 2 3 L SEATING PLANE -AD -CA 0.25 0.010 h x 45 GAUGE PLANE H 0.25(0.010) M BM
M24.15
24 LEAD SHRINK SMALL OUTLINE PLASTIC PACKAGE (0.150" WIDE BODY) INCHES SYMBOL MIN MAX MILLIMETERS MIN MAX NOTES
A A1 A2 B C
0.053 0.004 0.008 0.007 0.337 0.150
0.069 0.010 0.061 0.012 0.010 0.344 0.157
1.35 0.10 0.20 0.18 8.55 3.81
1.75 0.25 1.54 0.30 0.25 8.74 3.98
9 3 4 5 6 7
A1 0.10(0.004) A2 C
D E e H h L N
e
B 0.17(0.007) M C AM BS
0.025 BSC 0.228 0.0099 0.016 24 0 8 0.244 0.0196 0.050
0.635 BSC 5.80 0.26 0.41 24 0 8 6.19 0.49 1.27
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "B" does not include dambar protrusion. Allowable dambar protrusion shall be 0.10mm (0.004 inch) total in excess of "B" dimension at maximum material condition. 10. Controlling dimension: INCHES. Converted millimeter dimensions are not necessarily exact.
Rev. 2 6/04
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
20
FN9202.2 May 10, 2006


▲Up To Search▲   

 
Price & Availability of ISL6251A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X