![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(R) ISL59482 Data Sheet December 22, 2006 FN6209.2 Dual, 500MHz Triple, Multiplexing Amplifiers The ISL59482 contains two independent fixed gain of 2 triple 4:1 MUX amplifiers that feature high slew rate and excellent bandwidth for RGB video switching. Each RGB 4:1 MUX contains binary coded, channel select logic inputs (S0, S1), and separate logic inputs for High Impedance Output (HIZ) and power-down (EN) modes. The HIZ state presents a high impedance at the output so that both RGB MUX outputs can be wired together to form an 8:1 RGB MUX amplifier or, they can be used in R-R, G-G, and B-B pairs to form a 4:1 differential input/output MUX. Separate power-down mode controls (EN1, EN2,) are included to turn off unneeded circuitry in power sensitive applications. With both EN pins pulled high, the ISL59482 enters a standby power modeconsuming just 34mW. TABLE 1. CHANNEL SELECT LOGIC TABLE ISL59482 S1-1, 2 0 0 1 1 X X S0-1, 2 0 1 0 1 X X EN1, 2 0 0 0 0 1 0 HIZ1, 2 0 0 0 0 X 1 OUTPUT1, 2 IN0 (A, B, C) IN1 (A, B, C) IN2 (A, B, C) IN3 (A, B, C) Power-down High Z Features * Dual, Triple 4:1 Multiplexers for RGB * 520MHz Bandwidth into 500 Load * 1600 V/s Slew Rate * Externally Configurable for Various Video MUX Circuits Including: - 8:1 RGB MUX - Two Separate 4:1 RGB MUX - 4:1 Differential RGB Video MUX * Internally Fixed Gain-of-2 * High Impedance Outputs (HIZ) * Power-Down Mode (EN) * 5V Operation * Supply Current 16mA/Ch maximum * Pb-free Plus Anneal Available (RoHS Compliant) Applications * HDTV/DTV analog inputs * Video projectors, Computer monitors * Set-top boxes * Security video * Broadcast video equipment Ordering Information PART NUMBER (Note) ISL59482IRZ ISL59482IRZ-T13 PART MARKING ISL59482 IRZ ISL59482 IRZ TAPE & REEL 13" PACKAGE (Pb-Free) 48 Ld Exposed Pad 7x7 QFN 48 Ld Exposed Pad 7x7 QFN PKG. DWG. # L48.7x7B L48.7x7B NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2006. All Rights Reserved. All other trademarks mentioned are the property of their respective owners. ISL59482 Pinout ISL59482 (48 LD QFN) TOP VIEW 46 IN3C1 45 IN3B1 44 IN3A1 37 IN1B1 36 IN2A2 0 OUTB1 2 +2 V1- 3 OUTA1 4 V1+ 5 EN1 6 HIZ1 7 IN0C1 8 IN0B1 9 IN0A1 10 GND 11 IN1A1 12 +2 0 +2 0 +2 0 +2 0 32 IN1A2 0 34 IN1C2 33 IN1B2 35 GND 31 GND 30 IN0A2 29 IN0B2 28 IN0C2 27 HIZ2 26 EN2 25 V2+ OUTA2 24 OUT(A1, B1, C1) OUT(A2, B2, C2) IN1(A2, B2, C2) EN2-2 EN3-2 IN2(A2, B2, C2) IN3(A2, B2, C2) + 42 IN2C1 41 IN2B1 40 IN2A1 38 INIC1 V2- 23 + 43 GND 39 GND OUTB2 22 48 S0-1 OUTC1 1 +2 47 S1-1 THERMAL PAD S1-2 19 S0-2 20 CONNECTED TO VPAD MUST BE TIED TO V- Functional Diagram ISL59482 EN0-1 S0-1 EN1-1 S1-1 DECODE1 IN0(A1, B1, C1) IN1(A1, B1, C1) EN2-1 EN3-1 IN2(A1, B1, C1) IN3(A1, B1, C1) AMPLIFIER1 BIAS HIZ1 EN1 EN0-2 S0-2 EN1-2 S1-2 DECODE2 IN0(A2, B2, C2) AMPLIFIER2 BIAS HIZ2 EN2 2 OUTC2 21 IN2B2 13 IN2C2 14 GND 15 IN3A2 16 IN3B2 17 IN3C2 18 THERMAL PAD INTERNALLY FN6209.2 December 22, 2006 ISL59482 Absolute Maximum Ratings (TA = +25C) Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.5V, V+ +0.5V Supply Turn-on Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/s Digital and Analog Input Current (Note 1) . . . . . . . . . . . . . . . . 50mA Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA ESD Rating Human Body Model (Per MIL-STD-883 Method 3015.7). . . .2500V Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V Storage Temperature Range . . . . . . . . . . . . . . . . . .-65C to +150C Ambient Operating Temperature . . . . . . . . . . . . . . . .-40C to +85C Operating Junction Temperature . . . . . . . . . . . . . . .-40C to +125C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA Electrical Specifications PARAMETER GENERAL V1+ = V2+ = +5V, V1- = V2- = -5V, GND = 0V, TA = +25C, Input Video = 0.5VP-P and RL = 500 to GND, CL = 5pF unless otherwise specified. DESCRIPTION CONDITIONS MIN TYP MAX UNIT +IS Enabled -IS Enabled +IS Disabled -IS Disabled VOUT IOUT VOS Ib ROUT ROUT RIN ACL or AV IHIZ LOGIC VIH VIL IIH IIL AC GENERAL PSRR Xtalk Off - ISO dG dP Enabled Supply Current Enabled Supply Current Disabled Supply Current Disabled Supply Current Positive and Negative Output Swing Output Current Output Offset Voltage Input Bias Current HIZ Output Resistance Enabled Output Resistance Input Resistance Voltage Gain Output Current in Three-state No load, VIN = 0V, EN1, EN2 Low No load, VIN = 0V, EN1, EN2 Low No load, VIN = 0V, EN1, EN2 High No load, VIN = 0V, EN1, EN2 High VIN = 2.5V, RL = 500 RL = 10 to GND 77 -90 4 -80 88 -82 6.8 -12 96 -70 7.6 mA mA mA A 3.8 80 -60 4.0 135 -25 -2 1000 0.1 10 4.2 180 20 +10 1300 V mA mV A M VIN = 0V HIZ = Logic High HIZ = Logic Low VIN = 1.75V VIN = 0.75V, RL= 500 VOUT = 0V -10 700 1.94 1.99 15 2.04 V/V A Input High Voltage (Logic Inputs) Input Low Voltage (Logic Inputs) Input High Current (Logic Inputs) Input Low Current (Logic Inputs) VH = 5V VL = 0V 200 -10 2 0.8 260 -2 320 +10 V V A A Power Supply Rejection Ratio Channel to Channel Crosstalk Off-state Isolation Differential Gain Error Differential Phase Error DC, PSRR V+ & V- combined VOUT = 0dBm f = 10MHz, ChX-Ch Y-Talk VIN = 1Vp-p; CL = 1.2pF f = 10MHz, Ch-Ch Off Isolation VIN = 1Vp-p; CL = 1.2pF NTC-7, RL = 150, CL = 1.2pF NTC-7, RL = 150, CL = 1.2pF 45 53 65 90 0.008 0.01 dB dB dB % 3 FN6209.2 December 22, 2006 ISL59482 Electrical Specifications PARAMETER BW V1+ = V2+ = +5V, V1- = V2- = -5V, GND = 0V, TA = +25C, Input Video = 0.5VP-P and RL = 500 to GND, CL = 5pF unless otherwise specified. (Continued) DESCRIPTION Small Signal -3dB Bandwidth CONDITIONS VOUT = 0.2Vp-p; RL = 500, CL = 1.2pF VOUT = 0.2Vp-p; RL = 150, CL = 1.2pF Large Signal -3dB Bandwidth VOUT = 2Vp-p; RL = 500, CL = 1.2pF VOUT = 2Vp-p; RL = 150, CL = 1.2pF FBW 0.1dB Bandwidth VOUT = 2Vp-p; RL = 500, CL = 1.2pF VOUT = 2Vp-p; RL = 150, CL = 1.2pF SR Slew Rate 25% to 75%, RL = 150, Input Enabled, CL = 1.5pF MIN TYP 520 420 250 230 35 90 1600 MAX UNIT MHz MHz MHz MHz MHz MHz V/s TRANSIENT RESPONSE tr, tf Large Signal tr, tf, Small Signal ts 0.1% Large Signal Rise, Fall TImes, tr, tf, 10% - 90% Small Signal Rise, Fall TImes, tr, tf, 10% - 90% Settling TIme to 0.1% VOUT = 2Vp-p; RL = 500, CL = 1.2pF VOUT = 2Vp-p; RL = 150, CL = 1.2pF VOUT = 0.2Vp-p; RL = 500, CL = 1.2pF VOUT = 0.2Vp-p; RL = 150, CL = 1.2pF VOUT = 2Vp-p; RL = 500, CL = 1.2pF VOUT = 2Vp-p; RL = 150, CL = 1.2pF 1.2 1.2 0.7 0.8 22 24 5 7 ns ns ns ns ns ns ns ns ts 1% Settling TIme to 1% VOUT = 2Vp-p; RL = 500, CL = 1.2pF VOUT = 2Vp-p; RL = 150, CL = 1.2pF SWITCHING CHARACTERISTICS VGLITCH Channel-to-Channel Switching Glitch EN Switching Glitch HIZ Switching Glitch tSW-L-H tSW-H-L tpd Channel Switching Time Low to High Channel Switching Time High to Low Propagation Delay VIN = 0V, CL = 1.2pF VIN = 0V, CL = 1.2pF VIN = 0V, CL = 1.2pF 1.2V logic threshold to 10% movement of analog output 1.2V logic threshold to 10% movement of analog output 10% to 10% 60 200 300 22 25 0.9 mVP-P mVP-P mVP-P ns ns ns Typical Performance Curves VS = 5V, RL = 500 to GND, TA = +25C, unless otherwise specified. 10 8 6 NORMALIZED GAIN (dB) 4 2 0 -2 -4 -6 -8 -10 CL INCLUDES 1.2pF BOARD CAPACITANCE 1M 10M FREQUENCY (Hz) 100M 1G CL = 2.7pF CL = 2.2pF CL = 1.2pF VOUT = 0.2Vp-p CL = 11.2pF NORMALIZED GAIN (dB) CL = 6.8pF CL = 4.5pF CL = 3.4pF 10 8 6 4 2 0 -2 -4 -6 -8 -10 1M 10M FREQUENCY (Hz) 100M 1G CL INCLUDES 1.2pF BOARD CAPACITANCE CL= 3.9pF CL= 1.2pF VOUT = 0.2Vp-p CL = 16.2pF CL = 11.2pF CL = 6.8pF FIGURE 1. SMALL SIGNAL GAIN vs FREQUENCY vs CL INTO 500 LOAD FIGURE 2. SMALL SIGNAL GAIN vs FREQUENCY vs CL INTO 150 LOAD 4 FN6209.2 December 22, 2006 ISL59482 Typical Performance Curves VS = 5V, RL = 500 to GND, TA = +25C, unless otherwise specified. 2 1 0 NORMALIZED GAIN (dB) RL = 250 RL = 500 RL = 150 NORMALIZED GAIN (dB) -1 -2 -3 -4 -5 -6 -7 -8 1M CL INCLUDES 1.2pF BOARD CAPACITANCE 10M FREQUENCY (Hz) 100M 1G VOUT = 0.2Vp-p CL= 1.2pF RL = 1k 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 1M 10M 100M 1G FREQUENCY (Hz) RL = 500 CL = 1.2pF VOUT = 0.2Vp-p RL = 150 CL = 1.2pF (Continued) FIGURE 3. GAIN vs FREQUENCY vs RL 10k VSOURCE = 2Vp-p OUTPUT IMPEDANCE () OUTPUT IMPEDANCE () FIGURE 4. 0.1dB GAIN FLATNESS 100 VSOURCE = 2Vp-p 10 1000 1 100 0.1 0.1M 1M 10M FREQUENCY (Hz) 100M 1G 10 0.1M 1M 10M FREQUENCY (Hz) 100M 1G FIGURE 5. ZOUT vs FREQUENCY - ENABLED 1M VSOURCE = 2Vp-p 100k INPUT IMPEDANCE () 10k PSRR (dB) 0 10 FIGURE 6. ZOUT vs FREQUENCY - HIZ VSOURCE = 1Vp-p PSRR (V-) -10 -20 -30 -40 1k 100 10 PSRR (V+) -50 -60 0.3 1 0.3M 1M 10M FREQUENCY (Hz) 100M 1G 1 10 FREQUENCY (MHz) 100 1k FIGURE 7. ZIN vs FREQUENCY FIGURE 8. PSRR vs FREQUENCY 5 FN6209.2 December 22, 2006 ISL59482 Typical Performance Curves VS = 5V, RL = 500 to GND, TA = +25C, unless otherwise specified. 0 -10 -20 -30 -40 (dB) -50 -60 -70 -80 -90 -100 -110 -120 0.3M 0 1M 10M FREQUENCY (Hz) 100M 1G 100 1k 10k 100k FREQUENCY (Hz) VIN=1Vp-p VOLTAGE NOISE (nV/Hz) RL = 500 CROSSTALK INPUT X TO OUTPUT Y RL = 150 OFF ISOLATION INPUT X TO OUTPUT X RL = 150 RL = 500 60 50 40 (Continued) 30 20 10 FIGURE 9. CROSSTALK AND OFF ISOLATION; NORMALIZED PHASE (O) NORMALIZED GAIN (dB) NORMALIZED PHASE (O) NORMALIZED GAIN (dB) FIGURE 10. INPUT NOISE vs FREQUENCY 0.002 0 -0.002 -0.004 -0.006 -0.008 -0.01 0.02 0 -0.02 -0.04 -0.06 -0.08 -0.10 -4 -3 -2 -1 0 1 2 3 4 0.01 0.008 0.006 0.004 0.002 0 -0.002 -0.004 0.04 0.02 0 -0.02 -0.04 -0.06 -0.08 -0.10 -4 -3 -2 -1 0 1 2 3 4 VOUT DC (Volts) Vout DC (Volts) FIGURE 11. DIFFERENTIAL GAIN AND PHASE; VOUT=0.2Vp-p FO=3.58MHz; RL=500 FIGURE 12. DIFFERENTIAL GAIN AND PHASE: VOUT=0.2Vp-p FO=3.58MHz; RL=150 VOUT = 0.2Vp-p 0.2 RL = 500 CL = 1.2pF OUTPUT VOLTAGE (V) 0.2 VOUT = 0.2Vp-p RL = 150 CL = 1.2pF OUTPUT VOLTAGE (V) 0.1 0.1 0 0 TIME (5ns/DIV) TIME (5ns/DIV) FIGURE 13. SMALL SIGNAL TRANSIENT RESPONSE; RL=500 FIGURE 14. SMALL SIGNAL TRANSIENT RESPONSE; RL=150 6 FN6209.2 December 22, 2006 ISL59482 Typical Performance Curves VS = 5V, RL = 500 to GND, TA = +25C, unless otherwise specified. VOUT = 2Vp-p 2.0 OUTPUT VOLTAGE (V) RL = 500 CL = 1.2pF OUTPUT VOLTAGE (V) 2.0 (Continued) VOUT = 2Vp-p RL = 150 CL = 1.2pF 1.0 1.0 0 0 TIME (5ns/DIV) TIME (5ns/DIV) FIGURE 15. LARGE SIGLNAL TRANSIENT RESPONSE; RL=500 50 INPUT RISE, FALL TIMES VOUT = 2Vp-p <175ps VOUT = 1.4Vp-p FIGURE 16. LARGE SIGNAL TRANSIENT RESPONSE; RL=150 50 INPUT RISE, FALL TIMES <175ps VOUT = 2Vp-p 40 VOUT = 1.4Vp-p OVERSHOOT (%) 40 OVERSHOOT (%) 30 30 20 VOUT = 1Vp-p 20 10 VOUT = 0.2Vp-p 10 VOUT = 1Vp-p VOUT = 0.2Vp-p 0 2 4 CL (Pf) 6 8 10 0 2 4 CL (Pf) 6 8 10 FIGURE 17. PULSE OVERSHOOT vs VOUT, CL; RL=500 FIGURE 18. PULSE OVERSHOOT vs VOUT, CL; RL=150 S0, S1 50 TERM. 1V/DIV VIN = 0V S0, S1 50 TERM. 1V/DIV VIN = 1V 0 20mV/DIV VOUT A, B, C 1V/DIV 0 0 0 20ns/DIV 20ns/DIV VOUT A, B, C FIGURE 19. CHANNEL TO CHANNEL SWITCHING GLITCH VIN = 0V FIGURE 20. CHANNEL TO CHANNEL TRANSIENT RESPONSE VIN = 1V 7 FN6209.2 December 22, 2006 ISL59482 Typical Performance Curves VS = 5V, RL = 500 to GND, TA = +25C, unless otherwise specified. ENABLE 50 TERM. 1V/DIV VIN = 0V ENABLE 50 TERM. 1V/DIV (Continued) VIN = 1V 0 0.5V/DIV 0 1V/DIV 0 40ns/DIV VOUT A, B, C 0 VOUT A, B, C 40ns/DIV FIGURE 21. ENABLE SWITCHING GLITCH VIN = 0V FIGURE 22. ENABLE TRANSIENT RESPONSE VIN = 1V 1V/DIV S0, S1 50 TERM. VIN = 0V S0, S1 50 TERM. 1V/DIV VIN = 1V 0 100mV/DIV 0 VOUT A, B, C 0 2V/DIV 0 VOUT A, B, C 20ns/DIV 20ns/DIV FIGURE 23. HIZ SWITCHING GLITCH VIN = 0V FIGURE 24. HIZ TRANSIENT RESPONSE VIN = 1V JEDEC JESD51-3 LOW EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD - QFN EXPOSED DIEPAD SOLDERED TO PCB PER JESD51-5 1.2 POWER DISSIPATION (W) 1.0 870mW 0.8 0.6 0.4 0.2 0 QFN48 JA=115C/W JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD - QFN EXPOSED DIEPAD SOLDERED TO PCB PER JESD51-5 6 POWER DISSIPATION (W) 5 4.34W 4 3 2 1 0 0 25 50 75 85 100 125 150 AMBIENT TEMPERATURE (C) QFN48 JA=23C/W 0 25 50 75 85 100 125 150 AMBIENT TEMPERATURE (C) FIGURE 25. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE FIGURE 26. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE 8 FN6209.2 December 22, 2006 ISL59482 Pin Description ISL59482 EQUIVALENT (48 LD QFN) PIN NAME CIRCUIT 1 2 3, 23 4 5, 25 6 26 7 27 8 9 10 11 12 13 14 15 16 17 18 19, 47 20, 48 21 22 24 28 29 30 31 32 33 34 35 36 37 38 39 40 41 OUTC1 OUTB1 V1-, V2OUTA1 V1+, V2+ EN1 EN2 HIZ1 HIZ2 IN0C1 IN0B1 IN0A1 GND IN1A1 IN2B2 IN2C2 GND IN3A2 IN3B2 IN3C2 S1-2, S1-1 S0-2, S0-1 OUTC2 OUTB2 OUTA2 IN0C2 IN0B2 IN0A2 GND IN1A2 IN1B2 IN1C2 GND IN2A2 IN1B1 IN1C1 GND IN2A1 IN2B1 Circuit 1 Circuit 1 Circuit 1 Circuit 4A Circuit 1 Circuit 1 Circuit 1 Circuit 4B Circuit 1 Circuit 1 Circuit 1 Circuit 2 Circuit 2 Circuit 2 Circuit 1 Circuit 1 Circuit 1 Circuit 1 Circuit 1 Circuit 4B Circuit 1 Circuit 1 Circuit 1 Circuit 4B Circuit 1 Circuit 1 Circuit 1 Circuit 4A Circuit 1 Circuit 1 Circuit 2 Circuit 3 Circuit 3 Circuit 4A Circuit 3 Circuit 4A Circuit 2 Output of amplifier C1 Output of amplifier B1 Negative power supply #1 and #2 Output of amplifier A1 Positive Power Supply #1 and #2 Device enable (active low) w/internal pull-down resistor. A logic High puts device into power-down mode leaving the logic circuitry active. This state is not recommended for logic control where more than one MUX-amp share the same video output line. Output disable (active high) w/internal pull-down resistor. A logic high puts the output in a high impedance state. Use this state when more than one MUX-amp share the same video output line. Channel 0 input for amplifier C1 Channel 0 input for amplifier B1 Channel 0 input for amplifier A1 Ground pin for amplifier A1 Channel 1 input for amplifier A1 Channel 2 input for amplifier B2 Channel 2 input for amplifier C2 Ground pin for amplifier C2 Channel 3 input for amplifier A2 Channel 3 input for amplifier B2 Channel 3 input for amplifier C2 Channel select pin MSB (binary logic code) for amplifiers A2, B2, C2 (S1-2) and A1, B1, C1 (S1-1) Channel select pin LSB (binary logic code) for amplifiers A2, B2, C2 (S0-2) and A1, B1, C1 (S0-1) Output of amplifier C2 Output of amplifier B2 Output of amplifier A2 Channel 0 input for amplifier A2 Channel 0 input for amplifier B2 Channel 0 input for amplifier C2 Ground pin for amplifier A2 Channel 1 input for amplifier A2 Channel 1 input for amplifier B2 Channel 1 input for amplifier C2 Ground pin for amplifier B2 Channel 2 input for amplifier A2 Channel 1 input for amplifier B1 Channel 1 input for amplifier C1 Ground pin for amplifier B1 Channel 2 input for amplifier A1 Channel 2 input for amplifier B1 DESCRIPTION 9 FN6209.2 December 22, 2006 ISL59482 Pin Description (Continued) ISL59482 EQUIVALENT (48 LD QFN) PIN NAME CIRCUIT 42 43 44 45 46 IN2C1 GND IN3A1 IN3B1 IN3C1 Circuit 1 Circuit 4A Circuit 1 Circuit 1 Circuit 1 Channel 2 input for amplifier C1 Ground pin for amplifier C1 Channel 3 input for amplifier A1 Channel 3 input for amplifier B1 Channel 3 input for amplifier C1 DESCRIPTION Pin Equivalent Circuits V+ IN LOGIC PIN 21k 33k V+ 1.2V V+ GND VCIRCUIT 2 CIRCUIT 3 V+ OUT V- CIRCUIT 1 V1+ GNDA1 GNDB1 GNDC1 V1CIRCUIT 4A CAPACITIVELY COUPLED ESD CLAMP V2+ GNDA2 GNDB2 GNDC2 V2CIRCUIT 4B CAPACITIVELY COUPLED ESD CLAMP SUBSTRATE 1 V1~1M SUBSTRATE 2 V2~1M THERMAL HEAT SINK PAD AC Test Circuits ISL59482 VIN 50 or 75 CL 5pF RL 500 AC Test Circuits (Continued) ISL59482 VIN 50 or 75 CL 5pF RS 50 or 75 TEST EQUIPMENT 50 or 75 FIGURE 27A. TEST CIRCUIT WITH OPTIMAL OUTPUT LOAD FIGURE 27C. BACKLOADED TEST CIRCUIT FOR VIDEO CABLE APPLICATION. BANDWIDTH AND LINEARITY FOR RL LESS THAN 500 WILL BE DEGRADED. FIGURE 27. TEST CIRCUITS ISL59482 VIN 50 or 75 CL 5pF RS 475 50 or 75 TEST EQUIPMENT 50 or 75 FIGURE 27B. TEST CIRCUIT FOR MEASURING WITH 50 OR 75 INPUT TERMINATED EQUIPMENT Figure 27A illustrates the optimum output load for testing AC performance. Figure 27B illustrates the optimum output load when connecting to 50 input terminated equipment. 10 FN6209.2 December 22, 2006 ISL59482 Application Information General The ISL59482 is ideal as the matrix element of high performance switchers and routers. Key features include internal fixed gain of 2, high impedance buffered analog inputs and excellent AC performance at output loads down to 150 for video cable-driving. The current feedback output amplifiers are stable operating into capacitive loads. Therefore, adequate current limiting on the digital and analog inputs is needed to prevent damage during the time the voltages on these inputs are more positive than V+. HIZ State Each internal 4:1 triple MUX-amp has a three-state output control pin (HIZ1 and HIZ2). Each has a an internal pulldown resistor to set the output to the enabled state with no connection to the HIZ pin. The HIZ state is established within approximately 20ns by placing a logic high (>2V) on the HIZ pin. If the HIZ state is selected, the output is a high impedance 1.4M with approximately 1.5pF in parallel with a 10A bias current from the output. When more than one MUX shares a common output, the high impedance state loading effect is minimized over the maximum output voltage swing and maintains its high Z even in the presence of high slew rates. The supply current during this state is the same as the active state. Ground Connections For the best isolation and crosstalk rejection, all GND pins must connect to the GND plane. Power-up Considerations The ESD protection circuits use internal diodes from all pins the V+ and V- supplies. In addition, a dV/dT- triggered clamp is connected between the V+ and V- pins, as shown in the Equivalent Circuits 1 through 4 section of the Pin Description table. The dV/dT triggered clamp imposes a maximum supply turn-on slew rate of 1V/s. Damaging currents can flow for power supply rates-of-rise in excess of 1V/s, such as during hot plugging. Under these conditions, additional methods should be employed to ensure the rate of rise is not exceeded. Consideration must be given to the order in which power is applied to the V+ and V- pins, as well as analog and logic input pins. Schottky diodes (Motorola MBR0550T or equivalent) connected from V+ to ground and V- to ground (Figure 28) will shunt damaging currents away from the internal V+ and V- ESD diodes in the event that the V+ supply is applied to the device before the V- supply. One Schottky can be used to protect both V+ power supply pins, and a second for the protection of both V- pins. If positive voltages are applied to the logic or analog video input pins before V+ is applied, current will flow through the internal ESD diodes to the V+ pin. The presence of large decoupling capacitors and the loading effect of other circuits connected to V+, can result in damaging currents through the ESD diodes and other active circuits within the device. V+ SUPPLY SCHOTTKY PROTECTION LOGIC POWER GND SIGNAL DE-COUPLING CAPS V- SUPPLY S0 GND IN0 IN1 VVV+ VV+ V+ EN and Power-down States The EN pin is active low. An internal pull-down resistor ensures the device will be active with no connection to the EN pin. The Power-down state is established within approximately 80ns, if a logic high (>2V) is placed on the EN pin. In the Power-down state, supply current is reduced significantly by shutting the three amplifiers off. The output presents a high impedance to the output pin, however, there is a risk that the disabled amplifier output can be back-driven at signal voltage levels exceeding 2VP-P. Under this condition, large incoming slew rates can cause fault currents of tens of mA. Therefore, the parallel connection of multiple outputs is not recommended unless the application can tolerate the limited power-down output impedance. Limiting the Output Current No output short circuit current limit exists on these parts. All applications need to limit the output current to less than 50mA. Adequate thermal heat sinking of the parts is also required. V+ LOGIC CONTROL V+ OUT VV- EXTERNAL CIRCUITS FIGURE 28. SCHOTTKY PROTECTION CIRCUIT 11 FN6209.2 December 22, 2006 ISL59482 PC Board Layout The AC performance of this circuit depends greatly on the care taken in designing the PC board. The following are recommendations to achieve optimum high frequency performance from your PC board. * The use of low inductance components such as chip resistors and chip capacitors is strongly recommended. * Minimize signal trace lengths. Trace inductance and capacitance can easily limit circuit performance. Avoid sharp corners, use rounded corners when possible. Vias in the signal lines add inductance at high frequency and should be avoided. PCB traces greater than 1" begin to exhibit transmission line characteristics with signal rise/fall times of 1ns or less. High frequency performance may be degraded for traces greater than one inch, unless strip line are used. * Match channel-channel analog I/O trace lengths and layout symmetry. This will minimize propagation delay mismatches. * Maximize use of AC de-coupled PCB layers. All signal I/O lines should be routed over continuous ground planes (i.e. no split planes or PCB gaps under these lines). Avoid vias in the signal I/O lines. * Use proper value and location of termination resistors. Termination resistors should be as close to the device as possible. * When testing use good quality connectors and cables, matching cable types and keeping cable lengths to a minimum. * Minimum of 2 power supply decoupling capacitors are recommended (1000pF, 0.01F) as close to the devices as possible. Avoid vias between the cap and the device because vias add unwanted inductance. Larger caps can be farther away. When vias are required in a layout, they should be routed as far away from the device as possible. * The NIC pins are placed on both sides of the input pins. These pins are not internally connected to the die. It is recommended these pins be tied to ground to minimize crosstalk. The thermal pad requirements are proportional to power dissipation and ambient temperature. A dedicated layer eliminates the need for individual thermal pad area. When a dedicated layer is not possible, an isolated thermal pad on another layer should be used. Pad area requirements should be evaluated on a case by case basis. MUX Application Circuits Each of the two 4:1 triple MUX amplifiers have their own binary-coded, TTL compatible channel select logic inputs (S0-1, 2, and S1-1, 2). All three amplifiers are switched simultaneously from their respective inputs with S0-1 S1-1 controlling MUX-amp1, and S0-2, S1-2 controlling MUX-amp2. The HIZ control inputs (HIZ1, HIZ2) and device enable control inputs (EN1 and EN2) control MUX-amp1 and MUX-amp2 in a similar fashion. The individual control for each 4:1 triple MUX enables external connections to configure the device for different MUX applications. 8:1 RGB Video MUX For a triple input RGB 8:1 MUX (Figure 4), the RGB amplifier outputs of MUX-amp1 are parallel-connected to the RGB amplifier outputs of MUX-amp2 to produce the single RGB video output. Input channels CH0 to CH3 are assigned to MUX-amp1, and channels CH4 through CH7 are assigned to MUX-amp2. Channels CH0 through CH3 are selected by setting HIZ1 low, HIZ2 high (enables MUX-amp1 and threestates MUX-amp2) and the appropriate channel select logic to S0-1, S1-1. Reversing the logic inputs of HIZ1, HIZ2 switches from MUX-amp1 to MUX-amp2 enabling the selection of channels CH4 through CH7. The channel select inputs are parallel connected (S0-1 to S0-2) and (S1-1 to S1-2) to form two logic controls S0, S1. A single S2 control is split into complimentary logic inputs for HIZ1 and HIZ2 to produce a chip select function for the MSB. The logic control truth table is shown in Figure 29. 4:1 RGB Differential Video MUX Connecting the channel select pins in parallel (S0-1 to S0-2 and S1-1 to S1-2) converts the 8 individual RGB video inputs into 4 differential RGB input pairs. The amplifier RGB outputs are similarly paired resulting in a fully differential 4:1 RGB MUX amp shown in Figure 5. Connecting HIZ1 and HIZ2 to +5V disables the 4:1 differential MUX, and enables the connection of additional differential-connected MUX amplifiers to the same outputs, thus allowing input expansion to 8:1 or more. The QFN Package Requires Additional PCB Layout Rules for the Thermal Pad The thermal pad is electrically connected to V- supply through the high resistance IC substrate. Its primary function is to provide heat sinking for the IC. However, because of the connection to the V1- and V2- supply pins through the substrate, the thermal pad must be tied to the V- supply to prevent unwanted current flow to the thermal pad. Do not tie this pin to GND as this could result in large back biased currents flowing between GND and the V- pins. Maximum AC performance is achieved if the thermal pad is attached to a dedicated decoupled layer in a multi-layered PC board. In cases where a dedicated layer is not possible, AC performance may be reduced at upper frequencies. 12 FN6209.2 December 22, 2006 ISL59482 ISL59482 1/3 MUX-Amp1 CH0 CH1 CH2 CH3 CH0A - CH7A Channels B & C Not Shown CH4 CH5 CH6 CH7 S0 Channel Select Logic Inputs S1 S2 IN0A1 IN1A1 IN2A1 IN3A1 S0-1 S1-1 HIZ1 IN0A2 IN1A2 IN2A2 IN3A2 S0-2 S1-2 HIZ2 Control Logic Control Logic +2 OUTA1 CHANNEL SELECT TRUTH TABLE 8:1 VIDEO MUX S2 0 OUTA 0 0 S1 0 0 1 1 0 0 1 1 S0 0 1 0 1 0 1 0 1 OUTA, B, C CH0A, B, C CH1A, B, C CH2A, B, C CH3A, B, C CH4A, B, C CH5A, B, C CH6A, B, C CH7A, B, C 1/3 MUX-Amp2 OUTA2 0 1 1 1 1 +2 FIGURE 29. APPLICATION CIRCUIT FOR 8:1 RGB VIDEO MUX ISL59482 1/3 MUX-Amp1 + CH0 IN0A1 IN1A1 IN2A1 IN3A1 + CH1 S0-1 S1-1 HIZ1 CH2 + IN0A2 IN1A2 IN2A2 + CH3 S0 S1 HIZ IN3A2 S0-2 S1-2 HIZ2 Control Logic Control Logic +2 OUTA1 CHANNEL SELECT TRUTH TABLE 4:1 DIFFERENTIAL VIDEO MUX S1 + OUTA 0 0 1 1 S0 0 1 0 1 OUTA, B, C CH0A, B, C CH1A, B, C CH2A, B, C CH3A, B, C CH0A - CH3A Channels B & C Not Shown 1/3 MUX-Amp2 OUTA2 +2 Channel Select Logic Inputs FIGURE 30. APPLICATION CIRCUIT FOR 4:1 RGB DIFFERENTIAL VIDEO MUX All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see www.intersil.com 13 FN6209.2 December 22, 2006 ISL59482 Package Outline Drawing L48.7x7B 48 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE Rev 0, 12/06 4X 5.5 7.00 A B 6 PIN 1 INDEX AREA 37 36 44X 0.50 48 1 6 PIN #1 INDEX AREA 7.00 3.70 25 (4X) 0.15 24 TOP VIEW 48X 0 . 40 13 12 0.10 M C A B 4 0.25 BOTTOM VIEW SEE DETAIL "X" 0.10 C BASE PLANE C ( 6 . 80 TYP ) ( 3.70 ) 0 . 85 0 . 1 SIDE VIEW ( 44X 0 . 5 ) SEATING PLANE 0.08 C C ( 48X 0 . 25 ) ( 48X 0 . 60 ) TYPICAL RECOMMENDED LAND PATTERN 0 . 2 REF 5 0 . 00 MIN. 0 . 05 MAX. DETAIL "X" NOTES: 1. Dimensions are in millimeters. Dimensions in ( ) for Reference Only. 2. Dimensioning and tolerancing conform to AMSE Y14.5m-1994. 3. Unless otherwise specified, tolerance : Decimal 0.05 4. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 5. Tiebar shown (if present) is a non-functional feature. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 indentifier may be either a mold or mark feature. 14 FN6209.2 December 22, 2006 |
Price & Availability of ISL59482
![]() |