Part Number Hot Search : 
RT8458 LA7282 155FPF85 DT74F MC1449 SMCJ85CA NCSU034 EUA2310
Product Description
Full Text Search
 

To Download ISL55013 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL55013
Data Sheet February 13, 2007 FN6283.0
MMIC Silicon Bipolar Broadband Amplifier
The ISL55013 is a high performance gain block featuring a Darlington configuration using high fT transistors and excellent thermal performance. They are an ideal choice for DVB-S LNB cable receiver applications. Other members of the family include: ISL55012 and ISL55015 match a 75 source to a 50 load. ISL55013 and ISL55014 match a 50 source to a 50 load.
Features
* Input impedance of 50 * Output impedance of 50 * Gain of 11.8dB @1GHz * Noise figure of 5.0dB * OIP3 of 31dBm * Low input and output return losses * Pb-free plus anneal available (RoHS compliant)
Ordering Information
PART NUMBER (Note) PART MARKING TAPE & REEL PACKAGE (Pb-Free) PKG. DWG. # P6.049
Applications
* LNB and LNB-T (HDTV) amplifiers * IF gain blocks for satellite and terrestrial STBs * PA driver amplifier * Wireless data, satellite * Bluetooth/WiFi * Satellite locator and signal strength meters
7" (3k pcs) 6 Ld SC-70
ISL55013IEZ-T7 CCH
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Typical Application Circuit
+5V
Pinout
(6 LD SC-70) TOP VIEW
GND 1 2 3 6 5 4 OUT GND VSP
24 0.1F 100pF 100pF 0.1F
GND 100nH IN
3 68pF 1, 2, 5
4 6
68pF
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2007. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
ISL55013
Absolute Maximum Ratings (TA = +25C)
Supply Voltage from VSP to GND . . . . . . . . . . . . . . . . . . . . . . . . 6V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . VS+ +0.3V to GND -0.3V Ambient Operating Temperature . . . . . . . . . . . . . . . .-40C to +85C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65C to +125C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135C ESD Rating Human Body Model (Per MIL-STD-883 Method 3015.7) . . .6000V Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . .300V
Thermal Information
Thermal Resistance (Typical) 6 Ld SC-70 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . JA (C/W) 200
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only.
Electrical Specifications
PARAMETER VSP Gt
VSP = +5V, ZRSC = ZLOAD = 50, TA = +25C, 24 VSP to OUT, unless otherwise specified. CONDITIONS To operate below 5V, the 24 resistor to supply should be reduced 1.0GHz 1.5GHz 2.0GHz MIN 3.0 10.6 10 9.8 15.9 15.5 11.8 11.2 11.2 17.4 17 31.5 28.3 49.1 2.8 15.8 15.9 17.8 5.0 54 62.3 69 TYP MAX 5.5 13.1 12.5 12.3 18.9 18.5 UNIT V dB dB dB dBm dBm dBm dBm dBm GHz dB dB dB dB mA
DESCRIPTION Supply Voltage Small Signal Gain
P1dB
Output Power at 1dB Compression
1.0GHz 2.0GHz
OIP3
Output Third Order Intercept Point
1.0GHz 2.0GHz
OIP2 BW IRL ORL RISOL NF ID
Output Second Order Intercept Point 3dB Bandwidth Input Return Loss Output Return Loss Reverse Isolation Noise Figure Device Operating Current
Input tones at 1.0GHz and 1.1GHz, at Input Power = -15dBm, Output tone 2.1GHz 3dB below Gain @ 500MHz 1.0GHz 1.0GHz 2.0GHz 2.0GHz
2
FN6283.0 February 13, 2007
ISL55013 Device Test Setup
AGILENT _8753ES VNA
50 CONNECTORLESS PLATFORM 50 DC BLOCK PIN 3 DUT PIN 6 50 BIAS TEE
50 PICOSECOND LABS MODEL 5542
PICOSECOND LABS MODEL 5508-110
5V I1
24 I2 IDEVICE
INPUT REFERENCE PLANE
OUTPUT REFERENCE PLANE
5V POWER SUPPLY
Typical Performance Curves 50 environment
18 15 ORL (dB) 12 IRL (dB) 9 6 3 0 0.5G 1.0G 1.5G 2.0G FREQUENCY (Hz) 2.5G 3.0G 18 15 12 9 6 3 0 0.5G 1.0G 1.5G 2.0G FREQUENCY (Hz) 2.5G 3.0G
FIGURE 1. INPUT RETURN LOSS vs FREQUENCY
FIGURE 2. OUTPUT RETURN LOSS vs FREQUENCY
14
0 -2 -4 -6 S11 (dB) -8 -10 -12 -14 -16 -18 0.5G
12 S21 (dB)
10
8
6 0.5G
1.0G
1.5G 2.0G FREQUENCY (Hz)
2.5G
3.0G
1.0G
1.5G 2.0G FREQUENCY (Hz)
2.5G
3.0G
FIGURE 3. |S21| vs FREQUENCY
FIGURE 4. |S11| vs FREQUENCY
3
FN6283.0 February 13, 2007
ISL55013 Typical Performance Curves 50 environment (Continued)
-16 -8 -10 S22 (dB) -12 -14 -16 -18 0.5G
-17 S12 (dB)
-18
-19
-20 0.5G
1.0G
1.5G 2.0G FREQUENCY (Hz)
2.5G
3.0G
1.0G
1.5G
2.0G
2.5G
3.0G
FREQUENCY (Hz)
FIGURE 5. |S12| vs FREQUENCY
FIGURE 6. |S22| vs FREQUENCY
34 32 30 OIP3 (dBm) HD (dBm) 28 26 24 22 20 0.5G 1.0G 1.5G 2.0G 2.5G 3.0G
20 10 0 -10 -20 -30 -40 -50 -60 -70 -80 -25 -20 -15 -10 INPUT POWER (dBm) -5 0 IM2 (2.1GHz) FUNDAMENTAL (1GHz AND 1.1GHz)
FREQUENCY (Hz)
FIGURE 7. OIP3 vs FREQUENCY
FIGURE 8. IM2 vs INPUT POWER
6 1dB OUTPUT COMPRESSION POINT (dBm) 5 NOISE FIGURE (dB) 4 3 2 1 0 0.5G 1.0G 1.5G 2.0G 2.5G 3.0G
19 18 17 16 15 14 13 12 11 10 0.5G 1.0G 1.5G 2.0G 2.5G 3.0G
FREQUENCY (Hz)
FREQUENCY (Hz)
FIGURE 9. NOISE FIGURE vs FREQUENCY
FIGURE 10. P1dB vs FREQUENCY
4
FN6283.0 February 13, 2007
ISL55013 Typical Performance Curves 50 environment (Continued)
0.9
1.0
0.8
1.2
0.7
1.4
0.6
1.6
0.2
1.8
0.4
0.5
2.0
0.6
0.8
3.0
1.0
S22
0.7 0.8
0.1
0.3
0.4
0.5
0.6
0.9
1.0
1.2
1.4
1.6
1.8
2.0
3.0
4.0
1.0
0.2
5.0
10
20
50
8.0 9.0 10
7.0
6.0
0
3 GHz
0.1
1.0 2.2
0.2
0.5 GHz
0.4
0.6
20
0.5 GHz
0.2
2.2
0.8
S11
1.0
0.3
3.0
0.6
0.4
0.4
0.5
0.6
0.7
0.8
0.9
RF Cafe 2002
FIGURE 11. S11 AND S22 vs FREQUENCY
5
1.0
1.2
1.4
1.6
1.8
2.0
5.0
4.0
1.0
3 GHz
0.8
50
0.8
0.6
0.4
0.2
0.2
0.4
0.3
4.0
1.0
5.0
0.2
0.1
6.0
7.0
8.0 9.0 10
20
50
FN6283.0 February 13, 2007
ISL55013 Small Outline Transistor Plastic Packages (SC70-6)
0.20 (0.008) M C L b e C VIEW C
P6.049A
6 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE INCHES SYMBOL MIN 0.031 0.001 0.034 0.006 0.006 0.004 0.004 0.073 MAX 0.039 0.004 0.036 0.012 0.010 0.008 0.006 0.085 MILLIMETERS MIN 0.80 0.025 0.85 0.15 0.15 0.10 0.10 1.85 MAX 1.00 0.10 0.90 0.30 0.25 0.20 0.15 2.15 NOTES 6 6 3 3 4 5 8o Rev. 0 7/05 NOTES:
6 C L 1
5
4 C L E E1
A A1 A2 b b1
2
3
e1 C D C L
c c1 D E E1
A1 SEATING PLANE -C-
0.084 BSC 0.045 0.053
2.1 BSC 1.15 1.35
A
A2
e e1 L
0.0256 Ref 0.0512 Ref 0.010 0.018
0.65 Ref 1.30 Ref 0.26 0.46
0.10 (0.004) C
L1 L2
0.016 Ref. 0.006 BSC 6 0.004 0o 8o
0.400 Ref. 0.15 BSC 6 0.10 0o
WITH PLATING c
b b1 c1
N R
BASE METAL
1. Dimensioning and tolerance per ASME Y14.5M-1994. 2. Package conforms to EIAJ SC70 and JEDEC MO203AB. 3. Dimensions D and E1 are exclusive of mold flash, protrusions, or gate burrs.
4X 1 R1 R GAUGE PLANE SEATING PLANE C L1 4X 1 VIEW C L
4. Footlength L measured at reference to gauge plane. 5. "N" is the number of terminal positions. 6. These Dimensions apply to the flat section of the lead between 0.08mm and 0.15mm from the lead tip. 7. Controlling dimension: MILLIMETER. Converted inch dimensions are for reference only
L2
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 6
FN6283.0 February 13, 2007


▲Up To Search▲   

 
Price & Availability of ISL55013

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X