Part Number Hot Search : 
FST6210L WT22L SI4442DY 4520B C2500 ASRD733T STUP036 LB8904M
Product Description
Full Text Search
 

To Download ISL28486 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL28286, ISL28486
Data Sheet September 22, 2006 FN6312.0
Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
The ISL28286 and ISL28486 are Dual and Quad channel micropower precision operational amplifiers optimized for single supply operation at 5V down to 2.4V. For equivalent performance in a single channel op-amp reference EL8186. The ISL28286 and ISL28486 feature an Input Range Enhancement Circuit (IREC) which enables both parts to maintain CMRR performance for input voltages equal to the positive and negative supply rails. The input signal is capable of swinging 10% above the positive supply rail and to ground with only a slight degradation of the CMRR performance. The output operation is rail to rail. Both parts draw minimal supply current while meeting excellent DC-accuracy, AC-performance, noise and output drive specifications. The ISL28286 and ISL28486 can be operated from a single lithium cell or two Ni-Cd batteries. The input range includes both positive and negative rail.
Features
* 120A typ supply current for both channels * 600V max offset voltage * 500pA typ input bias current * 400kHz gain-bandwidth product * 115dB PSRR and CMRR * Single supply operation down to 2.4V * Input is capable of swinging above V+ and to V- (ground sensing) * Rail-to-rail input and output (RRIO) * Pb-free plus anneal available (RoHS compliant)
Applications
* Battery- or solar-powered systems * 4mA to 25mA current loops * Handheld consumer products * Medical devices * Thermocouple amplifiers
Ordering Information
PART NUMBER ISL28286FUZ (See Note) PART MARKING 8286Z TAPE & REEL 50/Tube PACKAGE PKG. DWG. #
* Photodiode pre-amps * pH probe amplifiers
10 Ld MSOP MDPOO43 (Pb-free)
ISL28286FUZ-T7 8286Z (See Note) Coming Soon ISL28486FAZ (Note) 28486FAZ
7" 10 Ld MSOP MDP0043 (1500 pcs) (Pb-free) 97/Tube 16 Ld QSOP MDP0040 (Pb-free)
28486FAZ Coming Soon ISL28486FAZ-T7 (Note)
7" 16 Ld QSOP MDP0040 (1000 pcs) (Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2006. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL28286, ISL28486 Pinouts
ISL28286 (10 LD MSOP) TOP VIEW
IN+_A 1 EN_A 2 V- 3 EN_B 4 IN+_B 5 + + 10 IN-_A 9 OUT_A 8 V+ 7 OUT_B 6 IN-_B OUT_A 1 IN-_A 2 + IN+_A 3 V+ 4 IN+_B 5 IN-_B 6 OUT_B 7 NC 8 + + +
ISL28486 (16 LD QSOP) TOP VIEW
16 OUT_D 15 IN-_D 14 IN+_D 13 V12 IN+_C 11 IN-_C 10 OUT_C 9 NC
2
FN6312.0 September 22, 2006
ISL28286, ISL28486
Absolute Maximum Ratings (TA = +25C)
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V Supply Turn On Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/s Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V ESD tolerance, Human Body Model . . . . . . . . . . . . . . . . . . . . . .3kV ESD tolerance, Machine Model . . . . . . . . . . . . . . . . . . . . . . . . .300V Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite Ambient Operating Temperature Range . . . . . . . . .-40C to +125C Storage Temperature Range . . . . . . . . . . . . . . . . . .-65C to +150C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Operating Junction
Electrical Specifications
V+ = 5V, V- = 0V,VCM = 2.5V, TA = +25C unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +125C, temperature data guaranteed by characterization CONDITIONS MIN -600 -650 TYP
20
PARAMETER VOS V OS -----------------Time V OS --------------T IOS IB eN
DESCRIPTION Input Offset Voltage Long Term Input Offset Voltage Stability Input Offset Drift vs Temperature Input Offset Current Input Bias Current Input Noise Voltage Peak-to-Peak Input Noise Voltage Density
MAX 600 650
UNIT V V/Mo V/C
1.2 0.3 -1.5 -1.5 -2 -2.5 f = 0.1Hz to 10Hz fO = 1kHz fO = 1kHz Guaranteed by CMRR test VCM = 0V to 5V V+ = 2.4V to 5V VO = 0.5V to 4.5V, RL = 100k VO = 0.5V to 4.5V, RL = 1k 0 90 80 90 80 275 275 115 115 500 25 3 130 4.990 4.97 4.800 4.750 0.13 0.10 0.10 0.09 4.996 4.880 0.17 0.13 0.20 0.25 0.17 0.19 6 30 175 225
0.25
2.5 2.5 2 2.5
nA nA VPP nV/Hz pA/Hz
0.5
4.5 48 0.18 5
iN CMIR CMRR PSRR AVOL
Input Noise Current Density Input Voltage Range Common-Mode Rejection Ratio Power Supply Rejection Ratio Large Signal Voltage Gain
V dB dB V/mV V/mV mV mV V V V/s V/s
VOUT
Maximum Output Voltage Swing
Output low, RL = 100k Output low, RL = 1k Output high, RL = 100k Output high, RL = 1k
SR+ SR-
Positive Slew Rate Negative Slew Rate
3
FN6312.0 September 22, 2006
ISL28286, ISL28486
Electrical Specifications
V+ = 5V, V- = 0V,VCM = 2.5V, TA = +25C unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +125C, temperature data guaranteed by characterization (Continued) CONDITIONS MIN TYP 400 All channels enabled. All channels disabled. RL = 10 RL = 10 29 23 24 19 2.4 2 0.8 VEN = 5V VEN = 0V -0.1 0.7 0 1.3 1.5 +0.1 120 4 31 26 156 175 7 9 MAX UNIT kHz A A mA mA V V V A A
PARAMETER GBW IS,ON IS,OFF ISC+ ISCVS VINH VINL IENH IENL
DESCRIPTION Gain Bandwidth Product Supply Current, Enabled Supply Current, Disabled Short Circuit Sourcing Capability Short Circuit Sinking Capability Minimum Supply Voltage Enable Pin High Level Enable Pin Low Level Enable Pin Input Current Enable Pin Input Current
Typical Performance Curves
+1 0 -1 -2 GAIN (dB) -3 -4 -5 -6 -7 8 1k 10k 100k FREQUENCY (Hz) 1M 5M Vout = 50mVp-p AV = 1 CL = 3pF RF = 0/RG = INF VS = 2.5V RL = 1k VS = 2.5V RL = 10k VS = 1.2V RL = 1k VS = 1.2V RL = 10k 45 40 35 30 GAIN (dB) 25 VS = 1.25V AV = 100 VS = 2.5V 15 RL = 10k CL = 2.7pF 10 R /R = 99.02 VS = 1.0V FG RF = 221k 5 RG = 2.23k 0 100 1k 10k 100k 20 FREQUENCY (Hz)
1M
FIGURE 1. FREQUENCY RESPONSE vs SUPPLY VOLTAGE
FIGURE 2. FREQUENCY RESPONSE vs SUPPLY VOLTAGE
200 INPUT OFFSET VOLTAGE (V) INPUT OFFSET VOLTAGE (V) VCM = VDD/2 150 AV = -1 100 50 0 -50 -100 -150 -200 0 1 2 3 4 5 OUTPUT VOLTAGE (V) VDD = 2.5V VDD = 5V
0
-20
VOS, V
-40
-60
-80
-100 0 1 2 3 4 5 COMMON-MODE INPUT VOLTAGE (V)
FIGURE 3. INPUT OFFSET VOLTAGE vs OUTPUT VOLTAGE
FIGURE 4. INPUT OFFSET VOLTAGE vs COMMON-MODE INPUT VOLTAGE
4
FN6312.0 September 22, 2006
ISL28286, ISL28486 Typical Performance Curves
120 80 GAIN (dB) 40 0 -40 -80 1 10 100 1k 10k 100k 1M FREQUENCY (Hz)
(Continued)
80 40 PHASE () 0 -40 -80 -120 10M GAIN (dB) 100 80 PHASE 60 40 0 20 0 -20 10 GAIN -50 -100 -150 1M 200 150 100 50 PHASE ()
100
1k
10k
100k
FREQUENCY (Hz)
FIGURE 5. AVOL vs FREQUENCY @ 100k LOAD
FIGURE 6. AVOL vs FREQUENCY @ 1k LOAD
120 110 100 90 PSRR (dB) 80 70 60 50 40 30 20 10 0 10 PSRR VS = 5VDC VSOURCE = 1Vp-p RL = 100k AV = +1 100 1k 10k 100k 1M PSRR + CMRR(dB)
100 90 80 70 60 50 40 30 20 10 10 100 1k
VS = 5VDC VSOURCE = 1Vp-p RL = 100k AV = +1
10k
100k
FREQUENCY (Hz)
FREQUENCY (Hz)
FIGURE 7. PSRR vs FREQUENCY
FIGURE 8. CMRR vs FREQUENCY
2.56 2.54 2.52 VOLTS (V) 2.50 2.48 2.46 2.44 2.42 0 2 4 6 8 10 12 TIME (s) 14 16 18 20 VS = 5VDC VOUT = 0.1Vp-p RL = 500 AV = +1 VOLTS (V) VOUT VIN
5.0 VIN 4.0 3.0 2.0 1.0 VOUT 0 0 100 200 300 TIME (s) 400 VIN 500 VS = 5VDC VOUT = 0.1Vp-p RL = 500 AV = -2 VOUT
FIGURE 9. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 10. LARGE SIGNAL TRANSIENT RESPONSE
5
FN6312.0 September 22, 2006
ISL28286, ISL28486 Typical Performance Curves
10.00 CURRENT NOISE (pA/Hz) VOLTAGE NOISE (nV/Hz)
(Continued)
1k
1.00
100
0.10
10
0.01 1 10 100 1k 10k 100k FREQUENCY (Hz)
1 1 10 100 1k 10k 100k FREQUENCY (Hz)
FIGURE 11. CURRENT NOISE vs FREQUENCY
FIGURE 12. VOLTAGE NOISE vs FREQUENCY
6 V+ = 5V 5 VOLTAGE NOISE (1V/DIV) 4 VOLTS (V)
100K
VS +
VIN
3 2 1
100K
DUT +
VS -
1K
Function Generator 33140A
VOUT
4.5VP-P
0 0 TIME (1s/DIV) 50 100 TIME (ms) 150 200
FIGURE 13. 0.1Hz TO 10Hz INPUT VOLTAGE NOISE
FIGURE 14. INPUT VOLTAGE SWING ABOVE THE V+ SUPPLY
155 135 115 95 75 0.1V/DIV 55 35 2 2.5 3 3.5 4 4.5 5 5.5 SUPPLY VOLTAGE (V) 0 VOUT 1V/DIV EN Input AV = -1 VIN = 200mVp-p V+ = 5V V- = 0V
SUPPLY CURRENT (A)
0 10s/DIV
FIGURE 15. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 16. ENABLE TO OUTPUT DELAY TIME
6
FN6312.0 September 22, 2006
ISL28286, ISL28486 Typical Performance Curves
150 n = 12 140 CURRENT (A) 130 120 110 100 90 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 MEDIAN CURRENT (A) MAX
(Continued)
4.8 4.6 4.4 4.2 4 3.8 3.6 MIN MEDIAN MAX n = 12
MIN
3.4 3.2 -40 -20 0 20 40 60 80 100 120
TEMPERATURE (C)
FIGURE 17. SUPPLY CURRENT vs TEMPERATURE VS = 2.5V ENABLED. RL = INF
FIGURE 18. SUPPLY CURRENT vs TEMPERATURE VS = 2.5V DISABLED. RL = INF
1.6 1.4 1.2 CURRENT (nA) 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -40 1
1.6 n = 12 MAX CURRENT (nA) 1.4 1.2 1 0.8 0.6 0.4 0.2 0 MIN -20 0 20 40 60 80 TEMPERATURE (C) 100 120 -0.2 -0.4 -40
n = 12
MAX
MEDIAN
MEDIAN
MIN -20 0 20 40 60 80 100 120
TEMPERATURE (C)
FIGURE 19. I BIAS(+) vs TEMPERATURE VS = 2.5V
FIGURE 20. I BIAS(+) vs TEMPERATURE VS = 1.2V
1.5 1 CURRENT (nA) 0.5 0 -0.5 -1 -1.5
1.5 n = 12 MAX CURRENT (nA) 1 0.5 0 -0.5 -1 MIN MIN -1.5 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 n = 12 MAX
MEDIAN
MEDIAN
-2
FIGURE 21. I BIAS(-) vs TEMPERATURE VS = 2.5V
FIGURE 22. I BIAS(-) vs TEMPERATURE VS = 1.2V
7
FN6312.0 September 22, 2006
ISL28286, ISL28486 Typical Performance Curves
2.5 2 1.5 CURRENT (nA) 1 0.5 0 -0.5 -1 -1.5 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 MIN MEDIAN CURRENT (pA) n = 12 MAX 2 1.5 1 0.5 0 -0.5 MIN -1 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 MEDIAN
(Continued)
2.5 n = 12
MAX
FIGURE 23. INPUT OFFSET CURRENT vs TEMPERATURE VS = 2.5V
FIGURE 24. INPUT OFFSET CURRENT vs TEMPERATURE VS = 1.2V
300 200 100 VOS (V) 0 MEDIAN -100 -200 -300 -400 -500 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 MIN n = 12 MAX
400 n = 12 300 200 VOS (V) 100 0 -100 -200 -300 MIN -400 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 MAX
MEDIAN
FIGURE 25. INPUT OFFSET VOLTAGE vs TEMPERATURE VS = 2.5V
FIGURE 26. INPUT OFFSET VOLTAGE vs TEMPERATURE\ VS = 1.2V
130 n = 12 125 120 PSRR (dB) CMRR (dB) MAX
140 n = 12 130 MAX 120 110 100 MEDIAN MIN 90 80 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 MIN
115 110 105 100 95 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 MEDIAN
FIGURE 27. CMRR vs TEMPERATURE VCM = +2.5V TO -2.5V
FIGURE 28. PSRR vs TEMPERATURE VS = 2.5V
8
FN6312.0 September 22, 2006
ISL28286, ISL28486 Typical Performance Curves
4.91 n = 12 4.9 4.89 VOUT (V) 4.88 4.87 MEDIAN 4.86 4.85 4.84 -40 MIN 100 80 -20 0 20 40 60 80 100 120 -40 -20 0 TEMPERATURE (C) 20 40 60 80 100 TEMPERATURE (C) 120 MIN VOUT (mV) MAX 180 MAX 160 140 120 MEDIAN
(Continued)
200 n = 12
FIGURE 29. POSITIVE VOUT vs TEMPERATURE RL = 1k VS = 2.5V
FIGURE 30. NEGATIVE VOUT vs TEMPERATURE RL = 1k VS = 2.5V
4.9985 4.998 4.9975 VOUT (V)
n = 12 MAX
6 5.5 5
n = 12 MAX
MEDIAN 4.997 4.9965 4.996 4.9955 -40 MIN
VOUT (mV)
4.5 4 3.5 3 2.5
MEDIAN
MIN
-20
0
20 40 60 80 TEMPERATURE (C)
100
120
-40
-20
0
20 40 60 80 TEMPERATURE (C)
100
120
FIGURE 31. POSITIVE VOUT vs TEMPERATURE RL = 100k VS = 2.5V
FIGURE 32. NEGATIVE VOUT vs TEMPERATURE RL = 100k VS = 2.5V
0.032 0.031 0.03 IIL (A) 0.029 0.028 0.027 0.026 -40
0.95 n = 12 0.9 0.85 MAX IIH (A) 0.8 0.75 0.7 MEDIAN MIN 0.65 0.6 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C) MEDIAN MIN n = 12 MAX
FIGURE 33. IIL (EN) vs TEMPERATURE VS = 2.5V
FIGURE 34. IIH (EN) vs TEMPERATURE VS = 2.5V
9
FN6312.0 September 22, 2006
ISL28286, ISL28486 Typical Performance Curves
0.23 n = 12 0.21 SLEW RATE (V/s) 0.19 0.17 0.15 0.13 0.11 0.09 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 MIN 0.11 0.1 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 MEDIAN MAX CURRENT (pA)
(Continued)
0.17 n = 12 0.16 0.15 0.14 0.13 0.12 MIN MEDIAN MAX
FIGURE 35. + SLEW RATE vs TEMPERATURE VS = 2.5V INPUT = 0.75V AV = 2
FIGURE 36. - SLEW RATE vs TEMPERATURE VS = 2.5V INPUT = 0.75V AV = 2
800 n = 12 700 600 AVOL (V/mV) 500 MEDIAN 400 300 200 100 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120 MIN AVOL (V/mV) MAX
750
n = 12
MAX
600
450
MEDIAN
300
MIN
150 -40 -20 0 20 40 60 80 TEMPERATURE (C) 100 120
FIGURE 37. AVOL CH A vs TEMPERATURE RL = 100K VO = 2V VS = 2.5V
FIGURE 38. AVOL CH B vs TEMPERATURE RL = 100K VO = 2V VS = 2.5V
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD 1.4 POWER DISSIPATION (W) POWER DISSIPATION (W) 1.2 1 0.8 0.6 0.4 0.2 0 0 25 50 75 85 100 125 150 AMBIENT TEMPERATURE (C) 893mW
QS OP JA 16 =1 12 C /W
JEDEC JESD51-3 LOW EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD 1.2 1 0.8 633mW 0.6
J QS O
A =1
P1
0.4 0.2 0 0 25
58
6
C
/W
50
75 85 100
125
150
AMBIENT TEMPERATURE (C)
FIGURE 39. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
FIGURE 40. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
10
FN6312.0 September 22, 2006
ISL28286, ISL28486 Typical Performance Curves
1 POWER DISSIPATION (W)
(Continued)
JEDEC JESD51-3 LOW EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD POWER DISSIPATION (W)
0.6 0.5
0.9 0.8 870mW 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 25
M
JA =
11 8/10 5 C/ W
SO P
486mW 0.4 0.3 0.2 0.1 0
M
JA =
SO P 20 8/10 6 C/ W
50
75 85
100
125
0
25
50
75 85
100
125
AMBIENT TEMPERATURE (C)
AMBIENT TEMPERATURE (C)
FIGURE 41. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
FIGURE 42. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Pin Descriptions
ISL28286 ISL28486 (10 LD MSOP) (16 LD QSOP) 1 2 3 4 5 6 7 8 9 10 5 6 7 4 1 2 10 11 12 14 15 16 8, 9 13 3 PIN NAME IN+_A EN_A VEN_B IN+_B IN-_B OUT_B V+ OUT_A IN-_A OUT_C IN-_C IN+_C IN+_D IN-_D OUT_D NC EQUIVALENT CIRCUIT Circuit 1 Circuit 2 Circuit 4 Circuit 2 Circuit 1 Circuit 1 Circuit 3 Circuit 4 Circuit 3 Circuit 1 Circuit 3 Circuit 1 Circuit 1 Circuit 1 Circuit 1 Circuit 3 Amplifier A non-inverting input Amplifier A enable pin internal pull-down; Logic "1" selects the disabled state; Logic "0" selects the enabled state. Negative power supply Amplifier B enable pin with internal pull-down; Logic "1" selects the disabled state; Logic "0" selects the enabled state. Amplifier B non-inverting input Amplifier B inverting input Amplifier B output Positive power supply Amplifier A output Amplifier A inverting input Amplifier C output Amplifier C inverting input Amplifier C non-inverting input Amplifier D non-inverting input Amplifier D inverting input Amplifier D output No internal connection
V+ V+ LOGIC PIN VCIRCUIT 2 CIRCUIT 3 OUT VVCIRCUIT 4
DESCRIPTION
V+ IN-
V+
CAPACITIVELY COUPLED ESD CLAMP
IN+ V-
CIRCUIT 1
11
FN6312.0 September 22, 2006
ISL28286, ISL28486 Applications Information
Introduction
The ISL28286 and ISL28486 are enhanced rail-to-rail input micropower precision operational amplifiers with an enable feature. The part is designed to operate from single supply (2.4V to 5.0V) or dual supply (1.2V to 2.5V). The device is capable of swinging 10% above the positive supply rail and to ground. The parts maintains CMRR performance for input voltages equal to the positive supply. The output operation can swing within about 4mV of the supply rails with a 100k load (reference Figures 29 through 32).
Rail-to-Rail Output
A pair of complementary MOSFET devices are used to achieve the rail-to-rail output swing. The NMOS sinks current to swing the output in the negative direction. The PMOS sources current to swing the output in the positive direction. Both parts with a 100k load will swing to within 4mV of the supply rails.
Enable/Disable Feature
The ISL28286 and ISL28486 offer an EN pin that disables the device when pulled up to at least 2.0V. In the disabled state (output in a high impedance state), the part consumes typically 4A. By disabling the part, multiple parts can be connected together as a MUX. The outputs are tied together in parallel and a channel can be selected by the EN pin. The EN pin also has an internal pull down. If left open, the EN pin will pull to the negative rail and the device will be enabled by default.
Rail-to-Rail Input
The input common-mode voltage range of both parts goes from 10mV above the negative supply to the positive supply without introducing additional offset errors or degrading performance associated with a conventional rail-to-rail input operational amplifier. Many rail-to-rail input stages use two differential input pairs, a long-tail PNP (or PFET) and an NPN (or NFET). Severe penalties have to be paid for this circuit topology. As the input signal moves from one supply rail to another, the operational amplifier switches from one input pair to the other causing drastic changes in input offset voltage and an undesired change in magnitude and polarity of input offset current. The ISL28286 and ISL28486 achieves input rail-to-rail without sacrificing important precision specifications and degrading distortion performance. The devices' input offset voltage exhibits a smooth behavior throughout the entire common-mode input range. The input bias current versus the common-mode voltage range gives us an undistorted behavior from the negative rail and 10% higher than the V+ rail (0.5V higher than V+ when V+ equals 5V).
Using Only One Channel
The ISL28286 and ISL28486 are Dual and Quad channel op-amps. If the application only requires one channel when using the ISL28286 or less than 4 channels when using the ISL28486, the user must configure the unused channel (s) to prevent them from oscillating. The unused channel (s) will oscillate if the input and output pins are floating. This will result in higher than expected supply currents and possible noise injection into the channel being used. The proper way to prevent this oscillation is to short the output to the negative input and ground the positive input (as shown in Figure 43).
+ 1/2 ISL28286 1/4 ISL28486
Input Protection
All input terminals have internal ESD protection diodes to both positive and negative supply rails, limiting the input voltage to within one diode beyond the supply rails. Both parts have additional back-to-back diodes across the input terminals. If overdriving the inputs is necessary, the external input current must never exceed 5mA. External series resistors may be used as an external protection to limit excessive external voltage and current from damaging the inputs.
FIGURE 43. PREVENTING OSCILLATIONS IN UNUSED CHANNELS
Proper Layout Maximizes Performance
To achieve the maximum performance of the high input impedance and low offset voltage of the ISL28286 and ISL28486, care should be taken in the circuit board layout. The PC board surface must remain clean and free of moisture to avoid leakage currents between adjacent traces. Surface coating of the circuit board will reduce surface moisture and provide a humidity barrier, reducing parasitic resistance on the board. When input leakage current is a concern, the use of guard rings around the amplifier inputs will further reduce leakage currents. Figure 44 shows a guard ring example for a unity gain amplifier that uses the low impedance amplifier output at the same voltage as the high impedance input to eliminate surface leakage. The guard ring does not need to be a specific width, but it should form a continuous loop around both inputs. For further reduction of leakage currents, components can be mounted
Input Bias Current Compensation
The input bias currents are decimated down to a typical of 500pA while maintaining an excellent bandwidth for a micropower operational amplifier. Inside the ISL28286 and ISL28478 is an input bias canceling circuit. The input stage transistors are still biased with an adequate current for speed but the canceling circuit sinks most of the base current, leaving a small fraction as input bias current.
12
FN6312.0 September 22, 2006
ISL28286, ISL28486
to the PC board using Teflon standoff insulators.
HIGH IMPEDANCE INPUT IN V+ 1/2 ISL28286
Current Limiting
The ISL28286 and ISL28486 have no internal currentlimiting circuitry. If the output is shorted, it is possible to exceed the Absolute Maximum Rating for output current or power dissipation, potentially resulting in the destruction of the device.
Power Dissipation
FIGURE 44. GUARD RING EXAMPLE FOR UNITY GAIN AMPLIFIER
Example Application
Thermocouples are the most popular temperature-sensing device because of their low cost, interchangeability, and ability to measure a wide range of temperatures. The ISL28286 (Figure 45) is used to convert the differential thermocouple voltage into single-ended signal with 10X gain. The ISL28286's rail-to-rail input characteristic allows the thermocouple to be biased at ground and the converter to run from a single 5V supply.
R4 100k R3 R2 K TYPE THERMOCOUPLE 10k 10k V+ + ISL28286 V-
It is possible to exceed the +150C maximum junction temperatures under certain load and power-supply conditions. It is therefore important to calculate the maximum junction temperature (TJMAX) for all applications to determine if power supply voltages, load conditions, or package type need to be modified to remain in the safe operating area. These parameters are related as follows:
T JMAX = T MAX + ( JA xPD MAXTOTAL ) (EQ. 1)
where: * PDMAXTOTAL is the sum of the maximum power dissipation of each amplifier in the package (PDMAX) * PDMAX for each amplifier can be calculated as follows:
V OUTMAX PD MAX = 2*V S x I SMAX + ( V S - V OUTMAX ) x --------------------------R (EQ. 2)
L
410V/C + 5V
where: * TMAX = Maximum ambient temperature * JA = Thermal resistance of the package
R1 100k
* PDMAX = Maximum power dissipation of 1 amplifier * VS = Supply voltage * IMAX = Maximum supply current of 1 amplifier * VOUTMAX = Maximum output voltage swing of the application * RL = Load resistance
FIGURE 45. THERMOCOUPLE AMPLIFIER
13
FN6312.0 September 22, 2006
ISL28286, ISL28486 Mini SO Package Family (MSOP)
0.25 M C A B D N A (N/2)+1
MDP0043
MINI SO PACKAGE FAMILY SYMBOL A A1 A2 MSOP8 1.10 0.10 0.86 0.33 0.18 3.00 4.90 3.00 0.65 0.55 0.95 8 MSOP10 1.10 0.10 0.86 0.23 0.18 3.00 4.90 3.00 0.50 0.55 0.95 10 TOLERANCE Max. 0.05 0.09 +0.07/-0.08 0.05 0.10 0.15 0.10 Basic 0.15 Basic Reference NOTES 1, 3 2, 3 Rev. C 6/99
E
E1
PIN #1 I.D.
b c D
B
1 (N/2)
E E1 e
e C SEATING PLANE 0.10 C N LEADS b
H
L L1 N
0.08 M C A B
NOTES: 1. Plastic or metal protrusions of 0.15mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25mm maximum per side are not included. 3. Dimensions "D" and "E1" are measured at Datum Plane "H".
L1 A c SEE DETAIL "X"
4. Dimensioning and tolerancing per ASME Y14.5M-1994.
A2 GAUGE PLANE L DETAIL X
0.25
A1
3 3
14
FN6312.0 September 22, 2006
ISL28286, ISL28486 Quarter Size Outline Plastic Packages Family (QSOP)
A D N (N/2)+1
MDP0040
QUARTER SIZE OUTLINE PLASTIC PACKAGES FAMILY SYMBOL QSOP16 QSOP24 QSOP28 TOLERANCE NOTES A
PIN #1 I.D. MARK
0.068 0.006 0.056 0.010 0.008 0.193 0.236 0.154 0.025 0.025 0.041 16
0.068 0.006 0.056 0.010 0.008 0.341 0.236 0.154 0.025 0.025 0.041 24
0.068 0.006 0.056 0.010 0.008 0.390 0.236 0.154 0.025 0.025 0.041 28
Max. 0.002 0.004 0.002 0.001 0.004 0.008 0.004 Basic 0.009 Basic Reference
1, 3 2, 3 Rev. E 3/01
A1 A2 b c
E
E1
1 B 0.010 CAB
(N/2)
D E E1
e C SEATING PLANE 0.004 C 0.007 CAB b
H
e L L1 N NOTES:
L1 A c SEE DETAIL "X"
1. Plastic or metal protrusions of 0.006" maximum per side are not included. 2. Plastic interlead protrusions of 0.010" maximum per side are not included. 3. Dimensions "D" and "E1" are measured at Datum Plane "H". 4. Dimensioning and tolerancing per ASME Y14.5M-1994.
0.010 A2 GAUGE PLANE L 44 DETAIL X
A1
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 15
FN6312.0 September 22, 2006


▲Up To Search▲   

 
Price & Availability of ISL28486

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X