Part Number Hot Search : 
PG1263 20030 CM231 XMC1300 IRL620 AA3528 30SMD AP560
Product Description
Full Text Search
 

To Download IRL3102SPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 95589
IRL3102SPBF
HEXFET(R) Power MOSFET
D
VDSS = 20V RDS(on) = 0.013
G
Lead-Free
S
ID = 61A
www.irf.com
1
07/20/04
IRL3102SPBF
2
www.irf.com
IRL3102SPBF
www.irf.com
3
IRL3102SPBF
4
www.irf.com
IRL3102SPBF
www.irf.com
5
IRL3102SPBF
6
www.irf.com
IRL3102SPBF
Peak Diode Recovery dv/dt Test Circuit
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
+ +
-
* dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ -
*
Reverse Polarity for P-Channel ** Use P-Channel Driver for P-Channel Measurements
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 14 For N Channel HEXFETS
www.irf.com
7
IRL3102SPBF
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information
THIS IS AN IRF 530S WIT H LOT CODE 8024 AS S EMBL E D ON WW 02, 2000 IN THE AS S E MBL Y L INE "L" Note: "P" in as s embly line pos ition indicates "L ead-Free" INT E RNAT IONAL RECT IF IER L OGO AS S E MBL Y LOT CODE PAR T NUMBER F530S DAT E CODE YEAR 0 = 2000 WE EK 02 L INE L
OR
INT E RNAT IONAL RE CT IF IE R LOGO AS S E MB LY LOT CODE PART NUMBE R F 530S DAT E CODE P = DE S IGNAT E S LE AD-F RE E PRODUCT (OPT IONAL) YE AR 0 = 2000 WE E K 02 A = AS S E MB L Y S IT E CODE
8
www.irf.com
IRL3102SPBF
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059) 0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
30.40 (1.197) MAX.
26.40 (1.039) 24.40 (.961) 3
4
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 07/04
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of IRL3102SPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X