Part Number Hot Search : 
7289NSC 1X392K SMA6J60A 01061 LD7513A FES2A SMB33C IN4746A
Product Description
Full Text Search
 

To Download IRFUC20PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95098A
IRFRC20PbF IRFUC20PBF
* Lead-Free
www.irf.com
1
1/10/05
IRFR/UC20PbF
2
www.irf.com
IRFR/UC20PbF
www.irf.com
3
IRFR/UC20PbF
4
www.irf.com
IRFR/UC20PbF
www.irf.com
5
IRFR/UC20PbF
6
www.irf.com
IRFR/UC20PbF
Peak Diode Recovery dv/dt Test Circuit
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
+ +
-
* dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ -
*
Reverse Polarity for P-Channel ** Use P-Channel Driver for P-Channel Measurements
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 14 For N Channel HEXFETS
www.irf.com 7
IRFR/UC20PbF
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
D-Pak (TO-252AA) Part Marking Information
EXAMPLE: THIS IS AN IRFR120 WITH ASS EMBLY LOT CODE 1234 AS SEMBLED ON WW 16, 1999 IN THE ASSEMBLY LINE "A" Note: "P" in a ssembly line position indicates "Lead-Free" PART NUMBER INTERNATIONAL RECTIFIER LOGO
IRFU120 12 916A 34
ASS EMBLY LOT CODE
DATE CODE YEAR 9 = 1999 WEEK 16 LINE A
OR
PART NUMBER INTERNATIONAL RECTIFIER LOGO
IRFU120 12 34
DATE CODE P = DESIGNATES LEAD-FREE PRODUCT (OPTIONAL) YEAR 9 = 1999 WEEK 16 A = ASS EMBLY S ITE CODE
AS SEMBLY LOT CODE
8
www.irf.com
IRFR/UC20PbF
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
EXAMPLE: THIS IS AN IRF U120 WITH AS S EMBLY LOT CODE 5678 AS S EMBLED ON WW 19, 1999 IN THE AS S EMBLY LINE "A" Note: "P" in as s embly line pos ition indicates "Lead-Free" PART NUMBER INT ERNAT IONAL RECT IFIER LOGO
IRFU120 919A 56 78
AS S EMBLY LOT CODE
DAT E CODE YEAR 9 = 1999 WEEK 19 LINE A
OR
PART NUMBE R INT ERNAT IONAL RECTIF IER LOGO
IRFU120 56 78
AS SEMBLY LOT CODE
DATE CODE P = DES IGNAT ES LEAD-F REE PRODUCT (OPTIONAL) YEAR 9 = 1999 WE EK 19 A = ASS EMBLY SIT E CODE
www.irf.com
9
IRFR/UC20PbF
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR TRR TRL
16.3 ( .641 ) 15.7 ( .619 )
16.3 ( .641 ) 15.7 ( .619 )
12.1 ( .476 ) 11.9 ( .469 )
FEED DIRECTION
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
13 INCH
16 mm NOTES : 1. OUTLINE CONFORMS TO EIA-481.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.01/05 10 www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFUC20PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X