Part Number Hot Search : 
14073B 21282 FQB9N25 FS75R12K 1H223 HCS370P 1M188RTA T1206
Product Description
Full Text Search
 

To Download IRF7832ZPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 96013A
IRF7832ZPBF
HEXFET(R) Power MOSFET
Applications l Synchronous MOSFET for Notebook Processor Power l Synchronous Rectifier MOSFET for Isolated DC-DC Converters Benefits l Very Low RDS(on) at 4.5V VGS l Ultra-Low Gate Impedance l Fully Characterized Avalanche Voltage and Current l 20V VGS Max. Gate Rating l Lead-Free l 100% tested for Rg
VDSS
30V
RDS(on) max
3.8m:@VGS = 10V
A A D D D D
Qg
30nC
S S S G
1 2 3 4
8 7
6 5
Top View
SO-8
Absolute Maximum Ratings
Parameter
VDS VGS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C TJ TSTG Drain-to-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
Max.
30 20 21 17 160 2.5 1.6 0.02 -55 to + 150
Units
V
c
A W W/C C
Power Dissipation Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range
Thermal Resistance
RJL RJA
g Junction-to-Ambient fg
Junction-to-Drain Lead
Parameter
Typ.
--- ---
Max.
20 50
Units
C/W
Notes through are on page 10
www.irf.com
1
06/30/05
IRF7832ZPBF
Static @ T J = 25C (unless otherwise specified)
Parameter
BV DSS V DSS /T J R DS(on) V GS(th) V GS(th) I DSS I GSS gfs Qg Q gs1 Q gs2 Q gd Q godr Q sw Q oss Rg t d(on) tr t d(off) tf C iss C oss C rss Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Gate Threshold Voltage Coefficient Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Forward Transconductance Total Gate Charge Pre-Vth Gate-to-Source Charge Post-Vth Gate-to-Source Charge Gate-to-Drain Charge Gate Charge Overdrive Switch Charge (Q gs2 + Q gd) Output Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min.
30 --- --- --- 1.35 --- --- --- --- --- 80 --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. Max. Units
--- 0.023 3.1 3.7 --- -5.5 --- --- --- --- --- 30 7.9 2.6 11 8.5 13.6 19 1.2 14 15 18 5.6 3860 840 370 --- --- 3.8 4.5 2.35 --- 1.0 150 100 -100 --- 45 --- --- --- --- --- --- 1.9 --- --- --- --- --- --- --- pF V GS = 0V V DS = 15V ns nC nC V DS = 15V V GS = 4.5V ID = 16A S nA V mV/C A V m
Conditions
V GS = 0V, I D = 250A V GS = 10V, ID = 20A V GS = 4.5V, I D = 16A
V/C Reference to 25C, I D = 1mA
e e
V DS = V GS , ID = 250A V DS = 24V, V GS = 0V V DS = 24V, V GS = 0V, TJ = 125C V GS = 20V V GS = -20V V DS = 15V, I D = 16A
See Fig. 16 V DS = 16V, V GS = 0V V DD = 15V, V GS = 4.5V ID = 16A Clamped Inductive Load
= 1.0MHz
Avalanche Characteristics
E AS I AR Parameter Single Pulse Avalanche Energy Avalanche Current
d
Min.
--- --- --- --- ---
Typ. --- ---
Max. 350 16
Units mJ A
Diode Characteristics
Parameter
IS I SM V SD t rr Q rr t on Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Typ. Max. Units
--- --- --- 16 29 3.1 A 160 1.0 24 44 V ns nC
Conditions
MOSFET symbol showing the integral reverse
G D
S p-n junction diode. TJ = 25C, IS = 16A, V GS = 0V TJ = 25C, IF = 16A, V DD = 15V di/dt = 500A/s
e
e
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
2
www.irf.com
IRF7832ZPBF
1000
TOP VGS 10V 5.0V 4.5V 3.5V 3.0V 2.7V 2.5V 2.3V
1000
TOP VGS 10V 5.0V 4.5V 3.5V 3.0V 2.7V 2.5V 2.3V
ID, Drain-to-Source Current (A)
10
BOTTOM
ID, Drain-to-Source Current (A)
100
100
BOTTOM
1
10
0.1
2.3V
60s PULSE WIDTH
Tj = 25C 1 100 1000 0.1 10
2.3V
60s PULSE WIDTH
Tj = 150C 10 100 1000
0.01 0.1 1
1
V DS, Drain-to-Source Voltage (V)
V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.0
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID, Drain-to-Source Current ()
ID = 21A VGS = 10V
100
1.5
10
TJ = 150C
T J = 25C
1.0
1 VDS = 15V 60s PULSE WIDTH 1 2 3 4
0.1
0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 T J , Junction Temperature (C)
VGS, Gate-to-Source Voltage (V)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
www.irf.com
3
IRF7832ZPBF
100000
VGS = 0V, f = 1 MHZ C iss = C gs + C gd, C ds SHORTED C rss = C gd C oss = C ds + C gd
6.0 ID= 16A
VGS, Gate-to-Source Voltage (V)
5.0 4.0 3.0 2.0 1.0 0.0 VDS= 24V VDS= 15V
C, Capacitance(pF)
10000 Ciss
1000
Coss Crss
100 1 10 VDS, Drain-to-Source Voltage (V) 100
0
10
20
30
40
QG Total Gate Charge (nC)
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
OPERATION IN THIS AREA LIMITED BY R DS(on) 100sec
100 T J = 150C 10 T J = 25C
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
100
10
10msec
1msec
1 VGS = 0V 0.1 0.2 0.4 0.6 0.8 1.0 1.2 VSD, Source-to-Drain Voltage (V)
1
T A = 25C Tj = 150C Single Pulse 0 1 10 100
0.1 VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7832ZPBF
25
VGS(th) Gate threshold Voltage (V)
2.5
20
ID, Drain Current (A)
2.0 ID = 250A 1.5
15
10
1.0
5
0 25 50 75 100 125 150 T A , Ambient Temperature (C)
0.5 -75 -50 -25 0 25 50 75 100 125 150 T J , Temperature ( C )
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 10. Threshold Voltage vs. Temperature
100
10
Thermal Response ( Z thJA )
1
D = 0.50 0.20 0.10 0.05 0.02 0.01
J
R1 R1 J 1 2
R2 R2
R3 R3 A 3 A
Ri (C/W) i (sec) 5.6971 0.015296 28.314 16
PDM
0.1
1
2
3
C i= i/R i C i= i/R i
1.214900 40.40000
t1 t2
0.01
0.001
SINGLE PULSE ( THERMAL RESPONSE )
0.0001 1E-006 1E-005 0.0001 0.001 0.01 0.1
Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA
1
10
100
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF7832ZPBF
RDS(on), Drain-to -Source On Resistance (m )
10 ID = 21A 8
1600
EAS , Single Pulse Avalanche Energy (mJ)
1400 1200 1000 800 600 400 200 0
ID TOP 1.0A 1.4A BOTTOM 16A
6 T J = 125C 4 T J = 25C
2 2 4 6 8 10
25
50
75
100
125
150
VGS, Gate -to -Source Voltage (V)
Starting T J , Junction Temperature (C)
Fig 12. On-Resistance vs. Gate Voltage
Fig 13. Maximum Avalanche Energy vs. Drain Current
Current Regulator Same Type as D.U.T.
V(BR)DSS
15V
tp
12V .2F
DRIVER
50K .3F
VDS
L
D.U.T.
RG
20V VGS
+ V - DS
D.U.T
IAS tp
+ - VDD
A
VGS
0.01
I AS
3mA
Fig 14. Unclamped Inductive Test Circuit and Waveform
LD VDS
IG
ID
Current Sampling Resistors
Fig 15. Gate Charge Test Circuit
+
VDD -
90%
VDS
D.U.T VGS Pulse Width < 1s Duty Factor < 0.1%
10%
VGS
td(on) tr td(off) tf
Fig 16. Switching Time Test Circuit
Fig 17. Switching Time Waveforms
6
www.irf.com
IRF7832ZPBF
D.U.T
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
-
+
RG
* * * * dv/dt controlled by RG Driver same type as D.U.T. I SD controlled by Duty Factor "D" D.U.T. - Device Under Test
V DD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 18. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
Id Vds Vgs
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 19. Gate Charge Waveform
www.irf.com
7
IRF7832ZPBF
Power MOSFET Selection for Non-Isolated DC/DC Converters
Control FET Special attention has been given to the power losses in the switching elements of the circuit - Q1 and Q2. Power losses in the high side switch Q1, also called the Control FET, are impacted by the Rds(on) of the MOSFET, but these conduction losses are only about one half of the total losses. Power losses in the control switch Q1 are given by; Synchronous FET The power loss equation for Q2 is approximated by;
* Ploss = Pconduction + P + Poutput drive
Ploss = Irms x Rds(on)
+ ( g x Vg x f ) Q
(
2
)
Ploss = Pconduction+ Pswitching+ Pdrive+ Poutput
This can be expanded and approximated by;
Q + oss x Vin x f + (Qrr x Vin x f ) 2
*dissipated primarily in Q1. For the synchronous MOSFET Q2, Rds(on) is an important characteristic; however, once again the importance of gate charge must not be overlooked since it impacts three critical areas. Under light load the MOSFET must still be turned on and off by the control IC so the gate drive losses become much more significant. Secondly, the output charge Qoss and reverse recovery charge Qrr both generate losses that are transfered to Q1 and increase the dissipation in that device. Thirdly, gate charge will impact the MOSFETs' susceptibility to Cdv/dt turn on. The drain of Q2 is connected to the switching node of the converter and therefore sees transitions between ground and Vin. As Q1 turns on and off there is a rate of change of drain voltage dV/dt which is capacitively coupled to the gate of Q2 and can induce a voltage spike on the gate that is sufficient to turn the MOSFET on, resulting in shoot-through current . The ratio of Qgd/Qgs1 must be minimized to reduce the potential for Cdv/dt turn on.
Ploss = (Irms 2 x Rds(on ) ) Qgs 2 Qgd +I x x Vin x f + I x x Vin x f ig ig + (Qg x Vg x f ) + Qoss x Vin x f 2
This simplified loss equation includes the terms Qgs2 and Qoss which are new to Power MOSFET data sheets. Qgs2 is a sub element of traditional gate-source charge that is included in all MOSFET data sheets. The importance of splitting this gate-source charge into two sub elements, Qgs1 and Qgs2, can be seen from Fig 16. Qgs2 indicates the charge that must be supplied by the gate driver between the time that the threshold voltage has been reached and the time the drain current rises to Idmax at which time the drain voltage begins to change. Minimizing Qgs2 is a critical factor in reducing switching losses in Q1. Qoss is the charge that must be supplied to the output capacitance of the MOSFET during every switching cycle. Figure A shows how Qoss is formed by the parallel combination of the voltage dependant (nonlinear) capacitances Cds and Cdg when multiplied by the power supply input buss voltage.
8
Figure A: Qoss Characteristic
www.irf.com
IRF7832ZPBF
SO-8 Package Outline
9 6 ' & ! % " $ 7
(Dimensions are shown in millimeters (inches)
9DH 6 6 i DI8C@T HDI H6Y $"! %'' # " &$ '( (' ! (' (%' HDGGDH@U@ST HDI H6Y "$ &$ "" ( #' !$ $ !$ $
% @
$ #
C !$Ab dA
6
p 9 @ r r C
#(& $&# $AA76TD8 !$AA76TD8 !!'# !## (( % A (% $ A'
"' # !&AA76TD8 %"$AA76TD8 $' %! !$ # A $ !& A'
%Y r
F G
r
6
FAA#$ 8 Ab#dA 'YAG & 'YAp
'YAi !$Ab dA
6 867
IPU@T) AA9DH@ITDPIDIBAEAUPG@S6I8DIBAQ@SA6TH@A #$H ((# !AA8PIUSPGGDIBA9DH@ITDPI)AHDGGDH@U@S "AA9DH@ITDPITA6S@ATCPXIADIAHDGGDH@U@STAbDI8C@Td #AAPVUGDI@A8PIAPSHTAUPAE@9@8APVUGDI@AHT !66 $AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A $Ab%d %AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A!$Ab d &AAA9DH@ITDPIADTAUC@AG@IBUCAPAAG@69AAPSATPG9@SDIBAUP AAAAA6ATV7TUS6U@
APPUQSDIU 'YA&!Ab!'d
%#%Ab!$$d
"YA !&Ab$d
'YA &'Ab&d
SO-8 Part Marking
@Y6HQG@)AUCDTADTA6IADSA& AHPTA@U
DIU@SI6UDPI6G S@8UDAD@S GPBP
www.irf.com
;;;; )
96U@A8P9@AXX QA2A9@TDBI6U@TAG@69AS@@ QSP9V8UAPQUDPI6G A2AG6TUA9DBDUAPAAUC@A@6S XXA2AX@@F 6A2A6TT@H7GATDU@A8P9@ GPUA8P9@ Q6SUAIVH7@S
9
IRF7832ZPBF
SO-8 Tape and Reel
Dimensions are shown in millimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Notes: Repetitive rating; pulse width limited by max. junction temperature. Starting TJ = 25C, L = 2.7mH, RG = 25, IAS = 16A. Pulse width 400s; duty cycle 2%. When mounted on 1 inch square copper board. R is measured at T J of approximately 90C.
Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualifications Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.06/05
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7832ZPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X